Part Number Hot Search : 
3EZ24 00118 SMC27 AE425PJB 21D05 95N03 MC78LC TLP2403
Product Description
Full Text Search
 

To Download MUR10005CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
Features
* * * * *
omponents 21201 Itasca Street Chatsworth !"# $
% !"#
MUR10005CT THRU MUR10060CT
100 Amp Supre Fast Recovery Rectifier 50 to 600 Volts FULL PACK
Supre Fast switching for high efficiency High Surge Capability Low Leakage Low Forward Voltage Drop High Current Capability
* *
Maximum Ratings
Operating Temperature: -65C to +175C Storage Temperature: -65C to +175C Maximum Recurrent Peak Reverse Voltage 50V 100V 200V 400V 600V Maximum DC Blocking Voltage 50V 100V 200V 400V 600V
MCC Part Number MUR10005CT MUR10010CT MUR10020CT MUR10040CT MUR10060CT
Maximum RMS Voltage 35V 70V 40V 280V 420V
A B K C M J F D H E L
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage 10005-10020 10040-10060 Maximum DC Reverse Current At Rated DC Blocking Voltage Maximum Reverse Recovery Time 10005-10020 10040-10060 Typical Junction Capacitance IF(AV) IFSM 100 A 400A TL = 140C 8.3ms, half sine IFM = 50.0A; TA = 25C
G
VF
DIMENSIONS INCH ES MIN MAX 3.150 NOM 1.565 1.585 .700 .800 .119 .132 1.375 REF 3.55 3.65 .590 .620 1/4 - UNF .380 .410 .185 .195 .275 .295 MM MIN MAX 80.01 NOM 39.75 40.26 17.78 20.32 3.02 3.35 34.92 REF 90.17 92.71 14.99 15.75 FULL 9.65 10.41 4.70 4.95 6.99 7.49
1.10V 1.35V
IR 25 A TA = 25C
DIM A B C E F G H J K L L
NOTE

Trr
CJ
50ns 75ns
240pF
IF=0.5A, IR=1.0A, Irr=0.25A
Measured at 1.0MHz, VR=4.0V
*Pulse Test: Pulse Width 300sec, Duty Cycle 1%
www.mccsemi.com
MUR10005CT thru MUR10060CT
MCC
Figure 2 Forward Derating Curve 120
Figure 1 Typical Forward Characteristics 200 10005-10020 100 60 40 100 20 25C Amps 10 6 4 2 1 .6 .4 .2 .1 0.6 0.8 1.0 Volts Instantaneous Forward Current - Amperes versus Instantaneous Forward Voltage - Volts 1.2 1.4 1.6 0 20 Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 50 75 100 C Average Forward Rectified Current - Amperes versus Ambient Temperature - C 125 150 175 Amps 40 80 10040-10060
60
Figure 3 Junction Capacitance
1000 600 400 200 pF TJ=25C 100 60 40 20 10 .1 .2 .4 1 Volts 2 4 10 20 40 100 200 400 1000
Junction Capacitance - pF versus Reverse Voltage - Volts
www.mccsemi.com
MUR10005CT thru MUR10060CT
Figure 4 Typical Reverse Characteristics 5000 4000 2000 400 1000 100 60 40 25 Amps 10 6 4 2 1 .6 .4 .2 .1 20 40 TA=25C 60 80 Volts Instantaneous Reverse Leakage Current - MicroAmperes versus Percent Of Rated Peak Reverse Voltage - Volts 100 120 140 TA=125C 0 1 2 4 Amps 300 200 100 50
MCC
Figure 5 Peak Forward Surge Current 500
6
8 10 20 Cycles
40
60 80 100
Peak Forward Surge Current - Amperes versus Number Of Cycles At 60Hz - Cycles
www.mccsemi.com


▲Up To Search▲   

 
Price & Availability of MUR10005CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X