Part Number Hot Search : 
SKB212 TC520 F1006 74HCT45 SI9434DY TGD7A 2SK364 0N06S
Product Description
Full Text Search
 

To Download MC74VHC574 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Octal D-Type Flip-Flop with 3-State Output
The MC74VHC574 is an advanced high speed CMOS octal flip-flip with 3-state output fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. This 8-bit D-type flip-flop is controlled by a clock input and an output enable input. When the output enable input is high, the eight outputs are in a high impedance state. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems. * * * * * * * * * * * High Speed: fmax = 180MHz (Typ) at VCC = 5V Low Power Dissipation: ICC = 4A (Max) at TA = 25C High Noise Immunity: VNIH = VNIL = 28% VCC Power Down Protection Provided on Inputs Balanced Propagation Delays Designed for 2V to 5.5V Operating Range Low Noise: VOLP = 1.2V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300mA ESD Performance: HBM > 2000V; Machine Model > 200V Chip Complexity: 266 FETs or 66.5 Equivalent Gates
MC74VHC574
DW SUFFIX 20-LEAD SOIC PACKAGE CASE 751D-04
DT SUFFIX 20-LEAD TSSOP PACKAGE CASE 948E-02
M SUFFIX 20-LEAD SOIC EIAJ PACKAGE CASE 967-01 ORDERING INFORMATION MC74VHCXXXDW SOIC MC74VHCXXXDT TSSOP MC74VHCXXXM SOIC EIAJ
LOGIC DIAGRAM
D0 D1 D2 DATA INPUTS D3 D4 D5 D6 D7 CP 2 3 4 5 6 7 8 9 11 19 18 17 16 15 14 13 12 Q0 Q1 Q2 Q3 Q4 Q5 Q6 NONINVERTING OUTPUTS
PIN ASSIGNMENT
OE D0 D1 D2 D3 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 CP
Q7
D4 D5 D6
OE
1
D7 GND
FUNCTION TABLE
INPUTS OE L L L H CP D H L X X OUTPUT Q H L No Change Z
L, H, X
6/97
(c) Motorola, Inc. 1997
1
REV 1
II I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I I I I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II I I IIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII III I III I I II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Derating -- SOIC Packages: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C
II I I IIIIIIIIIIIIIIIIIIIIIII I I I I I I III I I IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII
MC74VHC574
MAXIMUM RATINGS*
Symbol VCC Vout Tstg ICC IOK Iout Vin PD IIK Storage Temperature Power Dissipation in Still Air, DC Supply Current, VCC and GND Pins DC Output Current, per Pin Output Diode Current Input Diode Current DC Output Voltage DC Input Voltage DC Supply Voltage Parameter SOIC Packages TSSOP Package - 0.5 to VCC + 0.5 - 65 to + 150 - 0.5 to + 7.0 - 0.5 to + 7.0 Value - 20 75 25 20 500 450 Unit mW mA mA mA mA
DC ELECTRICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
MOTOROLA Symbol S bl Symbol VOH VCC VOL Vout VIH tr, tf VIL Vin TA Maximum Low-Level Output Voltage Minimum High-Level Output Voltage Maximum Low-Level Input Voltage Minimum High-Level Input Voltage Input Rise and Fall Time Operating Temperature DC Output Voltage DC Input Voltage DC Supply Voltage Parameter P Parameter Vin = VIH or VIL IOL = 4mA IOL = 8mA Vin = VIH or VIL IOL = 50A Vin = VIH or VIL IOH = - 4mA IOH = - 8mA Vin = VIH or VIL IOH = - 50A Test C di i T Conditions VCC = 3.3V VCC = 5.0V
2.0 3.0 to 5.5
2.0 3.0 to 5.5
VCC V
3.0 4.5
2.0 3.0 4.5
3.0 4.5
2.0 3.0 4.5
2 - 40 Min 2.0 0 0 0 0 1.50 VCC x 0.7 2.58 3.94 Min 1.9 2.9 4.4 VCC + 85 Max 100 20 5.5 5.5 TA = 25C ns/V Unit
_C
_C
Typ
V
V
V
V
V
V
0.0 0.0 0.0
2.0 3.0 4.5
0.50 VCC x 0.3
0.36 0.36
Max
0.1 0.1 0.1
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V CC ). Unused outputs must be left open.
VHC Data - Advanced CMOS Logic DL203 -- Rev 1 1.50 VCC x 0.7 TA = - 40 to 85C 2.48 3.80 Min 1.9 2.9 4.4
v
0.50 VCC x 0.3
0.44 0.44 Max 0.1 0.1 0.1
v
Unit Ui
V V V V
II I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I I II I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns) DC ELECTRICAL CHARACTERISTICS
Symbol S bl Symbol tOSLH, tOSHL tPLH, tPHL tPLZ, tPHZ tPZL, tPZH fmax Cout ICC IOZ CPD Cin Iin Maximum Three-State Output Capacitance, Output in High-Impedance State Maximum Input Capacitance Output to Output Skew Output Disable Time, OE to Q Output Enable Time, OE to Q Maximum Propagation Delay, CP to Q Maximum Clock Frequency (50% Duty Cycle) Maximum Quiescent Supply Current Maximum Three-State Leakage Current Maximum Input Leakage Current Power Dissipation C P Di i i Capacitance (N i (Note 2 ) 2.) Parameter Parameter P Vin = VCC or GND Vin = VIL or VIH Vout = VCC or GND Vin = 5.5V or GND Test Conditions VCC = 5.0 0.5V (Note 1.) VCC = 3.3 0.3V (Note 1.) VCC = 5.0 0.5V RL = 1k VCC = 3.3 0.3V RL = 1k VCC = 5.0 0.5V RL = 1k VCC = 3.3 0.3V RL = 1k VCC = 5.0 0.5V VCC = 3.3 0.3 VCC = 5.0 0.5V VCC = 3.3 0.3V Test C di i T Conditions 0 to 5.5 VCC V 5.5 5.5 CL = 50pF CL = 15pF CL = 50pF CL = 50pF CL = 50pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF Min Min 130 85 80 50 -- -- -- -- -- -- -- -- -- -- -- -- -- -- TA = 25C Typ TA = 25C 8.2 10.7 11.0 8.5 11.0 Typ 180 115 125 75 7.1 5.9 7.4 5.6 7.1 -- -- 6 4 Typical @ 25C, VCC = 5.0V 0.25 0.1 Max 4.0 10.1 15.0 12.8 16.3 13.2 16.7 Max 8.6 10.6 9.0 11.0 1.0 1.5 10 -- -- -- -- -- 28 TA = - 40 to 85C Min TA = - 40 to 85C Min 110 75 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 65 45 -- -- -- --
1. Parameter guaranteed by design. tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|. 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC / 8 (per flip-flop). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
3
MC74VHC574
2.5
1.0
40.0
Max
17.0
10.5 12.5
15.0 18.5
10.0 12.0
15.5 19.0
Max
11.5
1.0
1.5
10
--
-- --
-- --
MOTOROLA pF F Unit Ui Unit A A A pF pF pF ns ns ns ns
MC74VHC574
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
TA = 25C Symbol S bl VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage Parameter P Typ 0.9 - 0.9 -- -- Max 1.2 - 1.2 3.5 1.5 Unit Ui V V V V
TIMING REQUIREMENTS (Input tr = tf = 3.0ns)
TA = 25C Symbol S bl tsu th tw Parameter P Minimum Setup Time, D to CP Minimum Hold Time, CP to D Minimum Pulse Width, CP Test C di i Conditions T VCC = 3.3 0.3 V VCC = 5.0 0.5 V VCC = 3.3 0.3 V VCC = 5.0 0.5 V VCC = 3.3 0.3 V VCC = 5.0 0.5 V Typ -- -- -- -- -- -- Limit 3.5 3.5 1.5 1.5 5.0 5.0 TA = - 40 to 85C Limit 3.5 3.5 1.5 1.5 5.5 5.0 Unit Ui ns ns ns
SWITCHING WAVEFORMS
VCC CP 50% tw 1/fmax tPLH Q 50% VCC tPHL Q GND OE 50% tPZL 50% VCC tPZH Q 50% VCC tPHZ tPLZ
VCC GND HIGH IMPEDANCE VOL +0.3V VOH -0.3V HIGH IMPEDANCE
Figure 1.
Figure 2.
MOTOROLA
4
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
MC74VHC574
VALID VCC D 50% GND tsu CP th VCC 50% GND D1 3 C Q D C Q D C Q D C Q D C Q D C Q D C Q D 11 1 18 Q1 D0 2 C Q D 19 Q0
EXPANDED LOGIC DIAGRAM
Figure 3.
D2 TEST POINT D3 OUTPUT DEVICE UNDER TEST D4
4
17
Q2
5
16
Q3
6
15
Q4
CL*
D5 * Includes all probe and jig capacitance
7
14
Q5
Figure 4.
D6
8
13
Q6
TEST POINT OUTPUT DEVICE UNDER TEST 1 k CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
D7
9
12
Q7
CP OE
CL*
* Includes all probe and jig capacitance
Figure 5. Test Circuit
INPUT EQUIVALENT CIRCUIT
INPUT
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
5
MOTOROLA
MC74VHC574
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC PACKAGE CASE 751D-04 ISSUE E
-A-
20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029
-B-
1 10
10X
P 0.010 (0.25)
M
B
M
20X
D
M
0.010 (0.25)
TA
S
B
J
S
F R X 45 _ C -T-
18X SEATING PLANE
G
K
M
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948E-02 ISSUE A
20X
K REF
M
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
K K1
2X
L/2
L
PIN 1 IDENT 1 10
B -U-
J J1
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
MOTOROLA
6
IIII IIII IIII
SECTION N-N M DETAIL E
20
11
0.25 (0.010)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
MC74VHC574
OUTLINE DIMENSIONS
M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 967-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.81 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.032
20
11
LE Q1 M_ L DETAIL P
E HE
1
10
Z D e VIEW P A
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
7
MC74VHC574/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC74VHC574

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X