Part Number Hot Search : 
06C10 APT1608 XO3090 V54C3256 U74HC14 GAANU KS224510 2N5682
Product Description
Full Text Search
 

To Download MC74VHC541 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Octal Bus Buffer
The MC74VHC541 is an advanced high speed CMOS octal bus buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. The MC74VHC541 is a noninverting type. When either OE1 or OE2 are high, the terminal outputs are in the high impedance state. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems. * * * * * * * * * * * High Speed: tPD = 3.7ns (Typ) at VCC = 5V Low Power Dissipation: ICC = 4A (Max) at TA = 25C High Noise Immunity: VNIH = VNIL = 28% VCC Power Down Protection Provided on Inputs Balanced Propagation Delays Designed for 2V to 5.5V Operating Range Low Noise: VOLP = 1.2V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300mA ESD Performance: HBM > 2000V; Machine Model > 200V Chip Complexity: 134 FETs or 33.5 Equivalent Gates
MC74VHC541
DW SUFFIX 20-LEAD SOIC WIDE PACKAGE CASE 751D-04
DT SUFFIX 20-LEAD TSSOP PACKAGE CASE 948E-02
M SUFFIX 20-LEAD SOIC EIAJ PACKAGE CASE 967-01 ORDERING INFORMATION MC74VHCXXXDW SOIC WIDE MC74VHCXXXDT TSSOP MC74VHCXXXM SOIC EIAJ
LOGIC DIAGRAM
A1 A2 A3 A4 A5 A6 A7 A8 OUTPUT ENABLES OE1 OE2 2 3 4 5 6 7 8 9 1 19 18 17 16 15 14 13 12 11 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
PIN ASSIGNMENT
NONINVERTING OUTPUTS OE1 A1 A2 A3 A4 A5 A6 A7 A8 GND 1 2 3 4 5 6 7 8 9 10 20 19 18 17 16 15 14 13 12 11 VCC OE2 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8
DATA INPUTS
FUNCTION TABLE
Inputs Output Y OE1 L L H X OE2 L L X H A L H X X L H Z Z
4/98
(c) Motorola, Inc. 1998
1
REV 2
MC74VHC541
II I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I I I I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II I I IIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII III I III I I II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I
II I I IIIIIIIIIIIIIIIIIIIIIII I I I I I I III I I IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
Symbol VCC Vin Parameter Value Unit V V V DC Supply Voltage DC Input Voltage - 0.5 to + 7.0 - 0.5 to + 7.0 Vout IIK DC Output Voltage - 0.5 to VCC + 0.5 - 20 20 25 50 500 450 Input Diode Current mA mA mA mA IOK Iout Output Diode Current DC Output Current, per Pin ICC PD DC Supply Current, VCC and GND Pins Power Dissipation in Still Air, Storage Temperature SOIC Packages TSSOP Package mW Tstg - 65 to + 150
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V CC ). Unused outputs must be left open.
v
v
_C
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Derating -- SOIC Packages: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C
RECOMMENDED OPERATING CONDITIONS
Symbol VCC Vin Parameter Min 2.0 0 0 Max 5.5 5.5 Unit V V V
DC Supply Voltage DC Input Voltage
Vout TA
DC Output Voltage
VCC + 85 100 20
Operating Temperature, All Package Types Input Rise and Fall Time
- 40 0 0
_C
tr, tf
VCC = 3.3V 0.3V VCC =5.0V 0.5V
ns/V
DC ELECTRICAL CHARACTERISTICS
Symbol S bl VIH
Parameter P
Test C di i T Conditions
VCC V
TA = 25C Typ
TA = - 40 to 85C Min Max
Min
Max
Unit Ui V
Minimum High-Level Input Voltage
2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 2.0 3.0 4.5 3.0 4.5
1.50 VCC x 0.7
1.50 VCC x 0.7
VIL
Maximum Low-Level Input Voltage Minimum High-Level Output Voltage
0.50 VCC x 0.3
0.50 VCC x 0.3
V
VOH
Vin = VIH or VIL IOH = - 50A
1.9 2.9 4.4
2.0 3.0 4.5
1.9 2.9 4.4
V
Vin = VIH or VIL IOH = - 4mA IOH = - 8mA Vin = VIH or VIL IOL = 50A
2.58 3.94
2.48 3.80
VOL
Maximum Low-Level Output Voltage
0.0 0.0 0.0
0.1 0.1 0.1
0.1 0.1 0.1
V
Vin = VIH or VIL IOL = 4mA IOL = 8mA
0.36 0.36
0.44 0.44
MOTOROLA
2
VHC Data - Advanced CMOS Logic DL203 -- Rev 2
MC74VHC541
II I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I I II I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
DC ELECTRICAL CHARACTERISTICS
Symbol Iin Parameter Test Conditions VCC V TA = 25C Typ TA = - 40 to 85C Min Max 1.0 2.5 40.0 Min Max Unit A A A Maximum Input Leakage Current Vin = 5.5V or GND 0 to 5.5 5.5 5.5 0.1 IOZ Maximum Three-State Leakage Current Maximum Quiescent Supply Current Vin = VIL or VIH Vout = VCC or GND Vin = VCC or GND 0.25 4.0 ICC
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns)
Symbol S bl tPLH, tPHL Parameter P
TA = 25C Typ 5.0 7.5 3.5 5.0 6.8 9.3 4.7 6.2
TA = - 40 to 85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max
Test C di i T Conditions
Min
Max
Unit Ui ns
Maximum Propagation Delay, A to Y
VCC = 3.3 0.3V VCC = 5.0 0.5V VCC = 3.3 0.3V RL = 1k VCC = 5.0 0.5V RL = 1k VCC = 3.3 0.3V RL = 1k VCC = 5.0 0.5V RL = 1k VCC = 3.3 0.3V (Note NO TAG) VCC = 5.0 0.5V (Note NO TAG)
CL = 15pF CL = 50pF CL = 15pF CL = 50pF
7.0 10.5 5.0 7.0
8.5 12.0 6.0 8.0
tPZL, tPZH
Output Enable TIme, OE to Y
CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 50pF CL = 50pF CL = 50pF CL = 50pF
10.5 14.0 7.2 9.2
12.5 16.0
ns
8.5 10.5
tPLZ, tPHZ
Output Disable Time, OE to Y
11.2 6.0
15.4 8.8 1.5 1.0 10
17.5 10.0 1.5 1.0 10
ns
tOSLH, tOSHL
Output to Output Skew
ns ns
Cin
Maximum Input Capacitance
4 6
pF pF
Cout
Maximum Three-State Output Capacitance (Output in High Impedance State)
Typical @ 25C, VCC = 5.0V 18
CPD
Power Dissipation C P Di i i Capacitance (N i (Note NO TAG)
pF F
1. Parameter guaranteed by design. tOSLH = |tPLHm - tPLHn|, tOSHL = |tPHLm - tPHLn|. 2. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC / 8 (per bit). CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
NOISE CHARACTERISTICS (Input tr = tf = 3.0ns, CL = 50pF, VCC = 5.0V)
TA = 25C Symbol S bl VOLP VOLV VIHD VILD Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum High Level Dynamic Input Voltage Maximum Low Level Dynamic Input Voltage Parameter P Typ 0.9 - 0.9 Max 1.2 - 1.2 3.5 1.5 Unit Ui V V V V
VHC Data - Advanced CMOS Logic DL203 -- Rev 2
3
MOTOROLA
MC74VHC541
SWITCHING WAVEFORMS
VCC VCC A tPLH 50% VCC Y 50% GND tPHL Y 50% VCC VOL +0.3V Y tPZH tPHZ VOH -0.3V 50% VCC HIGH IMPEDANCE OE1 or OE2 50% tPZL tPLZ 50% GND HIGH IMPEDANCE
Figure 1.
Figure 2.
TEST CIRCUITS
TEST POINT OUTPUT DEVICE UNDER TEST CL* DEVICE UNDER TEST OUTPUT TEST POINT 1k CONNECT TO VCC WHEN TESTING tPLZ AND tPZL. CONNECT TO GND WHEN TESTING tPHZ AND tPZH.
CL*
*Includes all probe and jig capacitance
*Includes all probe and jig capacitance
Figure 3.
Figure 4.
INPUT EQUIVALENT CIRCUIT
INPUT
MOTOROLA
4
VHC Data - Advanced CMOS Logic DL203 -- Rev 2
MC74VHC541
OUTLINE DIMENSIONS
DW SUFFIX PLASTIC SOIC WIDE PACKAGE CASE 751D-04 ISSUE E
-A-
20 11 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.150 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN EXCESS OF D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 12.65 12.95 7.40 7.60 2.35 2.65 0.35 0.49 0.50 0.90 1.27 BSC 0.25 0.32 0.10 0.25 0_ 7_ 10.05 10.55 0.25 0.75 INCHES MIN MAX 0.499 0.510 0.292 0.299 0.093 0.104 0.014 0.019 0.020 0.035 0.050 BSC 0.010 0.012 0.004 0.009 0_ 7_ 0.395 0.415 0.010 0.029
-B-
1 10
10X
P 0.010 (0.25)
M
B
M
20X
D
M
0.010 (0.25)
TA
S
B
J
S
F R X 45 _ C -T-
18X SEATING PLANE
G
K
M
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948E-02 ISSUE A
20X
K REF
M
0.15 (0.006) T U
S
0.10 (0.004)
TU
S
V
S
K K1
2X
L/2
L
PIN 1 IDENT 1 10
B -U-
J J1
N 0.15 (0.006) T U
S
A -V- N F
C D 0.100 (0.004) -T- SEATING
PLANE
G
H
DETAIL E
VHC Data - Advanced CMOS Logic DL203 -- Rev 2
5
IIII IIII IIII
SECTION N-N M DETAIL E
20
11
0.25 (0.010)
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 6.40 6.60 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.27 0.37 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.252 0.260 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.011 0.015 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
-W-
DIM A B C D F G H J J1 K K1 L M
MOTOROLA
MC74VHC541
OUTLINE DIMENSIONS
M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 967-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018). DIM A A1 b c D E e HE L LE M Q1 Z MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 12.35 12.80 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.81 INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.486 0.504 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.032
20
11
LE Q1 M_ L DETAIL P
E HE
1
10
Z D e VIEW P A
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer.
Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 1-303-675-2140 or 1-800-441-2447 Customer Focus Center: 1-800-521-6274 MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 1-602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, Motorola Fax Back System - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 - http://sps.motorola.com/mfax/ HOME PAGE: http://motorola.com/sps/ JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 141, 4-32-1 Nishi-Gotanda, Shagawa-ku, Tokyo, Japan. 03-5487-8488
MOTOROLA
6
MC74VHC541/D VHC Data - Advanced CMOS Logic DL203 -- Rev 2


▲Up To Search▲   

 
Price & Availability of MC74VHC541

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X