Part Number Hot Search : 
1SS400G AQV21 5925B TDA46052 DL5242 LC75010 2199531 3FJ10
Product Description
Full Text Search
 

To Download MC74VHC138 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3-to-8 Line Decoder
The MC74VHC138 is an advanced high speed CMOS 3-to-8 decoder fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation. When the device is enabled, three Binary Select inputs (A0 - A2) determine which one of the outputs (Y0 - Y7) will go Low. When enable input E3 is held Low or either E2 or E1 is held High, decoding function is inhibited and all outputs go high. E3, E2, and E1 inputs are provided to ease cascade connection and for use as an address decoder for memory systems. The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output. The inputs tolerate voltages up to 7V, allowing the interface of 5V systems to 3V systems. * * * * * * * * * * * High Speed: tPD = 5.7ns (Typ) at VCC = 5V Low Power Dissipation: ICC = 4A (Max) at TA = 25C High Noise Immunity: VNIH = VNIL = 28% VCC Power Down Protection Provided on Inputs Balanced Propagation Delays Designed for 2V to 5.5V Operating Range Low Noise: VOLP = 0.8 V (Max) Pin and Function Compatible with Other Standard Logic Families Latchup Performance Exceeds 300mA ESD Performance: HBM > 2000V; Machine Model > 200V Chip Complexity: 122 FETs or 30.5 Equivalent Gates FUNCTION TABLE
Inputs E3 X X L H H H H H H H H E2 X H X L L L L L L L L H X X L L L L L L L L X X X L L L L H H H H X X X L L H H L L H H X X X L H L H L H L H H H H L H H H H H H H H H H H L H H H H H H H H H H H L H H H H H Outputs H H H H H H L H H H H H H H H H H H L H H H H H H H H H H H L H H H H H H H H H H H L H H H H H H H H H H H L E1 A2 A1 A0 Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7
MC74VHC138
D SUFFIX 16-LEAD SOIC PACKAGE CASE 751B-05
DT SUFFIX 16-LEAD TSSOP PACKAGE CASE 948F-01
M SUFFIX 16-LEAD SOIC EIAJ PACKAGE CASE 966-01 ORDERING INFORMATION MC74VHCXXXD MC74VHCXXXDT MC74VHCXXXM SOIC TSSOP SOIC EIAJ
PIN ASSIGNMENT
A0 A1 A2 E1 E2 E3 Y7 GND 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VCC Y0 Y1 Y2 Y3 Y4 Y5 Y6
H = high level (steady state); L = low level (steady state); X = don't care 15 A0 SELECT INPUTS A1 A2 1 2 3
Y0 14 Y1 13 Y2 12 Y3 11 Y4 10 Y5 9 Y6 7 Y7
ACTIVE-LOW OUTPUTS
ENABLE INPUTS
E3 E2 E1
6 5 4
LOGIC DIAGRAM
6/97
(c) Motorola, Inc. 1997
1
REV 1
MC74VHC138
EXPANDED LOGIC DIAGRAM
15
Y0
14
Y1
A0
1
13
Y2
A1
2
12
Y3
11 A2 3 10 E2 E1 5 4 9
Y4
Y5
Y6
7
Y7
E3
6
MOTOROLA
2
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
II I I I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I I I I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I I I I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II I I IIIIIIIIIII IIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIII I I I II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIII III I III I I II I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII III I I IIIIIIIIIIIIIIIIIIIIIII III II I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIII I I
* Absolute maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute-maximum-rated conditions is not implied. Derating -- SOIC Packages: - 7 mW/_C from 65_ to 125_C TSSOP Package: - 6.1 mW/_C from 65_ to 125_C
II I I IIIIIIIIIIIIIIIIIIIIIII I I I I I I III I I IIIIIIIIIIIIIIIIIIIII I I IIIIIIIIIIIIIIIIIIIIIII II I I I IIIIIIIIIIIIIIIIIIIIIII III I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIII I I IIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIII I IIIIIIIIIIIIIIIIIIIIIII
MAXIMUM RATINGS*
Symbol VCC Vout Tstg ICC IOK Iout Vin PD IIK Storage Temperature Power Dissipation in Still Air, DC Supply Current, VCC and GND Pins DC Output Current, per Pin Output Diode Current Input Diode Current DC Output Voltage DC Input Voltage DC Supply Voltage Parameter SOIC Packages TSSOP Package - 0.5 to VCC + 0.5 - 65 to + 150 - 0.5 to + 7.0 - 0.5 to + 7.0 Value - 20 75 25 20 500 450 Unit mW mA mA mA mA
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
DC ELECTRICAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
Symbol S bl
Symbol
VOH
VCC
VOL
Vout
VIH
tr, tf
VIL
Vin
TA
Maximum Low-Level Output Voltage
Minimum High-Level Output Voltage
Maximum Low-Level Input Voltage
Minimum High-Level Input Voltage
Input Rise and Fall Time
Operating Temperature
DC Output Voltage
DC Input Voltage
DC Supply Voltage
Parameter P
Parameter
Vin = VIH or VIL IOL = 4mA IOL = 8mA
Vin = VIH or VIL IOL = 50A
Vin = VIH or VIL IOH = - 4mA IOH = - 8mA
Vin = VIH or VIL IOH = - 50A
Test C di i T Conditions
VCC = 3.3V 0.3V VCC =5.0V 0.5V
2.0 3.0 to 5.5
2.0 3.0 to 5.5
VCC V
3.0 4.5
2.0 3.0 4.5
3.0 4.5
2.0 3.0 4.5
3 - 40 Min 2.0 0 0 0 0 1.50 VCC x 0.7 2.58 3.94 Min 1.9 2.9 4.4 VCC + 85 Max 100 20 5.5 5.5 TA = 25C ns/V Unit
_C
_C
Typ
V
V
V
V
V
V
0.0 0.0 0.0
2.0 3.0 4.5
0.50 VCC x 0.3
0.36 0.36
Max
0.1 0.1 0.1
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance circuit. For proper operation, Vin and Vout should be constrained to the range GND (Vin or Vout) VCC. Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or V CC ). Unused outputs must be left open.
1.50 VCC x 0.7
TA = - 40 to 85C
2.48 3.80
Min
1.9 2.9 4.4
v
MC74VHC138
0.50 VCC x 0.3
0.44 0.44
Max
0.1 0.1 0.1
MOTOROLA
v
Unit Ui
V V V V
II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I II I I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I II II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I II II I I I I I I I II I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I II I I I I I I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I II II I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II II I I I I II I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII III II I I I I I I III I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIII I I I I I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII I I I II II I II II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII IIIIIIIIIIIIIIIIIIIIIIIIII II I I IIIIIIIIIIIIIIIIIIIIIIIIIIIIIIIII
MC74VHC138
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0ns) DC ELECTRICAL CHARACTERISTICS
Symbol S bl Symbol tPLH, tPHL tPLH, tPHL tPLH, tPHL ICC Cin Iin Maximum Input Capacitance Maximum Propagation Delay, E2 or E1 to Y Maximum Propagation Delay, E3 to Y Maximum Propagation Delay, A to Y Maximum Quiescent Supply Current Maximum Input Leakage Current Parameter Parameter P Vin = VCC or GND Vin = 5.5 V or GND Test Conditions VCC = 5.0 0.5V VCC = 3.3 0.3V VCC = 5.0 0.5V VCC = 3.3 0.3V VCC = 5.0 0.5V VCC = 3.3 0.3V Test C di i T Conditions 0 to 5.5 VCC V 5.5 CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF CL = 15pF CL = 50pF Min Min TA = 25C Typ TA = 25C 8.2 10.7 8.1 10.6 8.2 10.0 Typ 5.8 7.3 5.6 7.1 5.7 7.2 4 Typical @ 25C, VCC = 5.0V 0.1 Max 4.0 12.8 16.3 Max 11.4 14.9 11.4 15.8 8.1 10.1 8.1 10.1 8.1 10.1 10 TA = - 40 to 85C Min TA = - 40 to 85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 40.0 Max 13.5 17.0 15.0 18.5 13.5 18.0 Max 9.5 11.5 9.5 11.5 9.5 11.5 10 Unit Ui Unit A A pF ns ns ns
1. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC(OPR) = CPD VCC fin + ICC. CPD is used to determine the no-load dynamic power consumption; PD = CPD VCC2 fin + ICC VCC.
MOTOROLA CPD Power Dissipation C P Di i i Capacitance (N i (Note 1 ) 1.)
4
VHC Data - Advanced CMOS Logic DL203 -- Rev 1 34 pF F
MC74VHC138
SWITCHING WAVEFORMS
VALID A tPLH Y 50% VCC 50% tPHL Y VALID VCC GND E3 tPHL 50% VCC 50% GND tPLH VCC
Figure 1.
Figure 2.
TEST POINT VCC E2 or E1 50% tPHL Y 50% VCC tPLH GND DEVICE UNDER TEST OUTPUT
CL*
* Includes all probe and jig capacitance
Figure 3.
Figure 4. Test Circuit
INPUT
Figure 5. Input Equivalent Circuit
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
5
MOTOROLA
MC74VHC138
OUTLINE DIMENSIONS
D SUFFIX PLASTIC SOIC PACKAGE CASE 751B-05 ISSUE J
-A -
16 9 NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. 4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 5. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.127 (0.005) TOTAL IN EXCESS OF THE D DIMENSION AT MAXIMUM MATERIAL CONDITION. DIM A B C D F G J K M P R MILLIMETERS MIN MAX 9.80 10.00 4.00 3.80 1.75 1.35 0.49 0.35 1.25 0.40 1.27 BSC 0.25 0.19 0.25 0.10 7 0 6.20 5.80 0.50 0.25 INCHES MIN MAX 0.386 0.393 0.150 0.157 0.054 0.068 0.014 0.019 0.016 0.049 0.050 BSC 0.008 0.009 0.004 0.009 0 7 0.229 0.244 0.010 0.019
-B -
1 8
P 8 PL 0.25 (0.010)
M
B
M
G F
K C -T SEATING -
PLANE
R X 45
M D 16 PL 0.25 (0.010)
M
J
T
B
S
A
S
DT SUFFIX PLASTIC TSSOP PACKAGE CASE 948F-01 ISSUE O
16X K REF
0.10 (0.004) 0.15 (0.006) T U
S
M
TU
S
V
S
K K1
16
2X
L/2
9
J1 B -U-
L
PIN 1 IDENT. 1 8
SECTION N-N J
N 0.25 (0.010) 0.15 (0.006) T U
S
A -V- N F DETAIL E
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSION A DOES NOT INCLUDE MOLD FLASH. PROTRUSIONS OR GATE BURRS. MOLD FLASH OR GATE BURRS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. DIMENSION B DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSION. INTERLEAD FLASH OR PROTRUSION SHALL NOT EXCEED 0.25 (0.010) PER SIDE. 5. DIMENSION K DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE K DIMENSION AT MAXIMUM MATERIAL CONDITION. 6. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 7. DIMENSION A AND B ARE TO BE DETERMINED AT DATUM PLANE -W-. MILLIMETERS MIN MAX 4.90 5.10 4.30 4.50 --- 1.20 0.05 0.15 0.50 0.75 0.65 BSC 0.18 0.28 0.09 0.20 0.09 0.16 0.19 0.30 0.19 0.25 6.40 BSC 0_ 8_ INCHES MIN MAX 0.193 0.200 0.169 0.177 --- 0.047 0.002 0.006 0.020 0.030 0.026 BSC 0.007 0.011 0.004 0.008 0.004 0.006 0.007 0.012 0.007 0.010 0.252 BSC 0_ 8_
M
DIM A B C D F G H J J1 K K1 L M
C 0.10 (0.004) -T- SEATING
PLANE
H D G
DETAIL E
MOTOROLA
6
EE CC EE CC
-W-
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
MC74VHC138
OUTLINE DIMENSIONS
M SUFFIX PLASTIC SOIC EIAJ PACKAGE CASE 966-01 ISSUE O
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETER. 3. DIMENSIONS D AND E DO NOT INCLUDE MOLD FLASH OR PROTRUSIONS AND ARE MEASURED AT THE PARTING LINE. MOLD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006) PER SIDE. 4. TERMINAL NUMBERS ARE SHOWN FOR REFERENCE ONLY. 5. THE LEAD WIDTH DIMENSION (b) DOES NOT INCLUDE DAMBAR PROTRUSION. ALLOWABLE DAMBAR PROTRUSION SHALL BE 0.08 (0.003) TOTAL IN EXCESS OF THE LEAD WIDTH DIMENSION AT MAXIMUM MATERIAL CONDITION. DAMBAR CANNOT BE LOCATED ON THE LOWER RADIUS OR THE FOOT. MINIMUM SPACE BETWEEN PROTRUSIONS AND ADJACENT LEAD TO BE 0.46 ( 0.018).
16
9
LE Q1 E HE M_ L DETAIL P
1
8
Z D e A VIEW P
c
b 0.13 (0.005)
M
A1 0.10 (0.004)
DIM A A1 b c D E e HE L LE M Q1 Z
MILLIMETERS MIN MAX --- 2.05 0.05 0.20 0.35 0.50 0.18 0.27 9.90 10.50 5.10 5.45 1.27 BSC 7.40 8.20 0.50 0.85 1.10 1.50 10 _ 0_ 0.70 0.90 --- 0.78
INCHES MIN MAX --- 0.081 0.002 0.008 0.014 0.020 0.007 0.011 0.390 0.413 0.201 0.215 0.050 BSC 0.291 0.323 0.020 0.033 0.043 0.059 10 _ 0_ 0.028 0.035 --- 0.031
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
VHC Data - Advanced CMOS Logic DL203 -- Rev 1
7
MC74VHC138/D MOTOROLA


▲Up To Search▲   

 
Price & Availability of MC74VHC138

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X