Part Number Hot Search : 
FJ128 2SC1623W TTINY MMSZ5226 S541A MMSZ5226 4536Z B1426
Product Description
Full Text Search
 

To Download MBRV7030CTL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
Order this document by MBRV7030CTL/D
Designer'sTM Data Sheet
SWITCHMODETM Schottky Power Rectifier
MBRV7030CTL
Motorola Preferred Device
D3PAK Power Surface Mount Package
Employing the Schottky Barrier principle in a large area metal-to-silicon power rectifier. Features epitaxial construction with oxide passivation and metal overlay contact. Ideally suited for low voltage, high frequency switching power supplies; free wheeling diodes and polarity protection diodes. * Compact Package Ideal for Automated Handling 1 * Short Heat Sink Tab Manufactured -- Not Sheared 3 * Highly Stable Oxide Passivated Junction * Guardring for Over-voltage Protection * Low Forward Voltage Drop * Monolithic Dual Die Construction. May be Paralleled for High Current Output. Mechanical Characteristics: * Case: Epoxy, Molded * Weight: 2 Grams (approximately) * Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable * Maximum Temperature of 260C for 10 Seconds for Soldering * Shipped 29 Units per Plastic Tube * Marking: MBRV7030CTL MAXIMUM RATINGS
Rating Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage Average Rectified Forward Current (At Rated VR, TC = 135C) Peak Repetitive Forward Current (At Rated VR, Square Wave, 20 kHz, TC = 135C) Non-Repetitive Peak Surge Current (Surge applied at rated load conditions, halfwave, single phase, 60 Hz) Storage / Operating Case Temperature Operating Junction Temperature Voltage Rate of Change (Rated VR, TJ = 25C) Per Leg Per Package Per Leg Per Package
2
SCHOTTKY BARRIER RECTIFIER 70 AMPERES 30 VOLTS
1 3
2
CASE 433A-01, Style 1 D3PAK
Symbol VRRM VRWM VR IO IFRM IFSM Tstg, TC TJ dv/dt
Value 30
Unit V
35 70 70 500 - 55 to 150 - 55 to 150 10,000
A A A C C V/ms C/W
THERMAL CHARACTERISTICS
Thermal Resistance -- Junction-to-Case Thermal Resistance -- Junction-to-Ambient (2) Per Leg Per Leg RqJC RqJA VF 0.50 0.62 0.47 Per Leg IR 2.0 40 mA 0.59 54
ELECTRICAL CHARACTERISTICS
Maximum Instantaneous Forward Voltage (1), see Figure 2 (IF = 35 A, TJ = 25C) (IF = 70 A, TJ = 25C) (IF = 35 A, TJ = 100C) Maximum Instantaneous Reverse Current, see Figure 4 (Rated VR, TJ = 25C) (Rated VR, TJ = 100C) (1) Pulse Test: Pulse Width 250 s, Duty Cycle 2% (2) Rating applies when using minimum pad size, FR4 PC Board
Designer's Data for "Worst Case" Conditions -- The Designer's Data Sheet permits the design of most circuits entirely from the information presented. SOA Limit curves -- representing boundaries on device characteristics -- are given to facilitate "worst case" design.
Per Leg
V
Designer's and Switchmode are trademarks of Motorola, Inc.
Preferred devices are Motorola recommended choices for future use and best overall value.
(c) Motorola TMOS Motorola, Inc. 1997
Power MOSFET Transistor Device Data
1
MBRV7030CTL
TYPICAL ELECTRICAL CHARACTERISTICS
I F , INSTANTANEOUS FORWARD CURRENT (AMPS) I F , INSTANTANEOUS FORWARD CURRENT (AMPS) 100 100
10
10
TJ = 150C TJ = 100C 0 0.2
TJ = 25C
TJ = 150C TJ = 100C 0 0.2
TJ = 25C
1.0
1.0
0.4
0.6
0.8
0.4
0.6
0.8
VF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
TJ = 150C 0.1 TJ = 100C 0.01
I R , MAXIMUM REVERSE CURRENT (AMPS)
I R , REVERSE CURRENT (AMPS)
1.0
10
1.0
TJ = 150C TJ = 100C
0.1
0.001 TJ = 25C
0.0001
0.01
TJ = 25C
0.00001
0
10
20
30
0.001
0
10
20
30
VR, REVERSE VOLTAGE (VOLTS)
VR, REVERSE VOLTAGE (VOLTS)
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
P FO , AVERAGE POWER DISSIPATION (WATTS)
I O , AVERAGE FORWARD CURRENT (AMPS)
60 FREQ = 20 kHz 50 40 30 20 Ipk/Io = 10 10 0 Ipk/Io = 20 square wave Ipk/Io = p Ipk/Io = 5 dc
30 dc 25 20 15 Ipk/Io = 20 10 5 0 Ipk/Io = p Ipk/Io = 5 Ipk/Io = 10 square wave TJ = 150C
0
20
40 60 80 100 120 TC, CASE TEMPERATURE (C)
140
160
0
25 50 IO, AVERAGE FORWARD CURRENT (AMPS)
75
Figure 5. Current Derating (Per Leg)
Figure 6. Forward Power Dissipation (Per Leg)
2
Motorola TMOS Power MOSFET Transistor Device Data
MBRV7030CTL
TYPICAL ELECTRICAL CHARACTERISTICS
100,000 TJ = 25C
C, CAPACITANCE (pF)
10,000
1,000 1.0
10 VR, REVERSE VOLTAGE (VOLTS)
100
Figure 7. Capacitance
SAFE OPERATING AREA
1.0 r(t), NORMALIZED EFFECTIVE TRANSIENT THERMAL RESISTANCE
0.1
P(pk)
t2 DUTY CYCLE, D = t1/t2 0.01 0.000001 0.00001 0.0001 0.001 t, TIME (SECONDS) 0.01 0.1
t1
RJC(t) = r(t) RJC D CURVES APPLY FOR POWER PULSE TRAIN SHOWN READ TIME AT t1 TJ(pk) - TC = P(pk) RJC(t)
1.0
10
Figure 8. Thermal Response
VCC 12 Vdc
+ 150 V, 10 mAdc
12 V 100 2 ms 1 kHz 2N2222 CURRENT AMPLITUDE ADJUST 0 -10 AMPS 100 W CARBON 2N6277
2 kW D.U.T. 4 mF +
1 CARBON 1N5817
Figure 9. Test Circuit for Repetitive Reverse Current
Motorola TMOS Power MOSFET Transistor Device Data
3
MBRV7030CTL
INFORMATION FOR USING THE DPAK SURFACE MOUNT PACKAGE
RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
Surface mount board layout is a critical portion of the total design. The footprint for the semiconductor packages must be the correct size to ensure proper solder connection interface between the board and the package. With the correct pad geometry, the packages will self align when subjected to a solder reflow process.
0.165 4.191
0.100 2.54
0.118 3.0 0.063 1.6
0.190 4.826
0.243 6.172
inches mm
POWER DISSIPATION FOR A SURFACE MOUNT DEVICE
The power dissipation for a surface mount device is a function of the drain pad size. These can vary from the minimum pad size for soldering to a pad size given for maximum power dissipation. Power dissipation for a surface mount device is determined by TJ(max), the maximum rated junction temperature of the die, RJA, the thermal resistance from the device junction to ambient, and the operating temperature, TA. Using the values provided on the data sheet, PD can be calculated as follows: PD = TJ(max) - TA RJA dissipation can be increased. Although one can almost double the power dissipation with this method, one will be giving up area on the printed circuit board which can defeat the purpose of using surface mount technology. For example, a graph of RJA versus drain pad area is shown in Figure 11.
RJA , THERMAL RESISTANCE, JUNCTION TO AMBIENT (C/W) 100 Board Material = 0.0625 G-10/FR-4, 2 oz Copper 1.75 Watts 80 TA = 25C 60 3.0 Watts 40 5.0 Watts 20 0
The values for the equation are found in the maximum ratings table on the data sheet. Substituting these values into the equation for an ambient temperature TA of 25C, one can calculate the power dissipation of the device. For a D3PAK device, PD is calculated as follows. PD = 150C - 25C = 2.31 Watts 54C/W The 54C/W for the D3PAK package assumes the use of the recommended footprint on a glass epoxy printed circuit board to achieve a power dissipation of 2.31 Watts. There are other alternatives to achieving higher power dissipation from the surface mount packages. One is to increase the area of the drain pad. By increasing the area of the drain pad, the power
2
4 6 A, AREA (SQUARE INCHES)
8
10
Figure 10. Thermal Resistance versus Drain Pad Area for the D3PAK Package (Typical) Another alternative would be to use a ceramic substrate or an aluminum core board such as Thermal CladTM. Using a board material such as Thermal Clad, an aluminum core board, the power dissipation can be doubled using the same footprint.
4
Motorola TMOS Power MOSFET Transistor Device Data
MBRV7030CTL
SOLDER STENCIL GUIDELINES
Prior to placing surface mount components onto a printed circuit board, solder paste must be applied to the pads. Solder stencils are used to screen the optimum amount. These stencils are typically 0.008 inches thick and may be made of brass or stainless steel. For packages such as the SC-59, SC-70/SOT-323, SOD-123, SOT-23, SOT-143, SOT-223, SO-8, SO-14, SO-16, and SMB/SMC diode packages, the stencil opening should be the same as the pad size or a 1:1 registration. This is not the case with the DPAK and D2PAK packages. If one uses a 1:1 opening to screen solder onto the drain pad, misalignment and/or "tombstoning" may occur due to an excess of solder. For these two packages, the opening in the stencil for the paste should be approximately 50% of the tab area. The opening for the leads is still a 1:1 registration. Figure 12 shows a typical stencil for the DPAK and D2PAK packages. The pattern of the opening in the stencil for the drain pad is not critical as long as it allows approximately 50% of the pad to be covered with paste.
SOLDERING PRECAUTIONS
The melting temperature of solder is higher than the rated temperature of the device. When the entire device is heated to a high temperature, failure to complete soldering within a short time could result in device failure. Therefore, the following items should always be observed in order to minimize the thermal stress to which the devices are subjected. * Always preheat the device. * The delta temperature between the preheat and soldering should be 100C or less.* * When preheating and soldering, the temperature of the leads and the case must not exceed the maximum temperature ratings as shown on the data sheet. When using infrared heating with the reflow soldering method, the difference shall be a maximum of 10C. * The soldering temperature and time shall not exceed 260C for more than 10 seconds.
Motorola TMOS Power MOSFET Transistor Device Data
CCCCCCCC CCCCCCCC CC CCCCCCCC CC CCCCCCCC CCCCCC
SOLDER PASTE OPENINGS
STENCIL
Figure 11. Typical Stencil for DPAK and D2PAK Packages
* When shifting from preheating to soldering, the maximum * After soldering has been completed, the device should be
allowed to cool naturally for at least three minutes. Gradual cooling should be used as the use of forced cooling will increase the temperature gradient and result in latent failure due to mechanical stress. * Mechanical stress or shock should not be applied during cooling. * Soldering a device without preheating can cause excessive thermal shock and stress which can result in damage to the device. * Due to shadowing and the inability to set the wave height to incorporate other surface mount components, the D2PAK is not recommended for wave soldering. temperature gradient shall be 5C or less.
5
MBRV7030CTL
TYPICAL SOLDER HEATING PROFILE
For any given circuit board, there will be a group of control settings that will give the desired heat pattern. The operator must set temperatures for several heating zones, and a figure for belt speed. Taken together, these control settings make up a heating "profile" for that particular circuit board. On machines controlled by a computer, the computer remembers these profiles from one operating session to the next. Figure 18 shows a typical heating profile for use when soldering a surface mount device to a printed circuit board. This profile will vary among soldering systems but it is a good starting point. Factors that can affect the profile include the type of soldering system in use, density and types of components on the board, type of solder used, and the type of board or substrate material being used. This profile shows temperature versus time. The line on the graph shows the actual temperature that might be experienced on the surface of a test board at or near a central solder joint. The two profiles are based on a high density and a low density board. The Vitronics SMD310 convection/infrared reflow soldering system was used to generate this profile. The type of solder used was 62/36/2 Tin Lead Silver with a melting point between 177 -189C. When this type of furnace is used for solder reflow work, the circuit boards and solder joints tend to heat first. The components on the board are then heated by conduction. The circuit board, because it has a large surface area, absorbs the thermal energy more efficiently, then distributes this energy to the components. Because of this effect, the main body of a component may be up to 30 degrees cooler than the adjacent solder joints.
STEP 1 PREHEAT ZONE 1 "RAMP" 200C
STEP 2 STEP 3 VENT HEATING "SOAK" ZONES 2 & 5 "RAMP"
STEP 5 STEP 4 HEATING HEATING ZONES 3 & 6 ZONES 4 & 7 "SPIKE" "SOAK" 170C 160C
STEP 6 VENT
STEP 7 COOLING
DESIRED CURVE FOR HIGH MASS ASSEMBLIES 150C
205 TO 219C PEAK AT SOLDER JOINT
150C 100C 100C DESIRED CURVE FOR LOW MASS ASSEMBLIES 50C 140C
SOLDER IS LIQUID FOR 40 TO 80 SECONDS (DEPENDING ON MASS OF ASSEMBLY)
TIME (3 TO 7 MINUTES TOTAL)
TMAX
Figure 12. Typical Solder Heating Profile
6
Motorola TMOS Power MOSFET Transistor Device Data
MBRV7030CTL
PACKAGE DIMENSIONS
-T- B S
4
SEATING PLANE
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. INCHES MIN MAX 0.588 0.592 0.625 0.629 0.196 0.200 0.048 0.052 0.058 0.062 0.078 0.082 4.30 BSC 0.105 0.110 0.018 0.022 0.150 0.160 0.373 0.377 0.070 0.074 0.054 0.058 0.313 0.317 0.050 --- 0.044 --- 0.066 0.070 0.050 0.060 0.107 0.111 MILLIMETERS MIN MAX 14.94 15.04 15.88 15.98 4.98 5.08 1.22 1.32 1.47 1.57 1.98 2.08 10.92 BSC 2.67 2.79 0.46 0.56 3.81 4.06 9.47 9.58 1.78 1.88 1.37 1.47 7.95 8.05 1.27 --- 1.12 --- 1.68 1.78 1.27 1.52 2.72 2.82
C Q E
W Y
V N A
P U
1
2
3
K F D 2 PL H
M
J
X
G
0.13 (0.005)
T
DIM A B C D E F G H J K N P Q S U V W X Y
CASE 433A-01 ISSUE A
STYLE 1: PIN 1. GATE 2. COLLECTOR 3. EMITTER
Motorola TMOS Power MOSFET Transistor Device Data
7
MBRV7030CTL
Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. "Typical" parameters which may be provided in Motorola data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including "Typicals" must be validated for each customer application by customer's technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Mfax is a trademark of Motorola, Inc. How to reach us: USA / EUROPE / Locations Not Listed: Motorola Literature Distribution; P.O. Box 5405, Denver, Colorado 80217. 303-675-2140 or 1-800-441-2447 JAPAN: Nippon Motorola Ltd.: SPD, Strategic Planning Office, 4-32-1, Nishi-Gotanda, Shinagawa-ku, Tokyo 141, Japan. 81-3-5487-8488
MfaxTM: RMFAX0@email.sps.mot.com - TOUCHTONE 602-244-6609 ASIA/PACIFIC: Motorola Semiconductors H.K. Ltd.; 8B Tai Ping Industrial Park, - US & Canada ONLY 1-800-774-1848 51 Ting Kok Road, Tai Po, N.T., Hong Kong. 852-26629298 INTERNET: http://motorola.com/sps
8
MBRV7030CTL/D Motorola TMOS Power MOSFET Transistor Device Data


▲Up To Search▲   

 
Price & Availability of MBRV7030CTL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X