Part Number Hot Search : 
FMBN16BE 13005 WH1602B3 ILX3085 SEMIX302 MC33375 LXT9763 AAT1110
Product Description
Full Text Search
 

To Download M5M5V208FP-10LL-W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 '97.3.21
MITSUBISHI LSIs
M5M5V208FP,VP,RV,KV,KR
-70L-W , -85L -W, -10L-W , -12L-W , -70LL-W, -85LL-W, -10LL-W, -12LL-W
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
DESCRIPTION
The M5M5V208 is 2,097,152-bit CMOS static RAM organized as 262,144-words by 8-bit which is fabricated using high-performance quadruple-polysilicon and double metal CMOS technology. The use of thin film transistor(TFT) load cells and CMOS periphery results in a high density and low power static RAM. The M5M5V208 is designed for memory applications where high reliability, large storage, simple interfacing and battery back-up are important design objectives. The M5M5V208VP,RV,KV,KR are packaged in a 32-pin thin small outline package which is a high reliability and high density surface mount device(SMD).Two types of devices are available. VP,KV(normal lead bend type package),RV,KR(reverse lead bend type package). Using both types of devices, it becomes very easy to design a printed circuit board.
PIN CONFIGURATION (TOP VIEW) A17 1 A16 2 A14 3 A12 4 A7 5 A6 6 A5 7 A4 8 A3 9 A2 10 A1 11 A0 12 DQ1 13 DQ2 14 DQ3 15
(0V)GND
16 32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
FEATURE
Type M5M5V208FP,VP,RV,KV,KR-70L M5M5V208FP,VP,RV,KV,KR-85L M5M5V208FP,VP,RV,KV,KR-10L M5M5V208FP,VP,RV,KV,KR-12L M5M5V208FP,VP,RV,KV,KR-70LL M5M5V208FP,VP,RV,KV,KR-85LL M5M5V208FP,VP,RV,KV,KR-10LL M5M5V208FP,VP,RV,KV,KR-12LL Access Power supply current time Active Stand-by (max) (max) (max) 70ns 85ns 100ns 120ns 70ns 85ns 100ns 120ns 27mA
(Vcc=3.6V)
VCC(3V) A15 S2 W A13 A8 A9 A11 OE A10 S1 DQ8 DQ7 DQ6 DQ5 DQ4
Outline 32P2M-A(FP) 60A
(Vcc=3.6V)
10 A
(Vcc=3.6V)
* Single 2.7 ~ 3.6V power supply * W-version: operating temperature of -20 to +70C * No clocks, No refresh * All inputs and outputs are TTL compatible. * Easy memory expansion and power down by S1 & S2 * Data retention supply voltage=2.0V * Three-state outputs: OR-tie capability * OE prevents data contention in the I/O bus * Common Data I/O * Battery backup capability * Small stand-by current * * * * * * * * * * 0.3A(typ.)
A11 A9 A8 A13 W S2 A15 Vcc A17 A16 A14 A12 A7 A6 A5 A4
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16
M5M5V208VP,KV -W
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17
OE A10 S1 DQ8 DQ7 DQ6 DQ5 DQ4 GND DQ3 DQ2 DQ1 A0 A1 A2 A3
Outline 32P3H-E(VP), 32P3K-B(KV)
PACKAGE
M5M5V208FP : 32 pin 525 mil SOP M5M5V208VP,RV : 32pin 8 X 20 mm2 TSOP M5M5V208KV,KR : 32pin 8 X 13.4 mm2 TSOP
S2 W
A4 A5 A6 A7 A12 A14 A16 A17 Vcc A15 A13 A8 A9 A11
16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1
17 18 19 20 21 22
M5M5V208RV,KR -W
23 24 25 26 27 28 29 30 31 32
A3 A2 A1 A0 DQ1 DQ2 DQ3 GND DQ4 DQ5 DQ6 DQ7 DQ8
S1
A10
OE
APPLICATION
Small capacity memory units Battery operating system Handheld communiation tools
Outline 32P3H-F(RV), 32P3K-C(KR)
MITSUBISHI ELECTRIC
1
'97.3.21
MITSUBISHI LSIs
M5M5V208FP,VP,RV,KV,KR
-70L-W , -85L -W, -10L-W , -12L-W , -70LL-W, -85LL-W, -10LL-W, -12LL-W
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
FUNCTION
The operation mode of the M5M5V208 is determined by a combination of the device control inputs S1, S2, W and OE. Each mode is summarized in the function table. A write cycle is executed whenever the low level W overlaps with the low level S1 and the high level S2. The address must be set up before the write cycle and must be stable during the entire cycle. The data is latched into a cell on the trailing edge of W, S1 or S2, whichever occurs first, requiring the set-up and hold time relative to these edge to be maintained. The output enable OE directly controls the output stage. Setting the OE at a high level,the output stage is in a high-impedance state, and the data bus contention problem in the write cycle is eliminated. A read cycle is executed by setting W at a high level and OE at a low level while S1 and S2 are in an active state (S1 = L ,S2 = H). When setting S1 at a high level or S2 at a low level, the chips are in a non-selectable mode in which both reading and writing are disabled. In this mode, the output stage is in a high-impedance state, allowing OR-tie with other chips and memory expansion by S1 or S2. The power supply current is reduced as low as the stand-by current which is specified as Icc3 or Icc4, and the memory data can be held at +2V power supply, enabling battery back-up operation during power failure or power-down operation in the nonselected mode.
FUNCTION TABLE
S1 X H L L L S2 L X H H H W X X L H H OE X X X L H Mode Non selection Non selection Write Read DQ High-impedance High-impedance D IN D OUT High-impedance Icc Standby Standby Active Active Active
BLOCK DIAGRAM
* A4 A5 A6 A7 A12 A14 A16 A17 A15
8 7 6 5 4 3 2 1 31 16 15 14 13 12 11 10 9 7 262144 WORDS X 8 BITS 512 ROWS X 128 COLUMNS X 32 BLOCKS 21 22 23 25 26 27 28 29 13 14 15 17 18 19 20 21
* DQ1 DQ2 DQ3 DQ4 DQ5 DQ6 DQ7 DQ8
A0 A1 A2 A3 A10 A11 A9 A8 A13
12 11 10 9 23 25 26 27 28
20 19 18 17 5 31 30 1 6 2 32 3 4 8 32 24 30 22 29 CLOCK GENERATOR
W S1 S2 OE VCC
(3V)
24
16
GND
(0V)
*Pin numbers inside dotted line show those of TSOP.
MITSUBISHI ELECTRIC
2
'97.3.21
MITSUBISHI LSIs
M5M5V208FP,VP,RV,KV,KR
-70L-W , -85L -W, -10L-W , -12L-W , -70LL-W, -85LL-W, -10LL-W, -12LL-W
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
ABSOLUTE MAXIMUM RATINGS
Symbol Parameter Supply voltage Vcc VI VO Pd Topr Tstr
Input voltage Output voltage Power dissipation Operating temperature Storage temperature
Conditions
With respect to GND Ta=25C
Ratings - 0.5*~4.6 - 0.5* ~ Vcc + 0.5
(Max 4.6)
Unit V V V mW
C C
0 ~ Vcc 700 - 20 ~ 70 - 65 ~150
* -3.0V in case of AC ( Pulse width 30ns )
DC ELECTRICAL CHARACTERISTICS
Symbol VIH VIL VOH1 VOH2 VOL II IO Parameter High-level input voltage Low-level input voltage High-level output voltage 1 High-level output voltage 2 Low-level output voltage Input current Output current in off-state Active supply current
(CMOS-level Input)
(Ta=- 20~70C, Vcc= 2.7 ~ 3.6V, unless otherwise noted)
Test conditions
Limits Min 2.0 Typ Max Vcc +0.3V 0.6
Unit V V V V
IOH= -0.5mA IOH= -0.05mA IOL=2mA VI=0 ~ Vcc S1=VIH or S2=VIL or OE=VIH VI/O=0 ~ Vcc S1 0.2V, S2 Vcc-0.2V, other inputs 0.2V or Vcc-0.2V,output-open S1=VIL,S2=VIH, other inputs=VIH or VIL output-open 1) S2 0.2V or
-0.3* 2.4 Vcc -0.5V
0.4 1 1
f= 10MHz f= 5MHz f= 10MHz f= 5MHz
V A A mA
Icc1
20 10 22 12
25 13 27 15 60 10 1
Icc2
Active supply current
(TTL-level Input)
mA
-L -20 ~ +70C
Icc3
Stand-by current
-20 ~ +70C 2) S1 Vcc-0.2V, S2 Vcc-0.2V -LL -20 ~ +40C other inputs=0 ~ Vcc +25C
A
0.3
0.6 0.33 mA
Icc4
Stand-by current
S1=VIH or S2=VIL,other inputs=0 ~ Vcc
* -3.0V in case of AC ( Pulse width 30ns )
CAPACITANCE
Symbol CI CO Parameter
Input capacitance Output capacitance
(Ta=- 20 ~ 70C, Vcc= 2.7 ~ 3.6V, unless otherwise noted) Limits Test conditions Unit Typ Min Max pF VI=GND, VI=25mVrms, f=1MHz 7 pF VO=GND,VO=25mVrms, f=1MHz 9
Note 1: Direction for current flowing into an IC is positive (no mark). 2: Typical value is for Vcc = 3V, Ta = 25C
MITSUBISHI ELECTRIC
3
'97.3.21
MITSUBISHI LSIs
M5M5V208FP,VP,RV,KV,KR
-70L-W , -85L -W, -10L-W , -12L-W , -70LL-W, -85LL-W, -10LL-W, -12LL-W
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
AC ELECTRICAL CHARACTERISTICS (1) MEASUREMENT CONDITIONS
................................. Vcc Input pulse level ............. Input rise and fall time ..... Reference level ............... Output loads ...................
(Ta =- 20 ~ 70C, Vcc= 2.7 ~ 3.6V, unless otherwise noted ) 1TTL DQ CL including scope and JIG Fig.1 Output load
2.7 ~ 3.6V VIH=2.2V,VIL=0.4V 5ns VOH=VOL=1.5V Fig.1,CL=30pF CL=5pF (for ten,tdis) Transition is measured 500mV from steady state voltage. (for ten,tdis)
(2) READ CYCLE
Symbol tCR ta(A) ta(S1) ta(S2) ta(OE) tdis(S1) tdis(S2) tdis(OE) ten(S1) ten(S2) ten(OE) tV(A) Parameter Read cycle time Address access time Chip select 1 access time Chip select 2 access time Output enable access time Output disable time after S1 high Output disable time after S2 low Output disable time after OE high Output enable time after S1 low Output enable time after S2 high Output enable time after OE low Data valid time after address -70L,LL Min Max 70 70 70 70 35 25 25 25 10 10 5 10 Limits -85L,LL -10L,LL Min Max Min Max 85 100 85 100 85 100 85 100 45 50 30 35 30 35 30 35 10 10 10 10 5 5 10 10 -12L,LL Min Max 120 120 120 120 60 40 40 40 10 10 5 10 Unit ns ns ns ns ns ns ns ns ns ns ns ns
(3) WRITE CYCLE
-70L,LL Min Max tCW Write cycle time 70 tw(W) Write pulse width 55 tsu(A) Address setup time 0 tsu(A-WH) Address setup time with respect to W 65 tsu(S1) Chip select 1 setup time 65 tsu(S2) Chip select 2 setup time 65 tsu(D) Data setup time 30 th(D) Data hold time 0 trec(W) Write recovery time 0 tdis(W) 25 Output disable time from W low tdis(OE) Output disable time from OE high 25 ten(W) Output enable time from W high 5 ten(OE) 5 Output enable time from OE low Symbol Parameter Limits -85L,LL -10L,LL Min Max Min Max 85 100 60 75 0 0 70 85 70 85 70 85 35 40 0 0 0 0 30 35 30 35 5 5 5 5 -12L,LL Min Max 120 85 0 100 100 100 45 0 0 40 40 5 5 Unit ns ns ns ns ns ns ns ns ns ns ns ns ns
MITSUBISHI ELECTRIC
4
'97.3.21
MITSUBISHI LSIs
M5M5V208FP,VP,RV,KV,KR
-70L-W , -85L -W, -10L-W , -12L-W , -70LL-W, -85LL-W, -10LL-W, -12LL-W
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
(4) TIMING DIAGRAMS Read cycle
A0~17 ta(A) ta (S1) S1
(Note 3)
tCR
tv (A)
tdis (S1)
(Note 3)
S2
(Note 3)
ta (S2) ta (OE) ten (OE) tdis (S2)
(Note 3)
OE
(Note 3)
tdis (OE) ten (S1) ten (S2)
(Note 3)
DQ1~8
W = "H" level
DATA VALID
Write cycle (W control mode)
A0~17
tCW
tsu (S1) S1
(Note 3) (Note 3)
S2
(Note 3)
tsu (S2)
(Note 3)
tsu (A-WH) OE tsu (A) W tdis (W) tdis (OE) DQ1~8 ten (W) ten(OE) tw (W) trec (W)
DATA IN STABLE
tsu (D) MITSUBISHI ELECTRIC
th (D)
5
'97.3.21
MITSUBISHI LSIs
M5M5V208FP,VP,RV,KV,KR
-70L-W , -85L -W, -10L-W , -12L-W , -70LL-W, -85LL-W, -10LL-W, -12LL-W
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
Write cycle ( S1 control mode)
tCW A0~17 tsu (A) S1 tsu (S1) trec (W)
S2
(Note 3) (Note 5) (Note 3)
W
(Note 3)
(Note 4)
tsu (D)
th (D)
(Note 3)
DQ1~8
DATA IN STABLE
Write cycle (S2 control mode)
tCW A0~17
S1
(Note 3) tsu (A) (Note 3)
tsu (S2)
trec (W)
S2
(Note 5)
W
(Note 3)
(Note 4)
tsu (D)
th (D)
(Note 3)
DQ1~8
DATA IN STABLE
Note 3: Hatching indicates the state is "don't care". 4: Writing is executed while S2 high overlaps S1 and W low. 5: When the falling edge of W is simultaneously or prior to the falling edge of S1 or rising edge of S2, the outputs are maintained in the high impedance state. 6: Don't apply inverted phase signal externally when DQ pin is output mode.
MITSUBISHI ELECTRIC
6
'97.3.21
MITSUBISHI LSIs
M5M5V208FP,VP,RV,KV,KR
-70L-W , -85L -W, -10L-W , -12L-W , -70LL-W, -85LL-W, -10LL-W, -12LL-W
2097152-BIT (262144-WORD BY 8-BIT) CMOS STATIC RAM
POWER DOWN CHARACTERISTICS (1) ELECTRICAL CHARACTERISTICS
Symbol
Vcc (PD) VI (S1) VI (S2) Icc (PD)
(Ta = - 20 ~ 70C, unless otherwise noted)
Parameter
Power down supply voltage Chip select input S1 Chip select input S2 Power down supply current
Test conditions
Min 2 2.0
Limits Typ Max
Unit
V V V A
0.2
Vcc = 3.0V -L S2 0.2V or S1 Vcc - 0.2V,S2 Vcc - 0.2V -LL
0.3
50 8
(Note 7)
Note7: ICC (PD) = 0.5A (Max.) in case of Ta = +25C
(2) TIMING REQUIREMENTS
Symbol Parameter tsu (PD) Power down set up time trec (PD) Power down recovery time Test conditions
(Ta = - 20 ~ 70C, unless otherwise noted )
Min
0 5
Limits Typ Max
Unit
ns ms
(3) POWER DOWN CHARACTERISTICS S1 control mode
Vcc t su (PD)
2.2V 2.7V
2.7V
t rec (PD)
2.2V
S1
S1 Vcc - 0.2V
S2 control mode
Vcc S2
0.2V S2 0.2V
t su (PD)
2.7V
2.7V
t rec (PD)
0.2V
MITSUBISHI ELECTRIC
7


▲Up To Search▲   

 
Price & Availability of M5M5V208FP-10LL-W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X