Part Number Hot Search : 
C20T10Q UF4003S B14NK60Z UF4003S KE39A SCHIP DFLT17A MIC920
Product Description
Full Text Search
 

To Download LMMUN2110LT3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Bias Resistor Transistors
PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SOT-23 package which is designed for low power surface mount applications.
LMUN2111LT1 SERIES
3 1 2
SOT-23
* * * * *
Simplifies Circuit Design Reduces Board Space Reduces Component Count The SOT-23 package can be soldered using wave or reflow. The modified gull-winged leads absorb thermal stress during soldering eliminating the possibility of damage to the die. Available in 8 mm embossed tape and reel. Use the Device Number to order the 7 inch/3000 unit reel. Replace "T1" with "T3" in the Device Number to order the 13 inch/10,000 unit reel.
PIN 1 BASE (INPUT)
R1
PIN 3 COLLECTOR (OUTPUT)
R2
PIN 2 EMITTER (GROUND)
MARKINGDIAGRAM
A6x M
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100 Unit Vdc Vdc mAdc
A6x = Device Marking x M = A - L(See Page 2) = Date Code
DEVICE MARKING INFORMATION
See specific marking information in the device marking table on page 2 of this
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation TA = 25C Derate above 25C Thermal Resistance - Junction-to-Ambient Thermal Resistance - Junction-to-Lead Junction and Storage Temperature Range 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 inch Pad Symbol PD Max 246 (Note 1.) 400 (Note 2.) 1.5 (Note 1.) 2.0 (Note 2.) 508 (Note 1.) 311 (Note 2.) 174 (Note 1.) 208 (Note 2.) -55 to +150 Unit mW C/W C/W C/W C
data sheet.
RJA RJL TJ, Tstg
LMUN2111-1/8
LESHAN RADIO COMPANY, LTD.
LMUN2111LT1 Series
DEVICE MARKING AND RESISTOR VALUES
Device LMUN21110LT1 LMMUN2110LT3 LMUN2111LT1 LMMUN2111LT3 LMUN2112LT1 LMUN2112LT3 LMUN2113LT1 LMUN2113LT3 LMUN2114LT1 LMUN2114LT3 LMUN2115LT1 (Note 3.) LMUN2115LT3 LMUN2116LT1 (Note 3.) LMUN2116LT3 LMUN2130LT1 (Note 3.) LMUN2130LT3 LMUN2131LT1 (Note 3.) LMUN2131LT3 LMUN2132LT1 (Note 3.) LMUN2132LT3 LMUN2133LT1 (Note 3.) LMUN2133LT3 LMUN2134LT1 (Note 3.) LMUN2134LT3 Package SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 SOT-23 Marking A6O A6A A6B A6C A6D A6E A6F A6G A6H A6J A6K A6L R1 (K) 47 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 R2 (K) 8 10 22 47 47 8 8 1.0 2.2 4.7 47 47 Shipping 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel 3000/Tape & Reel 10,000/Tape & Reel
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Symbol Min Typ Max Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0) Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0) Emitter-Base Cutoff Current (V EB = 6.0 V, IC = 0) LMUN2110LT1 LMUN2111LT1 LMUN2112LT1 LMUN2113LT1 LMUN2114LT1 LMUN2115LT1 LMUN2116LT1 LMUN2130LT1 LMUN2131LT1 LMUN2132LT1 LMUN2133LT1 LMUN2134LT1 ICBO ICEO IEBO - - - - - - - - - - - - 50 50 - - - - - - - - - - - - 100 500 0.1 0.5 0.2 0.1 0.2 0.9 1.9 4.3 2.3 1.5 0.18 0.13 nAdc nAdc mAdc
Collector-Base Breakdown Voltage (IC = 10 A, IE = 0) Collector-Emitter Breakdown Voltage (Note 4.) (IC = 2.0 mA, IB = 0) 3. New devices. Updated curves to follow in subsequent data sheets. 4. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
V(BR)CBO V(BR)CEO
Vdc Vdc
LMUN2111-2/8
LESHAN RADIO COMPANY, LTD.
LMUN2111LT1 Series
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted) (Continued)
Characteristic ON CHARACTERISTICS (Note 5.) DC Current Gain (V CE = 10 V, IC = 5.0 mA ) LMUN2110LT1 LMUN2111LT1 LMUN2112LT1 LMUN2113LT1 LMUN2114LT1 LMUN2115LT1 LMUN2116LT1 LMUN2130LT1 LMUN2131LT1 LMUN2132LT1 LMUN2133LT1 LMUN2134LT1 hFE 80 35 60 80 80 160 160 3.0 8.0 15 80 80 140 60 100 140 140 250 250 5.0 15 27 140 130 - - - - - - - - - - - - 0.25 Vdc Symbol Min Typ Max Unit
Collector-Emitter Saturation Voltage (IC = 10 mA, IE = 0.3 mA) (IC = 10 mA, IB = 5 mA) LMUN2130LT1/LMUN2131LT1 (IC = 10 mA, IB = 1 mA) LMUN2115LT1/LMUN2116LT1/ LMUN2132LT1/LMUN2133LT1/LMUN2134LT1 Output Voltage (on) (V CC = 5.0 V, VB = 2.5 V, RL = 1.0 k) LMUN2110LT1 LMUN2114LT1 LMUN2111LT1 LMUN2112LT1 LMUN2114LT1 LMUN2115LT1 LMUN2116LT1 LMUN2130LT1 LMUN2131LT1 LMUN2132LT1 LMUN2133LT1 LMUN2134LT1 LMUN2113LT1
VCE(sat)
VOL
(V
CC =
5.0 V, VB = 3.5 V, RL = 1.0 k )
- - - - - - - - - - - - 4.9
- - - - - - - - - - - - -
0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 0.2 -
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k) (VCC = 5.0 V, VB = 0.25 V, RL = 1.0 k )
VOH
Vdc
(VCC
LMUN2115LT1 LMUN2116LT1 LMUN2131LT1 LMUN2132LT1 = 5.0 V, VB = 0.050 V, RL = 1.0 k ) LMUN2130LT1 LMUN2110LT1 LMUN2111LT1 LMUN2112LT1 LMUN2113LT1 LMUN2114LT1 LMUN2115LT1 LMUN2116LT1 LMUN2130LT1 LMUN2131LT1 LMUN2132LT1 LMUN2133LT1 LMUN2134LT1 R1 32.9 7.0 15.4 32.9 7.0 7.0 3.3 0.7 1.5 3.3 3.3 15.4 0.8 0.17 0.8 0.055 47 10 22 47 10 10 4.7 1.0 2.2 4.7 4.7 22 1.0 0.21 1.0 0.1 61.1 13 28.6 61.1 13 13 6.1 1.3 2.9 6.1 6.1 28.6 1.2 0.25 1.2 0.185 k
Input Resistor
Resistor Ratio LMUN2111LT1/LMUN2112LT1/LMUN2113LT1 LMUN2114LT1 LMUN2115LT1/LMUN2116LT1/LMUN2110LT1 LMUN2130LT1/LMUN2131LT1/LMUN2132LT1 LMUN2133LT1 5. Pulse Test: Pulse Width < 300 s, Duty Cycle < 2.0%
R1/R2
LMUN2111-3/8
LESHAN RADIO COMPANY, LTD.
LMUN2111LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS LMUN2111LT1
250 PD , POWER DISSIPATION (MILLIWATTS) 200 VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 75C 0.1 25C
150 100 50 0 -50 RJA = 625C/W
0
50
100
150
0.01
0
20
40
60
80
TA, AMBIENT TEMPERATURE (C)
IC, COLLECTOR CURRENT (mA)
Figure 1. Derating Curve
1000 h FE, DC CURRENT GAIN (NORMALIZED) VCE = 10 V 4
Figure 2. VCE(sat) versus IC
100
TA = 75C 25C -25C
Cob , CAPACITANCE (pF)
3
f = 1 MHz lE = 0 V TA = 25C
2
1
10
1
10 IC, COLLECTOR CURRENT (mA)
100
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
Figure 3. DC Current Gain
100
Figure 4. Output Capacitance
75C
25C TA = -25C
100 VO = 0.2 V Vin, INPUT VOLTAGE (VOLTS)
IC , COLLECTOR CURRENT (mA)
10 1
10
TA = -25C 25C 75C
0.1
1
0.01 0.001 0 1 2
VO = 5 V 3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS) 8 9 10
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 5. Output Current versus Input Voltage
Figure 6. Input Voltage versus Output Current
LMUN2111-4/8
LESHAN RADIO COMPANY, LTD.
LMUN2111LT1Series
TYPICAL ELECTRICAL CHARACTERISTICS LMUN2112LT1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 10 1000 h FE , DC CURRENT GAIN (NORMALIZED) IC/IB = 10 TA = -25C 25C 1 75C VCE = 10 V
TA = 75C 100
25C
-25C
0.1
0.01
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 7. VCE(sat) versus IC
Figure 8. DC Current Gain
4 IC , COLLECTOR CURRENT (mA) f = 1 MHz lE = 0 V TA = 25C
100
75C
25C TA = -25C
Cob , CAPACITANCE (pF)
3
10
1
2
0.1 VO = 5 V 0 1 2 3 4 5 6 7 8 9 10
1
0.01
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Vin, INPUT VOLTAGE (VOLTS)
Figure 9. Output Capacitance
Figure 10. Output Current versus Input Voltage
100 VO = 0.2 V Vin, INPUT VOLTAGE (VOLTS) TA = -25C 10 75C 25C
1
0.1
0
10
20
30
40
50
IC, COLLECTOR CURRENT (mA)
Figure 11. Input Voltage versus Output Current
LMUN2111-5/8
LESHAN RADIO COMPANY, LTD.
LMUN2111LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS LMUN2113LT1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 IC/IB = 10 TA = -25C 0.1 75C 1000 h FE , CURRENT GAIN (NORMALIZED) TA = 75C 25C 100 -25C
25C
0.01
0
10 20 30 IC, COLLECTOR CURRENT (mA)
40
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 12. VCE(sat) versus IC
1 I C , COLLECTOR CURRENT (mA) 0.8 Cob , CAPACITANCE (pF) 0.6 0.4 0.2 0 f = 1 MHz lE = 0 V TA = 25C 100 10 1 0.1 0.01
Figure 13. DC Current Gain
TA = 75C
25C -25C
VO = 5 V 0 1 2 3 4 5 6 7 8 9 10
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Vin, INPUT VOLTAGE (VOLTS)
Figure 14. Output Capacitance
Figure 15. Output Current versus Input Voltage
100 TA = -25C 10
VO = 2 V 25C 75C
Vin , INPUT VOLTAGE (VOLTS)
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 16. Input Voltage versus Output Current
LMUN2111-6/8
LESHAN RADIO COMPANY, LTD.
LMUN2111LT1 Series
TYPICAL ELECTRICAL CHARACTERISTICS LMUN2114LT1
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 1 hFE, DC CURRENT GAIN (NORMALIZED) IC/IB = 10 TA = -25C 25C 75C 180 160 140 120 100 80 60 40 20 0 1 2 4 6 8 10 15 20 40 50 60 70 IC, COLLECTOR CURRENT (mA) 80 90 100 VCE = 10 V 25C -25C TA = 75C
0.1
0.01
0.001
0
20 40 60 IC, COLLECTOR CURRENT (mA)
80
Figure 17. VCE(sat) versus IC
4.5 4 Cob , CAPACITANCE (pF) 3.5 3 2.5 2 1.5 1 0.5 0 0 2 4 6 8 10 15 20 25 30 35 40 VR, REVERSE BIAS VOLTAGE (VOLTS) 45 50 f = 1 MHz lE = 0 V TA = 25C 100
Figure 18. DC Current Gain
TA = 75C IC, COLLECTOR CURRENT (mA) -25C
25C
10
VO = 5 V 1 0 2 4 6 Vin, INPUT VOLTAGE (VOLTS) 8 10
Figure 19. Output Capacitance
Figure 20. Output Current versus Input Voltage
10 VO = 0.2 V V in , INPUT VOLTAGE (VOLTS)
+12 V TA = -25C 25C 75C
Typical Application for PNP BRTs
1
LOAD 0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 21. Input Voltage versus Output Current
Figure 22. Inexpensive, Unregulated Current Source
LMUN2111-7/8
LESHAN RADIO COMPANY, LTD.
LMUN2111LT1 Series
SOT-23
NOTES:
A L
3 1 2
1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH.
BS
DIM A B C D G H J K L S V
V
G
C D H K J
INCHES MIN MAX 0.1102 0.1197 0.0472 0.0551 0.0350 0.0440 0.0150 0.0200 0.0701 0.0807 0.0005 0.0040 0.0034 0.0070 0.0140 0.0285 0.0350 0.0401 0.0830 0.1039 0.0177 0.0236
MILLIMETERS MIN MAX 2.80 3.04 1.20 1.40 0.89 1.11 0.37 0.50 1.78 2.04 0.013 0.100 0.085 0.177 0.35 0.69 0.89 1.02 2.10 2.64 0.45 0.60
PIN 1. BASE 2. EMITTER 3. COLLECTOR
0.037 0.95
0.037 0.95
0.079 2.0 0.035 0.9 0.031 0.8
inches mm
LMUN2111-8/8


▲Up To Search▲   

 
Price & Availability of LMMUN2110LT3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X