Part Number Hot Search : 
BUZ80 01901 IRF747 DG182BA 2SB798 F030M10 FXP7000 6EBF4
Product Description
Full Text Search
 

To Download KV1555NT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KV1555NT
VARIABLE CAPACITANCE DIODE FEATURES
s s s s Very Low Operating Voltage (1 to 4.5 V) Excellent Linearity (CV Curve) Large Capacitance Ratio (A = 16.5 minimum) Two Diodes in a 3 Lead Through-Hole Discrete Package (TO92-3) s Very Small Capacitance Deviation at Tape/Reel
APPLICATIONS
s AM Radio s Voltage Controlled Oscillator
DESCRIPTION
The KV1555NT variable capacitance diode was specially developed for use as tuning elements in car radios, radio cassettes, and other consumer radios. Single package construction includes an antenna and oscillating tuning element. The KV1555NT is available in a TO92-3 package.
CLASSIFICATION
RANK C MIN C1 MAX 1 400.00 419.00 2 413.00 432.00 3 426.00 445.00
(Unit: pF)
4 439.00 458.00
KV1555NT
15 0
ORDERING INFORMATION
1
2
3
KV1555NT
Note: The KV1555NT is supplied on folded paper tape (25 pieces per fold), 1500 pcs per box.
August 1999 TOKO, Inc.
Page 1
KV1555NT
ABSOLUTE MAXIMUM RATINGS
Reverse Voltage ....................................................... 30 V Storage Temperature Range ................... -55 to +150 C Forward Current .................................................... 50 mA Operating Temperature Range ...................-55 to +85 C Power Dissipation .............................................. 100 mW Lead Soldering Temperature (10 s) ...................... 235 C
ELECTRICAL CHARACTERISTICS
Test conditions: TA = 25 C
SYMBOL V REV IREV C1 C4.5 C1.0 C3.0 C4.5 Q A Quality Factor Capacitance Ratio Capacitance Tolerance (Note 2) PARAMETER Reverse Voltage Reverse Current Diode Capacitance 1 Diode Capacitance 4.5 TEST CONDITIONS IREV = 10 A VREV = 15.0 V VREV = 1.0 V, f = 1 MHz VREV = 4.5 V, f = 1 MHz VREV = 1.0 V, f = 1 MHz VREV = 3.0 V, f = 1 MHz VREV = 4.5 V, f = 1 MHz VREV = 1.0 V, f = 1MHz C 1 / C4.5 200 16.50 18.30 20.00 400.00 21.00 MIN 20 50 429.00 458.00 23.50 26.00 2.0 3.0 3.0 TYP MAX UNITS V nA pF pF % % %
Note 1: Diode Capacitance measured with HP 4279A or equivalent instruments (at OSC level 20 mVrms, 5 mVrms). Note 2: C = Cmax (D1, D2) - Cmin (D1, D2) Cmin (D1, D2) X 100 *D1, D2: Please refer to the Pin Layout shown below.
Symbol Diode 1 Diode 2 D1 D2
Anode Pin 1 3
Cathode Pin 2 2
Page 2
August 1999 TOKO, Inc.
KV1555NT
TYPICAL PERFORMANCE CHARACTERISTICS
CAPACITANCE AND QUALITY FACTOR vs. REVERSE VOLTAGE TA = 25 C f = 1 MHz CAPACITANCE (pF)
REVERSE CURRENT vs. REVERSE VOLTAGE 1000 1n TA = 85 C
1000
IREV (A)
100 p
TA = 55 C
100
100
Q
10 p
TA = 25 C
10
0
1
2 VREV (V)
3
4
10
1p 0
2
4
6
8
10
12
14 16
VREV (V)
1.16 1.12 1.08
C (25 C)
C (TA) vs. REVERSE VOLTAGE C (25 C) f = 1 MHz
TEMPERATURE COEFFICIENT vs. REVERSE VOLTAGE TA = -55 C to +85 C f = 1 MHz
1.04 1.00 0.96 0.92 0.88 0.84 0 1 2 VREV (V) 3 4 +25 C -15 C -55 C
C / TA (ppm/ C)
TA = +85 C
+55 C
3000 1000
C (TA)
300 100 0 1 2 VREV (V) 3 4
August 1999 TOKO, Inc.
Page 3
KV1555NT
PACKAGE OUTLINE
R2.3
T092-3
3.6 4.6 Mark 1.3
Marking Information
Product Code 555
AAA YYY
Lot No. 4.6 16.0
0.5
0.46
0.15 0.5
3.0
0.5
0.25
M 1
e 2.5 2
e 2.5 3
0.38
0.15 0.5
(18.0
1.0 0.5
)
(9.0
0.5 )
Tape
Dimensions are shown in millimeters Tolerance: x.x = 0.2 mm (unless otherwise specified)
Toko America, Inc. Headquarters 1250 Feehanville Drive, Mount Prospect, Illinois 60056 Tel: (847) 297-0070 Fax: (847) 699-7864
TOKO AMERICA REGIONAL OFFICES
Midwest Regional Office Toko America, Inc. 1250 Feehanville Drive Mount Prospect, IL 60056 Tel: (847) 297-0070 Fax: (847) 699-7864 Western Regional Office Toko America, Inc. 2480 North First Street , Suite 260 San Jose, CA 95131 Tel: (408) 432-8281 Fax: (408) 943-9790 Eastern Regional Office Toko America, Inc. 107 Mill Plain Road Danbury, CT 06811 Tel: (203) 748-6871 Fax: (203) 797-1223 Semiconductor Technical Support Toko Design Center 4755 Forge Road Colorado Springs, CO 80907 Tel: (719) 528-2200 Fax: (719) 528-2375
Visit our Internet site at http://www.tokoam.com
The information furnished by TOKO, Inc. is believed to be accurate and reliable. However, TOKO reserves the right to make changes or improvements in the design, specification or manufacture of its products without further notice. TOKO does not assume any liability arising from the application or use of any product or circuit described herein, nor for any infringements of patents or other rights of third parties which may result from the use of its products. No license is granted by implication or otherwise under any patent or patent rights of TOKO, Inc.
Page 4
(c) 1999 Toko, Inc. All Rights Reserved IC-xxx-KV1471E 0798O0.0K
August 1999 TOKO, Inc.
Printed in the USA


▲Up To Search▲   

 
Price & Availability of KV1555NT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X