Part Number Hot Search : 
20017TS PE9209 1N646108 MAX520 MAX548 BXMF1011 MP4411 SG7805AT
Product Description
Full Text Search
 

To Download KDV214 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
TV TUNING. FEATURES
High Capacitance Ratio : C2V/C25V=6.5(Typ.) Low Series Resistance : rS=0.4Y (Typ.) Excellent C-V Characteristics, and Small Tracking Error. Useful for Small Size Tuner.
KDV214
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
CATHODE MARK
B 1
G
K
A
H
E
2 D
J C I
MAXIMUM RATING (Ta=25... )
CHARACTERISTIC Reverse Voltage Peak Reverse Voltage Junction Temperature Storage Temperature Range SYMBOL VR VRM Tj Tstg RATING 30 35 (RL=10kY ) 125 -55125 UNIT V V ... ...
M M
DIM A B C D E F G H I J K L M
MILLIMETERS _ 2.50 + 0.1 _ 1.25 + 0.05 _ 0.90 + 0.05 0.30+0.06/-0.04 _ 1.70 + 0.05 MIN 0.17 _ 0.126 + 0.03 0~0.1 1.0 MAX _ 0.15 + 0.05 _ 0.4 + 0.05 2 +4/-2 4~6
1. ANODE 2. CATHODE
USC
ELECTRICAL CHARACTERISTICS (Ta=25... )
CHARACTERISTIC Reverse Voltage Reverse Current Capacitance Capacitance Capacitance Ratio Series Resistance SYMBOL VR IR C2V C25V C2V/C25V rS VR=5V, f=470MHz IR=1*IA VR=28V VR=2V, f=1MHz VR=25V, f=1MHz TEST CONDITION MIN. 30 14.16 2.11 5.90 TYP. 6.50 0.4 MAX. 10 16.25 2.43 7.15 0.55 UNIT V nA pF pF Y
Note : Available in matched group for capacitance to 2.5%. C(Max.)-C(Min.) Z0.025 C(Min.) (VR=2~25V)
Marking
Type Name
UO
2002. 6. 14
Revision No : 2
F
L
1/2
KDV214
C V - VR
100 CAPACITANCE CV (pF) 50 30 SERIES RESISTANCE r S ()
f=1MHz Ta=25 C
r s - VR
0.8
f=50MHz Ta=25 C
0.6
10 5 3
0.4
0.2
1
0
4
8
12
16
20
24
28
0
1
3
5
10
30
REVERSE VOLTAGE V R (V)
REVERSE VOLTAGE V R (V)
rS - f
C (%) 0.8 SERIES RESISTNACE rS ()
VR=5V Ta=25 C
C - Ta
3
f=1MHz
CAPACITANCE CHANGE RATIO
0.6
2 1 0 -1 -2 -40
VR=2V 14 20 25
0.4
0.2
0 50 100 300 FREQUENCY f (MHz) 500 1K
-20
0
20
40
60
80
AMBIENT TEMPERATURE Ta ( C) C(Ta)-C(25) C(25)
NOTE :
C=
x 100
2002. 6. 14
Revision No : 2
2/2


▲Up To Search▲   

 
Price & Availability of KDV214

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X