Part Number Hot Search : 
MSC7166 HD74AC86 IRHG8214 5113A AD7533LP SR504 CX16245M W24LH8
Product Description
Full Text Search
 

To Download KDV1472 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
FM RADIO BAND TUNING APPLICATION. FEATURES
High Capacitance Ratio : C1V/C5V=5.0(Min.) Excellent C-V Characteristics. Variations of Capacitance Values is Little. Small Package.
KDV1472
VARIABLE CAPACITANCE DIODE SILICON EPITAXIAL PLANAR DIODE
CATHODE MARK
B 1
G
K
E
A
H
2 D
J C I
MAXIMUM RATING (Ta=25
CHARACTERISTIC Reverse Voltage Junction Temperature Storage Temperature Range
)
SYMBOL VR Tj Tstg RATING 16 150 -55 150 UNIT V
M M
DIM A B C D E F G H I J K L M
MILLIMETERS _ 2.50 + 0.1 _ 1.25 + 0.05 _ 0.90 + 0.05 0.30+0.06/-0.04 _ 1.70 + 0.05 MIN 0.17 _ 0.126 + 0.03 0~0.1 1.0 MAX _ 0.15 + 0.05 _ 0.4 + 0.05 2 +4/-2 4~6
1. ANODE 2. CATHODE
USC
GRADE A B C CAPACITANCE(CIV) 30.16~33.63 33.30~37.13 36.77~40.99 pF UNIT
Marking
Type Name
Grade
B
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC Reverse Voltage Reverse Current Capacitance Capacitance Ratio Series Resistance SYMBOL VR IR C1V C4.5V K rS TEST CONDITION IR=10 A VR=10V VR=1V, f=1MHz VR=4.5V, f=1MHz C1V/C5V, f=1MHz VR=1.5V, f=100MHz MIN. 16 30.16 6.2 5.0 TYP. 35.60 7.7 0.8 MAX. 50 40.99 pF 9.2 1.0 UNIT V nA
2002. 6. 25
Revision No : 2
F
L
1/2
KDV1472
C - VR
100
f=1MHz Ta=25 C
I R - VR
1n REVERSE CURRENT I R (A)
Ta=85 C
CAPACITANCE C (pF)
50 30
100p 10p 1p 100f 10f
Ta=55 C
Ta=25 C
10
5 0 1 2 3 4 5
0
2
4
6
8
10
12
14
16
REVERSE VOLTAGE VR (V)
REVERSE VOLTAGE VR (V)
QR - V
500
Ta=25 C
rs - f
1 SERIES RESISTANCE r s ()
VR=1.5V Ta=25 C
300 FIGURE OF MERIT Q
z MH f=50 Hz 0M f=7 MHz 00 f=1
100 50 30
0.7
10 0 1 2 3 4 5
0.5
20
50
100
300
500
1K
REVERSE VOLTAGE VR (V)
FREQUENCY f (MHz)
C(Ta)/C(25 C) - VR (V)
1.08 VARIATION OF CAPACITANCE C(Ta)/C(25 C) 1.06 1.04
Ta=55 C
(ppm/ C) - V R
1k VARIATION OF CAPACITANCE (ppm/ C)
f=1MHz
Ta=85 C
700 500 300
1.02
1
0.98 0.96 0.94 0.92 0 1 2
Ta=25 C Ta=-15 C Ta=-55 C
f=1MHz Ta=-55 C~+85 C
100 3 4 5 0 1 2 3 4 5
REVERSE VOLTAGE VR (V)
REVERSE VOLTAGE VR (V)
2002. 6. 25
Revision No : 2
2/2


▲Up To Search▲   

 
Price & Availability of KDV1472

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X