Part Number Hot Search : 
203EEY B1043 BC51PA 220M06 AD585SQ KIA7733 CHIPS P16NE
Product Description
Full Text Search
 

To Download KBU603 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
RS601 - RS607 KBU601 - KBU607
6.0A 6.0A BRIDGE RECTIFIERS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25C ambient temperature unless otherwise specified. Single phase,half wave, 60Hz,resistive or inductive load. For capacitive load,derate current by 20%.
TYPE
Maximum Peak Reverse Voltage PRV V PK
Maximum Maximum Average Forward Peak Forward Surge Current Output @ 8.3ms Current @TA=70C Superimposed I
O
Maximum DC Forward Voltage drop per element at IF =3.0ADC VF VPK
Maximum DC Reverse Current at rated DC Blocking Voltage per element IR 25CTA ADC 125CTA ADC
Operating Junction Temperature
Package Dimensions
IFM (Surge) A PK
TJ C
A AV
RS601 RS602 RS603 RS604 RS605 RS606 RS607
KBU601 KBU602 KBU603 KBU604 KBU605 KBU606 KBU607
50 100 200 400 600 800 1000
6.0
200
1.1
10
500
125
RS - 6
.935(23.7) .895(22.7)
.15 .23L 13.8 5.7L HOLE THRU .15 .300 (7.5) .780(19.8) .740(18.8)
.700(17.8) .600(16.8)
1.00 MIN (25.4) .052(1.3) DIA .048(1.2) .220(5.6) .180(4.6)
.079(2.0) .087(2.2)
.280(7.1) .268(6.8)
RS - 6
10C-1/2
LESHAN RADIO COMPANY, LTD.
RS601-RS607 KBU601-KBU607 BRIDGE RECTIFIERS RATING AND CHARACTERISTIC CURVES
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE FIG. 2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
AVERAGE FORWARD OUTPUT CURRENT AMPERES
6
PEAK FORWARD SURGE CURRENT.AMPERES
250 225 200 175 150 125 100 75 1 2 5 10 20 50 100 TJ = 25C 8.3ms Single Sine-Wave
4
2
MOUNTES ON 4:4 INCH CPUFER PC BOARD 0.5"(12.7mm) Lead length
0 0 50 100 150
AMBIENT TEMPERATURE.C
NUMBER OF CYCLES AT 60Hz
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD PER BRIDGE ELEMENT
100
INSTANTANEOUS FORWARD CURRENT AMPERES
INSTANTANEOUS REVERSE CURRENT MICROAMPERES
100
40 20 10 4.0 2.0 1.0
TC = 100C
10
1.0 TA = 25C
0.4 0.2 0.1 6 7 8 9
TJ = 25C 8.3ms Single Sine-Wave
.1 20 40 60 80 100 120 140
10
11
12
13
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
INSTANTANEOUS FORWARD VOLTAGE.VOLTS
10C-2/2


▲Up To Search▲   

 
Price & Availability of KBU603

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X