Part Number Hot Search : 
M62337P 1616A 10000 BPC3502 AA118 80C49 P6KE27 AA118
Product Description
Full Text Search
 

To Download HV3-2405E-5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
HV-2405E
World-Wide Single Chip Power Supply
Description
The HV-2405E is a single chip off line power supply that converts world wide AC line voltages to a regulated DC voltage. The output voltage is adjustable from 5VDC to 24VDC with an output current of up to 50mA. The HV-2405E can operate from input voltages between 15Vrms and 275Vrms as well as input frequencies between 47Hz to 200Hz (see Table 1 in section titled "Minimum Input Voltage vs Output Current" for details). The wide input voltage range makes the HV-2405E an excellent choice for use in equipment which is required to operate from either 240V or 120V. Unlike competitive AC-DC convertors, the HV-2405E can use the same external components for operation from either voltage. This flexibility in input voltage, as well as frequency, enables a single design for a world wide supply. The HV-2405E has a safety feature that monitors the incoming AC line for large dv/dt (i.e. random noise spikes on AC line, initial power applied at or near peak line voltage). This inhibit function protects the HV-2405E, and subsequent circuitry, by turning off the HV-2405E during large dv/dt transients.This feature is utilized to ensure operation within the SOA (Safe Operating Area) of the HV-2405E. The HV-2405E can be configured to work directly from an electrical outlet (see Figure 1) or imbedded in a larger system (see Figure 7). Both application circuits have components that will vary based on input voltage, output current and output voltage. It is important to understand these values prior to beginning your design.
April 1994
Features
* Direct AC to DC Conversion * Wide Input Voltage Range. . . . . . . . . .15Vrms-275Vrms * Dual Output Voltages Available * Output Current . . . . . . . . . . . . . . . . . . . . . . . up to 50mA * Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 5V to 24V * Line and Load Regulation . . . . . . . . . . . . . . . . . . . . <2% * UL Recognition, File # E130808
Applications
* Power Supply for Non-Isolated Applications * Power Supply for Relay Control * Dual Output Supply for OFF-LINE Motor Controls * Housekeeping Supply for Switch-Mode Power Supplies
Ordering Information
PART NUMBER HV3-2405E-5 HV3-2405E-9 TEMPERATURE RANGE 0oC to +75oC -40oC to +85oC PACKAGE 8 Lead Plastic DIP 8 Lead Plastic DIP
CAUTION: This Product Does Not Provide Isolation From The AC line. See "General Precautions". Failure to use a properly rated fuse may cause R1 to reach dangerously High Temperature or Cause the HV-2405E to Crack or Explode.
Pinout
HV-2405E (PDIP) TOP VIEW
Functional Diagram
SWITCHING PRE-REGULATOR AC HIGH R1 8 5 DA1 SA1 DA2 LINEAR POST-REGULATOR Q1
6
AC RETURN 1 PRE-REG 2 CAP (C2) GND 3 INHIBIT 4
8 AC HIGH FUSE 7 NC 6 VOUT 5 VSENSE C1
VOUT
RA4
HV-2405E + RB11
SENSE
RA5 4 RB10 DA3 ZA1 SA2 BANDGAP REFERENCE (1, 3) AC RETURN VOUT (1, 3) C2 CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper I.C. Handling Procedures. Copyright 2 AC RETURN
(c) Harris Corporation 1992
File Number
2487.5
5-15
Specifications HV-2405E
Absolute Maximum Ratings
Voltage Between Pin 1 and 8, Peak . . . . . . . . . . . . . . . . . . . . . . . . 500V Voltage Between Pin 2 and 6 . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V Input Current, Peak . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2A Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100mA Output Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34V
Thermal Information
Thermal Resistance JA Plastic DIP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC/W Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +150oC Storage Temperature Range. . . . . . . . . . . . . . . . . . -65oC to +150oC
CAUTION: Stresses above those listed in "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
Unless Otherwise Specified: VIN = 264Vms at 50Hz, C1 = 0.05F, C2 = 470F, C4 = 1F, VOUT = 5V, IOUT = 50mA, Source Impedance R1 = 150. Parameters are Guaranteed at the Specific VIN and Frequency Conditions, Unless Otherwise Specified. See test circuit for Component Location. HV-2405E-5/-9
PARAMETER Output Voltage (At Preset 5V)
CONDITIONS VREF = 0VDC
TEMP +25oC Full
MIN 4.75 4.65 22.8 22.32 50 -
TYP 5.0 5.0 24.0 24.0 10 15 24 70 0.02 2
MAX 5.25 5.35 25.2 25.68 20 40 20 40 -
UNITS V V V V mV mV mV mV mA mV mA %/oC mA
Output Voltage (At Preset 24V)
VREF = 19VDC
+25oC Full
Line Regulation
80Vrms to 264Vrms
+25oC Full
Load Regulation
(IOUT = 5mA to 50mA)
+25oC Full
Output Current Output Ripple (Vp-p) Short Circuit Current Limit Output Voltage TC Quiescent Current Post Regulator 11VDC to 30VDC on Pin 2
Full Full Full Full +25oC
Test Circuit
+ R1 150 7 NC +
8 6 5
VREF
FILTER NETWORK AUTOMATIC TEST EQUIPMENT DUT TEST SIGNALS SHOULD BE FILTERED TO PRECLUDE TRANSIENTS TO LESS THAN 10V/s C1 0.05F 1 2 3 4
VOUT C4 1F
C2 470F
C3 150pF
-
5-16
HV-2405E Application Information
C1 0.1F OPERATING CONDITIONS VIN = 50Vrms TO 275Vrms FREQUENCY = 50Hz to 60Hz IOUT = 0mA to 50mA VOUT = 5V + VZI C2 470F R1 100 FUSE AC HIGH
1 2 HV-2405E 3 4 2N2222 R6 5.6K Z2 1N5231A R5 3.3K C5 0.047 F R4 5.6K
8 7 6 Z1 5
C3 20pF
R2 220K
AC RETURN
VOUT C4 10F
R3 3.9K
COMPONENT LIST FUSE = 1/ 4A R1 = 100, 5W R2 = 220k, 1W R3 = 3.9k, 1/4W R4 = 5.6k, 1/ 4W R5 = 3.3, 1/ 4W R6 = 5.6k, 1/4 W C1 = 0.1F, AC RATED C2 = 470F, 15V + VOUT , ELECTROLYTIC C3 = 20pF, CERAMIC C4 = 10F, VOUT + 10V, ELECTROLYTIC C5 = 0.047F, 10V Z1 = VOUT - 5V, 1/4W Z2 = 5.1V, 1N5231/A OR EQUIVALENT Q1 = 2N2222 OR EQUIVALENT
FIGURE 1. OFF LINE WORLD-WIDE SUPPLY (IOUT 50mA)
Off line World Wide Supply (IOUT 50mA) Figure 1 shows the recommended application circuit for an off line world wide supply. The circuit will deliver an output voltage of 5V to 24V and an output current from 0 to 50mA. The value of C2 can be reduced for applications requiring less output current (see section titled "Optimizing Design" for details). For a basic understanding of the internal operation of the HV-2405E reference section titled "How the HV-2405E Works". The following is a detailed explanation of this application circuit: Basic Operation When the input voltage goes positive an internal switch connects pin 8 to pin 2 allowing current to flow through R1 to charge up C2. When the voltage on C2 reaches a predetermined voltage the switch opens and the charging of C2 stops. R1 limits the input current and along with C1 provides a snubber for the internal switch. A linear regulator takes current from C2 further regulating the voltage and limiting the ripple at pin 6. The voltage at pin 6 is equal to VZ1 +5V. The linear regulator also provides output current limiting. The capacitor C4 on pin 6 is required for stability of the output. Input Current Limiting Circuit The external components in the shaded area of Figure 1 perform two functions. The first is to shut down the HV-2405E in the presences of a large voltage transients and the second is to provide input current limiting. Resistors R2, R3 and capacitor C3 monitor the input voltage and turn on Q1 which shuts down the HV-2405E when the input voltage or the dv/dt is too large. This network anticipates the voltage applied to pin 8, since R1 and C1 add several micro seconds delay, and turns off the HV-2405E when a predetermined input voltage is exceeded. The difference between R3/C3 and R1/C1 time constants ensures that the HV-2405E internal switch opens before the voltage, and thereby the input current, is allowed to rise to a dangerous level at pin 8.The input voltage at which the HV-2405E is turned off, is dependent upon the voltage on C2. The higher the voltage on C2 the larger the input current that the HV2405E can safely turn off. For a detailed explanation of why the voltage on C2 determines the maximum input current that the HV-2405E can safely turn off, reference "Start-up" in section titled "How the HV-2405E Works". Input current limiting is provided when the voltage at the base of Q1 forward biases the base to emitter junction, turning off the internal switch. The voltage required at the base to turn on Q1 increases as the voltage on C2 increases the emitter voltage. When the voltage on C2 is >10V, the emitter voltage is held constant by Z2 and the maximum input current is set by resistors R2, R3, R4 and R5 (see section titled "Design Equations" for more details). Operation The circuit in Figure 1 ensures operation within the SOA of the HV-2405E by limiting the input current to <500mA when the voltage on C2 equals zero and <2A when the voltage on
5-17
HV-2405E Application Information
(Continued)
C2 is greater than 10V. The circuits operation is illustrated in Figure 2 and Figure 3. In Figure 2 the initial current pulse is approximately 400mA when VC2 = 0V and gradually increases to approximately 1.8A when C2 = 10V. Also notice that after the 17th line cycle the input current is approximately 1.4A. At this point C2 is fully charged. The input current required to maintain the voltage on C2 is less than the current to charge it and the circuit has reached steady state operation. Since the steady state current is less than the input current limit, the circuit in the shaded area is off and no longer has any effect.
OFFLINE WORLD-SIDE SUPPLY IOUT = 50mA
Design Equations for Input Current Limiting
Initial Start-Up Assume: VC2 = 0V, R1 = 100, R2 = 220k, R3 = 3.9k, R4 = 5.6k, R5 = 3.3k, R6 = 5.6k, VBE = 0.54V, ITRIG = 60A, VPin 8 - VPin 2 = 3.5V at low inputs currents. VIN1 = Voltage on AC high when input current limit circuit is invoked (VC2 = 0V)
IIN(min) = VIN1 = VIN1 - VPin 8 - VPin 2 R1 R2 + R3 R3 42.84 - 3.5 100 (VBE + R4 (R5 + R6) R4 + R5 + R6 x ITRIG) (EQ 1) (EQ. 2) (EQ. 3) (EQ. 4)
VIN1 = 57.41 (0.54 + 3.437k x 60A) = 42.84V
VIN = 264Vrms (500V/DIV)
IIN(min) =
= 393mA
Equation 1 through Equation 4, for the given assumptions, predict that the initial input current will be limited to 393mA.
INPUT CURRENT (1A/DIV) IP 0.8A
The following equations can be used to predict the maximum input current during start-up. Assume: VC2 > 10V, R1 = 100, R2 = 220k, R3 = 3.9k, R4 = 5.6k, R5 = 5.6k, R6 = 3.3k, VBE = 0.54V, ITRIG = 60A, VZ = 5.1V, VPin 8 - VPin 2 = 6V at high inputs currents, VPin 2 - VPin 6 , VIN2 = Voltage on AC high when input current circuit is invoked (VC2 > 10V).
IIN(max) = VIN2 = VIN2 - VOUT - (VPin 8 - VPin 2) - (VPin 2 - VPin 6) R1 R2 + R3 R3 (VBE + R4 R5 R4 + R5 x ITRIG + R4 R4 + R5 (EQ. 5) VZ2 (EQ. 6) (EQ. 7) (EQ. 8) (EQ. 9)
VC2 (10V/DIV)
C2 FULLY CHARGED
VOUT (5V/DIV)
TIME (50ms/DIV)
FIGURE 2. START UP OPERATION
Under short circuit operation the maximum voltage on pin 2 is less than 10V and the input current limiting circuit is invoked. Figure 3 shows that under output short circuit conditions, the input current is limited to about 800mA. The effects on the output current when the input current limiting circuit is invoked is illustrated in Figure 6.
OFFLINE WORLD-WIDE SUPPLY
VIN2 = 57.41 [0.54 + (2.076k x 60A) + (0.6292 x 5.1)] IIN(max) = IIN(max) = 222 - VOUT -6 -6 100 222 - VOUT -6 -6 100 = 2.05A at VOUT = 5V = 1.86A at VOUT = 24V
VIN = 264Vrms (500V/DIV)
Equation 5 through Equation 9 predict the maximum input current will be limited to less than 2.05A. In practice at 5V operation the current is less than predicted due to the low bias current through Z2. Setting The Output Voltage The circuit shown in Figure 1 provides a regulated 5V to 24V DC and is set by adjusting the value of Z1. The output voltage of the HV-2405E (pin 6) is set by feedback to the sense pin (pin 5). The output will rise to the voltage necessary to keep the sense pin at 5V. The output voltage is equal to the Zener voltage (VZ1) plus the 5V on the sense pin. For a 5V output, pin 5 and pin 6 would be shorted together. The output voltage has the accuracy and tolerance of both the Zener diode and the band-gap of the HV-2405E (see Figure 16). The maximum output voltage is limited by ZB2 to 34VDC. ZB2 protects the output by ensuring that an overvoltage condition does not exist. Note: the output voltage can also be set by placing a resistor (1/4W) between pin 5 and pin 6. If a resistor is placed between pin 5 and pin 6 an additional 1V per k (10%) is added to the 5V output.
INPUT CURRENT (1A/DIV) IP 0.8A
VC2 (10V/DIV)
VOUT (5V/DIV)
TIME (50ms/DIV)
FIGURE 3. SHORT CIRCUIT OPERATION
5-18
HV-2405E Application Information
(Continued) NOTE: Under short circuit conditions the PD in R1 decreases to 1.2W Due to fold back current limiting (IOUT = 20mA, Reference Figure 6).
OFFLINE WORLD-WIDE SUPPLY (R1 = 100) 6 5 POWER DISSIPATION (W) 4 3 2 1 0 0 10 20 30 40 LOAD CURRENT (mA) 50 240Vrms
Optimizing Design (World-Wide Supply)
Selecting the Storage Capacitor C2 For applications requiring less than 50mA or the full input voltage range, the value of C2 can be reduced for a more cost effective solution. The minimum C2 capacitor value is determined by the intersection between the maximum input voltage and the output current curve in Figure 4. (Note, for 50Hz operation see Figure 19 in section titled "Typical Performance Curves".) Advantages of making C2 as small as possible are: * Reduced total size and cost of the circuit. * Reduced start up time. Consideration should be given to the tolerance and temperature coefficient of the C2 value selected. (Note; momentary peak output current demands should be considered in the sizing of C2. Increasing the output capacitor C4 is another way to supply momentary peak current demands.)
OFFLINE WORLD-WIDE SUPPLY 275 35mA 240 INPUT VOLTAGE (Vrms) 210 180 150 120 90 60 30 0 0 75 100 220 330 C2 (F) 470 25mA 50mA 10mA
120Vrms
FIGURE 5. POWER DISSIPATION IN R1 vs LOAD CURRENT
Operation Information
Effects of Temperature on Output Current: Figure 6 shows the effects of temperature on the output current for the circuit shown in Figure 1. Figure 6 illustrates operation with the output configured for 5V. Temperature effects on the output current for VOUT = 24V operation is similar. The foldback current limiting is the result of reduced voltage on C2. The circuit delivers 50mA output current across the specified temperature range of -40oC to +85oC for all output voltages between 5V and 24V. The effect of decreasing the value of C2 (470F) reduces the maximum output current (i.e. moves curve to the left). For all C2 values selected from Figure 4 (assuming tolerance and temperature coefficient are taken into account) the circuit meets the expected output current across the above mentioned temperature range.
OFFLINE WORLD-WIDE SUPPLY 5 +85oC
FIGURE 4. MINIMUM C2 VALUE vs INPUT VOLTAGE
The following example illustrates the method for determining the minimum C2 value required: EXAMPLE Requirements: VOUT = 5V to 24V, IOUT = 35mA, VIN(max) = 120Vrms, 60Hz.
OUTPUT VOLTAGE (V)
For the given conditions, the minimum C2 value (from Figure 4) is determined to be 220F. Determining the Power Dissipation in R1 Circuit efficiency is limited by the power dissipation in R1. The power dissipation for 240Vrms and 120Vrms is shown in Figure 5. For input voltages other than 240Vrms or 120Vrms equation 10 can be used to determine the power dissipation in R1.
Pd = 2.8
4
3
+25oC
2 -40oC 1
R1 Vrms (IOUT)3
(EQ. 10)
0 10 20 30 40 50 60 70 80 OUTPUT CURRENT (mA) 90 100
Example: R1 = 100, Input Voltage = 240Vrms, IOUT = 50mA, PD = 4.8W
FIGURE 6. OUTPUT CURRENT vs TEMPERATURE
5-19
HV-2405E Application Information
Minimum Input Voltage vs IOUT Table 1 shows the minimum input voltage range as a function of output current. Notice that the HV-2405E can deliver 5V at 10mA from a source voltage as little as 15Vrms and requires a minimum of 50Vrms to deliver 24V at 50mA.
TABLE 1. MINIMUM INPUT VOLTAGE vs OUTPUT CURRENT IOUT VOUT 5V 24V 10mA 15Vrms 31Vrms 25mA 21Vrms 38Vrms 35mA 25Vrms 41Vrms 50mA 30Vrms 50Vrms
(Continued) Recommended value = 470F electrolytic (20%), unless otherwise specified. C3 Feed Forward Capacitor C3 is part of the input Current limiting circuitry shown in Figure 1. C3 detects large voltage transients on the AC line and turns off the HV-2405E by turning Q1 on. C3 = 20pF (20%), breakdown voltage >500V. C4 Output Filter Capacitor C4 is required to maintain the stability of the output stage. Larger values may help in supplying short momentary current peaks to the load and improve output ripple during start-up. C4 = 10F (20%) Z1 Output Voltage Adjust Z1 is used to set the output voltage above the 5V reference on pin 5 (see section titled "Setting The Output Voltage" for more details). Z1= VOUT - 5V,1/4W. V2 valve at 1mA. Note, the wattage rating is different when configured as a dual supply (see dual supply section for on how to determine wattage). Z2 Clamp Diode Z2 clamps the voltage on Q1s emitter when the voltage on C2 >10V. This results in limiting the maximum input current to less than 2A. Z2 = 5.1V, 1N5231A or equivalent Q1 Input Current Limiting Transistor Q1 shuts down the HV-2405E when the input voltage or dv/dt is too large. VCEO = 40V min. Q1 = 2N2222 or equivalent
Component List (World Wide Supply <50mA)
Fuse Opens the connection to the power line. Recommended value: 1/4AG R1 Source Resistor R1 limits the input current into the HV-2405E. Needs to be large enough to limit inrush current when C2 is discharged fully. The maximum inrush current needs to be limited to less than 2A (V peak / R1 <2A). The equation for power dissipation in R1 is:
Pd = 2.8
R1 Vrms (IOUT)3
(EQ. 10)
Wirewound resistors are recommended due to their superior temperature characteristics. R1 = 100 (10%) R2, R3, R4, R5 and R6 Resistors R2, R3, R4, R5 and R6 set the bias level for Q1 that establishes the minimum and maximum input current limit during start-up. Resistor values (5%):
R2 = 220k, 1W R3 = 3.9k, 1/4W R4 = 5.6k, 1/4W R5 = 3.3k, 1/4W R6 = 5.6k, 1/4W
Imbedded Supply (IOUT 30mA)
+ FUSE R1 150 7 NC
8
6
5
VOUT
C1 Snubber Capacitor C1 and R1 form a low pass filter that limits the voltage rate of rise across SA1 (the main current carrying SCR of the HV-2405E) and therefore its power dissipation. C1 = 0.1F (10%) AC rated, metallized polyester. C2 Pre-Regulator Capacitor C2 is charged once each line cycle. The post regulator section of the HV-2405E is powered by C2 for most of the line cycle. If the application requires a smaller input voltage, the value of C2 can be reduced from that shown in Figure 1 (see section on "Optimizing Design" for details). Note: capacitors with high ESR may not store enough charge to maintain full load current. The voltage rating of C2 should be about 10V greater than the selected VOUT.
FILTER NETWORK C1 0.1F 1
HV-2405E C4 10F 2 3 R2 2.7 C2 330F COMPONENT LIST 4 C3 150pF
dv/dt < 10V/s
FUSE = 1/4A R1 = 150, 3W R2 = 2.7, 1/4W C1 = 0.1F, AC RATED C2 = 330F, 15V + VOUT , ELECTROLYTIC C3 = 150pF, CERAMIC C4 = 10F, VOUT + 10V, ELECTROLYTIC Z1 = VOUT -5V, 1/4W
FIGURE 7. IMBEDDED SUPPLY IOUT 30mA
5-20
HV-2405E Application Information
(Continued) Operation The operation of the imbedded supply is illustrated in Figure 9 and Figure 10. Figure 9 shows operation with a 30mA load and Figure 10 with the output short circuited. Notice that In both cases, the inhibit function of the HV-2405E prevents the circuit from turning on when the input voltage was applied near the peak line voltage. Also notice the initial current pulse (Figure 9) is approximately 1.6A and decreased to 1A within 40ms. This decrease in the input current results when the charging current required to maintain the voltage on C2 decreased. The effect of the series resistor (R2) is illustrated by the small voltage spike on the Vpin 2 trace. This voltage spike increases the voltage on pin 2 to the 10V trip point sooner in the cycle, thereby limiting the input current.
IMBEDDED SUPPLY FUSE AC HIGH 8 L1 2.2mh R1 150 7 NC Z1 6 5 VOUT INPUT CURRENT (1A/DIV) IP = 1.6A VPIN 2 (10V/DIV) C3 150pF + VIN = 264Vrms (500V/DIV) (PIN 8)
For applications requiring 30mA or less and not directly off line (i.e. filter network preceding supply), the external transistor and associated resistors in Figure 1 can be replaced with a single 1/4W resistor R2 and capacitor C3 (Figure 7) if: (1) The filter network reduces the input dv/dt to less than 10V/s (ensures sufficient pin 2 voltage at turn off), (2) Source resistor R1 equals 150 (limits the maximum input current) and (3) Inhibit Capacitor C3 equals 150pF (turns off the HV-2405E during large voltage transients). For applications where EMI (conductive interference) is a design requirement, the circuit shown in Figure 8 is the recommended application circuit. This circuit delivers an output voltage of 5V to 24V with an output current from 0 to 30mA and passes VDE 0871 class "B" test requirements for conductive interference with a resistive load.
HV-2405E C0 0.33F FILTER NETWORK C1 0.1F 1 2 3 4 C4 10F
R2 2.7 C2 330F
VOUT (5V/DIV)
TIME (20ms/DIV)
AC RETURN COMPONENT LIST FUSE = 1/ 4A R1 = 150, 3W R2 = 2.7, 1/4W C1 = 0.1F, AC RATED C2 = 330F, 15V + VOUT , ELECTROLYTIC C3 = 150pF, CERAMIC C4 = 10F, VOUT + 10V, ELECTROLYTIC Z1 = VOUT -5V, 1/4W L1 = 2.2mh, = 2000 C0 = 0.33F, AC RATED
IOUT = 30mA, VOUT = 5V FIGURE 9. START UP OPERATION
IMBEDDED SUPPLY
FIGURE 8. IMBEDDED SUPPLY WITH EMI FILTER (IOUT 30mA)
Basic Operation When power is initially applied the filter network reduces the magnitude of any transient noise spikes that might result in operation outside the SOA of the HV-2405E (see Start-up in section titled "How the HV-2405E Works" for and explanation of the SOA). When the voltage on pin 8 goes positive an internal switch connects pin 8 to pin 2 and C2 starts to charge through R1 and R2. When the voltage on pin 2 reaches a predetermined voltage the switch opens and the charging of C2 stops. R1 limits the input current and along with C1 provides a snubber for the internal switch. R2 also has the effect of limiting the input current by increasing the voltage on pin 2 sooner in the cycle. A linear regulator takes current from C2 and provides a DC voltage at pin 6. The voltage at pin 6 is equal to Vz1+ 5V. The inhibit capacitor (C3) provides protection from large input voltage transients by turning off the HV-2405E and the output capacitor C4 provides stabilization of the output stage.
VIN = 264Vrms (500V/DIV) (PIN 8)
INPUT CURRENT (1A/DIV) IP = 1.6A
VPIN 2 (10V/DIV)
VOUT (5V/DIV)
TIME (20ms/DIV) OUTPUT SHORT CIRCUITED
FIGURE 10. SHORT CIRCUIT OPERATION
5-21
HV-2405E Application Information
Setting The Output Voltage The circuits shown in Figure 7 and Figure 8 provide a regulated 5V to 24VDC output voltage that is set by adjusting the value of Z1. The output voltage of the HV-2405E (pin 6) is set by feedback to the sense pin (pin 5). The output will rise to the voltage necessary to keep the sense pin at 5V. The output voltage is equal to the Zener voltage (VZ1) plus the 5V on the sense pin. For a 5V output, pin 5 and pin 6 would be shorted together. The output voltage has the accuracy and tolerance of both the Zener diode and the band-gap of the HV-2405E (see Figure 16). The maximum output voltage is limited by ZB2 to 34VDC. ZB2 protects the output by ensuring that an overvoltage condition does not exist. Note: the output voltage can also be set by placing a resistor (1/4W) between pin 5 and pin 6. If a resistor is placed between pin 5 and pin 6 an additional 1V per k (10%) is added to the 5V output. (Continued) Determining the Power Dissipation in R1 Circuit efficiency is limited by the power dissipation in R1. The power dissipation for 240Vrms and 120Vrms is shown in Figure 11. For input voltages other than 240Vrms or 120Vrms Equation 10 can be used to determine the power dissipation in R1.
Pd = 2.8
R1 Vrms (IOUT)3
IMBEDDED SUPPLY (R1 = 150)
(EQ. 10)
POWER DISSIPATION (W)
4 3 240Vrms 2 1 120Vrms 0 0 10 20 LOAD CURRENT (mA) 30
Optimizing Design (Imbedded Supply)
Selecting the storage capacitor C2 For applications requiring less than 30mA, the value of C2 can be reduced for a more cost effective solution. The minimum C2 capacitor value vs. output current is presented in Table 2. Advantages of making C2 as small as possible are: * Reduced total size and cost of the circuit. * Reduced start up time. Consideration should be given to the tolerance and temperature coefficient of the C2 value selected. (Note: momentary peak output current demands should be considered in the sizing of C2. Increasing the output capacitor C4 is another way to supply momentary peak current demands.)
TABLE 2. IMBEDDED SUPPLY R1 - 150 VIN 264Vrms FREQ. 50Hz C2 330F 220F 100F 50F 264Vrms 60Hz 330F 220F 100F 50F 132Vrms 50Hz 330F 220F 100F 50F 132Vrms 60Hz 330F 220F 100F 50F R2 = 2.7 IOUT 30mA 24mA 14mA 8mA 30mA
FIGURE 11. POWER DISSIPATION IN R1 vs LOAD CURRENT
Operation information
Effects of Temperature on Output Current Figure 12 and Figure 13 show the effects of temperature on the output current for the imbedded supply (R2 = 2.7). Figure 12 illustrates VOUT = 5V operation and Figure 13 illustrates VOUT = 24V operation. The imbedded supply (R2 = 2.7) delivers 30mA output current across the specified temperature range of -40oC to +85oC for all output voltages between 5V and 24V. The effect of decreasing the value of C2 (330F) reduces the maximum output current (i.e. moves curve to the left). For all C2 values selected from Table 2 (assuming tolerance and temperature coefficient are taken into account) the circuit meets the expected output current across the above mentioned temperature range.
IMBEDDED SUPPLY 6
5 OUTPUT VOLTAGE (V)
27mA 16mA 9mA 30mA 30mA 16mA 8mA 30mA 30mA 16mA 9mA
4 +85oC 3 +25oC 2 -40oC 1
0 0 10 20 30 40 50 60 OUTPUT CURRENT (mA) 70 80
FIGURE 12. OUTPUT CURRENT vs TEMPERATURE (R1 = 150,
5-22
HV-2405E Application Information
30 25 OUTPUT VOLTAGE (V) 20 15 10 5 0 0 10 20 30 40 50 60 70 80 90 100 OUTPUT CURRENT (mA) +85oC +25oC -40oC
(Continued) charge to maintain full load current. The voltage rating of C2 should be about 10V greater than the selected VOUT . Recommended value = 330F electrolytic (20%),unless otherwise specified. C3 Inhibit Capacitor C3 keeps the HV-2405E from turning on during large input voltage transients. C3 = 150pF (10%) C4 Output Filter Capacitor C4 is required to maintain the stability of the output stage. Larger values may help in supplying short momentary current peaks to the load and improves output ripple during start-up. C4 = 10F (20%) Z1 Output Voltage Adjust Z1 is used to set the output voltage above the 5V reference on pin 5 (see section titled "Setting The Output Voltage" for more details). Z1 = VOUT - 5V,1/4W Note, the wattage rating is different when configured as a dual supply (see dual supply section for on how to determine wattage).
IMBEDDED SUPPLY
R2 = 2.7, C2 = 330F) FIGURE 13. OUTPUT CURRENT vs TEMPERATURE (R1 = 150, R2 = 2.7, C2 = 330F)
Component List (Imbedded Supply 30mA)
Fuse Opens the connection to the power line should the system fail. Recommended value: 1/4AG R1 Source Resistor R1 limits the input current into the HV-2405E. Needs to be large enough to limit inrush current when C2 is discharged fully. The maximum inrush current needs to be limited to less than 2A (Vpeak / R1 < 2A). The equation for power dissipation in R1 is:
Pd = 2.8
Low Input Voltage Supply (IOUT <50mA)
An ideal application, taking advantage of the low voltage operation, would be thermostat controls were 28Vrms is supplied via a transformer. In this application the HV-2405E could deliver a regulated 5V at 40mA with a power dissipation in R1 (R1= 20) equal to 530mw. The current limiting components, in Figure 1, are not required at this low input voltage level. See Figure 23 and Figure 24 for output vs temperature.
7 NC AC HIGH FUSE R1 20 Z1 6 5 VOUT
R1 Vrms (IOUT)3
Wirewound resistors are recommended due to their superior temperature characteristics. R1 = 150 (10%) R2 Series Resistor R2 limits the input current by boosting the voltage on pin 2 sooner in the cycle. R2 = 2.7 (5%), 1/4W
+
28Vrms
8
C1 Snubber Capacitor C1 and R1 form a low pass filter that limits the voltage rate of rise across SA1 (the main current carrying SCR of the HV2405E) and therefore its power dissipation. C1 = 0.1F (10%) AC rated, metallized polyester. C2 Pre-Regulator Capacitor C2 is charged once each line cycle. The post regulator section of the HV-2405E is powered by C2 for most of the line cycle. If the application requires a smaller input voltage, the value of C2 can be reduced from that shown in Figure 7 or Figure 8 (see section on "Optimizing Design" for details. Note; capacitors with high ESR may not store enough
AC RETURN C1 0.1F 1
HV-2405E C4 10F 2 3 4 C3 150pF
C2 330F
COMPONENT LIST C2 = 330F, 15V + VOUT, ELECTROLYTIC C3 = 150pF, CERAMIC C4 = 10F, VOUT + 10V, ELECTROLYTIC Z1 = VOUT -5V, 1/4W
FUSE = 1/ 4A, OPTIONAL R1 = 20, 1W C1 = 0.05F, AC RATED
FIGURE 14. LOW INPUT VOLTAGE SUPPLY
5-23
HV-2405E Application Information
(Continued)
C1 0.1F R1 100 FUSE AC HIGH
COMPONENT LIST 1 FUSE = 1/ 2A R1 = 100, 5W R2 = 220k, 1W R3 = 3.9k, 1W R4 = 5.6k , 1/ 4W R5 = 3.3, 1/ 4W R6 = 5.6k, 1/4 W C1 = 0.1F, AC RATED C2 = 470F, 15V + VOUT , ELECTROLYTIC C3 = 20pF, CERAMIC C4 = 10F, VOUT + 10V, ELECTROLYTIC C5 = 0.047F, 10V Z1 = VOUT - 5V, 1/4W Z2 = 5.1V, 1N5231/A OR EQUIVALENT Q1 = 2N2222 OR EQUIVALENT 2 C2 470F HV-2405E 3 4 Q1 2N2222 R6 5.6K Z2 5.1V R5 3.3K R4 5.6K C5 0.047F R3 3.9K 6 Z1 5 C4 10F VOUT = 5V + VZ1 AC RETURN VOUT = 5V AC RETURN 8 7 C3 20pF R2 220K AC RETURN
FIGURE 15. DUAL SUPPLY
Dual Supply (IOUT <50mA)
Dual output voltages are available by making use of the 5V reference at pin 5. The sum of both supply currents must not exceed maximum output current limit of 50mA. The output current for the 5V supply is delivered from the output (pin 6) through the Zener diode. The wattage calculation for the Zener diode is given in Equation 11.
Wattage = (V pin 6 - V pin 5) (IOUT pin 5) (EQ. 11)
transformer of the test equipment. Ground loops can be minimized by connecting the test equipment ground probe as close to pin 1 as possible. Caution: Dangerous voltages may appear on exposed metal surfaces of AC powered test equipment. AC Source Effects Background:
General Precautions
CAUTION: This product does not provide isolation from the AC line. Failure to use a properly rated fuse may cause R1 to reach dangerously high temperatures or cause the HV2405E to crack or explode. Instrumentation Effects Background: Input to output parasitic exist in most test equipment power supplies. The inter-winding capacitance of the transformer may result in substantial current flow (mA) from the equipment ground wire to the AC and DC ground of the HV2405E. This current can induce instability in the inhibit circuit of the HV-2405E resulting in erratic operation. Recommendations for evaluation of the HV-2405E in the lab: a). The use of battery powered DVMs and scopes will eliminate ground loops. b). When connecting test equipment, locate grounds as close to pin 1 as possible. c). Current measurements on the AC side of the HV-2405E (Pin 8, Pin 1 and Pin 2) should be made with a non-contact current probe. If AC powered test equipment is used, then the use of an isolated plug is recommended. The isolated plug eliminates any voltage difference between earth ground and AC ground. However, even though the earth ground is disconnected, ground loop currents can still flow through
Laboratory AC sources (such as VARIACs, step-up transformers etc.) contain large inductances that can generate damaging high voltage transients any time they are switched on or off. Switch arcing can further aggravate the effects of source inductance. Recommendation: Adequate protection means (such as MOV, avalanche diode, surgector, etc.) may be needed to clamp transients to within the 500V input limit of the HV-2405E. Output Short Circuited For output voltages greater than 5V the maximum voltage rating from pin 2 to pin 6 (15V) could be exceeded. For a 24V output the voltage on pin 2 could be as high as 32V. Under normal operating conditions the voltage differential between pin 2 and pin 6 is maintained by DA3, DA4, DA5 and ZA1 (Figure 6) to about 6V. However, if the output (pin 6) is shorted to ground the potential difference would equal the voltage on C2 which would exceed the 15V max limit. (Note: if the output is shorted prior to initial power up, the voltage on C2 only reaches about 6.8V and therefore is not a problem.) Recommendation: If the possibility of the output being shorted to ground during normal operation exist, a 10V zener diode (cathode pin 2, anode pin 6) is recommended from pin 2 to pin 6.
5-24
HV-2405E
Safe Operating Area Ensure operation is within the SOA of the HV-2405E. Reference "Start-Up" in section titled "How the HV-2405E Works". decreases for C2 voltages below 5V. To understand why the voltage on C2 determines the maximum input current that the HV-2405E can safely turn off, its important to understand the electrical connection between SA1, SA2 and the storage capacitor C2. Figure 17(A) is a schematic representation of both SCRs and is presented to explain how SA2 turns off SA1. Top Trace: Input Voltage at Pin 8, AC High (200V/Div) Bottom Trace: Current into Pin 8, (0.5A/Div)
How The HV-2405E Works
Steady State Operation The HV-2405E converts an AC voltage into a regulated DC voltage. This is accomplished in two functional sections (1) Switching Pre-Regulator and (2) Linear Voltage Regulator. Refer to HV-2405E schematic Figure 16. The purpose of the Switching Pre-Regulator circuit is to capture energy from an incoming AC power line, 1/6 of every positive half cycle and store this energy in an electrolytic capacitor (C2). This energy is then transferred to the Linear Voltage Regulator.The current path for charging C2 is through DA1, SA1 and DA2. When the voltage level on C2 reaches approximately 6.8V above the output voltage, SA2 turns on turning off SA1 and the charging of C2 stops until the next positive half cycle on AC high. SA2 is triggered on when current flows out of SA2s anode gate and through the Zener diode stack (ZA1, DA3, DA4, DA5). This results in a feedback circuit that limits the peak voltage on pin 2. The input voltage and current wave forms at pin 8 are illustrated in Photo 1. The operation of the HV-2405E is easily confirmed by noticing the clamping of the input voltage during the charging of C2. Photo 2 shows the voltage on C2 (bottom trace), along with the voltage on pin 8 as a reference. The test conditions for the wave forms are listed at the end of this section. The Linear Voltage Regulator performs two functions. The first is to provide a reference voltage at pin 5 that is temperature independent and the second is to provide an output voltage on pin 6 that is adjustable from 5V to 24V. The band-gap (NB1, NB2, RB3 and RB4) provides a temperature independent reference voltage on the base of NB5. This reference voltage (1.21V) results in approximately 1mA through RB10 when the feedback loop from pin 6 is closed. The output voltage is adjusted by placing a Zener diode between pin 5 and pin 6. The output voltage on pin 6 is adjusted above the 5V reference on pin 5 by a value equal to the Zener voltage. The maximum output voltage is limited to 34VDC by the internal Zener diode ZB2. ZB2 protects the output by ensuring that an overvoltage condition does not exist. The bottom trace of Photo 3 shows the output voltage ripple (worst case conditions), along with the voltage on pin 8 as a reference. Test conditions for waveforms: TA = +25oC, VAC = 240Vrms, f = 50Hz, R1 = 150, C1= 0.1F, C2 = 470F, C3 = 150pF, C4 = 1F, VOUT = 5V at 50mA. Start-up Start up operation is similar to that described above. Since the storage capacitor connected to pin 2 is discharged, the main SCR, SA1, has to pass more current than for steady state. The ability of the second SCR, SA2, to turn off SA1 is a function of the voltage on C2. Due to the impedances of SA1 and SA2, the maximum input current that can be safely turned off
PHOTO 1
Top Trace: Input Voltage at Pin 8, AC High (200V/Div) Bottom Trace: Pre-Regulator Capacitor Voltage, C2 (5V/Div) at Approximately 10VDC
PHOTO 2
Top Trace: Input Voltage at Pin 8, AC High (200V/Div) Bottom Trace: Ripple or Switch Spike on Regulator 5VDC Output (50mV/Div) This is Worst Case Ripple (High Line Voltage, Maximum IOUT)
PHOTO 3
5-25
HV-2405E
DA1 8 AC HIGH RA4 PA1 RA1
SA1
RA5 INHIBIT 4 DA3 DA4 DA5 ZA1 5.4V RA6 SA2 NA2 CAP 2 11VDC TO 30VDC RB1 RB18 PB5 RB17 RB16 PB3 PB2 NB4 RB15 NB5 ZB1 RB 14 NB1 RB 13 6 PB8 NB5 NB6 VOUT PB1 NB3 PB4 NB7 NB8 DB1 RB19 PB6 DA2 NA1
NB2
ZB2 29V 5 SENSE HIGH
RB3
RB11 3.79K
RB2 1 AC RETURN SWITCHING PRE-REGULATOR
RB4
RB7
RB9
RB10 1.21K 3 ANALOG GND
LINEAR VOLTAGE REGULATOR
FIGURE 16. HV-2405E SCHEMATIC DIAGRAM
5-26
HV-2405E
Assume that SA1 is on and the current path is from pin 8 to pin 2. If a small current is pulled out of the base of SA2s pnp (point 1, Figure 17A) SA2 will turn on. When SA2 turns on the collector current of SA1s pnp no longer provides base drive to its npn and SA1 turns off. Figure 17(B) shows the current relationships for both SCRs.
2A RA4 PIN 8 DA2 PIN 2 SA1 PIN 4 INHIBIT PIN 1 C2 STORAGE CAP SA1
During start up operation, power line noise, typically generated by switch bounce/arcing, may accidently initiate input current turn off before C2 is charged. The application circuit shown in Figure 1 never permits the HV-2405E to operate outside the safe turn off current region so any false turn off signals have no effect. Also, once the capacitor is charged, noise causes no problems. For applications where there is little noise during start up, the external transistor and associated resistors are not needed. A 150pF capacitor connected to pin 4 helps keep the HV2405E turned off until any switching noise dies out. Also the input resistor R1 may have to be increased to limit the input current to the allowable maximum. Some applications inherently have little start-up noise. EMI filters between the power switch and the HV-2405E greatly attenuate switch bounce noise. Likewise, the presences of large capacitors connected through bridge rectifiers act as filters. Solid-state relays that close at the line zero crossing generate little noise. Also, there is no problem if power is applied during the negative part of the line cycle. [The user is cautioned to verify the suitability of his application circuit. Contact Harris Applications for specific questions.] If the safe turn off current is exceeded, SA1 will fail as a short circuit. However, SA2 will continue to act, temporarily, as shunt regulator to keep the voltage on pin 2 from exceeding the safe limit of the post regulator. The voltage at pin 6 will not change. Failure to use a properly rated fuse may cause R1 to reach dangerously high temperatures or cause the HV-2405E to crack or explode.
SA2
0.002 PIN 6 OUTPUT 5.4V (A) SA2 TURN OFF (B)
FIGURE 17 (A) (B). SCHEMATIC REPRESENTATION OF SCRs
In order for current to be pulled out of the base of SA2s pnp the voltage on the pnps emitter will have to be more positive than the voltage on the base. The voltage on the base is referenced 7.5V above the output voltage by the zener diode stack between pin 4 and pin 6. When the voltage on pin 2 reaches 6.8V (7.5V-1Vbe) above the output voltage, current flows and SA2 is gated on. With 6.8V above the output voltage on C2, there is a sufficient voltage across SA2 to turn off SA1 by sinking 100% of SA1s anode current. SA2 could be triggered on before C2s voltage is sufficient to ensure that SA2 can sink 100% of SA1s current, by noise on pin 8. In this case SA1 goes into a high impedance state but does not turn off. This condition can exist if switch arcing triggers enough current through the inhibit capacitor to prematurely turn on SA2. The Safe Operating Area (SOA) of the HV-2405E is defined by the voltage on C2 and the magnitude of the input current. Figure 18 shows the safe operating area of the HV-2405E. Under normal operating conditions the HV-2405E does not turn off the input current until the voltage on C2 is well above 5V. Input currents larger than the safe turn off value in Figure 10 do not present any problems as long as the HV-2405E does not attempt to interrupt them.
ELECTRICAL OVERSTRESS INPUT CURRENT (A) 2
1
SAFE AREA OF OPERATION
0
1
2
3
4
5
6
7
8
30
PIN 2 (V)
FIGURE 18. HV-2405E SAFE INTERRUPT CURRENT vs PIN 2 VOLTAGE
5-27
HV-2405E Typical Performance Curves
270 240 INPUT VOLTAGE (Vrms) 210 180 150 120 90 60 30 0 0 75 100 220 C2 (F) 330 470 25mA 10mA 35mA 50mA OUTPUT RIPPLE VOLTAGE (mVp-p) 25
24
23
22
21
20 -40 -30 -20 -10
0
10
20
30
40
50
60
70
80
90
TEMPERATURE (oC)
FIGURE 19. MINIMUM C2 VALUE vs INPUT VOLTAGE 50Hz
FIGURE 20. OUTPUT RIPPLE VOLTAGE vs TEMPERATURE
0.65 24 0.60 22 RIPPLE VOLTAGE (mVp-p) 20 CHIP PD (W) RIPPLE 18 16 14 12 10 8 4 8 12 16 20 28 IOUT (mA) 24 32 36 40 44 48 0.55 0.50 0.45 0.40 0.35 0.30 0.25 0.20 0.15 0 5 10 15 20 25 30 IOUT (mA) 35 40 45 50 VOUT = 5V VOUT = 24V VOUT = 15V
FIGURE 21. OUTPUT RIPPLE VOLTAGE vs LOAD CURRENT
FIGURE 22. CHIP POWER DISSIPATION vs OUTPUT CURRENT
30 +25oC 6 5 OUTPUT VOLTAGE (V) 4 3 2 1 0 20 30 40 50 60 70 80 90 100 110 120 130 OUTPUT CURRENT (mA) OUTPUT VOLTAGE (V) 24
18 +75oC 12 +50 C 6 +85oC
o
-40oC
+50oC +25oC 0oC +75oC +85oC -25oC
0oC
+25oC 0 20 30 40 50 60 70 80 90 100 110 120 130
FIGURE 23. OUTPUT CURRENT LIMIT (5VOUT) 50Hz 50mA is the Maximum Recommended Output Current
FIGURE 24. OUTPUT CURRENT LIMIT (24VOUT) 50Hz 50mA is the Maximum Recommended Output Current
5-28


▲Up To Search▲   

 
Price & Availability of HV3-2405E-5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X