Part Number Hot Search : 
SMV2565A CS9DB102 MM1469PH AOZ5006 DUG12C EP2SGX60 AAMDA 14600
Product Description
Full Text Search
 

To Download HV20822 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HV20822 16 Channel High Voltage Analog Switch
Ordering Information
Package Options VPP-VNN 220V 48-lead TQFP HV20822FG Die HV20822X
Features
HVCMOS technology for high performance 220V operating conditions Output On-resistance typically 22 5.0V and 12.0V CMOS logic compatibility Very low quiescent power dissipation-10A -45dB min off isolation at 7.5MHz Low parasitic capacitance Excellent noise immunity Flexible high voltage supplies
(R)
General Description
The Supertex HV208 is a 220V 16-channel high-voltage analog switch integrated circuit (IC) configured as 2 sets of 8 single pole single throw analog switches. It is intended for use in applications requiring high voltage switching controlled by low voltage control signals such as ultrasound imaging and printers. The 2 sets of 8 analog switches are controlled by 2 input logic controls, DIN1 and DIN2. A logic high on DIN1 will turn ON switches 0 to 7 and a logic high on DIN2 will turn ON switches 8 to 15.
Absolute Maximum Ratings*
VDD Logic power supply voltage VPP - VNN Supply voltage VPP Positive high voltage supply VNN Negative high voltage supply Logic input voltages VSIG Analog Signal Range Peak analog signal current/channel Storage temperature Power dissipation 48-lead TQFP -0.5V to +15V +225V -0.5V to VNN +225V +0.5V to -225V -0.5V to VDD +0.3V VNN to VPP 3.0A -65C to +150C 1.0W
* All voltages are referenced to ground. Absolute maximum ratings are those values which damage to the device may occur. Functional operation under these conditions is not implied. Continuous operation of the device at the absolute rating level may affect device reliability.
06/26/01
Supertex Inc. does not recommend the use of its products in life support applications and will not knowingly sell its products for use in such applications unless it receives an adequate "products liability indemnification insurance agreement." Supertex does not assume responsibility for use of devices described and limits its liability to the replacement of devices determined to be defective due to workmanship. No responsibility is assumed for possible omissions or inaccuracies. Circuitry and specifications are subject to change without notice. For the latest product specifications, refer to the Supertex website: http://www.supertex.com. For complete liability information on all Supertex products, refer to the most current databook or to the Legal/Disclaimer page on the Supertex website.
1
HV20822
Electrical Characteristics
DC Characteristics (over recommended operating conditions unless otherwise noted)
Characteristics Small Signal Switch (ON) Resistance Sym RONS 0C min max 30 25 15 20 Small Signal Switch (ON) Resistance Matching Large Signal Switch (ON) Resistance Switch Off Leakage Per Switch DC Offset Switch OFF DC Offset Switch ON Pos. HV Supply Current Neg. HV Supply Current Pos. HV Supply Current Neg. HV Supply Current Switch Output Peak Current Output Switch Frequency IPP Supply Current INN Supply Current IPP Supply Current INN Supply Current Logic Supply Quiescent Current Logic Supply Average Current fSW IPP INN IPP INN IDDQ IDD 8.1 -8.1 5 -5 10 2.0 IPPQ INNQ IPPQ INNQ 3.0 RONS RONL ISOL 300 500 5.0 20 min +25C typ max 26 22 22 18 5.0 15 1.0 100 100 10 -10 10 -10 3.0 10 300 500 50 -50 50 -50 2.0 50 8.8 -8.8 6.3 -6.3 10 2.0 10 -10 6.9 -6.9 10 2.0 2.0 A KHz A 15 300 500 mV 32 27 27 22 20 +70C Units min max 40 35 ohms 30 25 20 % ohms A Test Conditions VSIG = 0V, ISIG = 5mA, VPP = 50V, VNN = -170V VSIG = 0V, ISIG = 200mA, VPP = 50V, VNN = -170V VSIG = 0V, ISIG = 5mA, VPP = 110V, VNN = -110V VSIG = 0V, ISIG = 200mA, VPP = 110V, VNN = -110V VSIG = 0V, ISIG = 5mA, VPP = 110V, VNN = -110V VSIG = 0V, ISIG = 1.0A VSIG = VPP -10V and VNN +10V RL = 100Kohms RL = 100Kohms All SWs OFF All SWs OFF All SWs ON, ISW = 5 mA All SWs ON, ISW = 5 mA VSIG duty cycle 0.1% Duty Cycle = 50% VPP = 50V, VNN = -170V, ALL SWs turning ON and OFF at 50KHz VPP = 110V, VNN = -110V, All SWs turning ON and OFF at 50kHz A mA All logic states are at DC DIN1 = DIN2 = 3MHz, LE = high
mA
2
HV20822
Electrical Characteristics
AC Characteristics (over recommended operating conditions unless otherwise noted)
Characteristics Time to Turn OFF VSIG* Time Width of LE Time Width of DIN Set Up Time Before LE Rises Turn On Time Turn Off Time Off Isolation Sym tSIG(OFF) tWLE tWDIN tSD tON tOFF KO -30 -45 Switch Crosstalk KCR -45 5.0 25 17 50 min 0 150 150 150 2.0 2.0 -30 -45 -45 5.0 25 12 38 4.0 -4.0 17 50 -33 -50 0C max min 0 150 150 150 2.0 2.0 -30 -45 -45 5.0 25 17 50 +25C typ max +70C Units min max 0 150 150 150 2.0 2.0 ns ns ns ns s s dB dB dB pF pF V VSIG=VPP - 10V, RLOAD=10K VSIG=VPP - 10V, RLOAD=10K f = 5.0MHz, 1K/15pF Load f = 7.5MHz, RLOAD = 50 f = 5.0MHz, RLOAD = 50 VSIG = 0V, 1MHz VSIG = 0V, 1MHz Test Conditions
Off Capacitance Switch to GND CGS(OFF) On Capacitance Switch to GND CGS(ON) Output Voltage Spike +VSPK -VSPK
*Time required for analog signal to turn off before output switch turns off.
Operating Conditions
Symbol VPP VNN VDD VIH VIL VSIG TA
Notes: 1 Power up/down sequence is arbitrary except GND must be powered-up first and powered-down last. 2 VSIG must be VNN VSIG VPP or floating during power up/down transition.
Parameter Positive high voltage supply1 supply1
Value +50V to +110V -10V to VPP-220V 4.75V to +12.6V VDD -1.0V to VDD 0V to 1.0V VNN +10V to VPP -10V 0C to 70C
Negative high voltage Logic power supply
voltage1
High-level input voltage Low-level input voltage Analog signal voltage peak-to-peak2
Operating free air-temperature
Truth Table
DIN2 L L H H X DIN1 L H L H X LE L L L L H SW0 to SW7 OFF ON OFF ON SW8 to SW15 OFF OFF ON ON HOLD PREVIOUS STATE
3
HV20822
Test Circuits
VPP -10V RL VOUT VOUT 10K
VPP -10
ISOL
VNN +10
100K
RL
VPP VNN
VPP VNN
VDD GND
5V
VPP VNN
VPP VNN
VDD GND
5V
VPP VNN
VPP VNN
VDD GND
5V
Switch OFF Leakage
DC Offset ON/OFF
TON /TOFF Test Circuit
VIN = 10 VP-P @5MHz VSIG VOUT RL IID VNN
VIN = 10 VP-P @5MHz 50 NC 50
VPP VNN
VPP VNN
VDD GND VOUT VIN
5V
VPP VNN
VPP VNN
VDD GND
5V
VPP VNN
VPP VNN
VDD GND VOUT VIN
5V
KO = 20Log
KCR = 20Log
OFF Isolation
Isolation Diode Current
Crosstalk
VOUT VOUT 1000pF
+VSPK VOUT -VSPK 50
VSIG 1K RL
VPP VNN
VPP VNN
VDD GND
5V
VPP VNN
VPP VNN
VDD GND
5V
Q = 1000pF x VOUT
Charge Injection
Output Voltage Spike
4
HV20822
Logic Timing Waveform
VDD
DIN 0V
tsd
50% tWLE
VDD LE 0V 50% 50% 50%
tON ON SW OFF 90%
tOFF
10%
Block Diagram
VPP VDD
DIN1
Latch 1
Level Trans 1
SW0 SW0
SW7 SW7 DIN2
Latch
LE
2
Level Trans 2
SW8 SW8
GND VNN
SW15 SW15
5
HV20822
Pin Configuration
HV208 48-Pin TQFP Pin Function 1 VNN 2 N/C 3 VPP 4 N/C 5 DIN1 6 LE 7 DIN2 8 N/C 9 N/C 10 VDD 11 GND 12 N/C 13 N/C 14 SW15 15 SW15 16 SW14 17 SW14 18 SW13 19 SW13 20 SW12 21 SW12 22 SW11 23 SW11 24 N/C Pin 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 Function SW10 SW10 SW9 SW9 SW8 SW8 SW7 SW7 SW6 SW6 SW5 SW5 SW4 N/C SW4 N/C SW3 SW3 SW2 SW2 SW1 SW1 SW0 SW0
Package Outline
Pin 1
HV208
Pin 12
top view 48-pin TQFP
Pin #1
06/26/01
(c)2001 Supertex Inc. All rights reserved. Unauthorized use or reproduction prohibited.
6
1235 Bordeaux Drive, Sunnyvale, CA 94089 TEL: (408) 744-0100 * FAX: (408) 222-4895 www.supertex.com


▲Up To Search▲   

 
Price & Availability of HV20822

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X