Part Number Hot Search : 
ALVCB 93LC56B SMCJ7 P4SMAJ18 T1105 M1000 NTE70 S17070G
Product Description
Full Text Search
 

To Download D30VC20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 D30 VC20 ... D30 VC80 Silicon-Twin Rectifiers Center tap Silizium-Doppeldioden Mittelpunktschaltung
Type "F"
Nominal current Nennstrom Alternating input voltage Eingangswechselspannung
30 A 60...250 V
Plastic case with alu-bottom Kunststoffgehause mit Alu-Boden Dimensions Abmessungen Weight approx. Gewicht ca. 28.6 x 28.6 x 7.3 [mm] 23 g
Type "W"
Recognized Product - UL-File E175067 Anerkanntes Produkt - UL Nr. E175067 Compound has classification UL94V-0 Vergumasse UL94V-0 klassifiziert
Dimensions / Mae in mm
Standard packaging: bulk see page 22 Standard Lieferform: lose im Karton s.S. 22
Maximum ratings Type Typ D30 VC20 F/W D30 VC40 F/W D30 VC60 F/W D30 VC80 F/W max. alternating input voltage max. Eingangswechselspannung VVRMS [V] 60 120 190 250 f > 15 Hz TA = 25/C TA = 25/C t = 1 min
Grenzwerte Repetitive peak reverse voltage Periodische Spitzensperrspannung VRRM [V] 1) 200 400 600 800 IFRM IFSM i2t VISO Tj TS 80 A 2) 300 A 450 A2s > 2000 V - 50...+150/C - 50...+150/C
Repetitive peak fwd. current - Period. Spitzenstrom Peak forward surge current, 50 Hz half sine-wave Stostrom fur eine 50 Hz Sinus-Halbwelle Rating for fusing - Grenzlastintegral, t < 10 ms Isolation voltage - Isolationsspannung Operating junction temperature - Sperrschichttemperatur Storage temperature - Lagerungstemperatur
1 2
) Valid per diode - Gultig pro Diode ) Max. case temperature TC = 100/C - Max. Gehausetemperatur TC = 100/C 11.02.2003
1
D30 VC20 ... D30 VC80 Characteristics Max. current with cooling fin 300 cm2 Dauergrenzstrom mit Kuhlblech 300 cm2 Forward voltage - Durchlaspannung Leakage current - Sperrstrom Thermal resistance junction to case Warmewiderstand Sperrschicht - Gehause Admissible torque for mounting Zulassiges Anzugsdrehmoment 10-32 UNF M5 TA = 50/C Tj = 25/C Tj = 25/C R-load C-load IF = 15 A VR = VRRM IFAV IFAV VF IR RthC Kennwerte 30.0 A 26.0 A < 1.05 V 1) < 25 :A < 1.0 K/W 18 10% lb.in 2 10% Nm
1
) Valid per diode - Gultig pro Diode F:\Data\WP\DatBlatt\Einzelblatter\D30VC20-vc80.wpd
2


▲Up To Search▲   

 
Price & Availability of D30VC20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X