Part Number Hot Search : 
KS5211 N5266 3502W A1185EUA C2909 BC857C NLX1G74 D0000R
Product Description
Full Text Search
 

To Download CVA24150T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 180V CRT Driver
CORPORATION
CVA24150T
FEATURES DESCRIPTION The CVA24150T is a single channel, very high voltage amplifier, designed to drive a CRT. It is capable of delivering 65MHz at 100VP-P. It features no cross-over distortion for excellent linearity. Emitter peaking option is available to adjust the high frequency response. CVA24150T features high gain to match existing pre-amplifier drive capability.
* Fall Time (CLOAD = 10pf) . . . . . . . . . . . . . . . . . . . . . . 10ns * RiseTime (CLOAD = 10pf) . . . . . . . . . . . . . . . . . . . . . . . 7ns * Fall Time (CLOAD = 20pf) .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. 13ns 10ns * RiseTime (CLOAD = 20pf) * Fall Time (CLOAD = 30pf) . . . . . . . . . . . . . . . . . . . . . . 15ns . . 13ns * RiseTime (CLOAD. = .30pf) .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. .. . 100Vp-p * Swing Voltage . . . . . . * Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 180V * Low Power * Smaller Package * High Definition Television * Projection Television * Arcades * TV Monitors
CONNECTION DIAGRAM
BENEFITS
ORDERING INFORMATION Part CVA24150T Package T11A Temperature -20oC to +100oC
APPLICATIONS
SIMPLIFIED SCHEMATIC DIAGRAM
VCC
11 10 9 8 7 6 N/C 5 GND 4 3 2 1 GND EMITTER PEAKING N/C VOUT
11
VCC
VOUT
N/C
VOUT
8,9
VBIAS
VIN
1
VIN VBIAS
2
TAB = GND TOP VIEW T11A PACKAGE
1P-06
3 EMITTER PEAKING
4,5
1P-07
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CVA24150T
CORPORATION
ABSOLUTE MAXIMUM RATINGS Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V Storage Temperature . . . . . . . . . . . . . . . . . . -25oC to +100oC Operating Temperature . . . . . . . . . . . . . . . . -20oC to +100oC Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . +300oC
DC ELECTRICAL CHARACTERISTICS VS = 180V, CL = 10pF, DCinput bias = 12V, Vin = 3.4V, Vout = 100p-p, Tcase = +25oC. See Figure 1.
SYMBOL ICC VoutDC AV CHARACTERISTICS Supply Current @ 1MHz Output DC Level Voltage Gain 65 24 MIN TYP 35 70 26 MAX 40 75 28 UNITS mA V V
AC ELECTRICAL CHARACTERISTICS VS = 180V, CL = 10pF, DCinput bias = 12V, Vin = 3.4V, Vout = 100Vp-p, Tcase = +25oC. See Figure 1.
SYMBOL tr tf BW Le OS CHARACTERISTICS Rise Time Fall Time Bandwidth (Note 1) Linearity Overshoot MIN TYP 10 10 70 2 3 5 7 MAX 12 12 UNITS ns ns MHz % %
Note 1: -3dB at VP-P = 100V
FIGURE 1. TEST CIRCUIT
VCC
C6 C2
D1
1
Vbias
11 V CC CVA24150T
33 22 82pF GND TAB R1 = 479 R2 = 5.1K9 3 4,5 8,9
L1
2
Vin
Vout
D2
OUTPUT R2 R1 CL
C1 = 1.0mF C2 = 1.0mF CL = 10pF (Including Parasitics)
D1 = FDH400 D2 = FDH400 L1 = 560nH Q1 = 2N5770
1Q-50
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CVA24150T
CORPORATION
FIGURE 2. APPLICATION CIRCUIT
VCC 11 C3 C4
VBIAS C1
R2
1
D1 CVA24150T
L
R3 R4 SPARK GAP
C2
VIN VIDEO INPUT 2 VPG 3
VOUT
8,9 C5 D2
DC BIAS
GND TAB 4,5 R1 = 15W R2 = 47W R3 = 47(1/2W)W R4 = 820W C1 = 0.01mF D1, D2 = FHD400 C2 = 100mF L = 150 - 330nH C3 = 0.1mF C4 = 100mF C5 = 2.2mF C7 = 40 - 120pf 1S-01
R1
N.C. = 6,7,10
C7
FIGURE 3. CVA24150T Transfer DC Characteristics
180 160 140 120
VOUT (V)
12
10
8
POWER (W)
100 90 80 60 40 20 0 0 0 0.2 0.5 0.7 1.0 1.2 1.5 1.7 2.0 2.2 2.5 2.7 3.0 3.2 3.5 3.7 4.0 4.2 4.5 4.7 5.0 VOUT POWER VIN (VOLTS)
1S-02
6
4
2
APPLICATION INFORMATION The CVA24150T is a very high voltage amplifier. Using standard Cascode topology, it is designed primarily to meet the requirement of High Definition Television (HDTV), Projection Television, arcade displays, etc. CVA24150T can deliver 100VP-P yet require only 180V supply voltage. CVA24150T frequency resplonse is excellent, can energize 20ns pixels at 100VP-P into 10pf. At 40pf load, rise time is 18ns. CVA24150T has very high gain (~34) to match any of the available pre-amplifiers. An emitter peaking option is also provided to adjust the high frequency response. The product is housed in industry standard 11 lead TO-220 power package. Thermal Considerations The transfer characteristics of the amplifier are shown in Figure 3. Since this is a class A input stage, power supply
current increases as the input signal increases and consequently power dissipation also increases. The CVA24150T cannot be used without heat sinking. Figure 3 shows the power dissipated in each channel over the operating voltage range of the device. Under white screen conditions, i.e.: 70V output, dissipation increases to 11W total. The CVA24150T case temperature must be maintained below +100oC. If the maximum expected ambient temperature is +50oC, then a heat sink is needed with thermal resistance equal to or less than: Rth = (100 - 50oC) = 4.5oC/W 11W Any
The CVA24150T maximum load is 600 to ground or V+. The output of CVA24150T is not short circuit proof. resistance to V+ or Ground should be > 600.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CVA24150T
CORPORATION
TYPICAL CHARACTERISTICS
RISE TIME
1.95V 1.95V
FALL TIME
200mV/DIV
-50mV -40ns 20ns/DIV
160ns
1S-07
-50mV -40ns 20ns/DIV
200mV/DIV
VCC = 180V C L = 10pf
VCC = 180V C L = 10pf
160ns
1S-08
RISE TIME
1.95V 1.95V
FALL TIME
200mV/DIV
-50mV -40ns 20ns/DIV
160ns
1S-09
-50mV -40ns 20ns/DIV
200mV/DIV
VCC = 180V C L = 20pf
VCC = 180V C L = 20pf
160ns
1S-10
RISE TIME
1.95V 1.95V
FALL TIME
200mV/DIV
-50mV -40ns 20ns/DIV
160ns
1S-11
-50mV -40ns 20ns/DIV
200mV/DIV
VCC = 180V C L = 30pf
VCC = 180V C L = 30pf
160ns
1S-12
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CVA24150T
CORPORATION
TYPICAL CHARACTERISTICS (continued)
RISE TIME
1.95V 1.95V
FALL TIME
200mV/DIV
-50mV -40ns 20ns/DIV
160ns
1S-13
-50mV -40ns 20ns/DIV
200mV/DIV
VCC = 180V C L = 40pf
VCC = 180V C L = 40pf
160ns
1S-14
VOUT vs VIN
180 160 140 V OUT (VOLTS) 120 100 80 60 40 20 0 0 0.2 0.5 0.7 1.0 1.2 1.5 1.7 2.0 2.2 2.5 2.7 3.0 3.2 3.5 3.7 4.0 4.2 4.5 4.7 5.0 VIN (VOLTS)
1Q-47
V CC = 180V
VOUT vs FREQUENCY vs I CC
120 I CC 100
90
80
80
VOUT (VP-P)
70 VOUT
I CC (mA)
60
60
40
50
20
40
0 10
30 20 30 50 FREQUENCY (MHz) 70 80 90
1S-06
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


▲Up To Search▲   

 
Price & Availability of CVA24150T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X