Part Number Hot Search : 
RM21B CPC1908J PA2047NL 60B683C KIC6983T UE200013 STRRP MP1011E
Product Description
Full Text Search
 

To Download CVA2400T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Low Cost Triple CRT Driver
CORPORATION
Preliminary Data Sheet
CVA2400T
FEATURES DESCRIPTION The CVA2400T contains three wideband amplifiers, designed specifically to drive a CRT. It features no crossover distortion for excellent gray scale linearity, external emitter peaking to maximize the high frequency gain at cross hatch pattern and adjustable gain for ease of use. This device can drive monitors with resolutions of 1280 x 1024 (non-interlaced) with pixel frequency of 176MHz. The part is housed in the industry standard 11-lead TO-220 molded power package. The heat sink is grounded. ORDERING INFORMATION Part CVA2400T Package T11A Temperature -20oC to +100oC
* * * * * * *
Rise/Fall Time. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.0ns Swing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 65VP-P Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V
APPLICATIONS CRT driver for up to 69kHz monitors with resolution up to 1280 x 1024. Excellent Gray Scale Linearity Emitter Peaking Option Adjustable Gain
CONNECTION DIAGRAM
11 10 9 8 7 6 5 4 3 2 1 VOUT
VCC 9
VOUT
R1 = 1200
VCC VOUT
VBIAS Gain/Peaking Control VIN Gain/Peaking Control VIN Gain/Peaking Control VIN GND = TAB
12
VO 11,10,8
12
VBIAS
7
VIN
1,3,5
1J-13
TOP VIEW T11A PACKAGE
2,4,6 Gain/Peaking Control
GND TAB
1N-19
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CVA2400T
CORPORATION
ABSOLUTE MAXIMUM RATINGS Supply Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 90V Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12W Storage Temperature . . . . . . . . . . . . . . . . . . . -25oC to +100oC Operating Temperature . . . . . . . . . . . . . . . . . -20oC to +100oC Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . +300oC
DC ELECTRICAL CHARACTERISTICS Vs = 80V, CL = 8pF, DCINPUT BIAS = 12V, VIN = 1.8V, VOUT = 50Vp-p. TCASE = +25oC. See Figure 1.
SYMBOL Icc VOUT DC Av Supply Current Output DC Level Voltage Gain Gain Matching CHARACTERISTICS MIN TYP 28 52 15 0.2 MAX UNITS mA V V/V dB
AC ELECTRICAL CHARACTERISTICS Vs = 80V, CL = 8pF, DCINPUT BIAS = 12V, VIN = 3.4V, VOUT = 50Vp-p. TCASE = +25oC. See Figure 1.
SYMBOL Tr Tf Le OS Rise Time Fall Time Linearity Overshoot CHARACTERISTICS MIN TYP 5 5 6 5 MAX UNITS ns ns % %
FIGURE 1. TEST CIRCUIT
VCC 9
C3 VBIAS
C1 C2 D1 7 CVA2400T VIN VOUT 8,10,11 D2
C4
C6
VIDEO INPUT
R2 C7
1,3,5
VP G 2,4,6 GND TAB
TEKTRONIX FET PROBE MODEL 6201 (CAP. 1.5pF)
R1
C1 = 0.01F C2 = 100F C3 = 0.1F C7 = 120pF
C4 = 100F C6 = 8pF
R1 = 62 R2 = 20
D1, D2 = FHD400
1N-20
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CVA2400T
CORPORATION
FIGURE 2. APPLICATION CIRCUIT
VCC 9
C3
VBIAS C1 R3 7 C2 CVA2400T D1 VOUT 8,10,11 C5
C4
L
VIN VIDEO INPUT
R2 C7
R4 R5 SPARK GAP
1,3,5
VPG 2,4,6
GND TAB
D2 DC BIAS
R1
R1 = 62 R2 = 20 R3 = 47 R4 = 47(1/2W) R7 = 33 R8 = 39 R10 = 680
C1 = 0.01F C2 = 100F C3 = 0.1F C4 = 100F C5 = 2.2F C7 = 40 - 120pf
D1, D2 = FHD400 L = 330 - 390nH
1N-21
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025
CVA2400T
CORPORATION
Information furnished by Calogic is believed to be accurate and reliable. However, no responsibility is assumed for its use: nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent rights of Calogic.
CALOGIC CORPORATION, 237 Whitney Place, Fremont, California 94539, Telephone: 510-656-2900, FAX: 510-651-3025


▲Up To Search▲   

 
Price & Availability of CVA2400T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X