|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
CHV2243 Fully Integrated Q-band VCO based on Ku-band Oscillator and Q-band Multiplier GaAs Monolithic Microwave IC Description The CHV2243 is a monolithic multifunction for frequency generation. It integrates a Ku-band oscillator with frequency control (VCO), a Q-band frequency multiplier and buffer amplifiers. The VCO is fully integrated. On chip P-HEMT based Schottky diode is used as varactor. All the active devices are internally self biased. The circuit is manufactured with the PHEMT process : 0.25m gate length, via holes through the substrate, air bridges and electron beam gate lithography. It is available in chip form. +V F_VCO = F_out/3 -V RF_out x3 (F_out) V_tune VCO_out_aux Multifunction block diagram 40 39,5 Output frequency (GHz) 39 38,5 38 37,5 37 36,5 0 0,5 1 Tuning voltage (V) 1,5 2 Main Features n n n n n n n n n Ku-band VCO + Q-band multiplier Fully integrated VCO Wide frequency tuning range PLL oriented Auxiliary output at VCO frequency High temperature range On-chip self biasing Automatic assembly oriented Chip size 2.41 x 1.18 x 0.1 mm Typical tuning characteristic Main Characteristics Tamb = +25C Symbol F_out F_vco F_tune1 Pout Parameter Output centre frequency Oscillator frequency Output frequency tuning range Output power 1.5 5 Min 38 Typ 38.25 F_out/3 3 7 GHz dBm Max 38.5 Unit GHz ESD Protections : Electrostatic discharge sensitive device observe handling precautions ! Ref. : DSCHV22431074 -15-Mar.-01 1/6 Specifications subject to change without notice united monolithic semiconductors S.A.S. Route Departementale 128 - B.P.46 - 91401 Orsay Cedex France Tel. : +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09 CHV2243 Electrical Characteristics Q-band VCO Full temperature range, used according to section "Typical assembly and bias configuration" Symbol F_out F_vco F_tune1 F_tune2 F_tune2(T) P_out H1 H2 P_VCO V_tune F_slope F_slope(T) P_V+ P_VPN Parameter Output centre frequency VCO frequency Maximum frequency tuning range (@ F_out) Specified frequency tuning range (@ F_out) (1) Maximum variation of Frequency over temperature (2) Output power on RF_out port Sub-harmonics rejection (Fout/3) (2) Sub-harmonics rejection (2*Fout/3) (2) VCO output power on VCO_out_aux port (4) Control voltage range Frequency tuning slope (2) Maximum variation of Frequency tuning slope over temperature (2) Frequency pushing vs positive supply voltage (2) Frequency pushing vs negative supply voltage (2) Phase noise (given at F_out) (2) @ 1kHz @ 10kHz @ 100kHz @ 200kHz @ 1MHz Positive supply voltage (3) Positive supply current Negative supply voltage (3) Negative supply current Operating temperature range Min 38 1.5 200 -300 5 7 -16 -17 tbd 0.5-1 2800 Typ 38.25 F_out/3 3 300 Max 38.5 4 500 +300 12 -11 -12 0-2 4500 +34 450 250 Unit GHz GHz MHz MHz dBm dBc dBc V MHz/v % MHz/v MHz/v 1000 -26 150 80 +V +I -V -I Top 4.4 -4.6 -40 -5 -35 -65 -73 -92 4.5 130 -4.5 4 +5 -25 -55 -63 -82 4.6 180 -4.4 8 +100 dBc/Hz V mA V mA C (1) F_tune2 is the frequency tuning range relative to the specified parameters, this frequency tuning range has to be inside 38 to 38.5GHz. (2) Specified within F_tune2 (3) Negative supply voltage must be applied at least 1s before positive supply voltage (4) This output is optional, it can be not connected Ref. : DSCHV22431074 -15-Mar.-01 2/6 Specifications subject to change without notice Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09 Q-band VCO Absolute Maximum Ratings (1) Symbol V_tune +V -V +I -I Tstg (1) CHV2243 Parameter Tuning voltage Positive supply voltage Negative supply voltage Positive supply current Negative supply current Storage temperature range Values 2.5 5 -5 250 15 -55 to +155 Unit V V V mA mA C Operation of this device above anyone of these parameters may cause permanent damage. Ref. : DSCHV22431074 -15-Mar.-01 3/6 Specifications subject to change without notice Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09 CHV2243 Chip Mechanical Data and Pin References Q-band VCO 200 350 500 650 800 950 1100 1250 1550 1850 2150 2355 1040 1 2 3 4 5 6 7 8 9 10 11 12 13 14 615 15 70 1440 Origin 0,0 Layout 2410X1110 Unit = m External chip size (including saw streets) = 2480 x 1180 +/- 35 Chip thickness = 100 +/- 10 HF Pads (13) = 68 x 118 VCO_out_aux Pad = 100 x 100 DC/IF Pads = 100 x 100 Pin number 12, 14 3 13 8, 10 5, 9 4, 6, 7, 11 1, 2 Pin name Description Ground: should not be bonded. If required, please ask for more information. Ground (optional) RF output port @38GHz Positive supply voltage Negative supply voltage NC Tuning voltage input ports (should be connected together, see typical assembly and bias configuration) RF_out +V -V V-tune 15 VCO_out_aux Auxiliary VCO output at 12.7GHz (F_out / 3) (optional) Ref. : DSCHV22431074 -15-Mar.-01 4/6 Specifications subject to change without notice Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09 Q-band VCO Typical Assembly and Bias Configuration DC and control lines CHV2243 -V +V >= 120pF V-tune 1 2 3 4 5 6 7 8 9 10 11 12 13 14 L_out -strip line 15 L_aux -strip line This drawing shows an example of assembly and bias configuration. All the transistors are internally self biased. The positive and negative voltages can be respectively connected together (see drawing) according to the recommended values given in the electrical characteristics table. For the RF pads the equivalent wire bonding inductance (diameter=25m) has to be according to the following recommendation. Equivalent inductance (nH) RF_out (13) L_out = 0.28 VCO_out_aux (15) L_aux = 0.4 Port Approximated wire length (mm) 0.35 0.5 For a micro-strip configuration a hole in the substrate is recommended for chip assembly. Ref. : DSCHV22431074 -15-Mar.-01 5/6 Specifications subject to change without notice Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09 CHV2243 Q-band VCO Ordering Information Chip form : CHV2243-99F/00 Information furnished is believed to be accurate and reliable. However united monolithic semiconductors S.A.S. assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of united monolithic semiconductors S.A.S.. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. United monolithic semiconductors S.A.S. products are not authorised for use as critical components in life support devices or systems without express written approval from united monolithic semiconductors S.A.S. Ref. : DSCHV22431074 -15-Mar.-01 6/6 Specifications subject to change without notice Route Departementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09 |
Price & Availability of CHV2243 |