Part Number Hot Search : 
GMA7175C AD8572 KTC319 A125C AD8572 BSR20A PN4028 PN4028
Product Description
Full Text Search
 

To Download BYV32-100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV32-50M0 BYV32-100M BYV32-150M BYV32-200M
MECHANICAL DATA Dimensions in mm
0 .8 9 (0 .0 3 5 ) m in . 3 .7 0 (0 .1 4 6 ) 3 .4 1 (0 .1 3 4 )
1 0.6 0.8
4.6
3 .7 0 (0 .1 4 6 ) 3 .4 1 (0 .1 3 4 ) 4 .1 4 (0 .1 6 3 ) 3 .8 4 (0 .1 5 1 )
3 .6 0 (0 .1 4 2 ) M ax.
HERMETICALLY SEALED DUAL FAST RECOVERY SILICON RECTIFIER FOR HI-REL APPLICATIONS
* STANDARD (COMMON CATHODE) * COMMON ANODE * SERIES CONNECTION
16.5
3.6 Dia. 1 3 .5 1 0 .6
0 .7 6 (0 .0 3 0 ) m in .
1
3
1 0 .6 9 (0 .4 2 1 ) 1 0 .3 9 (0 .4 0 9 )
123
1 3 .7 0
2
1.0 2 .5 4 BSC 2. 70 BSC
9 .6 9 .3 1 1 .5 1 1 .2
7 (0 8 (0 8 (0 8 (0
.3 8 .3 6 .4 5 .4 4
1)
9) 6) 4)
1 6 .0 2 (0 .6 3 1 ) 1 5 .7 3 (0 .6 1 9 )
0 .5 0 (0 .0 2 0 ) 0 .2 6 (0 .0 1 0 )
FEATURES
* HERMETIC TO220 METAL OR CERAMIC SURFACE MOUNT PACKAGE * SCREENING OPTIONS AVAILABLE * ALL LEADS IOLATED FROM CASE
TO220 METAL
SMD1 CERAMIC SURFACE MOUNT
ELECTRICAL CONNECTIONS
Common Cathode
BYV32-xxxM
1 1 2 2 3 3 3
Common Anode
BYV32-xxxAM
Series Connection
BYV32-xxxRM
1 2
* VOLTAGE RANGE 50 TO 200V * AVERAGE CURRENT 20A * VERY LOW REVERSE RECOVERY TIME - trr = 35ns * VERY LOW SWITCHING LOSSES
Applications include secondary rectification in high frequency switching power supplies.
1 = A1 Anode 1 2 = K Cathode 3 = A2 Anode 2
1 = K1 Cathode 1 2 = A Anode 3 = K2 Cathode 2
1 = K1 Cathode 1 2 = Centre Tap 3 = A2 Anode
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VRRM VRWM VR IFRM IF(AV) Peak Repetitive Reverse Voltage Working Peak Reverse Voltage Continuous Reverse Voltage Repetitive Peak Forward Current Average Forward Current tp = 10ms Tcase = 70C
BYV32 -50M 50V 50V 50V
BYV32 -100M 100V 100V 100V
BYV32 -150M 150V 150V 150V
BYV32 -200M 200V 200V 200V
200A 20A
(switching operation, d = 0.5, both diodes conducting) IFSM Tstg Tj Surge Non Repetitive Forward Current Storage Temperature Range Maximum Operating Junction Temperature tp = 10 ms 80A -65 to 200C 200C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim. 7/00
BYV32-50M0 BYV32-100M BYV32-150M BYV32-200M
ELECTRICAL CHARACTERISTICS (Per Diode) (Tcase = 25C unless otherwise stated) Parameter
IR Reverse Current
Test Conditions
VR = VRWM VR = VRWM IF = 8A IF = 20A IF = 5A IF = 2A di / dt = 20A/ms IF = 1A di / dt = 50A/ms IF = 2A di / dt = 20A/ms IF = 1A VR = 30V VR = 30V Tj = 25C Tj = 100C TC = 25C TC = 25C TC = 100C VR = 30V
Min.
Typ.
Max.
30 0.6 1.1 1.5 0.95 35 50 15
Unit
mA
mA V
VF *
Forward Voltage
ns ns nC V
trr
Reverse Recovery Time
Qrr VFP
Recovered Charge
Forward Recovery Overvoltage di / dt = 10A/ms
1.0
* Pulse Test: tp 300ms, duty cycle 2%.
THERMAL CHARACTERISTICS (TO220 METAL CASE)
RqJC Thermal Resistance Junction - Case 1.6 C/W
Both diodes conducting.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. Website: http://www.semelab.co.uk E-mail: sales@semelab.co.uk
Prelim. 7/00


▲Up To Search▲   

 
Price & Availability of BYV32-100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X