Part Number Hot Search : 
KSR231 KF200 KSR231 KSR231 NFSW757D IRSF3011 00N6T KF200
Product Description
Full Text Search
 

To Download BYV32-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Rectifier diodes ultrafast
GENERAL DESCRIPTION
Glass passivated high efficiency dual rectifier diodes in a plastic envelope, featuring low forward voltage drop, ultra-fast recovery times and soft recovery characteristic. They are intended for use in switched mode power supplies and high frequency circuits in general where low conduction and switching losses are essential.
BYV32 series
QUICK REFERENCE DATA
SYMBOL VRRM VF IO(AV) trr PARAMETER BYV32Repetitive peak reverse voltage Forward voltage Output current (both diodes conducting) Reverse recovery time MAX. 100 100 0.85 20 25 MAX. 150 150 0.85 20 25 MAX. 200 200 0.85 20 25 UNIT V V A ns
PINNING - TO220AB
PIN 1 2 3 tab DESCRIPTION anode 1 (a) cathode (k) anode 2 (a) cathode (k)
PIN CONFIGURATION
tab
SYMBOL
a1
a2
k
123
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL VRRM VRWM VR IO(AV) PARAMETER Repetitive peak reverse voltage Crest working reverse voltage Continuous reverse voltage Output current (both diodes conducting)1 RMS forward current Repetitive peak forward current per diode Non-repetitive peak forward current per diode I2t for fusing Storage temperature Operating junction temperature square wave = 0.5; Tmb 115 C sinusoidal a = 1.57; Tmb 118 C t = 25 s; = 0.5; Tmb 115 C t = 10 ms t = 8.3 ms sinusoidal; with reapplied VRWM(max) t = 10 ms CONDITIONS MIN. -40 -100 100 100 100 MAX. -150 150 150 150 20 18 28 20 125 137 78 150 150 -200 200 200 200 UNIT V V V A A A A A A A2s C C
IO(RMS) IFRM IFSM
I2t Tstg Tj
1 Neglecting switching and reverse current losses October 1994 1 Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Thermal resistance junction to mounting base Thermal resistance junction to ambient CONDITIONS per diode both diodes conducting in free air MIN. -
BYV32 series
TYP. 60
MAX. 2.4 1.6 -
UNIT K/W K/W K/W
STATIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL VF IR PARAMETER Forward voltage (per diode) Reverse current (per diode) CONDITIONS IF = 8 A; Tj = 150C IF = 20 A VR = VRWM; Tj = 100 C VR = VRWM MIN. TYP. 0.72 1.00 0.2 6 MAX. 0.85 1.15 0.6 30 UNIT V V mA A
DYNAMIC CHARACTERISTICS
Tj = 25 C unless otherwise stated SYMBOL Qs trr Irrm Vfr PARAMETER Reverse recovery charge (per diode) Reverse recovery time (per diode) Peak reverse recovery current (per diode) Forward recovery voltage (per diode) CONDITIONS IF = 2 A; VR 30 V; -dIF/dt = 20 A/s IF = 1 A; VR 30 V; -dIF/dt = 100 A/s IF = 1 A; VR 30 V; -dIF/dt = 50 A/s; Tj = 100 C IF = 1 A; dIF/dt = 10 A/s MIN. TYP. 8 20 1.5 1 MAX. 12.5 25 2 UNIT nC ns A V
October 1994
2
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
BYV32 series
I
dI F dt
F
10
PF / W
Vo = 0.7 V Rs = 0.0183 Ohms
BYV32 1.9 2.2
Tmb(max) / C a = 1.57
126
8
t
2.8 4
130.8
rr
6
time
4
135.6
140.4
Q I R I
s
10%
100%
2 145.2
rrm
0
0
2
4 6 IF(AV) / A
8
150 10
Fig.1. Definition of trr, Qs and Irrm
Fig.4. Maximum forward dissipation PF = f(IF(AV)) per diode; sinusoidal current waveform where a = form factor = IF(RMS) / IF(AV).
trr / ns 1000
I
F
100
IF=10A
time
IF=1A
V
F V V F time
10
fr
1 1 10 dIF/dt (A/us) 100
Fig.2. Definition of Vfr
Fig.5. Maximum trr at Tj = 25 C; per diode
15
PF / W
Vo = 0.7 V Rs = 0.0183 Ohms
BYV32
Tmb(max) / C 114 D = 1.0
trr / ns 1000
10 0.2 0.1 5
I
0.5
126
100
IF=10A IF=1A Tj = 100 C
tp
D=
tp T t
138
10
T
0
0
5
IF(AV) / A
10
150 15
1
1
10
dIF/dt (A/us)
100
Fig.3. Maximum forward dissipation PF = f(IF(AV)) per diode; square current waveform where IF(AV) =IF(RMS) x D.
Fig.6. Maximum trr at Tj = 100 C; per diode
October 1994
3
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
BYV32 series
10
Irrm / A
30
IF / A Tj=150 C Tj=25 C
IF=10A 1 IF=1A
20
0.1
10
typ max
0.01 1 10 -dIF/dt (A/us) 100
0 0
0.5
VF / V
1
1.5
Fig.7. Maximum Irrm at Tj = 25 C; per diode
Fig.9. Typical and maximum forward characteristic IF = f(VF); parameter Tj
10
IF / A
100 Qs / nC
IF=10A 1 IF=1A
IF=10A 5A 2A 1A 10
0.1
Tj = 100 C 0.01 1 10 -dIF/dt (A/us) 100
1.0
1.0
10 -dIF/dt (A/us)
100
Fig.8. Maximum Irrm at Tj = 100 C; per diode
Fig.10. Maximum Qs at Tj = 25 C; per diode
Zth (K/W) 10
1
0.1
P D
tp
t
0.01 10 us
1 ms tp / s
0.1 s
10 s
Fig.11. Transient thermal impedance; per diode; Zth j-mb = f(tp).
October 1994
4
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
BYV32 series
4,5 max 10,3 max
1,3
3,7 2,8
5,9 min
15,8 max
3,0 max not tinned
3,0
13,5 min
1,3 max 1 2 3 (2x)
2,54 2,54
0,9 max (3x)
0,6 2,4
Fig.12. TO220AB; pin 2 connected to mounting base.
Notes 1. Accessories supplied on request: refer to mounting instructions for TO220 envelopes. 2. Epoxy meets UL94 V0 at 1/8".
October 1994
5
Rev 1.100
Philips Semiconductors
Product specification
Rectifier diodes ultrafast
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values
BYV32 series
This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications.
Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1994 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
October 1994
6
Rev 1.100


▲Up To Search▲   

 
Price & Availability of BYV32-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X