Part Number Hot Search : 
7005S55J PT380 BT169 16241 IRFS4 M18109A V115K7 ASI4U
Product Description
Full Text Search
 

To Download BYV29300M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BYV29-300M BYV29-400M BYV29-500M
MECHANICAL DATA Dimensions in mm
0 .8 9 (0 .0 3 5 ) m in . 3 .7 0 (0 .1 4 6 ) 3 .4 1 (0 .1 3 4 )
1 0.6 0.8
4.6
3 .7 0 (0 .1 4 6 ) 3 .4 1 (0 .1 3 4 ) 4 .1 4 (0 .1 6 3 ) 3 .8 4 (0 .1 5 1 )
3 .6 0 (0 .1 4 2 ) M ax.
HERMETICALLY SEALED FAST RECOVERY SILICON RECTIFIER FOR HI-REL APPLICATIONS
FEATURES
* HERMETIC TO220 METAL OR CERAMIC SURFACE MOUNT PACKAGES * SCREENING OPTIONS AVAILABLE
16.5
3.6 Dia. 1 3 .5 1 0 .6
0 .7 6 (0 .0 3 0 ) m in .
1
3
123
1 3 .7 0
1 0 .6 9 (0 .4 2 1 ) 1 0 .3 9 (0 .4 0 9 )
2
1.0 2 .5 4 BSC 2. 70 BSC
9 .6 9 .3 1 1 .5 1 1 .2
7 (0 8 (0 8 (0 8 (0
.3 8 .3 6 .4 5 .4 4
1)
9) 6) 4)
1 6 .0 2 (0 .6 3 1 ) 1 5 .7 3 (0 .6 1 9 )
0 .5 0 (0 .0 2 0 ) 0 .2 6 (0 .0 1 0 )
* ALL LEADS ISOLATED FROM CASE * VOLTAGE RANGE 50 TO 200V * AVERAGE CURRENT 8A * VERY LOW REVERSE RECOVERY TIME - trr = 35ns * VERY LOW SWITCHING LOSSES
Applications include secondary rectification in high frequency switching power supplies
TO220 METAL
SMD1 CERAMIC SURFACE MOUNT
ELECTRICAL CONNECTIONS
BYV29xxxM
1 3 2
1 = K Cathode 2 = K Cathode 3 = A Anode22
ABSOLUTE MAXIMUM RATINGS (Tcase = 25C unless otherwise stated)
VRRM VRWM VR IFRM IF(AV) Peak Repetitive Reverse Voltage Working Peak Reverse Voltage Continuous Reverse Voltage Repetitive Peak Forward Current Average Forward Current (switching operation, d = 0.5) IFSM Tstg Tj Surge Non Repetitive Forward Current Storage Temperature Range Maximum Operating Junction Temperature tp = 10 ms tp = 10ms Tcase = 70C
BYV29 -3000M 300V 200V 200V
BYV29 -400M 400V 30V 300V 200A 9A
BYV29 -500M 500V 400V 400V
100A -65 to 200C 200C
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim.7/00
BYV29-300M BYV29-400M BYV29-500M
ELECTRICAL CHARACTERISTICS Parameter
IR Reverse Current
(Tcase = 25C unless otherwise stated)
Test Conditions
VR = VRWM VR = VRWM IF = 8A IF = 20A IF = 5A IF = 1A di / dt = 50A/ms IF = 2A di / dt = 20A/ms IF = 2A di / dt = 20A/ms di / dt = 0A/ms VR = 30V VR = 30V Tj = 25C Tj = 100C TC = 25C TC = 25C TC = 100C VR = 30V
Min.
Typ.
Max.
30 0.6 1.1 1.5 0.95 35
Unit
mA
mA V
VF *
Forward Voltage
trr
Reverse Recovery Time
ns 50 15 1.0 nC V
Qrr VFP
Recovered Charge
Forward Recovery Overvoltage IF = 1A
* Pulse Test: tp 300ms, duty cycle 2%.
THERMAL CHARACTERISTICS (TO220 METAL CASE)
RqJC Thermal Resistance Junction - Case 2.6 C/W
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612. E-mail: sales@semelab.co.uk Website: http://www.semelab.co.uk
Prelim.7/00


▲Up To Search▲   

 
Price & Availability of BYV29300M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X