Part Number Hot Search : 
P6KE300 XN421F 0EVKI TEGA60A CG110 1N6300A L4959 MP87L76
Product Description
Full Text Search
 

To Download BUT11AI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT11AI
GENERAL DESCRIPTION
Enhanced performance, high speed switching npn transistor in TO220AB envelope specially suited for high frequency electronic lighting ballast applications and converters, inverters, switching regulators, motor control systems etc.
QUICK REFERENCE DATA
SYMBOL VCESM VCEO IC ICM Ptot VCEsat ICsat tf PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Total power dissipation Collector-emitter saturation voltage Collector Saturation current Inductive fall time CONDITIONS VBE = 0 V TYP. 2.5 0.08 MAX. 1000 450 5 10 100 1.5 0.15 UNIT V V A A W V A s
Tmb 25 C IC = 2.5 A; IB = 0.33 A ICon = 2.5 A; IBon = 0.5 A
PINNING - TO220AB
PIN 1 2 3 tab base collector emitter collector DESCRIPTION
PIN CONFIGURATION
tab
SYMBOL
c b
1 23
e
LIMITING VALUES
Limiting values in accordance with the Absolute Maximum Rating System (IEC 134) SYMBOL VCESM VCEO IC ICM IB IBM Ptot Tstg Tj PARAMETER Collector-emitter voltage peak value Collector-emitter voltage (open base) Collector current (DC) Collector current peak value Base current (DC) Base current peak value Total power dissipation Storage temperature Junction temperature CONDITIONS VBE = 0 V MIN. -65 MAX. 1000 450 5 10 2 4 100 150 150 UNIT V V A A A A W C C
Tmb 25 C
THERMAL RESISTANCES
SYMBOL Rth j-mb Rth j-a PARAMETER Junction to mounting base Junction to ambient in free air CONDITIONS TYP. MAX. 1.25 60 UNIT K/W K/W
August 1997
1
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT11AI
STATIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL ICES ICES IEBO VCEOsust VCEsat VBEsat hFE hFE hFEsat PARAMETER Collector cut-off current
1
CONDITIONS VBE = 0 V; VCE = VCESMmax VBE = 0 V; VCE = VCESMmax; Tj = 125 C VEB = 9.0 V; IC = 0 A IB = 0 A; IC = 100 mA; L = 25 mH IC = 2.5 A;IB = 0.33 A IC = 2.5 A;IB = 0.33 A IC = 5 mA; VCE = 5 V IC = 0.5 A; VCE = 5 V IC = 2.5 A; VCE = 5 V
MIN. 450 10 14 9
TYP. 20 22 13
MAX. 1.0 2.0 10.0 1.5 1.3 35 35 17
UNIT mA mA mA V V V
Emitter cut-off current Collector-emitter sustaining voltage Collector-emitter saturation voltage Base-emitter saturation voltage DC current gain
DYNAMIC CHARACTERISTICS
Tmb = 25 C unless otherwise specified SYMBOL PARAMETER Switching times resistive load Turn-on time ton ts tf Turn-off storage time Turn-off fall time Switching times inductive load ts tf ts tf Turn-off storage time Turn-off fall time Turn-off storage time Turn-off fall time ICon = 2.5 A; IBon = 0.5 A; LB = 1 H; -VBB = 5 V ICon = 2.5 A; IBon = 0.5 A; LB = 1 H; -VBB = 5 V; Tj = 100 C CONDITIONS ICon = 2.5 A; IBon = 0.5 A; -IBoff = 0.5 A TYP. 0.6 3.4 0.6 MAX. 1.0 4.0 0.8 UNIT s s s
1.1 80 1.2 140
1.4 150 1.5 300
s ns s ns
[INCLUDE]
1 Measured with half sine-wave voltage (curve tracer).
August 1997
2
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT11AI
MECHANICAL DATA
Dimensions in mm Net Mass: 2 g
4,5 max 10,3 max
1,3
3,7 2,8
5,9 min
15,8 max
3,0 max not tinned
3,0
13,5 min
1,3 max 1 2 3 (2x)
2,54 2,54
0,9 max (3x)
0,6 2,4
Fig.1. TO220AB; pin 2 connected to mounting base.
Notes 1. Refer to mounting instructions for TO220 envelopes. 2. Epoxy meets UL94 V0 at 1/8".
August 1997
3
Rev 1.000
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BUT11AI
DEFINITIONS
Data sheet status Objective specification Product specification Limiting values Limiting values are given in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of this specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information Where application information is given, it is advisory and does not form part of the specification. (c) Philips Electronics N.V. 1997 All rights are reserved. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, it is believed to be accurate and reliable and may be changed without notice. No liability will be accepted by the publisher for any consequence of its use. Publication thereof does not convey nor imply any license under patent or other industrial or intellectual property rights. This data sheet contains target or goal specifications for product development. This data sheet contains final product specifications. Preliminary specification This data sheet contains preliminary data; supplementary data may be published later.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Philips customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips for any damages resulting from such improper use or sale.
August 1997
4
Rev 1.000


▲Up To Search▲   

 
Price & Availability of BUT11AI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X