Part Number Hot Search : 
28800 74VHC541 UT110N03 E224K 527S303T BCR16P 10100C A1225
Product Description
Full Text Search
 

To Download BUP307D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BUP 307D
IGBT With Antiparallel Diode
Preliminary data
* Low forward voltage drop * High switching speed * Low tail current * Latch-up free * Including fast free-wheel diode Pin 1 G Type BUP 307D Maximum Ratings Parameter Collector-emitter voltage Collector-gate voltage Symbol Values 1200 1200 Unit V Pin 2 C Ordering Code Q67040-A4221-A2 Pin 3 E
VCE
IC
Package TO-218 AB
1200V 35A
VCE VCGR VGE IC
RGE = 20 k
Gate-emitter voltage DC collector current
20 A 35 23
TC = 25 C TC = 90 C
Pulsed collector current, tp = 1 ms
ICpuls
70 46
TC = 25 C TC = 90 C
Diode forward current
IF
18
TC = 90 C
Pulsed diode current, tp = 1 ms
IFpuls
108
TC = 25 C
Power dissipation
Ptot
300
W -55 ... + 150 -55 ... + 150 C
TC = 25 C
Chip or operating temperature Storage temperature
Tj Tstg
Semiconductor Group
1
Dec-02-1996
BUP 307D
Maximum Ratings Parameter DIN humidity category, DIN 40 040 IEC climatic category, DIN IEC 68-1 Thermal Resistance Thermal resistance, chip case Diode thermal resistance, chip case Symbol Values E 55 / 150 / 56 Unit -
RthJC RthJCD
0.42 1.25
K/W
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Static Characteristics Gate threshold voltage Values typ. max. Unit
VGE(th)
4.5 5.5 2.7 3.3 3.4 4.3 6.5 3.2 3.9 -
V
VGE = VCE, IC = 0.35 mA, Tj = 25 C
Collector-emitter saturation voltage
VCE(sat)
-
VGE = 15 V, IC = 25 A, Tj = 25 C VGE = 15 V, IC = 25 A, Tj = 125 C VGE = 15 V, IC = 42 A, Tj = 25 C VGE = 15 V, IC = 42 A, Tj = 125 C
Zero gate voltage collector current
ICES
0.5
mA nA 100
VCE = 1200 V, VGE = 0 V, Tj = 25 C
Gate-emitter leakage current
IGES
VGE = 25 V, VCE = 0 V
AC Characteristics Transconductance
gfs
5.5 8 2000 160 65 -
S pF 2700 240 100
VCE = 20 V, IC = 15 A
Input capacitance
Ciss Coss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Output capacitance
VCE = 25 V, VGE = 0 V, f = 1 MHz
Reverse transfer capacitance
Crss
-
VCE = 25 V, VGE = 0 V, f = 1 MHz
Semiconductor Group
2
Dec-02-1996
BUP 307D
Electrical Characteristics, at Tj = 25 C, unless otherwise specified Parameter Symbol min. Switching Characteristics, Inductive Load at Tj = 125 C Turn-on delay time Values typ. max. Unit
td(on)
30 45
ns
VCC = 600 V, VGE = 15 V, IC = 15 A RGon = 33
Rise time
tr
22 35
VCC = 600 V, VGE = 15 V, IC = 15 A RGon = 33
Turn-off delay time
td(off)
230 310
VCC = 600 V, VGE = -15 V, IC = 15 A RGoff = 33
Fall time
tf
20 28 mWs 1.7 -
VCC = 600 V, VGE = -15 V, IC = 15 A RGoff = 33
Total turn-off loss energy
Eoff
VCC = 600 V, VGE = -15 V, IC = 15 A RGoff = 33 , Tj = 25 C
Free-Wheel Diode Diode forward voltage
VF
2.4 1.9 2.95 -
V
IF = 15 A, VGE = 0 V, Tj = 25 C IF = 15 A, VGE = 0 V, Tj = 125 C
Reverse recovery time
trr
ns
IF = 15 A, VR = -600 V, VGE = 0 V diF/dt = -800 A/s Tj = 25 C Tj = 125 C
Reverse recovery charge 100 150 C
Qrr
IF = 15 A, VR = -600 V, VGE = 0 V diF/dt = -800 A/s Tj = 25 C Tj = 125 C
3 1 3 1.8 5.4
Semiconductor Group
Dec-02-1996
BUP 307D
Power dissipation Ptot = (TC) parameter: Tj 150 C
320
Collector current IC = (TC) parameter: VGE 15 V , Tj 150 C
36 A
W
Ptot
240
IC
28 24
200 20 160 16 120 12 80 8 4 0 20 40 60 80 100 120 C 160 0 20 40 60 80 100 120 C 160
40 0 0
TC
TC
Safe operating area IC = (VCE) parameter: D = 0, TC = 25C , Tj 150 C
10 2
t = 7.9s p 10 s
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 0
IGBT
A
K/W
100 s
IC
10 1
ZthJC
10 -1
1 ms
D = 0.50 0.20
10 ms
10 0
10 -2
0.10 0.05 0.02 0.01
DC 10 -1 0 10 10 -3 -5 10
single pulse
10
1
10
2
10
3
V
10
-4
10
-3
10
-2
10
-1
s 10
0
VCE
tp
Semiconductor Group
4
Dec-02-1996
BUP 307D
Typ. output characteristics
Typ. transfer characteristics
IC = f(VCE)
parameter: tp = 80 s, Tj = 125 C
IC = f (VGE)
parameter: tP = 80 s, VCE = 20 V, Tj = 25 C
Typ. saturation characteristics
Typ. saturation characteristics
VCE(sat) = f (VGE)
parameter: Tj = 25 C
VCE(sat) = f (VGE)
parameter: Tj = 125 C
Semiconductor Group
5
Dec-02-1996
BUP 307D
Typ. gate charge VGE = (QGate) parameter: IC puls = 20 A
20 V
Typ. capacitances
C = f (VCE)
parameter: VGE = 0 V, f = 1 MHz
VGE
16 14 12 10 8 6 4 2 0 0 20 40 60 80
400 V
800 V
100 120 140
nC
180
Q Gate
Short circuit safe operating area
Reverse biased safe operating area
ICsc = f (VCE) , Tj = 150C parameter: VGE = 15 V, tsc 10 s, L < 25 nH
10
ICpuls = f (VCE) , Tj = 150C parameter: VGE = 15 V
2.5
I Csc/I C(90C)
ICpuls/IC
6
1.5
4
1.0
2
0.5
0 0 200 400 600 800 1000 1200 V 1600
0.0 0 200 400 600 800 1000 1200 V 1600
Semiconductor Group
6
Dec-02-1996
BUP 307D
Typ. switching time
t = f (RG), inductive load, Tj = 125 C
parameter: VCE = 600 V, VGE = 15 V, IC = 15 A
Typ. forward characteristics
IF = f (VF)
parameter: Tj
30 A 26
Transient thermal impedance Zth JC = (tp) parameter: D = tp / T
10 1
Diode
K/W
IF
24 22 20 18 16 14 12 10 8 6 4 2 0 0.0 0.5 1.0 1.5 2.0 V 3.0
ZthJC
10 0
Tj=125C
Tj=25C
10 -1 D = 0.50 0.20 0.10 10 -2 0.05 0.02 0.01 single pulse 10 -3 -5 10
10
-4
10
-3
10
-2
10
-1
s 10
0
VF
tp
Semiconductor Group
7
Dec-02-1996


▲Up To Search▲   

 
Price & Availability of BUP307D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X