Part Number Hot Search : 
SDH40HF 1N5806 080CT DD251 SR430 MB91307 MCP3023 ISL8009
Product Description
Full Text Search
 

To Download BAV756DW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BAV756DW
QUAD SURFACE MOUNT SWITCHING DIODE ARRAY Features
NEW PRODUCT
* * * * * *
Fast Switching Speed Ultra-Small Surface Mount Package For General Purpose Switching Applications High Conductance One BAV70 Circuit and One BAW56 Circuit In One Package Easily Connected As F.W. Bridge
K
A
C1
A1
C2
SOT-363 Dim
BC
Min 0.10 1.15 2.00 0.30 1.80 1.80 3/4 0.90 0.25 0.10
Max 0.30 1.35 2.20 0.40 2.20 2.20 0.10 1.00 0.40 0.25
A B C D
M
A1
C2
A2
H
0.65 Nominal
E G H J
Mechanical Data
* * * * * Case: SOT-363, Molded Plastic Terminals: Solderable per MIL-STD-202, Method 208 Polarity: See Diagram Marking: KCA Weight: 0.006 grams (approx.)
J
D
F
C1
L
A1 C2
K L M
Marking Indicates Orientation
A1
KXX
C2 A2
All Dimensions in mm
Maximum Ratings @ TA = 25C unless otherwise specified
Characteristic Non-Repetitive Peak Reverse Voltage Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Forward Continuous Current (Note 1) Average Rectified Output Current (Note 1) Non-Repetitive Peak Forward Surge Current @ t = 1.0ms @ t = 1.0s Power Dissipation (Note 1) Thermal Resistance Junction to Ambient Air (Note 1) Operating and Storage Temperature Range Symbol VRM VRRM VRWM VR VR(RMS) IFM IO IFSM Pd RqJA Tj , TSTG BAV756DW 100 75 53 300 150 2.0 1.0 200 625 -65 to +150 Unit V V V mA mA A mW K/W C
Electrical Characteristics
Characteristic Maximum Forward Voltage
@ TA = 25C unless otherwise specified Symbol VFM Min 3/4 Max 0.715 0.855 1.0 1.25 2.5 50 30 25 2.0 4.0 Unit V mA mA mA nA pF ns Test Condition IF = 1.0mA IF = 10mA IF = 50mA IF = 150mA VR = 75V VR = 75V, Tj = 150C VR = 25V, Tj = 150C VR = 20V VR = 0, f = 1.0MHz IF = IR = 10mA, Irr = 0.1 x IR, RL = 100W
Maximum Peak Reverse Current Junction Capacitance Reverse Recovery Time Notes:
IRM Cj trr
3/4 3/4 3/4
1. Valid provided that terminals are kept at ambient temperature.
DS30148 Rev. B-1
1 of 2
BAV756DW
IF, INSTANTANEOUS FORWARD CURRENT (mA)
NEW PRODUCT
1000
10,000
IR, LEAKAGE CURRENT (nA)
100
1000
10
100
1.0
10
0.1
VR = 20V
0.01 0 1 2 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 1 Forward Characteristics
1
0
100
200
Tj, JUNCTION TEMPERATURE (C) Fig. 2 Leakage Current vs Junction Temperature
DS30148 Rev. B-1
2 of 2
BAV756DW


▲Up To Search▲   

 
Price & Availability of BAV756DW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X