Part Number Hot Search : 
CY7C65 82PF120 D9845 8LF25 00190 CERA60U NFSB0 MAX8727
Product Description
Full Text Search
 

To Download AVD350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AVD350
NPN SILICON RF POWER TRANSISTOR
PACKAGE STYLE .400 2NL FLG
A .025 x 45
DESCRIPTION:
C
2X B OD
4x .062 x 45
The ASI AVD350 is Designed for
E F
G
FEATURES:
* Input Matching Network * * OmnigoldTM Metalization System
H
I J K P M N
L
DIM A B C D E
MINIMUM
inches / mm
MAXIMUM
inches / mm
.020 / 0.51 .100 / 2.54 .376 / 9.55 .110 / 2.79 .395 / 10.03 .193 / 4.90 .450 / 11.43 .125 / 3.18 .640 / 16.26 .890 / 22.61 .395 / 10.03 .004 / 0.10 .052 / 1.32 .118 / 3.00
.030 / 0.76 .396 / 10.06 .130 / 3.30 .407 / 10.34
MAXIMUM RATINGS
IC VCC PDISS TJ TSTG JC
O
19.8 A 55 V 720 W @ TC = 25 C -65 C to +250 C -65 C to +200 C 0.17 OC/W
O O O O
F G H I J K L M N P
.660 / 16.76 .910 / 23.11 .415 / 10.54 .007 / 0.18 .072 / 1.83 .131 / 3.33 .230 / 5.84
ORDER CODE: ASI10566
CHARACTERISTICS
SYMBOL
BVCBO BVCER BVEBO ICES hFE PG C IC = 10 mA IC = 25 mA
TC = 25 C
O
NONETEST CONDITIONS
RBE = 10
MINIMUM TYPICAL MAXIMUM
65 65 3.5 25
UNITS
V V V mA --dB %
IE = 1.0 mA VCE = 50 V VCE = 5.0 V VCC = 50 V IC = 1.0 A POUT = 350 W f = 1090 MHz
15 6.7 40 7.1 44
120 ---
A D V A N C E D S E M I C O N D U C T O R, I N C.
7525 ETHEL AVENUE * NORTH HOLLYWOOD, CA 91605 * (818) 982-1200 * FAX (818) 765-3004
Specifications are subject to change without notice.
REV. A
1/1


▲Up To Search▲   

 
Price & Availability of AVD350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X