Part Number Hot Search : 
PJ3844B FR6A04 012X5R1 YF224 2SB140 XA3S200A NRSZ152M ADG1604
Product Description
Full Text Search
 

To Download 74VHCT245AMTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHCT245A Octal Buffer/Line Driver with 3-STATE Outputs
March 1997 Revised March 1999
74VHCT245A Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The VHCT245A is an advanced high speed CMOS octal bus transceiver fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The VHCT245A is intended for bidirectional asynchronous communication between data busses. The direction of data transmission is determined by the level of the T/R input. The enable input can be used to disable the device so that the busses are effectively isolated. Protection circuits ensure that 0V to 7V can be applied to the input and output (Note 1) pins without regard to the supply voltage. These circuits prevent device destruction due to mismatched supply and input/output voltages. This device can be used to interface 5V to 3V systems and two supply systems such as battery back up.
Note 1: Outputs in OFF-State
Features
s High Speed: tPD = 5.4 ns (typ) at VCC = 5V s Power Down Protection on Inputs and Outputs s Low Power Dissipation: ICC = 4 A (Max) @ TA = 25C s Pin and Function Compatible with 74HCT245
Ordering Code:
Order Number 74VHCT245AM 74VHCT245ASJ 74VHCT245AMTC 74VHCT245AN Package Number M20B M20D MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Pin Names OE T/R A0-A7 B0-B7 Description Output Enable Input Transmit/Receive Input Side A Inputs or 3-STATE Outputs Side B Inputs or 3-STATE Outputs
Truth Table
Inputs Outputs OE L L H
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial
T/R L H X Bus B Data to Bus A Bus A Data to Bus B HIGH-Z State
(c) 1999 Fairchild Semiconductor Corporation
DS500004.prf
www.fairchildsemi.com
74VHCT245A
Absolute Maximum Ratings(Note 2)
Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) (Note 3) (Note 4) Input Diode Current (IIK) Output Diode Current (IOK) (Note 5) DC Output Current (IOUT) DC VCC/GND Current (ICC) Storage Temperature (TSTG) Lead Temperature (TL) (Soldering, 10 seconds) 260C -0.5V to VCC + 0.5V -0.5V to +7.0V -20 mA 20 mA 25 mA 75 mA -65C to +150C -0.5V to +7.0V -0.5V to +7.0V
Recommended Operating Conditions (Note 6)
Supply Voltage (VCC) Input Voltage (VIN) Output Voltage (VOUT) (Note 3) (Note 4) Operating Temperature (TOPR) Input Rise and Fall Time (tr, tf) VCC = 5.0V 0.5V 0 ns/V 20 ns/V
Note 2: Absolute Maximum Ratings are values beyond which the device may be damaged or have its useful life impaired. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside databook specifications. Note 3: HIGH or LOW state. IOUT absolute maximum rating must be observed. Note 4: When outputs are in OFF-State or when VCC = OV. Note 5: VOUT < GND, VOUT > VCC (Outputs Active). Note 6: Unused inputs must be held HIGH or LOW. They may not float.
4.5V to +5.5V 0V to +5.5V 0V to VCC 0V to +5.5V -40C to +85C
DC Electrical Characteristics
Symbol VIH VIL VOH VOL IOZ IIN ICC ICCT IOFF Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage LOW Level Output Voltage 3-STATE Output Off-State Current Input Leakage Current Quiescent Supply Current Maximum ICC/Input Output Leakage Current (Power Down State) V CC (V) 4.5 5.5 4.5 5.5 4.5 4.5 5.5 0-5.5 5.5 5.5 0.0 4.40 3.94 0.0 0.1 0.36 0.25 0.1 4.0 1.35 0.5 4.50 TA = 25C Min 2.0 2.0 0.8 0.8 4.40 3.80 0.1 0.44 2.5 1.0 40.0 1.50 5.0 Typ Max TA = -40C to +85C Min 2.0 2.0 0.8 0.8 Max Units V V V V V V A A A mA A VIN = VIH IOH = -50 A or VIL IOH = -8 mA VIN = VIH IOL = or VIL IOL = VIN = VIH or VIL VOUT = VCC or GND VIN = 5.5V or GND VIN = VCC or GND VIN = 3.4V Other Input = VCC or GND VOUT = 5.5V 50 A 8 mA Conditions
www.fairchildsemi.com
2
74VHCT245A
Noise Characteristics
Symbol VOLP (Note 7) VOLV (Note 7) VIHD (Note 7) VILD (Note 7) Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage VCC (V) 5.0 5.0 5.0 5.0 TA = 25C Typ 1.2 -1.2 Limits 1.6 -1.6 2.0 0.8 Units V V V V CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF Conditions
Note 7: Parameter guaranteed by design.
AC Electrical Characteristics
Symbol tPLH tPHL tPZL tPZH tPLZ tPHZ tOSLH tOSHL CIN COUT CPD Parameter Propagation Delay Time 3-STATE Output Enable Time 3-STATE Output Disable Time Output to Output Skew Input Capacitance Output Capacitance Power Dissipation Capacitance V CC (V) 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 4 13 16 TA = 25C Min Typ 4.9 5.4 9.4 9.9 10.1 Max 7.7 8.7 13.8 14.8 15.4 1.0 10 TA = -40C to +85C Min 1.0 1.0 1.0 1.0 1.0 Max 8.5 9.5 15.0 16.0 16.5 1.0 10 Units ns ns ns ns pF pF pF RL = 1 k RL = 1 k (Note 8) VCC = Open VCC = 5.0V (Note 9) Conditions CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF CL = 50 pF
Note 8: Parameter guaranteed by design. tOSLH = |tPLH max - tPLH min|; t OSHL = |tPHL max - tPHL min| Note 9: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr.) = CPD * VCC * fIN + I CC/8 (per F/F). The total CPD when n pcs. of the Octal D Flip-Flop operates can be calculated by the equation: CPD (total) = 20 + 12n.
3
www.fairchildsemi.com
74VHCT245A
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300 Wide Package Number M20B
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
www.fairchildsemi.com
4
74VHCT245A
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
5
www.fairchildsemi.com
74VHCT245A Octal Buffer/Line Driver with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Package Number N20A
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of 74VHCT245AMTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X