Part Number Hot Search : 
B5470 DC10EWA GAANUB S2829 KRX101 CHQ10 2SD1863 ISF81
Product Description
Full Text Search
 

To Download 74VHCT139A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 (R)
74VHCT139A
DUAL 2 TO 4 DECODER/DEMULTIPLEXER
PRELIMINARY DATA
s s
s
s
s
s
s
s
s
HIGH SPEED: tPD = 7.2 ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA = 25 oC COMPATIBLE WITH TTL OUTPUTS: VIH = 2V (MIN), VIL = 0.8V (MAX) POWER DOWN PROTECTION ON INPUTS & OUTPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC (OPR) = 4.5V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 139 IMPROVED LATCH-UP IMMUNITY
SOP
PACKAGE SOP TSSOP T UBE 74VHCT139AM
TSSOP
T&R 74VHCT139AMTR 74VHCT139ATTR
ORDER CODES
DESCRIPTION The 74VHCT139A is an advanced high-speed CMOS DUAL 2 TO 4 LINE DECODER/ DEMULTIPLEXER fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. The active low enable input can be used for
gating or as a data input for demultiplexing applications. While the enable input is held high, all four outputs are high independently of the other inputs. Power down protection is provided on all inputs and outputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V. All inputs and outputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
PIN CONNECTION AND IEC LOGIC SYMBOLS
March 2000
1/8
74VHCT139A
INPUT EQUIVALENT CIRCUIT PIN DESCRIPTION
PIN No 1, 15 2, 3 4, 5, 6, 7 12, 11, 10, 9 14, 13 8 16 SYMBOL 1G, 2G 1A, 1B NAME AND FUNCT ION Enable Inputs Address Inputs
1Y0 to 1Y3 Outputs 2Y0 to 2Y3 Outputs 2A, 2B GND VCC Address Inputs Ground (0V) Positive Supply Voltage
TRUTH TABLE
ENABLE G H L L L L
X:Don't Care
INPUT S SELECT B X L L H H
OUTPUTS A X L H L H Y0 H L H H H Y1 H H L H H Y2 H H H L H Y3 H H H H L
LOGIC DIAGRAM
Thislogic diagram has notbe used to estimate propagation delays
2/8
74VHCT139A
ABSOLUTE MAXIMUM RATINGS
Symbol VCC VI VO VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage (see note 1) DC Output Voltage (see note 2) DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V V mA mA mA mA
o o
ICC or IGND DC VCC or Ground Current
C C
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied. 1) VCC=0 2) High or Low State
RECOMMENDED OPERATING CONDITIONS
Symbol VCC VI VO VO Top dt/dv Supply Voltage Input Voltage Output Voltage (see note 1) Output Voltage (see note 2) Operating Temperature Input Rise and Fall Time (see note 3) (V CC = 5.0 0.5V) Parameter Valu e 4.5 to 5.5 0 to 5.5 0 to 5.5 0 to VCC -40 to +85 0 to 20 Unit V V V V
o
C
ns/V
1) VCC=0 2) High or Low State 3)VIN from0.8V to 2 V
DC SPECIFICATIONS
Symb ol Parameter T est Cond ition s V CC (V) VIH VIL VOH VOL II ICC ICC High Level Input Voltage Low Level Input Voltage High Level Output Voltage Low Level Output Voltage Input Leakage Current Quiescent Supply Current Additional Worst Case Supply Current Output Leakage Current 4.5 to 5.5 4.5 to 5.5 4.5 4.5 4.5 4.5 0 to 5.5 5.5 5.5 I O =-50 A IO=-8 mA I O=50 A IO=8 mA VI = 5.5V or GND VI = VCC or GND One Input at 3.4V, other input at VCC or GND VOUT = 5.5V 4.4 3.94 0.0 0.1 0.36 0.1 4 1.35 4.5 Min. 2 0.8 4.4 3.8 0.1 0.44 1.0 40 1.5 Typ . Value T A = 25 o C Max. -40 to 85 o C Min . 2 0.8 Max. V V Un it
V V A A mA
IOPD
0
0.5
5.0
A
3/8
74VHCT139A
AC ELECTRICAL CHARACTERISTICS (Input t r = tf =3 ns)
Symb ol Parameter V CC (V) tPLH tPHL tPLH tPHL Propagation Delay Time A, B, to Y Propagation Delay Time G to Y Test Co ndition CL (pF ) 15 50 15 50 Value T A = 25 o C Min. Typ . Max. 7.2 11.0 9.7 6.4 8.9 14.5 9.2 12.7 Un it -40 to 85 o C Min . Max. 1.0 13.0 1.0 1.0 1.0 16.5 11.0 14.5 ns ns
5.0(*) 5.0(*) 5.0(*) 5.0
(*)
(*) Voltage range is 5V 0.5V
CAPACITIVE CHARACTERISTICS
Symb ol Parameter T est Cond ition s
o
Value T A = 25 C Min. Typ . Max. -40 to 85 C Min . Max. 10
o
Un it
C IN CPD
Input Capacitance Power Dissipation Capacitance (note 1)
4 26
10
pF pF
1) CPD isdefined as the value of the IC'sinternal equivalent capacitance which is calculated fromthe operating current consumption without load. (Referto Test Circuit).Average operating current can be obtained by the following equation. ICC(opr) = CPD * VCC * fIN + ICC/2 (per Decoder)
TEST CIRCUIT
CL = 15/50 pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
4/8
74VHCT139A
WAVEFORM 1: PROPAGATION DELAYS FOR INVERTING OUTPUTS (f=1MHz; 50% duty cycle)
WAVEFORM 2: PROPAGATION DELAYS FOR NON-INVERTING OUTPUTS (f=1MHz; 50% duty cycle)
5/8
74VHCT139A
SO-16 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013H
6/8
74VHCT139A
TSSOP16 MECHANICAL DATA
mm MIN. A A1 A2 b c D E E1 e K L 0o 0.50 0.05 0.85 0.19 0.09 4.9 6.25 4.3 5 6.4 4.4 0.65 BSC 4o 0.60 8o 0.70 0o 0.020 0.10 0.9 TYP. MAX. 1.1 0.15 0.95 0.30 0.20 5.1 6.5 4.48 0.002 0.335 0.0075 0.0035 0.193 0.246 0.169 0.197 0.252 0.173 0.0256 BSC 4o 0.024 8o 0.028 0.004 0.354 MIN. inch TYP. MAX. 0.433 0.006 0.374 0.0118 0.0079 0.201 0.256 0.176
DIM.
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
7/8
74VHCT139A
Information furnished is believed to be accurate and reliable. However, STMicroelectronic s assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specification mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems withoutexpress written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics (c) 2000 STMicroelectronics - Printed in Italy - All Rights Reserved STMicroelectronics GROUP OF COMPANIES Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco Singapore - Spain - Sweden - Switzerland - United Kingdom - U.S.A. http://www.st.com .
8/8


▲Up To Search▲   

 
Price & Availability of 74VHCT139A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X