Part Number Hot Search : 
12N60 MAX1267 2SC2020 2MBI150 GBP200 2SJ533 TLP35107 D17010GF
Product Description
Full Text Search
 

To Download 74VHC594 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHC594
8 BIT SHIFT REGISTER WITH OUTPUT REGISTER
s s
s
s s
s
s
s
s s
HIGH SPEED: tPD = 4.2ns (TYP.) at VCC = 5V LOW POWER DISSIPATION: ICC = 4 A (MAX.) at TA=25C HIGH NOISE IMMUNITY: VNIH = VNIL = 28% VCC (MIN.) POWER DOWN PROTECTION ON INPUTS SYMMETRICAL OUTPUT IMPEDANCE: |IOH| = IOL = 8 mA (MIN) BALANCED PROPAGATION DELAYS: tPLH tPHL OPERATING VOLTAGE RANGE: VCC(OPR) = 2V to 5.5V PIN AND FUNCTION COMPATIBLE WITH 74 SERIES 594 IMPROVED LATCH-UP IMMUNITY LOW NOISE: VOLP = 0.8V (MAX.)
SOP
TSSOP
Table 1: Order Codes
PACKAGE SOP TSSOP T&R M74VHC594RMTR M74VHC594TTR
DESCRIPTION The 74VHC594 is an high speed CMOS 8-BIT SHIFT REGISTERS fabricated with sub-micron silicon gate C2MOS technology. This device contains an 8-bit serial-in, parallel-out shift register that feeds an 8-bit D-type storage register. Separate clocks and direct overriding clear (SCLR, RCLR) are provided for both the shift register and the storage register.
A serial (QH') output is provided for cascading purposes. Both the shift register and storage register use positive-edge triggered clocks. If the clocks are connected together, the shift register state will always be one clock pulse ahead of the storage register. Power down protection is provided on all inputs and 0 to 7V can be accepted on inputs with no regard to the supply voltage. This device can be used to interface 5V to 3V. All inputs are equipped with protection circuits against static discharge, giving them 2KV ESD immunity and transient excess voltage.
Figure 1: Pin Connection And IEC Logic Symbols
November 2004
Rev. 5
1/14
74VHC594
Figure 2: Input Equivalent Circuit Table 2: Pin Description
PIN N 1, 2, 3, 4, 5, 6, 7, 15 9 10 11 13 14 12 8 16 SYMBOL QA to QH QH' SCLR SCK RCLR SI RCK GND VCC NAME AND FUNCTION Data Outputs Serial Data Output Shift Register Clear Input Shift Register Clock Input Storage Register Clear Input Serial Data Input Storage Register Clock Input Ground (0V) Positive Supply Voltage
Table 3: Truth Table
INPUTS OUTPUTS SI X L SCK X SCLR L H RCK X X RCLR X X SHIFT REGISTER IS CLEAR FIRST STAGE OF SHIFT REGISTER GOES LOW OTHER STAGES STORE THE DATA OF PREVIOUS STAGE, RESPECTIVELY FIRST STAGE OF SHIFT REGISTER GOES HIGH OTHER STAGES STORE THE DATA OF PREVIOUS STAGE, RESPECTIVELY SHIFT REGISTER STATE IS NOT CHANGED STORAGE REGISTER IS CLEARED SHIFT REGISTER DATA IS STORED IN THE STORAGE REGISTER STORAGE REGISTER STATE IS NOT CHANGED
H
H
X
X
L X X X
X: Don't Care
H X X X X X X
X X
X L H H
2/14
74VHC594
Figure 3: Logic Diagram
This logic diagram has not be used to estimate propagation delays
3/14
74VHC594
Figure 4: Timing Chart
Table 4: Absolute Maximum Ratings
Symbol VCC VI VO IIK IOK IO Tstg TL Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current Storage Temperature Lead Temperature (10 sec) Parameter Value -0.5 to +7.0 -0.5 to +7.0 -0.5 to VCC + 0.5 - 20 20 25 50 -65 to +150 300 Unit V V V mA mA mA mA C C
ICC or IGND DC VCC or Ground Current
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these conditions is not implied
4/14
74VHC594
Table 5: Recommended Operating Conditions
Symbol VCC VI VO Top dt/dv Supply Voltage Input Voltage Output Voltage Operating Temperature Input Rise and Fall Time (note 1) (VCC = 3.3 0.3V) (VCC = 5.0 0.5V) Parameter Value 2 to 5.5 0 to 5.5 0 to VCC -55 to 125 0 to 100 0 to 20 Unit V V V C ns/V
1) VI from 30% to 70% of VCC
Table 6: DC Specifications
Test Condition Symbol Parameter VCC (V) 2.0 3.0 to 5.5 2.0 3.0 to 5.5 2.0 3.0 4.5 3.0 4.5 VOL Low Level Output Voltage 2.0 3.0 4.5 3.0 4.5 II Ioff ICC Input Leakage Current Power Off Leakage Current Quiescent Supply Current 0 to 5.5 0 5.5 IO=-50 A IO=-50 A IO=-50 A IO=-4 mA IO=-8 mA IO=50 A IO=50 A IO=50 A IO=4 mA IO=8 mA VI = 5.5V or GND VI = 0 to 5V VI = VCC or GND TA = 25C Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.1 0.1 4 2.0 3.0 4.5 1.9 2.9 4.4 2.48 3.8 0.1 0.1 0.1 0.44 0.44 1 5 40 Typ. Max. Value -40 to 85C Min. 1.5 0.7VCC 0.5 0.3VCC 1.9 2.9 4.4 2.4 3.7 0.1 0.1 0.1 0.55 0.55 1 5 40 A A A V V Max. -55 to 125C Min. 1.5 0.7VCC 0.5 0.3VCC V V Max. Unit
VIH
High Level Input Voltage Low Level Input Voltage High Level Output Voltage
VIL
VOH
5/14
74VHC594
Table 7: AC Electrical Characteristics (Input tr = tf = 3ns)
Test Condition Symbol Parameter VCC (V) 3.3(*) 3.3
(*)
Value TA = 25C Min. Typ. 4.9 8.1 4.2 6.7 5.5 8.4 4.1 6.0 6.0 9.0 4.5 6.6 5.6 8.5 4.1 6.0 80 55 135 120 5.5 5.0 5.0 5.2 3.5 3.0 8.0 5.0 8.0 5.0 1.5 2.0 3.0 2.5 120 105 170 140 Max. 8.2 11.9 6.5 8.9 9.2 12.5 7.2 9.2 9.8 13.1 7.6 10.0 9.2 12.4 7.1 9.2 -40 to 85C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 70 50 115 95 5.5 5.0 5.0 5.2 3.5 3.0 8.5 5.0 9.0 5.0 1.5 2.0 3.0 2.5 Max. 8.8 13.1 6.9 9.7 9.9 13.9 7.6 10.1 10.6 14.4 8.2 10.7 10.0 14.0 7.6 10.1 -55 to 125C Min. 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 70 50 115 95 5.5 5.0 5.0 5.2 3.5 3.0 8.5 5.0 9.0 5.0 1.5 2.0 3.0 2.5 ns ns MHz Max. 8.8 13.1 6.9 9.7 9.9 13.9 7.6 10.1 10.6 14.4 8.2 10.7 10.0 14.0 7.6 10.1 ns ns ns ns Unit
CL (pF) 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50 15 50
tPLH tPHL
Propagation Delay Time (RCK - Qn)
5.0(**) 5.0(**) tPLH tPHL Propagation Delay Time (SCK - QH') 3.3(*) 3.3(*) 5.0(**) 5.0(**) tPHL Propagation Delay Time (RCLR) - Qn) 3.3
(*) (*)
3.3
5.0(**) 5.0(**) tPLH tPHL Propagation Delay Time (SCLR - QH') 3.3(*) 3.3 5.0 fMAX Maximum Clock Frequency
(*) (**)
5.0(**) 3.3(*) 3.3 5.0
(*) (**)
5.0(**) tW(H) tW(L) ts ts ts th tREM Minimum Pulse Width (SCK, RCK) Minimum Pulse Width (SCLR,RCLR) Minimum Set-Up Time (SI - CCK) Minimum Set - Up Time (SCK, RCK) 3.3(*) 5.0(**) 3.3(*) 5.0(**) 3.3(*) 5.0(**) 3.3(*) 5.0
(**)
ns
ns
3.3(*) Minimum Set - Up Time (SCRL - RCK) 5.0(**) Minimum Hold Time Minimum ClearRemoval Time 3.3(*) 5.0(**) 3.3(*) 5.0
(**)
ns ns
ns
(*) Voltage range is 3.3V 0.3V (**) Voltage range is 5.0V 0.5V
6/14
74VHC594
Table 8: Capacitive Characteristics
Test Condition Symbol Parameter TA = 25C Min. CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance (note 1) Typ. 7 9 70 Max. Value -40 to 85C Min. Max. -55 to 125C Min. Max. pF pF pF Unit
1) CPD is defined as the value of the IC's internal equivalent capacitance which is calculated from the operating current consumption without load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC
Table 9: Dynamic Switching Characteristics
Test Condition Symbol Parameter VCC (V) 5.0 TA = 25C Min. Typ. 0.9 -0.9 CL = 50 pF 3.5 -1.2 Max. 1.2 V Value -40 to 85C Min. Max. -55 to 125C Min. Max. Unit
VOLP VOLV VIHD
VILD
Dynamic Low Voltage Quiet Output (note 1, 2) Dynamic High Voltage Input (note 1, 3) Dynamic Low Voltage Input (note 1, 3)
5.0
V
5.0
1.5
V
1) Worst case package. 2) Max number of outputs defined as (n). Data inputs are driven 0V to 5.0V, (n-1) outputs switching and one output at GND. 3) Max number of data inputs (n) switching. (n-1) switching 0V to 5.0V. Inputs under test switching: 5.0V to threshold (VILD), 0V to threshold (VIHD), f=1MHz.
Figure 5: Test Circuit
CL = 15/50pF or equivalent (includes jig and probe capacitance) RT = ZOUT of pulse generator (typically 50)
7/14
74VHC594
Figure 6: Waveform - Propagation Delays, Setup And Hold Times (f=1MHz; 50% duty cycle)
Table 10: Waveform 2: Pulse Width (f=1MHz; 50% duty cycle)
8/14
74VHC594
SO-16 MECHANICAL DATA
DIM. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 9.8 5.8 1.27 8.89 4.0 5.3 1.27 0.62 8 (max.) 0.149 0.181 0.019 10 6.2 0.35 0.19 0.5 45 (typ.) 0.385 0.228 0.050 0.350 0.157 0.208 0.050 0.024 0.393 0.244 0.1 mm. MIN. TYP MAX. 1.75 0.25 1.64 0.46 0.25 0.013 0.007 0.019 0.004 MIN. inch TYP. MAX. 0.068 0.010 0.063 0.018 0.010
0016020D
9/14
74VHC594
TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A A1 A2 b c D E E1 e K L 0 0.45 0.60 0.05 0.8 0.19 0.09 4.9 6.2 4.3 5 6.4 4.4 0.65 BSC 8 0.75 0 0.018 0.024 1 TYP MAX. 1.2 0.15 1.05 0.30 0.20 5.1 6.6 4.48 0.002 0.031 0.007 0.004 0.193 0.244 0.169 0.197 0.252 0.173 0.0256 BSC 8 0.030 0.004 0.039 MIN. TYP. MAX. 0.047 0.006 0.041 0.012 0.0079 0.201 0.260 0.176 inch
A
A2 A1 b e K c L E
D
E1
PIN 1 IDENTIFICATION
1
0080338D
10/14
74VHC594
Tape & Reel SO-16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.45 10.3 2.1 3.9 7.9 12.8 20.2 60 22.4 6.65 10.5 2.3 4.1 8.1 0.254 0.406 0.082 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.262 0.414 0.090 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
11/14
74VHC594
Tape & Reel TSSOP16 MECHANICAL DATA
mm. DIM. MIN. A C D N T Ao Bo Ko Po P 6.7 5.3 1.6 3.9 7.9 12.8 20.2 60 22.4 6.9 5.5 1.8 4.1 8.1 0.264 0.209 0.063 0.153 0.311 TYP MAX. 330 13.2 0.504 0.795 2.362 0.882 0.272 0.217 0.071 0.161 0.319 MIN. TYP. MAX. 12.992 0.519 inch
12/14
74VHC594
Table 11: Revision History
Date 12-Nov-2004 Revision 5 Description of Changes Order Codes Revision - pag. 1.
13/14
74VHC594
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics. The ST logo is a registered trademark of STMicroelectronics All other names are the property of their respective owners (c) 2004 STMicroelectronics - All Rights Reserved STMicroelectronics group of companies Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America www.st.com
14/14


▲Up To Search▲   

 
Price & Availability of 74VHC594

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X