Part Number Hot Search : 
1N5403 48232 A1200 SMBJ150 MA4M3100 SY10E337 76STC02 15M7V
Product Description
Full Text Search
 

To Download 74VHC244MTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VHC244 Octal Buffer/Line Driver with 3-STATE Outputs
November 1992 Revised April 1999
74VHC244 Octal Buffer/Line Driver with 3-STATE Outputs
General Description
The VHC244 is an advanced high speed CMOS octal bus buffer fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The VHC244 is a non-inverting 3-STATE buffer having two active-LOW output enables. These devices are designed to be used as 3-STATE memory address drivers, clock drivers, and bus oriented transmitter/receivers. An input protection circuit ensures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery back up. This circuit prevents device destruction due to mismatched supply and input voltages.
Features
s High Speed: tPD = 3.9ns (typ) at VCC = 5V s High noise immunity: VNIH = VNIL = 28% VCC (min) s Power down protection is provided on all inputs s Low noise: VOLP = 0.6V (typ) s Low power dissipation: ICC = 4 A (max) @ TA = 25C s Pin and function compatible with 74HC244
Ordering Code:
Order Number 74VHC244M 74VHC244SJ 74VHC244MTC 74VHC244N Package Number M20B M20D MTC20 N20A Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbol
IEEE/IEC
Connection Diagram
Pin Descriptions
Pin Names OE1, OE2 I0-I7 O0-O7 Description 3-STATE Output Enable Inputs Inputs 3-STATE Outputs
(c) 1999 Fairchild Semiconductor Corporation
DS011522.prf
www.fairchildsemi.com
74VHC244
Truth Tables
Inputs OE1 L L H Inputs OE2 L L H
H = HIGH Voltage Level L = LOW Voltage Level I = Immaterial Z = High Impedance
Outputs In L H X (Pins 12, 14, 16, 18) L H Z Outputs In L H X (Pins 3, 5, 7, 9) L H Z
www.fairchildsemi.com
2
74VHC244
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Input Diode Current (IIK) Output Diode Current (IOK) DC Output Current (IOUT) DC VCC /GND Current (ICC ) Storage Temperature (TSTG) Lead Temperature (TL) (Soldering, 10 seconds) 260C -0.5V to +7.0V -0.5V to +7.0V -0.5V to VCC + 0.5V -20 mA 20 mA 25 mA 75 mA -65C to +150C
Recommended Operating Conditions (Note 2)
Supply Voltage (VCC) Input Voltage (VIN) Output Voltage (VOUT) Operating Temperature (TOPR) Input Rise and Fall Time (tr, tf) VCC = 3.3V 0.3V VCC = 5.0V 0.5V 0 ns/V 100 ns/V 0 ns/V 20 ns/V 2.0V to 5.5V 0V to +5.5V 0V to VCC -40C to +85C
Note 1: Absolute Maximum Ratings are values beyond which the device may be damaged or have its useful life impaired. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside databook specifications. Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage VCC (V) 2.0 3.0 - 5.5 2.0 3.0 - 5.5 2.0 3.0 4.5 3.0 4.5 VOL LOW Level Output Voltage 2.0 3.0 4.5 3.0 4.5 IOZ IIN ICC 3-STATE Output Off-State Current Input Leakage Current Quiescent Supply Current 0 - 5.5 5.5 0.1 4.0 1.0 40.0 A A 5.5 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.25 2.0 3.0 4.5 TA = 25C Min 1.5 0.7 VCC 0.5 0.3 VCC 1.9 2.9 4.4 2.48 3.80 0.1 0.1 0.1 0.44 0.44 2.5 V A IOL = 4 mA IOL = 8 mA VIN = VIH or VIL VOUT = VCC or GND VIN = 5.5V or GND VIN = VCC or GND V V IOH = -4 mA IOH = -8 mA VIN = VIH IOL = 50 A or VIL V Typ Max TA = -40C to +85C Min 1.5 0.7 VCC 0.5 0.3 VCC Max Units V V VIN = VIH IOH = -50 A or VIL Conditions
Noise Characteristics
Symbol VOLP (Note 3) VOLV (Note 3) VIHD (Note 3) VILD (Note 3) Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum HIGH Level Dynamic Input Voltage 5.0 1.5 V CL = 50 pF 5.0 3.5 V CL = 50 pF 5.0 -0.6 -0.9 V CL = 50 pF VCC (V) 5.0 TA = 25C Typ 0.6 Limits 0.9 Units V CL = 50 pF Conditions
Note 3: Parameter guaranteed by design.
3
www.fairchildsemi.com
74VHC244
AC Electrical Characteristics
Symbol tPLH tPHL Parameter Propagation Delay Time 5.0 0.5 tPZL tPZH 3-STATE Output Enable Time 5.0 0.5 tPLZ tPHZ tOSLH tOSHL CIN COUT CPD 3-STATE Output Disable Time Output to Output Skew Input Capacitance Output Capacitance Power Dissipation Capacitance 3.3 0.3 5.0 0.5 3.3 0.3 5.0 0.5 4 6 19 3.3 0.3 VCC (V) 3.3 0.3 TA = 25C Min Typ 5.8 8.3 3.9 5.4 6.6 9.1 4.7 6.2 10.3 6.7 Max 8.4 11.9 5.5 7.5 10.6 14.1 7.3 9.3 14.0 9.2 1.5 1.0 10 TA = -40C to +85C Min 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 1.0 Max 10.0 13.5 6.5 8.5 12.5 16.0 8.5 10.5 16.0 10.5 1.5 1.0 10 Units ns ns ns ns ns ns pF pF pF Conditions CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF RL = 1 k CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF RL = 1 k CL = 50 pF CL = 50 pF (Note 4) CL = 50 pF CL = 50 pF VCC = Open VCC = 5.0V (Note 5)
Note 4: Parameter guaranteed by design. tOSLH = |tPLHmax - tPLHmin|; tOSHL = |tPHLmax - tPHLmin|. Note 5: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (OPR.) = CPD * VCC * fIN + I CC/8 (per bit).
www.fairchildsemi.com
4
74VHC244
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
5
www.fairchildsemi.com
74VHC244
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20
www.fairchildsemi.com
6
74VHC244 Octal Buffer/Line Driver with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N20A
LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user.
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications.


▲Up To Search▲   

 
Price & Availability of 74VHC244MTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X