|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
74VHC08 Quad 2-Input AND Gate November 1992 Revised March 1999 74VHC08 Quad 2-Input AND Gate General Description The VHC08 is an advanced high speed CMOS 2 Input AND Gate fabricated with silicon gate CMOS technology. It achieves the high-speed operation similar to equivalent Bipolar Schottky TTL while maintaining the CMOS low power dissipation. The internal circuit is composed of 4 stages including buffer output, which provide high noise immunity and stable output. An input protection circuit insures that 0V to 7V can be applied to the input pins without regard to the supply voltage. This device can be used to interface 5V to 3V systems and two supply systems such as battery backup. This circuit prevents device destruction due to mismatched supply and input voltages. Features s High Speed: tPD = 4.3 ns (typ) at TA = 25C s High noise immunity: VNIH = VNIL = 28% VCC (min) s Power down protection is provided on all inputs s Low power dissipation: ICC = 2 A (Max) @ TA = 25C s Low noise: VOLP = 0.8V (max) s Pin and function compatible with 74HC08 Ordering Code: Order Number 74VHC08M 74VHC08SJ 74VHC08MTC 74VHC08N Package Number M14A M14D MTC14 N14A Package Description 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Surface mount packages are also available on Tape and Reel. Specify by appending the suffix letter "X" to the ordering code. Logic Symbol IEEE/IEC Connection Diagram Pin Descriptions Pin Names An , Bn On Description Inputs Outputs Truth Table A L L H H B L H L H O L L L H (c) 1999 Fairchild Semiconductor Corporation DS011514.prf www.fairchildsemi.com 74VHC08 Absolute Maximum Ratings(Note 1) Supply Voltage (VCC) DC Input Voltage (VIN) DC Output Voltage (VOUT) Input Diode Current (IIK) Output Diode Current (IOK) DC Output Current (IOUT ) DC VCC/GND Current (ICC) Storage Temperature (TSTG) Lead Temperature (TL) (Soldering, 10 seconds) 260C -0.5V to +7.0V -0.5V to +7.0V -0.5V to VCC + 0.5V -20 mA 20 mA 25 mA 50 mA -65C to +150C Recommended Operating Conditions (Note 2) Supply Voltage (VCC) Input Voltage (VIN) Output Voltage (VOUT) Operating Temperature (TOPR) Input Rise and Fall Time (tr, tf) VCC = 3.3V 0.3V VCC = 5.0V 0.5V 0 ns/V 100 ns/V 0 ns/V 20 ns/V 2.0V to +5.5V 0V to +5.5V 0V to VCC -40C to +85C Note 1: Absolute Maximum Ratings are values beyond which the device may be damaged or have its useful life impaired. The databook specifications should be met, without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. Fairchild does not recommend operation outside databook specifications. Note 2: Unused inputs must be held HIGH or LOW. They may not float. DC Electrical Characteristics Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage VCC (V) 2.0 3.0 - 5.5 2.0 3.0 - 5.5 2.0 3.0 4.5 3.0 4.5 VOL Low Level Output Voltage 2.0 3.0 4.5 3.0 4.5 IIN ICC Input Leakage Current Quiescent Supply Current 0 - 5.5 5.5 1.9 2.9 4.4 2.58 3.94 0.0 0.0 0.0 0.1 0.1 0.1 0.36 0.36 0.1 2.0 2.0 3.0 4.5 TA = 25C Min 1.50 0.7 VCC 0.50 0.3 VCC 1.9 2.9 4.4 2.48 3.80 0.1 0.1 0.1 0.44 0.44 1.0 20.0 V A A IOL = 4 mA IOL = 8 mA VIN = 5.5V or GND VIN = VCC or GND V V IOH = -4 mA IOH = -8 mA VIN = VIH IOL = 50 A or VIL V Typ Max TA = -40C to +85C Min 1.50 0.7 VCC 0.50 0.3 VCC Max Units V V VIN = VIH IOH = -50 A or VIL Conditions Noise Characteristics Symbol VOLP (Note 3) VOLV (Note 3) VIHD (Note 3) VILD (Note 3) Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL Minimum HIGH Level Dynamic Input Voltage Maximum LOW Level Dynamic Input Voltage VCC (V) 5.0 5.0 5.0 5.0 TA = 25C Typ 0.3 -0.3 Limits 0.8 -0.8 3.5 1.5 Units V V V V Conditions CL = 50 pF CL = 50 pF CL = 50 pF CL = 50 pF Note 3: Parameter guaranteed by design. www.fairchildsemi.com 2 74VHC08 AC Electrical Characteristics Symbol tPHL tPLH 5.0 0.5 CIN CPD Input Capacitance Power Dissipation Capacitance Parameter Propagation Delay VCC (V) 3.3 0.3 TA = 25C Min Typ 6.2 8.7 4.3 5.8 4 18 Max 8.8 12.3 5.9 7.9 10 TA = -40C to +85C Min 1.0 1.0 1.0 1.0 Max 10.5 14.0 7.0 9.0 10 Units ns ns pF pF Conditions CL = 15 pF CL = 50 pF CL = 15 pF CL = 50 pF VCC = Open (Note 4) Note 4: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. Average operating current can be obtained by the equation: ICC (opr.) = CPD * VCC * fIN + ICC/4 (per gate). 3 www.fairchildsemi.com 74VHC08 Physical Dimensions inches (millimeters) unless otherwise noted 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150" Narrow Package Number M14A 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M14D www.fairchildsemi.com 4 74VHC08 Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 14-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC14 5 www.fairchildsemi.com 74VHC08 Quad 2-Input AND Gate Physical Dimensions inches (millimeters) unless otherwise noted (Continued) 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N14A LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component in any component of a life support 1. Life support devices or systems are devices or systems device or system whose failure to perform can be reawhich, (a) are intended for surgical implant into the sonably expected to cause the failure of the life support body, or (b) support or sustain life, and (c) whose failure device or system, or to affect its safety or effectiveness. to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the www.fairchildsemi.com user. Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. |
Price & Availability of 74VHC08MTC |