Part Number Hot Search : 
OZ965 74HC221A 74165 US1AB 087381 P6005G 48A48T T138AF
Product Description
Full Text Search
 

To Download 74VCXH16374 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74VCXH16374 Low Voltage 16-Bit D-Type Flip-Flop with Bushold
January 2000 Revised March 2000
74VCXH16374 Low Voltage 16-Bit D-Type Flip-Flop with Bushold
General Description
The VCXH16374 contains sixteen non-inverting D-type flipflops with 3-STATE outputs and is intended for bus oriented applications. The device is byte controlled. A buffered clock (CP) and output enable (OE) are common to each byte and can be shorted together for full 16-bit operation. The VCXH16374 data inputs include active bushold circuitry, eliminating the need for external pull-up resistors to hold unused or floating data inputs at a valid logic level. The 74VCXH16374 is designed for low voltage (1.65V to 3.6V) VCC applications with output compatibility up to 3.6V. The 74VCXH16374 is fabricated with an advanced CMOS technology to achieve high speed operation while maintaining low CMOS power dissipation.
Features
s 1.65V-3.6V VCC supply operation s 3.6V tolerant control inputs and outputs s Bushold on data inputs eliminates the need for external pull-up/pull-down resistors s tPD 3.0 ns max for 3.0V to 3.6V VCC 3.9 ns max for 2.3V to 2.7V VCC 7.8 ns max for 1.65V to 1.95V VCC s Static Drive (IOH/IOL) 24 mA @ 3.0V VCC 18 mA @ 2.3V VCC 6 mA @ 1.65V VCC s Uses patented noise/EMI reduction circuitry s Latch-up performance exceeds 300 mA s ESD performance: Human body model > 2000V Machine model > 200V
Ordering Code:
Order Number 74VCXH16374MTD Package Number MTD48 Package Descriptions 48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Wide
Devices also available in Tape and Reel. Specify by appending suffix letter "X" to the ordering code.
Logic Symbol
Pin Descriptions
Pin Names OEn CPn I0-I15 O0-O15 Description Output Enable Input (Active LOW) Clock Pulse Input Bushold Inputs Outputs
(c) 2000 Fairchild Semiconductor Corporation
DS500228
www.fairchildsemi.com
74VCXH16374
Connection Diagram
Truth Tables
Inputs CP1 Outputs I0-I7 H L X X O0-O7 H L O0 Z Outputs I8-I15 H L X X O8-O15 H L O0 Z

L X
OE1 L L L H Inputs
CP2

L X
OE2 L L L H
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial (HIGH or LOW, control inputs may not float) Z = High Impedance O0 = Previous O0 before HIGH-to-LOW of CP
Functional Description
The 74VCXH16374 consists of sixteen edge-triggered flipflops with individual D-type inputs and 3-STATE true outputs. The device is byte controlled with each byte functioning identically, but independent of the other. The control pins can be shorted together to obtain full 16-bit operation. Each clock has a buffered clock and buffered Output Enable common to all flip-flops within that byte. The description which follows applies to each byte. Each flipflop will store the state of their individual I inputs that meet the setup and hold time requirements on the LOW-to-HIGH Clock (CPn) transition. With the Output Enable (OEn) LOW, the contents of the flip-flops are available at the outputs. When OEn is HIGH, the outputs go to the high impedance state. Operations of the OEn input does not affect the state of the flip-flops.
Logic Diagram
Byte 1 (0:7)
Byte 2 (8:15)
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74VCXH16374
Absolute Maximum Ratings(Note 1)
Supply Voltage (VCC) DC Input Voltage (VI) OEn, CPn I0 - I15 Output Voltage (VO) Outputs 3-STATED Outputs Active (Note 2) DC Input Diode Current (IIK) VI < 0V DC Output Diode Current (IOK) VO < 0V VO > VCC DC Output Source/Sink Current (IOH/IOL) DC VCC or GND Current per Supply Pin (ICC or GND) Storage Temperature Range (TSTG) 100 mA -65C to +150C 50 mA -50 mA +50 mA -50 mA -0.5V to +4.6V -0.5V to VCC +0.5V -0.5V to 4.6V -0.5V to VCC + 0.5V -0.5V to +4.6V
Recommended Operating Conditions (Note 3)
Power Supply Operating Data Retention Only Input Voltage Output Voltage (VO) Output in Active States Output in "OFF" State Output Current in IOH/IOL VCC = 3.0V to 3.6V VCC = 2.3V to 2.7V VCC = 1.65V to 2.3V Free Air Operating Temperature (TA) Minimum Input Edge Rate (t/V) VIN = 0.8V to 2.0V, VCC = 3.0V 10 ns/V
Note 1: The Absolute Maximum Ratings are those values beyond which the safety of the device cannot be guaranteed. The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are not guaranteed at the Absolute Maximum Ratings. The "Recommended Operating Conditions" table will define the conditions for actual device operation. Note 2: IO Absolute Maximum Rating must be observed. Note 3: Floating or unused control inputs must be held HIGH or LOW.
1.65V to 3.6V 1.2V to 3.6V -0.3V to VCC 0V to VCC 0.0V to 3.6V 24 mA 18 mA 6 mA -40C to +85C
DC Electrical Characteristics (2.7V < VCC 3.6V)
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -12 mA IOH = -18 mA IOH = -24 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 12 mA IOL = 18 mA IOL = 24 mA II II(HOLD) II(OD) IOZ IOFF ICC ICC Input Leakage Current Bushold Input Minimum Drive Hold Current Bushold Input Over-Drive Current to Change State 3-STATE Output Leakage Power-OFF Leakage Current Quiescent Supply Current Increase in ICC per Input Control Pins Data Pins 0 VI 3.6V VI = V CC or GND VIN = 0.8V VIN = 2.0V (Note 4) (Note 5) 0 VO 3.6V VI = V IH or VIL 0 (VO) 3.6V VI = V CC or GND VCC (VO) 3.6V (Note 6) VIH = VCC -0.6V
Note 4: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 5: An external driver must sink at least the specified current to switch from HIGH-to-LOW. Note 6: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 2.7 - 3.6 2.7 - 3.6 2.7 - 3.6 2.7 3.0 3.0 2.7 - 3.6 2.7 3.0 3.0 2.7 - 3.6 2.7 - 3.6 3.0 3.0 3.6 3.6 2.7 - 3.6 0 2.7 - 3.6 2.7 - 3.6 2.7 - 3.6
Min 2.0
Max
Units V
0.8 VCC - 0.2 2.2 2.4 2.2 0.2 0.4 0.4 0.55 5.0 5.0 75 -75 450 -450 10 10 20 20 750
V V V V V V V V V A A A A A A A A A
3
www.fairchildsemi.com
74VCXH16374
DC Electrical Characteristics (2.3V VCC 2.7V)
Symbol VIH VIL VOH Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage IOH = -100 A IOH = -6 mA IOH = -12 mA IOH = -18 mA VOL LOW Level Output Voltage IOL = 100 A IOL = 12 mA IOL = 18 mA II II(HOLD) II(OD) IOZ IOFF ICC Input Leakage Current Bushold Input Minimum Drive Hold Current Bushold Input Over-Drive Current to Change State 3-STATE Output Leakage Power-OFF Leakage Current Quiescent Supply Current Control Pins Data Pins 0 VI 3.6V VI = VCC or GND VIN = 0.7V VIN = 1.6V (Note 7) (Note 8) 0 VO 3.6V VI = VIH or VIL 0 (VO) 3.6V VI = VCC or GND VCC (VO) 3.6V (Note 9)
Note 7: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 8: An external driver must sink at least the specified current to switch from HIGH-to-LOW. Note 9: Outputs disabled or 3-STATE only.
Conditions
V CC (V) 2.3 - 2.7 2.3 - 2.7 2.3 - 2.7 2.3 2.3 2.3 2.3 - 2.7 2.3 2.3 2.3 - 2.7 2.3 - 2.7 2.3 2.3 2.7 2.7 2.3 - 2.7 0 2.3 - 2.7 2.3 - 2.7
Min 1.6
Max
Units V
0.7 VCC - 0.2 2.0 1.8 1.7 0.2 0.4 0.6 5.0 5.0 45 -45 300 -300 10 10 20 20
V V V V V V V V A A A A A A A A
DC Electrical Characteristics (1.65V VCC < 2.3V)
Symbol VIH VIL VOH VOL II II(HOLD) II(OD) IOZ IOFF ICC Parameter HIGH Level Input Voltage LOW Level Input Voltage HIGH Level Output Voltage LOW Level Output Voltage Input Leakage Current Bushold Input Minimum Drive Hold Current Bushold Input Over-Drive Current to Change State 3-STATE Output Leakage Power-OFF Leakage Current Quiescent Supply Current Control Pins Data Pins IOH = -100 A IOH = -6 mA IOL = 100 A IOL = 6 mA 0 VI 3.6V VI = VCC or GND VIN = 0.57V VIN = 1.07V (Note 10) (Note 11) 0 VO 3.6V VI = VIH or VIL 0 (VO) 3.6V VI = VCC or GND VCC (VO) 3.6V (Note 12)
Note 10: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 11: An external driver must sink at least the specified current to switch from HIGH-to-LOW. Note 12: Outputs disabled or 3-STATE only.
Conditions
VCC (V) 1.65 - 2.3 1.65 - 2.3 1.65 - 2.3 1.65 1.65 - 2.3 1.65 1.65 - 2.3 1.65 - 2.3 1.65 1.65 1.95 1.95 1.65 - 2.3 0 1.65 - 2.3 1.65 - 2.3
Min 0.65 x VCC
Max
Units V
0.35 x VCC VCC - 0.2 1.25 0.2 0.3 5.0 5.0 25 -25 200 -200 10 10 20 20
V V V V V A A A A A A A A
www.fairchildsemi.com
4
74VCXH16374
AC Electrical Characteristics
Symbol Parameter
(Note 13)
TA = -40C to +85C, CL = 30 pF, RL = 500 VCC = 3.3V 0.3V Min Max 3.0 3.5 3.5 250 0.8 0.8 0.8 1.5 1.0 1.5 0.5 VCC = 2.5V 0.2V Min 200 1.0 1.0 1.0 1.5 1.0 1.5 0.5 3.9 4.6 3.8 Max VCC = 1.8V 0.15V Min 100 1.5 1.5 1.5 2.5 1.0 4.0 0.75 7.8 9.2 6.8 Max MHz ns ns ns ns ns ns ns Units
fMAX tPHL, tPLH tPZL, tPZH tPLZ, tPHZ tS tH tW tOSHL tOSLH
Maximum Clock Frequency Prop Delay CP to On Output Enable Time Output Disable Time Setup Time Hold Time Pulse Width Output to Output Skew (Note 14)
Note 13: For CL = 50PF, add approximately 300 ps to the AC maximum specification. Note 14: Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device. The specification applies to any outputs switching in the same direction, either HIGH-to-LOW (tOSHL) or LOW-to-HIGH (tOSLH).
Dynamic Switching Characteristics
Symbol VOLP Parameter Quiet Output Dynamic Peak VOL Conditions CL = 30 pF, VIH = VCC, VIL = 0V V CC (V) 1.8 2.5 3.3 VOLV Quiet Output Dynamic Valley VOL CL = 30 pF, VIH = VCC, VIL = 0V 1.8 2.5 3.3 VOHV Quiet Output Dynamic Valley VOH CL = 30 pF, VIH = VCC, VIL = 0V 1.8 2.5 3.3 TA = +25C Typical 0.25 0.6 0.8 -0.25 -0.6 -0.8 1.5 1.9 2.2 V V V Units
Capacitance
Symbol CIN COUT CPD Input Capacitance Output Capacitance Power Dissipation Capacitance Parameter Conditions VCC = 1.8V, 2.5V or 3.3V, VI = 0V or VCC VI = 0V or VCC, VCC = 1.8V, 2.5V or 3.3V VI = 0V or VCC, f = 10 MHz, VCC = 1.8V, 2.5V or 3.3V TA = +25C Typical 6 7 20 Units pF pF pF
5
www.fairchildsemi.com
74VCXH16374
AC Loading and Waveforms
TEST tPLH, tPHL tPZL, tPLZ tPZH, tPHZ
SWITCH Open 6V at VCC = 3.3 0.3V; VCC x 2 at VCC = 2.5 0.2V; 1.8V 0.15V GND FIGURE 1. AC Test Circuit
FIGURE 2. Waveform for Inverting and Non-Inverting Functions
FIGURE 3. 3-STATE Output High Enable and Disable Times for Low Voltage Logic
FIGURE 4. 3-STATE Output Low Enable and Disable Times for Low Voltage Logic
FIGURE 5. Propagation Delay, Pulse Width and tREC Waveforms Symbol Vmi Vmo VX VY
FIGURE 6. Setup Time, Hold Time and Recovery Time for Low Voltage Logic VCC
3.3V 0.3V 1.5V 1.5V VOL +0.3V VOH -0.3V
2.5V 0.2V VCC/2 VCC/2 VOL +0.15V VOH -0.15V
1.8V 0.15V VCC/2 VCC/2 VOL +0.15V VOH -0.15V
www.fairchildsemi.com
6
74VCXH16374 Low Voltage 16-Bit D-Type Flip-Flop with Bushold
Physical Dimensions inches (millimeters) unless otherwise noted
48-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 6.1mm Body Width Package Number MTD48 Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74VCXH16374

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X