|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTEGRATED CIRCUITS 74LVT623 3.3 V octal transceiver with dual enable (3-State) Product specification Supersedes data of 1996 Feb 15 IC24 Data Handbook 1999 Jul 09 Philips Semiconductors Philips Semiconductors Product specification 3.3 V octal transceiver with dual enable (3-State) 74LVT623 FEATURES * Separate controls for data flow in each direction * Output capability: +64 mA/-32 mA * TTL input and output switching levels * Input and output interface capability to systems at 5 V supply * Bus-hold data inputs eliminate the need for external pull-up resistors to hold unused inputs DESCRIPTION The 74LVT623 is a high-performance BiCMOS product designed for VCC operation at 3.3 V. The 74LVT623 device is an octal transceiver featuring non-inverting 3-State bus compatible outputs in both send and receive directions. The 74LVT623 is designed for asynchronous two-way communication between data buses. The control function implementation allows for maximum flexibility in timing. This device allows data transmission from the A bus to the B bus or from the B bus to the A bus, depending upon the logic levels at the Enable inputs (OEBA and OEAB). The Enable inputs can be used to disable the device so that the buses are effectively isolated. Control of data flow from B to A is similar, but using the EBA, LEBA, and OEBA inputs. * Live insertion/extraction permitted * No bus current loading when output is tied to 5 V bus * Power-up 3-State * Power-up reset * Latch-up protection exceeds 500 mA per JEDEC Std 17 * ESD protection exceeds 2000 V per MIL STD 883 Method 3015 and 200 V per Machine Model QUICK REFERENCE DATA SYMBOL tPLH tPHL CIN CI/O ICCZ PARAMETER Propagation delay An to Bn or Bn to An Input capacitance I/O capacitance Total supply current CONDITIONS Tamb = 25C; GND = 0V CL = 50pF; VCC = 3.3 V VI = 0 V or 3.0 V Outputs disabled; VI/O = 0 V or 3.0 V Outputs disabled; VCC = 3.6 V TYPICAL 2.3 2.5 4 7 0.13 UNIT ns pF pF mA ORDERING INFORMATION PACKAGES 24-Pin Plastic SOL 24-Pin Plastic SSOP Type II 24-Pin Plastic TSSOP Type I TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74LVT623 D 74LVT623 DB 74LVT623 PW NORTH AMERICA 74LVT623 D 74LVT623 DB 74LVT623PW DH DWG NUMBER SOT137-1 SOT340-1 SOT355-1 PIN CONFIGURATION LOGIC SYMBOL OEAB 1 19 OEBA A0 OEAB A0 A1 A2 A3 A4 A5 A6 A7 1 2 3 4 5 6 7 8 9 20 19 18 17 16 15 14 13 12 11 VCC OEBA B0 B1 B2 B3 A4 B4 B5 B6 B7 A6 A7 A5 A3 A1 2 18 3 17 B1 B0 A2 4 16 5 15 6 14 7 13 8 12 9 11 B7 B6 B5 B4 B3 B1 GND 10 SA00189 SA00195 1999 Jul 09 2 853-2164 21957 Philips Semiconductors Product specification 3.3 V octal transceiver with dual enable (3-State) 74LVT623 LOGIC SYMBOL (IEEE/IEC) 1 19 EN1 EN1 PIN DESCRIPTION PIN NUMBER 1 2, 3, 4, 5, 6, 7, 8, 9 18 2 SYMBOL OEAB A0 - A7 B0 - B7 OEBA GND VCC NAME AND FUNCTION Output enable input, A side to B side (active-High) Data inputs/outputs (A side) Data inputs/outputs (B side) Output enable input, B side to A side (active-Low) Ground (0 V) Positive supply voltage 2 1 18, 17, 16, 15, 14, 13, 12, 11 19 10 20 3 4 5 6 7 8 9 17 16 15 14 13 12 11 FUNCTION TABLE INPUTS OEBA L H H L OEAB L H L H An An = Bn Inputs Z An = Bn INPUTS/OUTPUTS Bn Inputs Bn = An Z Bn = An SA00196 H = High voltage level L = Low voltage level Z = High impedance "off" state ABSOLUTE MAXIMUM RATINGS1, 2 SYMBOL VCC IIK VI IOK VOUT IO OUT PARAMETER DC supply voltage DC input diode current DC input voltage3 DC output diode current DC output voltage3 DC output current VO < 0 Output in Off or High state Output in Low state Output in High state VI < 0 CONDITIONS RATING -0.5 to +4.6 -50 -0.5 to +7.0 -50 -0.5 to +7.0 128 -64 UNIT V mA V mA V mA Tstg Storage temperature range -65 to 150 C NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output negative voltage ratings may be exceeded if the input and output clamp current ratings are observed. 1999 Jul 09 3 Philips Semiconductors Product specification 3.3 V octal transceiver with dual enable (3-State) 74LVT623 RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VI VIH VIL IOH IO OL t/v Tamb DC supply voltage Input voltage High-level input voltage Low-level input voltage High-level output current Low-level output current Low-level output current; current duty cycle 50%; f 1 kHz Input transition rise or fall rate; outputs enabled Operating free-air temperature range -40 PARAMETER LIMITS MIN 2.7 0 2.0 0.8 -32 32 64 10 +85 MAX 3.6 5.5 UNIT V V V V mA mA ns/V C DC ELECTRICAL CHARACTERISTICS LIMITS SYMBOL VIK VOH PARAMETER Input clamp voltage High-level output voltage TEST CONDITIONS VCC = 2.7 V; IIK = -18 mA VCC = 2.7 to 3.6 V; IOH = -100 A VCC = 2.7 V; IOH = -8 mA VCC = 3.0 V; IOH = -32 mA VCC = 2.7 V; IOL = 100 A VCC = 2.7 V; IOL = 24 mA VOL Low-level output voltage VCC = 3.0 V; IOL = 16 mA VCC = 3.0 V; IOL = 32 mA VCC = 3.0 V; IOL = 64 mA VRST Power-up output low voltage5 VCC = 3.6 V; IO = 1 mA; VI = GND or VCC VCC = 3.6 V; VI = VCC or GND VCC = 0 or 3.6 V; VI = 5.5 V II Input leakage current VCC = 3.6 V; VI = 5.5 V VCC = 3.6 V; VI = VCC VCC = 3.6 V; VI = 0 IOFF IHOLD O IEX IPU/PD ICCH ICCL ICCZ ICC Additional supply current per input pin2 Quiescent supply current Output off current Bus Hold current A or B ports Current into an output in the High state when VO > VCC Power up/down 3-State output current3 VCC = 0 V; VI or VO = 0 to 4.5 V VCC = 3 V; VI = 0.8 V VCC = 3 V; VI = 2.0 V VO = 5.5 V; VCC = 3.0 V VCC 1.2 V; VO = 0.5 V to VCC; VI = GND or VCC; OE/OE = Don't care VCC = 3.6 V; Outputs High, VI = GND or VCC, IO = 0 VCC = 3.6 V; Outputs Low, VI = GND or VCC, IO = 0 VCC = 3.6 V; Outputs Disabled; VI = GND or VCC, IO = 0 VCC = 3 V to 3.6 V; One input at VCC -0.6 V, Other inputs at VCC or GND 75 -75 I/O Data pins4 Control pins VCC-0.2 2.4 2.0 Temp = -40C to +85C MIN TYP1 -0.9 VCC-0.1 2.5 2.2 0.1 0.3 0.25 0.3 0.4 0.13 0.1 1 1 0.1 -1 1 150 -150 60 15 0.13 3 0.13 0.1 125 100 0.19 12 0.19 0.2 mA mA 0.2 0.5 0.4 0.5 0.55 0.55 1 10 20 1 -5 100 A A A A A V V V MAX -1.2 V UNIT NOTES: 1. All typical values are at VCC = 3.3 V and Tamb = 25C. 2. This is the increase in supply current for each input at the specified voltage level other than VCC or GND 3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2 V to VCC = 3.3 V 0.3 V a transition time of 100sec is permitted. This parameter is valid for Tamb = 25C only. 4. Unused pins at VCC or GND. 5. For valid test results, data must not be loaded into the flip-flops (or latches) after applying the power. 1999 Jul 09 4 Philips Semiconductors Product specification 3.3 V octal transceiver with dual enable (3-State) 74LVT623 AC CHARACTERISTICS GND = 0 V, tR = tF = 2.5 ns, CL = 50 pF, RL = 500 ; Tamb = -40C to +85C. LIMITS SYMBOL tPLH tPHL tPZH tPZL tPHZ tPLZ tPZH tPZL tPHZ tPLZ PARAMETER Propagation delay An to Bn, Bn to An Output enable time OEBA to An Output disable time OEBA to An Output enable time OEAB to Bn Output disable time OEAB to Bn WAVEFORM MIN 1 2 3 2 3 2 3 2 3 1.0 1.0 1.0 1.1 1.8 1.8 1.0 1.4 2.3 2.0 VCC = 3.3 V 0.3 V TYP1 2.3 2.5 3.7 3.7 3.6 3.2 4.2 4.3 3.9 3.6 MAX 3.5 3.7 5.9 5.9 5.0 4.5 6.3 6.2 6.1 5.3 VCC = 2.7 V MAX 4.3 4.1 7.6 6.8 5.5 4.6 7.8 6.9 6.9 5.8 ns ns ns ns ns UNIT NOTE: 1. All typical values are at VCC = 3.3 V and Tamb = 25C. AC WAVEFORMS VM = 1.5 V, VIN = GND to 2.7 V 2.7V 2.7V VIN 1.5V 1.5V 0V OEBA, OEAB tPHL 1.5V 1.5V 0V tPLH tPZH VOH tPHZ VOH VOH-0.3V 0V VOUT 1.5V 1.5V VOL An, Bn 1.5V SV00113 SV00169 Waveform 1. Propagation Delay for Non-Inverting Output Waveform 2. 3-State Output Enable Time to High Level and Output Disable Time from High Level 2.7V OEBA, OEAB 1.5V 1.5V 0V tPZL tPLZ 3.0V An, Bn 1.5V VOL+0.3V VOL SV00170 Waveform 3. 3-State Output Enable Time to Low Level and Output Disable Time from Low Level 1999 Jul 09 5 Philips Semiconductors Product specification 3.3 V octal transceiver with dual enable (3-State) 74LVT623 TEST CIRCUIT AND WAVEFORM VCC 6.0 V Open VIN PULSE GENERATOR RT D.U.T. VOUT RL GND tW VM 10% tTHL (tF) tTLH (tR) 10% 0V CL RL tTLH (tR) tTHL (tF) 90% VM 10% tW 0V AMP (V) VM AMP (V) 90% NEGATIVE PULSE 90% Test Circuit for 3-State Outputs 90% POSITIVE PULSE 10% VM SWITCH POSITION TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH SWITCH Open 6V GND VM = 1.5 V Input Pulse Definition DEFINITIONS RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators. INPUT PULSE REQUIREMENTS FAMILY Amplitude 74LVT 2.7 V Rep. Rate v10 MHz tW tR tF 500 ns v2.5 ns v2.5 ns SV00092 1999 Jul 09 6 Philips Semiconductors Product specification 3.3 V octal transceiver with dual enable (3-State) 74LVT623 SO24: plastic small outline package; 24 leads; body width 7.5 mm SOT137-1 1999 Jul 09 7 Philips Semiconductors Product specification 3.3 V octal transceiver with dual enable (3-State) 74LVT623 SSOP24: plastic shrink small outline package; 24 leads; body width 5.3 mm SOT340-1 1999 Jul 09 8 Philips Semiconductors Product specification 3.3 V octal transceiver with dual enable (3-State) 74LVT623 TSSOP24: plastic thin shrink small outline package; 24 leads; body width 4.4 mm SOT355-1 1999 Jul 09 9 Philips Semiconductors Product specification 3.3 V octal transceiver with dual enable (3-State) 74LVT623 Data sheet status Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. Production [1] Please consult the most recently issued datasheet before initiating or completing a design. Definitions Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Disclaimers Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1999 All rights reserved. Printed in U.S.A. Date of release: 07-99 Document order number: 9397 750 06195 Philips Semiconductors 1999 Jul 09 10 |
Price & Availability of 74LVT623 |