Part Number Hot Search : 
FN3557 D74LVC1 G4BC20KD 58004 1980428 VQ36140 BZ5239 MAX63
Product Description
Full Text Search
 

To Download 74LVT373MTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74LVT373 * 74LVTH373 Low Voltage Octal Transparent Latch with 3-STATE Outputs
September 1999 Revised October 1999
74LVT373 * 74LVTH373 Low Voltage Octal Transparent Latch with 3-STATE Outputs
General Description
The LVT373 and LVTH373 consist of eight latches with 3-STATE outputs for bus organized system applications. The latches appear transparent to the data when Latch Enable (LE) is HIGH. When LE is LOW, the data satisfying the input timing requirements is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH, the bus output is in a high impedance state. The LVTH373 data inputs include bushold, eliminating the need for external pull-up resistors to hold unused inputs. These octal latches are designed for low-voltage (3.3V) VCC applications, but with the capability to provide a TTL interface to a 5V environment. The LVT373 and LVTH373 are fabricated with an advanced BiCMOS technology to achieve high speed operation similar to 5V ABT while maintaining low power dissipation.
Features
s Input and output interface capability to systems at 5V VCC s Bushold data inputs eliminate the need for external pullup resistors to hold unused inputs (74LVTH373), also available without bushold feature (74LVT373). s Live insertion/extraction permitted s Power Up/Down high impedance provides glitch-free bus loading s Outputs source/sink -32 mA/+64 mA s Functionally compatible with the 74 series 373
Ordering Code:
Order Number 74LVT373WM 74LVT373SJ 74LVT373MTC 74LVTH373WM 74LVTH373SJ 74LVTH373MTC Package Number M20B M20D MTC20 M20B M20D MTC20 Package Description 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide
Logic Symbols
IEEE/IEC
(c) 1999 Fairchild Semiconductor Corporation
DS012015
www.fairchildsemi.com
74LVT373 * 74LVTH373
Connection Diagram
Pin Descriptions
Pin Names D0-D7 LE OE O0-O7 Description Data Inputs Latch Enable Input Output Enable Input 3-STATE Latch Outputs
Truth Table
Inputs LE X H H L OE H L L L Dn X L H X Outputs On Z L H O0
H = HIGH Voltage Level L = LOW Voltage Level Z = High Impedance X = Immaterial O0 = Previous O0 before HIGH-to-LOW transition of Latch Enable
Functional Description
The LVT373 and LVTH373 contain eight D-type latches with 3-STATE standard outputs. When the Latch Enable (LE) input is HIGH, data on the Dn inputs enters the latches. In this condition the latches are transparent, i.e., a latch output will change state each time its D input changes. When LE is LOW, the latches store the information that was present on the D inputs a setup time preceding the HIGH-to-LOW transition of LE. The 3-STATE standard outputs are controlled by the Output Enable (OE) input. When OE is LOW, the standard outputs are in the 2state mode. When OE is HIGH, the standard outputs are in the high impedance mode but this does not interfere with entering new data into the latches.
Logic Diagram
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays.
www.fairchildsemi.com
2
74LVT373 * 74LVTH373
Absolute Maximum Ratings(Note 1)
Symbol VCC VI VO IIK IOK IO ICC IGND TSTG Parameter Supply Voltage DC Input Voltage DC Output Voltage DC Input Diode Current DC Output Diode Current DC Output Current DC Supply Current per Supply Pin DC Ground Current per Ground Pin Storage Temperature Value -0.5 to +4.6 -0.5 to +7.0 -0.5 to +7.0 -0.5 to +7.0 -50 -50 64 128 64 128 -65 to +150 Output in 3-STATE Output in HIGH or LOW State (Note 2) VI < GND VO < GND VO > VCC Output at HIGH State VO > VCC Output at LOW State Conditions Units V V V V mA mA mA mA mA C
Recommended Operating Conditions
Symbol VCC VI IOH IOL TA t/V Supply Voltage Input Voltage HIGH Level Output Current LOW Level Output Current Free-Air Operating Temperature Input Edge Rate, VIN = 0.8V-2.0V, VCC = 3.0V -40 0 Parameter Min 2.7 0 Max 3.6 5.5 -32 64 85 10 Units V V mA mA C ns/V
Note 1: Absolute Maximum continuous ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability. Functional operation under absolute maximum rated conditions is not implied. Note 2: IO Absolute Maximum Rating must be observed.
3
www.fairchildsemi.com
74LVT373 * 74LVTH373
DC Electrical Characteristics
Symbol VIK VIH VIL VOH Parameter Input Clamp Diode Voltage Input HIGH Voltage Input LOW Voltage Output HIGH Voltage VCC (V) 2.7 2.7-3.6 2.7-3.6 2.7-3.6 2.7 3.0 VOL Output LOW Voltage 2.7 2.7 3.0 3.0 3.0 II(HOLD) (Note 4) II(OD) (Note 4) II Bushold Input Over-Drive Current to Change State Input Current Control Pins Data Pins IOFF IPU/PD IOZL IOZH IOZH+ ICCH ICCL ICCZ ICCZ+ ICC Power Off Leakage Current Power up/down 3-STATE Output Current 3-STATE Output Leakage Current 3-STATE Output Leakage Current 3-STATE Output Leakage Current Power Supply Current Power Supply Current Power Supply Current Power Supply Current Increase in Power Supply Current (Note 7)
Note 3: All typical values are at VCC = 3.3V, TA = 25C. Note 4: Applies to Bushold versions only (74LVTH373). Note 5: An external driver must source at least the specified current to switch from LOW-to-HIGH. Note 6: An external driver must sink at least the specified current to switch from HIGH-to-LOW. Note 7: This is the increase in supply current for each input that is at the specified voltage level rather than VCC or GND.
T A = -40C to +85C Min Typ (Note 3) -1.2 2.0 0.8 VCC - 0.2 2.4 2.0 0.2 0.5 0.4 0.5 0.55 75 -75 500 -500 10 1 -5 1 100 100 -5 5 10 0.19 5 0.19 0.19 0.2 V V V V V V V V V V A A A A A A A A A A A A A mA mA mA mA mA II = -18 mA VO 0.1V or VO VCC - 0.1V IOH = -100 A IOH = -8 mA IOH = -32 mA IOL = 100 A IOL = 24 mA IOL = 16 mA IOL = 32 mA IOL = 64 mA VI = 0.8V VI = 2.0V (Note 5) (Note 6) VI = 5.5V VI = 0V or VCC VI = 0V VI = VCC 0V VI or VO 5.5V VO = 0.5V to 3.0V VI = GND or VCC VO = 0.5V VO = 3.0V VCC < V O 5.5V Outputs HIGH Outputs LOW Outputs Disabled VCC V O 5.5V, Outputs Disabled One Input at VCC - 0.6V Other Inputs at VCC or GND Max Units Conditions
Bushold Input Minimum Drive
3.0 3.0 3.6 3.6 3.6 0 0-1.5V 3.6 3.6 3.6 3.6 3.6 3.6 3.6 3.6
Dynamic Switching Characteristics
Symbol VOLP VOLV Parameter Quiet Output Maximum Dynamic VOL Quiet Output Minimum Dynamic VOL VCC (V) 3.3 3.3
(Note 8)
TA = 25C Min Typ 0.8 -0.8 Max Units V V Conditions CL = 50 pF RL = 500 (Note 9) (Note 9)
Note 8: Characterized in SOIC package. Guaranteed parameter, but not tested. Note 9: Max number of outputs defined as (n). n-1 data inputs are driven 0V to 3V. Output under test held LOW.
www.fairchildsemi.com
4
74LVT373 * 74LVTH373
AC Electrical Characteristics
TA = -40C to +85C CL = 50 pF, RL = 500 Symbol Parameter Min tPHL tPLH tPHL tPLH tPZL tPZH tPLZ tPHZ tW tS tH LE Pulse Width Setup Time, Dn to LE Hold Time, Dn to LE Output Disable Time Propagation Delay Dn to On Propagation Delay LE to On Output Enable Time 1.5 1.5 1.7 1.7 1.3 1.3 1.9 1.9 3.0 1.1 1.4 VCC = 3.3V 0.3V Typ (Note 10) Max 4.5 4.5 4.6 4.5 4.8 4.8 4.6 4.6 Min 1.5 1.5 1.7 1.7 1.3 1.3 1.9 1.9 3.0 1.0 1.4 VCC = 2.7V Max 5.0 4.9 4.9 5.0 5.9 5.5 4.9 4.9 ns ns ns ns ns ns ns Units
Note 10: All typical values are at VCC = 3.3V, TA = 25C.
Capacitance (Note 11)
Symbol CIN COUT Parameter Input Capacitance Output Capacitance Conditions VCC = OPEN, VI = 0V or VCC VCC = 3.0V, VO= 0V or VCC Typical 3 5 Units pF pF
Note 11: Capacitance is measured at frequency f = 1 MHz, per MIL-STD-883, Method 3012.
5
www.fairchildsemi.com
74LVT373 * 74LVTH373
Physical Dimensions inches (millimeters) unless otherwise noted
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M20B
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide Package Number M20D
www.fairchildsemi.com
6
74LVT373 * 74LVTH373 Low Voltage Octal Transparent Latch with 3-STATE Outputs
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide Package Number MTC20 Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. 7 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com
www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74LVT373MTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X