|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
INTEGRATED CIRCUITS 74LVT2244 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) Product specification Supersedes data of 1996 Aug 28 IC23 Data Handbook 1998 Feb 19 Philips Semiconductors Philips Semiconductors Product specification 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) 74LVT2244 FEATURES * Octal bus interface * 3-State buffers * Output capability: +12mA/-12mA * TTL input and output switching levels * Input and output interface capability to systems at 5V supply * Bus-hold data inputs eliminate the need for external pull-up * Power-up 3-State * Live insertion/extraction permitted * No bus current loading when output is tied to 5V bus * Latch-up protection exceeds 500mA per JEDEC Std 17 * ESD protection exceeds 2000V per MIL STD 883 Method 3015 * Outputs include series resistance of 30, making external termination resistors unnecessary. and 200V per Machine Model resistors to hold unused inputs DESCRIPTION The LVT2244 is a high-performance BiCMOS product designed for VCC operation at 3.3V. This device is an octal buffer that is ideal for driving bus lines. The device features two Output Enables (OE1, OE2), each controlling four of the 3-State outputs. The 74LVT2244 is designed with 30 series resistance in both the High and Low states of the output. This design reduces the line noise in applications such as memory address drivers, clock drivers and bus receivers/transmitters. QUICK REFERENCE DATA SYMBOL tPLH tPHL CIN COUT ICCZ PARAMETER Propagation delay nAx to nYx Input capacitance Output capacitance Total supply current CONDITIONS Tamb = 25C; GND = 0V CL = 50pF; VCC = 3.3V VI = 0V or 3.0V Outputs disabled; VO = 0V or 3.0V Outputs disabled; VCC = 3.6V TYPICAL 2.9 2.9 4 7 0.13 UNIT ns pF pF mA ORDERING INFORMATION PACKAGES 20-Pin Plastic SOL 20-Pin Plastic SSOP Type II 20-Pin Plastic TSSOP Type I TEMPERATURE RANGE -40C to +85C -40C to +85C -40C to +85C OUTSIDE NORTH AMERICA 74LVT2244 D 74LVT2244 DB 74LVT2244 PW NORTH AMERICA 74LVT2244 D 74LVT2244 DB 7LVT2244PW DH DWG NUMBER SOT163-1 SOT339-1 SOT360-1 PIN CONFIGURATION PIN DESCRIPTION PIN NUMBER 2, 4, 6, 8 11. 13, 15, 17 SYMBOL 1A0 - 1A3 2A0 - 2A3 1Y0 - 1Y3 2Y0 - 2Y3 1OE, 2OE GND VCC NAME AND FUNCTION Data inputs Data inputs Data outputs Data outputs Output enables Ground (0V) Positive supply voltage 1OE 1A0 2Y3 1A1 2Y2 1A2 2Y1 1A3 2Y0 1 2 3 4 5 6 7 8 9 20 19 18 17 16 15 14 13 12 11 VCC 2OE 1Y0 2A3 1Y1 2A2 1Y2 2A1 1Y3 2A0 18, 16, 14, 12 9, 7, 5, 3 1, 19 10 20 GND 10 SV00010 1998 Feb 19 2 853-1867 18985 Philips Semiconductors Product specification 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) 74LVT2244 LOGIC SYMBOL LOGIC SYMBOL (IEEE/IEC) 2 1A0 4 1A1 6 8 1A2 1A3 1Y0 1Y1 1Y2 1Y3 18 16 1 EN 2 14 12 4 6 8 18 16 14 12 1 1OE 11 13 15 17 19 2A0 2A1 2A2 2A3 2OE 2Y0 2Y1 2Y2 2Y3 9 7 19 EN 11 5 13 3 15 17 9 7 5 3 SV00011 SV00012 FUNCTION TABLE INPUTS nOE1 L L H H L X Z = High voltage level = Low voltage level = Don't care = High impedance "off " state nAx L H X OUTPUTS nYx L H Z SCHEMATIC OF EACH OUTPUT VCC VCC 22 OUTPUT 20 SW00202 ABSOLUTE MAXIMUM RATINGS1, 2 SYMBOL VCC VI VOUT IOUT IIK IOK Tstg PARAMETER DC supply voltage DC input voltage3 DC output voltage3 DC output current out ut DC input diode current DC output diode current Storage temperature range Output in Off or High state Output in Low state Output in High state VI < 0 VO < 0 CONDITIONS RATING -0.5 to +4.6 -0.5 to +7.0 -0.5 to +7.0 128 -64 -50 -50 -65 to 150 UNIT V V V mA mA mA C NOTES: 1. Stresses beyond those listed may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. 2. The performance capability of a high-performance integrated circuit in conjunction with its thermal environment can create junction temperatures which are detrimental to reliability. The maximum junction temperature of this integrated circuit should not exceed 150C. 3. The input and output voltage ratings may be exceeded if the input and output current ratings are observed. 1998 Feb 19 3 Philips Semiconductors Product specification 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) 74LVT2244 RECOMMENDED OPERATING CONDITIONS SYMBOL VCC VI VIH VIL IOH IOL t/v Tamb DC supply voltage Input voltage High-level input voltage Low-level Input voltage High-level output current Low-level output current Input transition rise or fall rate; outputs enabled Operating free-air temperature range -40 PARAMETER LIMITS MIN 2.7 0 2.0 0.8 -12 12 10 +85 MAX 3.6 5.5 UNIT V V V V mA mA ns/V C DC ELECTRICAL CHARACTERISTICS LIMITS SYMBOL VIK VOH VOL PARAMETER Input clamp voltage High-level output voltage Low-level output voltage TEST CONDITIONS VCC = 2.7V; II = -18mA VCC = 3V; IOH = -12mA VCC = 3V; IOL = 12mA VCC = 0 or 3.6V; VI = 5.5V II In ut Input leakage current VCC = 3.6V; VI = VCC or GND VCC = 3.6V; VI = VCC VCC = 3.6V; VI = 0 IOFF IHOLD Output off current Bus Hold current A inputs6 Current into an output in the High state when VO > VCC Power up/down 3-State output current3 3-State output High current 3-State output Low current Quiescent supply current Additional supply current per input pin2 VCC = 0V; VI or VO = 0 to 4.5V VCC = 3V; VI = 0.8V VCC = 3V; VI = 2.0V VCC = 0V to 3.6V; VCC = 3.6V IEX IPU/PD IOZH IOZL ICCH ICCL ICCZ ICC VO = 5.5V; VCC = 3.0V VCC = 1.2V; VO = 0.5V to VCC; VI = GND or VCC; OE/OE = Don't care VCC = 3.6V; VO = 3.0V VCC = 3.6V; VO = 0.5V VCC = 3.6V; Outputs High, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Low, VI = GND or VCC, IO = 0 VCC = 3.6V; Outputs Disabled; VI = GND or VCC, IO = VCC = 3.0 to 3.6V; One input at VCC -0.6V; Other inputs at VCC or GND 05 75 -75 500 60 1 1 -1 0.12 3 0.12 0.1 125 100 5 -5 0.19 12 0.19 0.2 mA mA A A A A Control pins Data pins4 ins 1 0.1 0.1 -1 1 150 -150 A 2 Tamb = -40C to +85C MIN TYP1 0.9 2.5 0.8 10 1 1 -5 100 A A MAX -1.2 V V V UNIT NOTES: 1. All typical values are at Tamb = 25C. 2. This is the increase in supply current for each input at VCC -0.6V. 3. This parameter is valid for any VCC between 0V and 1.2V with a transition time of up to 10msec. From VCC = 1.2V to VCC = 3.3V 10% a transition time of 100sec is permitted. This parameter is valid for Tamb = 25C only. 4. Unused pins at VCC or GND 5. ICCZ is measured with outputs pulled to VCC or GND. 6. This is the bus hold overdrive current required to force the input to the opposite logic state. 1998 Feb 19 4 Philips Semiconductors Product specification 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) 74LVT2244 AC CHARACTERISTICS GND = 0V; tR = tF = 2.5ns; CL = 50pF; RL = 500; Tamb = -40C to +85C. LIMITS SYMBOL PARAMETER WAVEFORM MIN tPLH tPHL tPZH tPZL tPHZ tPLZ Propagation delay nAx to nYx Output enable time to High and Low level Output disable time from High and Low level 1 2 2 1 1 1 1.1 1.9 1.8 VCC = 3.3V 0.3V TYP1 2.9 2.9 3.7 3.7 4.3 3.3 MAX 4.4 4.1 5.9 5.5 6.1 4.5 VCC = 2.7V MAX 5.3 4.4 7.7 6.2 6.8 4.5 ns ns ns UNIT NOTE: 1. All typical values are at VCC = 3.3V and Tamb = 25C. AC WAVEFORMS VM = 1.5V, VIN = GND to 2.7V 2.7V 3.0V or VCC whichever is less nAx INPUT VM VM 0V tPLH tPHL VOH nYx OUTPUT VM VM tPZH VOL Yn OUTPUT 1.5V tPHZ Yn OUTPUT 1.5V VOL + 0.3V VOL VOH VOH - 0.3V tPZL tPLZ OE INPUT 1.5V 1.5V 0V 3.0V SA00016 0V Waveform 1. Input (nAx) to Output (nYx) Propagation Delays SV00103 Waveform 2. 3-State Output Enable and Disable Times 1998 Feb 19 5 Philips Semiconductors Product specification 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) 74LVT2244 TEST CIRCUIT AND WAVEFORMS VCC 6.0V Open VIN PULSE GENERATOR RT D.U.T. CL RL tTHL (tF) tTLH (tR) VOUT RL GND tW VM 10% 10% 0V tTLH (tR) tTHL (tF) 90% VM 10% tW 0V AMP (V) VM AMP (V) 90% NEGATIVE PULSE 90% Test Circuit for 3-State Outputs 90% POSITIVE PULSE 10% VM SWITCH POSITION TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH SWITCH Open 6V GND VM = 1.5V Input Pulse Definition DEFINITIONS RL = Load resistor; see AC CHARACTERISTICS for value. CL = Load capacitance includes jig and probe capacitance; see AC CHARACTERISTICS for value. RT = Termination resistance should be equal to ZOUT of pulse generators. INPUT PULSE REQUIREMENTS FAMILY Amplitude 74LVT 2.7V Rep. Rate v10MHz tW tR tF 500ns v2.5ns v2.5ns SV00092 1998 Feb 19 6 Philips Semiconductors Product specification 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) 74LVT2244 SO20: plastic small outline package; 20 leads; body width 7.5 mm SOT163-1 1998 Feb 19 7 Philips Semiconductors Product specification 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) 74LVT2244 SSOP20: plastic shrink small outline package; 20 leads; body width 5.3 mm SOT339-1 1998 Feb 19 8 Philips Semiconductors Product specification 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) 74LVT2244 TSSOP20: plastic thin shrink small outline package; 20 leads; body width 4.4 mm SOT360-1 1998 Feb 19 9 Philips Semiconductors Product specification 3.3V Octal buffer/line driver with 30 series termination resistors (3-State) 74LVT2244 Data sheet status Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make chages at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. Production [1] Please consult the most recently issued datasheet before initiating or completing a design. Definitions Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Disclaimers Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 1998 All rights reserved. Printed in U.S.A. print code Document order number: Date of release: 05-96 9397-750-03521 Philips Semiconductors yyyy mmm dd 10 |
Price & Availability of 74LVT2244 |