Part Number Hot Search : 
SI7430D PD3S230L SPIC33 SMB15 KBPC3 TLC32 HAF1008S 91930
Product Description
Full Text Search
 

To Download 74AVCM162834 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 INTEGRATED CIRCUITS
74AVCM162834 18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
Product specification File under Integrated Circuits ICL03 2001 Apr 20
Philips Semiconductors
Philips Semiconductors
Product specification
18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
74AVCM162834
FEATURES
* Wide supply voltage range of 1.2 V to 3.6 V * Complies with JEDEC standard no. 8-1A/5/7. * CMOS low power consumption * Input/output tolerant up to 3.6 V * Low inductance multiple VCC and GND pins for minimum noise
and ground bounce
PIN CONFIGURATION
NC NC Y0 GND Y1 Y2 VCC Y3 Y4 Y5 GND Y6 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32 31 30 29 GND NC A0 GND A1 A2 VCC A3 A4 A5 GND A6 A7 A8 A9 A10 A11 GND A12 A13 A14 VCC A15 A16 GND A17 CP GND
* Integrated 15 termination resistors to minimize output overshoot
and undershoot
* Full PC133 solution provided when used with PCK2510S and
CBT16292
DESCRIPTION
The 74AVCM162834 is an 18-bit universal bus driver. Data flow is controlled by output enable (OE), latch enable (LE) and clock inputs (CP). This product is designed to have an extremely fast propagation delay and a minimum amount of power consumption. To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup resistor (Live Insertion).
Y7 Y8 Y9 Y10 Y11 GND Y12 Y13 Y14 VCC Y15 Y16 GND Y17 OE LE
SH00156
QUICK REFERENCE DATA
GND = 0 V; Tamb = 25 C; tr = tf 2.0 ns; CL = 30 pF. SYMBOL tPHL/tPLH PARAMETER Propagation delay An to Yn Propagation delay LE to Yn; CP to Yn Input capacitance Power dissipation capacitance per buffer VI = GND to VCC1 Outputs enabled Output disabled VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V VCC = 1.8 V VCC = 2.5 V VCC = 3.3 V CONDITIONS TYPICAL 2.6 2.0 1.7 2.9 2.3 1.9 5.0 25 6 UNIT ns
tPHL/tPLH CI CPD
ns pF pF
NOTES: 1. CPD is used to determine the dynamic power dissipation (PD in W): PD = CPD x VCC2 x fi + S (CL x VCC2 x fo) where: fi = input frequency in MHz; CL = output load capacitance in pF; fo = output frequency in MHz; VCC = supply voltage in V; S (CL x VCC2 x fo) = sum of outputs.
ORDERING INFORMATION
PACKAGES 56-Pin Plastic Thin Shrink Small Outline (TSSOP) Type II TEMPERATURE RANGE -40 to +85 C ORDER CODE 74AVCM162834DGG DRAWING NUMBER SOT364-1
2001 Apr 20
2
853-2169 26096
Philips Semiconductors
Product specification
18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
74AVCM162834
PIN DESCRIPTION
PIN NUMBER 1, 2, 55 3, 5, 6, 8, 9, 10, 12, 13, 14, 15, 16, 17, 19, 20, 21, 23, 24, 26 4, 11, 18, 25, 32, 39, 46, 53, 56 7, 22, 35, 50 27 28 30 54, 52, 51, 49, 48, 47, 45, 44, 43, 42, 41, 40, 38, 37, 36, 34, 33, 31 SYMBOL NC Y0 to Y17 NAME AND FUNCTION No connection Data outputs
LOGIC SYMBOL (IEEE/IEC)
OE CP LE 27 30 28 C3 G2 EN1 2C3
GND VCC OE LE CP A0 to A17
Ground (0 V) Positive supply voltage Output enable input (active LOW) Latch enable input (active LOW) Clock input Data inputs
Y0 Y1 Y2 Y3 Y4 Y5 Y6 Y7 Y8 Y9 Y10 Y11 Y12 Y13
3 5 6 8 9 10 12 13 14 15 16 17 19 20 21 23 24 26 1 1 3D
54 52 51 49 48 47 45 44 43 42 41 40 38 37 36 34 33 31
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 A16 A17
LOGIC SYMBOL
OE
Y14 Y15 Y16
CP
LE
Y17
SH00158
A0 D LE CP Y0
FUNCTION TABLE
INPUTS OE H L LE X L L H H H H CP X X X H L A X L H L H X X OUTPUTS Z L H L H Y01 Y02
TO THE 17 OTHER CHANNELS
L
SH00157
L L L L H L X Z = = = = =
HIGH voltage level LOW voltage level Don't care High impedance "off" state LOW-to-HIGH level transition
NOTES: 1. Output level before the indicated steady-state input conditions were established, provided that CP is high before LE goes low. 2. Output level before the indicated steady-state input conditions were established.
2001 Apr 20
3
Philips Semiconductors
Product specification
18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
74AVCM162834
168-pin SDR SDRAM DIMM SDRAM SDRAM SDRAM SDRAM SDRAM SDRAM SDRAM SDRAM SDRAM
BACK SIDE
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
SDRAM
FRONT SIDE 74AVCM16834 74AVCM16834 74AVCM16834 PCK2509S or PCK2510S
The PLL clock distribution device and AVCM registered drivers reduce signal loads on the memory controller and prevent timing delays and waveform distortions that would cause unreliable operation
RECOMMENDED OPERATING CONDITIONS
SYMBOL PARAMETER DC supply voltage (according to JEDEC Low Voltage Standards) DC supply voltage (for low voltage applications) VI VO Tamb tr, tf DC Input voltage range DC output voltage range; output 3-State DC output voltage range; output HIGH or LOW state Operating free-air temperature range Input rise and fall times VCC = 1.65 to 2.3 V VCC = 2.3 to 3.0 V VCC = 3.0 to 3.6 V CONDITIONS MIN 1.65 2.3 3.0 1.2 0 0 0 -40 0 0 0 MAX 1.95 2.7 3.6 3.6 3.6 3.6 VCC +85 30 20 10 V C ns/V V UNIT
VCC
SDRAM
SW00407
V
ABSOLUTE MAXIMUM RATINGS
In accordance with the Absolute Maximum Rating System (IEC 134). Voltages are referenced to GND (ground = 0 V) SYMBOL VCC IIK VI IOK VO VO IO IGND, ICC Tstg PTOT PARAMETER DC supply voltage DC input diode current DC input voltage DC output diode current DC output voltage; output 3-State DC output voltage; output HIGH or LOW state DC output source or sink current DC VCC or GND current Storage temperature range Power dissipation per package -plastic thin-medium-shrink (TSSOP) For temperature range: -40 to +125 C above +55C derate linearly with 8 mW/K VI t0 For all inputs1 VO uVCC or VO t 0 Note 1 Note 1 VO = 0 to VCC CONDITIONS RATING -0.5 to +4.6 -50 -0.5 to 4.6 "50 -0.5 to 4.6 -0.5 to VCC +0.5 "50 "100 -65 to +150 600 UNIT V mA V mA V V mA mA C mW
NOTE: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2001 Apr 20
4
Philips Semiconductors
Product specification
18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
74AVCM162834
DC ELECTRICAL CHARACTERISTICS
Over recommended operating conditions. Voltage are referenced to GND (ground = 0 V). LIMITS SYMBOL PARAMETER VCC = 1.2 V VIH HIGH level Input voltage VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 1.2 V VIL LOW level Input voltage VCC = 1.65 to 1.95 V VCC = 2.3 to 2.7 V VCC = 3.0 to 3.6 V VCC = 1.65 to 3.6 V; VI = VIH or VIL; IO = -100 A VOH HIGH level output voltage g VCC = 1.65 V; VI = VIH or VIL; IO = -4 mA VCC = 2.3 V; VI = VIH or VIL; IO = -8 mA VCC = 3.0 V; VI = VIH or VIL; IO = -12 mA VCC = 1.65 to 3.6 V; VI = VIH or VIL; IO = 100 A VOL LOW level output voltage g VCC = 1.65 V; VI = VIH or VIL; IO = 4 mA VCC = 2.3 V; VI = VIH or VIL; IO = 8 mA VCC = 3.0 V; VI = VIH or VIL; IO = 12 mA II IOFF IIHZ/IILZ Input leakage current In ut 3-State output OFF-state current 3-State output OFF-state current VCC = 1.65 to 3.6 V; 1 65 3 6 VI = VCC or GND VCC = 0V; VI or VO = 3.6 V VCC = 1.65 to 3.6 V; VI = VCC or GND VCC = 1.65 to 2.7 V; VI = VIH or VIL; VO = VCC or GND VCC = 3.0 to 3.6 V; VI = VIH or VIL; VO = VCC or GND VCC = 1.65 to 2.7 V; VI = VCC or GND; IO = 0 VCC = 3.0 to 3.6 V; VI = VCC or GND; IO = 0 TEST CONDITIONS Temp = -40 to +85 C MIN VCC 0.65VCC 1.7 2.0 - - - - VCC*0.20 0 20 VCC*0.45 VCC*0.55 VCC*0.70 - - - - - - - - - - - TYP1 - 0.9 1.2 1.5 - 0.9 1.2 1.5 VCC VCC*0.10 VCC*0.28 VCC*0.32 GND 0.10 0.26 0.36 0.1 0.1 0.1 0.1 0.1 0.1 0.2 MAX - - - - GND 0.35VCC 0.7 0.8 - - - - 0.20 0 20 0.45 0.55 0.70 2.5 "10 12.5 5 A 10 20 40 A A A A V V V V UNIT
IO OZ
3-State 3 State output OFF state current OFF-state
ICC
Quiescent supply current
NOTES: 1. All typical values are at Tamb = 25 C.
2001 Apr 20
5
Philips Semiconductors
Product specification
18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
74AVCM162834
AC CHARACTERISTICS
GND = 0 V; tr = tf 2.0 ns; CL = 30 pF LIMITS SYMBOL PARAMETER WAVEFORM 1, 7 2, 7 3, 7 6, 7 6, 7 3, 7 2, 7 5, 7 4, 7 4, 7 5, 7 4, 7 4, 7 3, 7 VCC = 3.3 0.3 V MIN Propagation delay An to Yn tPHL/tPLH Propagation delay LE to Yn Propagation delay CP to Yn tPZH/tPZL tPHZ/tPLZ tW 3-State output enable time OE to Yn 3-State output disable time OE to Yn CP pulse width HIGH or LOW LE pulse width HIGH Set-up time An to CP tSU Set-up time An to LE HIGH Set-up time An to LE LOW Hold time An to CP th Hold time An to LE HIGH Hold time An to LE LOW Fmax Maximum clock pulse frequency 0.7 0.7 0.7 1.0 1.0 1.0 1.0 0.7 0.5 0.5 0.9 1.6 1.4 500 TYP1 1.7 1.9 1.7 2.3 2.3 - - - - - - - - - MAX 2.5 2.7 2.5 4.5 3.5 - - - - - - - - - VCC = 2.5 0.2 V MIN 0.8 0.8 0.8 1.0 1.0 1.2 1.2 0.7 0.5 0.5 0.9 1.7 1.5 400 TYP1 2.0 2.3 2.0 2.5 2.2 - - - - - - - - - MAX 3.1 3.3 3.0 4.5 4.0 - - - - - - - - - VCC = 1.8 0.15 V MIN 1.0 1.0 1.0 1.5 1.5 2.0 2.0 0.7 0.5 0.6 1.0 2.0 1.7 250 TYP1 2.6 2.9 2.6 3.0 3.5 - - - - - - - - - MAX 4.5 5.0 4.5 6.5 6.5 - - - - - - - - - VCC = 1.2 V MIN - - - - - - - 1.0 0.2 2.0 1.5 3.2 2.8 - TYP 5.2 5.6 5.2 5.5 6.9 - ns - - ns - - - ns - - - ns MHz ns ns ns ns UNIT
NOTES: 1. All typical values are measured at Tamb = 25 C and at VCC = 1.8 V, 2.5 V, 3.3 V.
2001 Apr 20
6
Philips Semiconductors
Product specification
18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
74AVCM162834
VM = 0.5 VCC VX = VOL + 0.300 V VY = VOH - 0.300 V VOL and VOH are the typical output voltage drop that occur with the output load. VI = VCC
An INPUT
GND
AC WAVEFORMS FOR VCC = 2.3 V TO 2.7 V AND VCC < 2.3 V RANGE
VM = 0.5 VCC VX = VOL + 0.15 V VY = VOH - 0.15 V VOL and VOH are the typical output voltage drop that occur with the output load. VI = VCC
VI An INPUT GND tPHL VOH tPLH VM
LE INPUT
GND NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance. VM = 0.5VCC at VCC = 2.3 to 2.7 V SH00166
Waveform 4. Data set-up and hold times for the An input to the LE input
CP INPUT GND
Yn OUTPUT VOL
VM
An INPUT GND
NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V
SH00132
Waveform 1. Input (An) to output (Yn) propagation delay
Yn OUTPUT VOL
VI LE INPUT GND VM tW VM
NOTE: The shaded areas indicate when the input is permitted to change for predictable output performance. VM = 0.5VCC at VCC = 2.3 to 2.7 V SH00136
tPHL
VOH Yn OUTPUT VOL VM
tPLH
Waveform 5. Data set-up and hold times for the An input to the clock CP input
NOTE: VM = 0.5 VCC at VCC = 2.3 to 2.7 V
nOE INPUT
SH00165
GND
Waveform 2. Latch enable input (LE) pulse width, the latch enable input to output (Yn) propagation delays.
VCC OUTPUT LOW-to-OFF OFF-to-LOW
1/fMAX VI CP INPUT GND VM tW VM
VOL tPHZ VOH OUTPUT HIGH-to-OFF OFF-to-HIGH GND outputs enabled NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V outputs disabled outputs enabled VY VM tPZH
tPHL
VOH Yn OUTPUT VOL VM
tPLH
SH00135
NOTE: VM = 0.5VCC at VCC = 2.3 to 2.7 V
Waveform 3. The clock (CP) to Yn propagation delays, the clock pulse width and the maximum clock frequency.
2001 Apr 20
7
EEE E EEEEEEEEEE EEE E EEEEEEEEEE EEE EEEEEEEE EEE
VI VM th th tSU tSU VI VM VI VM tsu th tsu th VI VOH VI VM
AC WAVEFORMS FOR VCC = 3.0 V TO 3.6 V RANGE
Waveform 6. 3-State enable and disable times
EEEEEEEEEEEE EE EEEEEEEEEEEE EE EEEEEEEEEEEE EE
VM tPLZ tPZL VM VX
SH00137
Philips Semiconductors
Product specification
18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
74AVCM162834
TEST CIRCUIT
VCC S1 2 * VCC Open GND
VI PULSE GENERATOR RT D.U.T.
VO
RL
CL
RL
Test Circuit for switching times DEFINITIONS
RL = Load resistor CL = Load capacitance includes jig and probe capacitance RT = Termination resistance should be equal to ZOUT of pulse generators.
SWITCH POSITION
TEST tPLH/tPHL tPLZ/tPZL tPHZ/tPZH S1 Open 2 < VCC
GND
VCC < 2.3 V 2.3-2.7 V 3.0 -3.6 V
VI VCC VCC VCC
RL 1000 500 500
SV01883
Waveform 7. Load circuitry for switching times
2001 Apr 20
8
Philips Semiconductors
Product specification
18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
74AVCM162834
TSSOP56: plastic thin shrink small outline package; 56 leads; body width 6.1 mm
SOT364-1
2001 Apr 20
9
Philips Semiconductors
Product specification
18-bit registered driver with inverted register enable and 15 termination resistors (3-State)
74AVCM162834
Data sheet status
Data sheet status Objective specification Preliminary specification Product specification Product status Development Qualification Definition [1] This data sheet contains the design target or goal specifications for product development. Specification may change in any manner without notice. This data sheet contains preliminary data, and supplementary data will be published at a later date. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product. This data sheet contains final specifications. Philips Semiconductors reserves the right to make changes at any time without notice in order to improve design and supply the best possible product.
Production
[1] Please consult the most recently issued datasheet before initiating or completing a design.
Definitions
Short-form specification -- The data in a short-form specification is extracted from a full data sheet with the same type number and title. For detailed information see the relevant data sheet or data handbook. Limiting values definition -- Limiting values given are in accordance with the Absolute Maximum Rating System (IEC 134). Stress above one or more of the limiting values may cause permanent damage to the device. These are stress ratings only and operation of the device at these or at any other conditions above those given in the Characteristics sections of the specification is not implied. Exposure to limiting values for extended periods may affect device reliability. Application information -- Applications that are described herein for any of these products are for illustrative purposes only. Philips Semiconductors make no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
Disclaimers
Life support -- These products are not designed for use in life support appliances, devices or systems where malfunction of these products can reasonably be expected to result in personal injury. Philips Semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Philips Semiconductors for any damages resulting from such application. Right to make changes -- Philips Semiconductors reserves the right to make changes, without notice, in the products, including circuits, standard cells, and/or software, described or contained herein in order to improve design and/or performance. Philips Semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise specified. Philips Semiconductors 811 East Arques Avenue P.O. Box 3409 Sunnyvale, California 94088-3409 Telephone 800-234-7381 (c) Copyright Philips Electronics North America Corporation 2001 All rights reserved. Printed in U.S.A. Date of release: 04-01 Document order number: 9397-750-08282
Philips Semiconductors
2001 Apr 20 10


▲Up To Search▲   

 
Price & Availability of 74AVCM162834

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X