Part Number Hot Search : 
UG2006 HMC39507 AD1585 1M35V10 OZ6833B BLF546 L128D AD1556
Product Description
Full Text Search
 

To Download 2W005G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 2W005G THRU 2W10G
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER Reverse Voltage - 50 to 1000 Volts Forward Current - 2.0 Amperes
WOB
FEATURES
0.389(9.86) 0.349(8.84)
0.03(0.81) 0.03(0.71)
1.00(25.40)
* * * * * * *
Glass Passivated Die Construction Diffused Junction Low Foward Voltage Drop, High Current Capability Surge Overload Rating to 60A Peak Ideal for Printed Circuit Boards Case to Terminal Isolation Voltage 2500V Plastic Material has Underwriters Laboratory Flammability Classification 94V-0
1.10(27.90)
0.181(4.60) 0.158(4.00)
0.22(5.60) 0.18(4.60)
0.22(5.60) 0.22(5.60)
MECHANICAL DATA
Case : Molded Plastic Terminals : Plated leads solderable per MIL-STD-750, Method 2026 Polarity : As marked on Body Mounting Position : Any Weight : 1.3 grams (approx)
*Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature SYMBOLS unless otherwise specified. Maximum repetitive peak reverse voltage Maximum RMS voltage Maximum DC blocking voltage Maximum average forward rectified current @TA=25 C
o o
2W 005G 01G
100 70 100
UNITS 06G
600 420 600
02G
200 140 200
04G
400 280 400
08G
800 560 800
10G
1000 700 1000
VRRM VRMS VDC I (AV)
50 35 50
Volts Volts Volts Amps
2.0
Peak forward surge current 8.3ms single half sine-wave superimposed on rated load (JEDEC Method) Maximum instantaneous forward voltage at 2.0 A Maximum DC reverse current at rated DC blocking voltage Typical junction capacitance (NOTE 1) Typical thermal resistance junction to case Operating junction and storage temperature range @TA=25 C @TA=125 C
o o
IFSM
60
Amps
VF
1.1 5.0
Volts
IR
500 16 63 -65 to +150
uA
CJ R
pF K/W
o
JC
TJ,TSTG
C
NOTES : (1) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts (2) Thermal resistance from junction to case mounted on PC board with 13 X 13mm (0.03mm thick) land areas.
REV. : 0
Zowie Technology Corporation
RATINGS AND CHARACTERISTIC CURVES 2W005G THRU 2W10G
FIG.1 - FORWARD CURRENT DERATING CURVE 2.0 AVERAGE FORWARD RECTIFIED CURRENT, AMPERES PEAK FORWARD SURGE CURRENT, AMPERES 60 50 40 30 20 10 0 0 25 50 75 100
o
FIG.2 - MAXIMUM NON-REPETITIVE PEAK FORWARD SURGE CURRENT
1.5
Pulse Width 8.3ms Single Half-Sire-Wave (JEDEC Method)
1.0
0.5
Single phase half-sine-wave 60Hz resistive or in ductive load
0 125 150 AMBIENT TEMPERATURE, C
1
10 NUMBER OF CYCLES AT 60Hz
100
FIG.3 - TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS 10.00 IINSTANTANEOUS FORWARD CURRENT, AMPERES 100
FIG.4 - TYPICAL REVERSE CHARACTERISTICS PER BRIDGE ELEMENT
INSTANTANEOUS REVERSE CURRENT, MICROAMPERES
TJ=100 C
o
10.0
1.00
1.0
TJ=25 C
o
0.10
TJ=25 C
PULSE WIDTH=300uS
o
0.10
0.01 0.2
0.6
1.0
1.4 0.01 0 40 80 120 160 PERCENT OF RATED PEAK REVERSE VOLTAGE,%
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.5 - TYPICAL JUNCTION CAPACITANCE
100
JUNCTION CAPACITANCE, pF
TJ = 25 C
o
10
1 .1 .2 .4 1.0 2 4 10 20 40 100 REVERSE VOLTAGE, VOLTS
REV. : 0
Zowie Technology Corporation


▲Up To Search▲   

 
Price & Availability of 2W005G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X