Part Number Hot Search : 
TIP112G C2506 GP214 1N5811E3 1831135X BU2510 12CNE8N BT150
Product Description
Full Text Search
 

To Download ZTX321 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTORS
ISSUE 3 APRIL 94 FEATURES * 15 Volt VCEO * fT=600 MHz APPLICATIONS * VHF/UHF operation
ZTX320 ZTX321 ZTX322 ZTX323
C B
E
ABSOLUTE MAXIMUM RATINGS.
PARAMETER Collector-Base Voltage Collector-Emitter Voltage Emitter-Base Voltage Base Current Continuous Collector Current Power Dissipation at Tamb=25C Operating and Storage Temperature Range SYMBOL VCBO VCEO VEBO IB IC Ptot Tj:Tstg 30 15 3 100 500 300
E-Line TO92 Compatible VALUE UNIT V V V mA mA mW C
-55 to +175
ELECTRICAL CHARACTERISTICS (at Tamb = 25C).
PARAMETER Collector-Base Breakdown Voltage Collector-Emitter Sustaining Voltage Emitter-Base Breakdown Voltage Collector Cut-Off Current Emitter Cut-Off Current Collector-Emitter ZTX320, ZTX322 Saturation Voltage ZTX323 ZTX321 Base-Emitter ZTX320, ZTX322 Saturation Voltage ZTX323 ZTX321 Static Forward Current Transfer Ratio Output Capacitance Input Capacitance Transition Frequency at f=100MHz Noise Figure Power Gain ZTX320, ZTX321 ZTX322 ZTX323 SYMBOL V(BR)CBO VCEO(SUS) V(BR)EBO ICBO IEBO VCE(sat) VBE(sat) hFE Cobo Cibo fT N gpe 3-159 600 400 6 typical 15 20 20 100 MIN. 30 15 3 0.01 0.2 0.4 0.4 0.4 1.0 1.0 1.0 300 150 300 1.7 1.6 pF pF MHz MHz dB dB MAX. UNIT V V V
A A
CONDITIONS. IC=10A, IE=0 IC=10mA, IB=0 IE=10A, IC=0 VCB=15V, IE=0 VEB=2V, IC=0 IC=10mA, IB=1mA IC=10mA, IB=1mA IC=3mA, IB=0.3mA IC=10mA, IB=1mA IC=10mA, IB=1mA IC=3mA, IB=0.3mA IC=3mA, VCE=1V IC=3mA, VCE=1V IC=3mA, VCE=1V VCB=10V, f=1MHz VEB=0.5V, f=1MHz IC=4mA, VCE=10V IC=30mA, VCE=10V IE=1mA, VCE=6V RS=400, f=60MHz IC=6mA, VCB=12V f=200MHz
V V V V V V
ZTX320 ZTX321 ZTX322 ZTX323
TYPICAL CHARACTERISTICS
PD - Power Dissipation (Watts)
1000 0.4
800
0.3
fT - MHz
600
VCE=10V f=100MHz
0.2
400 200
0.1
0 0 5 10 15 20 25
0 -60 -20 0 20 60 100 140 180
IC (mA)
T - Temperature (C)
fT v IC
Derating Curve
3-160


▲Up To Search▲   

 
Price & Availability of ZTX321

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X