Part Number Hot Search : 
2SD1324 SIS630 A3114 D1631 BL402 2N2906A 72HF100 74HC244A
Product Description
Full Text Search
 

To Download XC61A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCMOS NHighly Accurate : 2%
GMicroprocessor reset circuitry GMemory battery back-up circuits GPower-on reset circuits GPower failure detection GSystem battery life and charge voltage monitors
NLow Power Consumption : 1.0A (VIN = 2.0V) NUltra small Mini Mold Package
2
The XC61A series are highly precise, low power consumption voltage detectors, manufactured using CMOS and laser trimming technologies. Detect voltage is extremely accurate with minimal temperature drift. N channel open drain output configurations is available.
Highly accurate : 2% Low power consumption: TYP 1.0 A [ VIN=2.0V ] Detect voltage range : 0.8V (N-ch open drain) Operating voltage range : 0.7V ~ 6.0V Detect voltage temperature characteristics : TYP 100ppm/C Output configuration : N-channel open drain Ultra small package : SOT-23 (150mW) mini-mold : SOT-89 (500mW) mini-mold : TO-92 (300mW)
N-ch Open Drain Output
PIN NUMBER SOT-23 3 2 1 2 3 1 2 3 1 1 2 3
PIN V IN VSS VOUT
SOT-89 TO-92 (T) TO-92 (L) NAME
FUNCTION Supply Voltage Input Ground Output
125
GOrdering Information
XC61A x x x x x x x a b cdef DESIGNATOR a DESCRIPTION Output Configuration : N = N-ch open drain Detect Voltage : 08 = 0.8V Output Delay : 0 = No delay Detect Accuracy : 2 = within 2.0% f DESIGNATOR e DESCRIPTION Package Type : M = SOT-23 P = SOT-89 T = TO-92 ( regular ) L = TO-92 ( Custom pin Configuration) Device Orientation : R = Embossed Tape ( Right ) L = Embossed Tape ( Left ) H = Paper Tape (TO-92) B = Bag (TO-92)
2
b c d
GSOT-23
126
GSOT-89
2
GTO-92
127
GSOT-23, SOT-89
q
w
w
2
q
e
r
GTO-92
q
1 2345 67 1
w w e
2345 67
r
t
y
u
128
Ta = 25
PARAMETER Input Voltage Output Current
Output Voltage Power Dissipation
SYMBOL V IN IOUT VOUT Pd Topr Tstg
RATINGS 9 50
VSS -0.3 9
UNITS V mA V
mW
N-ch open drain SOT-23 SOT-89 TO-92
150 500 300 -30 -40 +80 +125
Operating Ambient Temperature Storage Temperature
2
Ta = 25 OC
PARAMETER Detect Voltage Hysteresis Range
SYMBOL V DF V HYS
CONDITIONS
MIN VDF
x 0.98
TYP VDF VDF
x 0.05
MAX VDF
x 1.02
UNITS V V
VDF
x 0.02
VDF
x 0.08
Supply Current
ISS
Operating Voltage Output Current Temperature Characteristics Delay Time (VDR VOUT inversion)
V IN N-ch IOUT VDF Topr * VDF tDLY
VIN = 1.5V = 2.0V = 3.0V = 4.0V = 5.0V VDF = 0.8V to 2.0V VDS= 0.5V VIN= 0.7V = 1.0V -30 OC Topr 80OC
0.9 1.0 1.3 1.6 2.0 0.7 0.35 2.2 100
2.6 3.0 3.4 3.8 4.2 6.0
A
V mA ppm/C
0.2
ms
129
GFunctional Description
q When input voltage (VIN) rises above detect voltage (VDF), output voltage (VOUT) will be equal to VIN. ( A condition of high impedance exists with Nch open drain output configurations. ) w When input voltage (VIN) falls below detect voltage (VDF), output voltage (VOUT) will be equal to the ground voltage (VSS) level. e When input voltage (VIN) falls to a level below that of the minimum operating voltage (VMIN), output will become unstable. In this condition, VIN will equal the pulled-up output ( should output be pulled-up.) r When input voltage (VIN) rises above the ground voltage (VSS) level, output will be unstable at levels below the minimum operating voltage (VMIN). Between the VMIN and detect release voltage (VDR) levels, the ground voltage (VSS) level will be maintained. t When input voltage (VIN) rises above detect release voltage (VDR), output voltage (VOUT) will be equal to VIN. ( A condition of high impedance exists with Nch open drain output configurations. ) y The difference between VDR and VDF represents the hysteresis range.
2
GTiming Chart
GNotes on Use
When a resistor is connected between the VIN pin and the input with N-channel open drain output configurations, we suggest that a resistor with an RIN value of less than 1k and a capacitor with a value of more than 0.1 F be used in order to avoid oscillation.
130


▲Up To Search▲   

 
Price & Availability of XC61A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X