Part Number Hot Search : 
SK301 MAX8520 03XXX JHB1601A FM390B 4600T LTA320 ECG88MP
Product Description
Full Text Search
 

To Download X40620 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 64K
X40620
Dual Voltage CPU Supervisor with 64K Serial EEPROM
EEPROM memory in one package. This combination lowers system cost, reduces board space requirements, and increases reliability. Applying voltage to VCC activates the power on reset circuit which holds RESET active for a period of time. This allows the power supply and system oscillator to stabilize before the processor can execute code. Low VCC detection circuitry protects the user's system from low voltage conditions, resetting the system when VCC falls below the set minimum Vtrip point. RESET is active until VCC returns to proper operating level and stabilizes. A second voltage monitor circuit (V2MON) tracks the unregulated supply to provide a power fail warning or monitors different power supply voltage. When the second monitored voltage drops below a preset V2TRIP voltage. V2FAIL is active until V2 returns to proper operating level and above the V2TRIP voltage. Five common low voltage combinations are available, however, Xicor's unique circuits allows the threshold for either voltage monitor to be reprogrammed to meet special needs or to fine-tune the threshold for applications requiring higher precision.
FEATURES * Dual Voltage Detection and Reset Assertion --Three standard reset threshold settings. (3.1V/ 2.6V, 3.1V/1.7V, 2.9V/2.3V) --Adjust low voltage reset threshold voltages using special programming sequence --RESET signal valid down to VCC=1V * Watchdog Timer (150ms) * Power On Reset (150ms) * Low Power CMOS --10A typical standby current, watchdog on --400A typical standby current, watchdog off * 64kbit 2-Wire Serial EEPROM --1MHz serial interface speed --64-byte page write mode --Self-timed write cycle --5ms write cycle time (typical) * 2.5 to 3.7V Power Supply Operation * 8-Lead TSSOP package DESCRIPTION The X40620 combines several functions into one device. The first is a dual voltage monitoring, power-on reset control, watchdog timer and 64Kbit serial
BLOCK DIAGRAM
WP Write Control Logic HV Generation Timing and Control Watchdog Timer Reset Reset & Watchdog Timebase Power on and Low Voltage Reset Generation V2FAIL
+ -
RESET
SCL SDA
Command Decode and Control Logic
X Decoder
EEPROM Array (64Kbits)
V2MON V2TRIP VCC VTRIP
(VCC) Control Signal
Y Decoder Data Register
+ -
Xicor, Inc. 2000 Patents Pending 9900-3003.5 4/24/00 EP
Characteristics subject to change without notice.
1 of 17
X40620
PACKAGE/PINOUTS
8L TSSOP VSS WP SDA RESET 1 2 3 4 8 7 6 5 VCC V2MON SCL V2FAIL
V2 Voltage Fail Output (V2FAIL) V2FAIL is an active LOW, open drain output which goes active whenever V2MON falls below the minimum V2trip sense level. It will remain active until V2MON rises above the minimum V2MON sense level. DEVICE OPERATION Power On Reset Application of power to the X40620 activates a Power On Reset Circuit. This circuit goes active at 1V and pulls the RESET pin active. This signal prevents the system microprocessor from starting to operate with insufficient voltage or prior to stabilization of the oscillator. When VCC exceeds the device VTRIP value for 200ms (nominal) the circuit releases RESET allowing the processor to begin executing code. Low Voltage VCC (V1) Monitoring During operation, the X40620 monitors the VCC level and asserts RESET if supply voltage falls below a preset minimum VTRIP. The RESET signal prevents the microprocessor from operating in a power fail or brownout condition. The RESET signal remains active until the voltage drops below 1V. It also remains active until VCC returns and exceeds VTRIP for 200ms. When the internal low voltage detect circuitry senses that VCC is low, the following happens: - The RESET pin goes active. - Communication to the device is interrupted and any command is aborted. If a serial nonvolatile store is in progress when power fails, the circuitry does not stop the nonvolatile store operation, but attempts to complete the operation. The low VCC threshold is typically set to 3.1V for a 2.5 to 3.7V operating range. LOW VOLTAGE V2 MONITORING The X40620 also monitors a second voltage level and asserts V2FAIL if the voltage falls below a preset minimum V2TRIP. The V2FAIL signal is either ORed with RESET to prevent the microprocessor from operating in a power fail or brownout condition or used to interrupt the microprocessor with notification of an impending power failure. The V2FAIL signal remains active until the VCC drops below 1V. It also remains active until V2MON returns and exceeds V2TRIP by 0.2V
PIN NAMES
VSS SDA VCC SCL WP V2MON RESET V2FAIL Ground Serial Data Power Serial Clock Write Protect Voltage monitor input Low Voltage Detect Output V2 Voltage Fail Output
PIN DESCRIPTIONS Serial Clock (SCL) The SCL input is used to clock all data into and out of the device. Serial Data (SDA) SDA is a bidirectional pin used to transfer data into and out of the device. It is an open drain output and may be wire-ORed with other open drain or open collector outputs. An open drain requires the use of a pull-up resistor. Write Protect (WP) The WP pin should be tied HIGH at all time. (This WP pin is reserved for internal factory testing only). Reset Output (RESET) RESET is an active LOW, open drain output which goes active whenever VCC falls below the minimum Vtrip sense level. It will remain active until VCC rises above the minimum Vtrip sense level for 150ms. RESET goes active if the Watchdog Timer is enabled and there is no start bit before the end of the selectable Watchdog time-out period. A serial start bit will reset the Watchdog Timer. RESET also goes active on power up at 1V and remains active for 150ms after the power supply stabilizes.
Characteristics subject to change without notice.
2 of 17
X40620
When the internal low voltage detect circuitry senses that V2MON is low, the V2FAIL pin goes active. Typically this would be used by the processor as an interrupt to stop the execution of the code or to do housekeeping in preparation for an impending power failure. The RESET and V2FAIL signals remain active until VCC voltage drops below 1V. RESET remains active until VCC returns and exceeds VTRIP for 200ms. V2FAIL remains active until immediately after V2MON returns and exceeds it's minimum voltage.
C Volt Reg OTP Mode Enabled Pin 1 VCC VSS V2MON WP SCL SDA RESET V2FAIL VCC
The basic method of communication to the memory areas of the device is established by generating a start condition, then transmitting a command, followed by the address. The user must perform ACK Polling to determine the validity of the address, before starting a data transfer (see Acknowledge Polling.) Data is transferred in 8-bit segments, with each transfer being followed by an ACK, generated by the receiving device. If the X40620 is in a nonvolatile write cycle a "no ACK" (SDA=HIGH) response will be issued in response to loading of the command byte. If a stop is issued prior to the start of a nonvolatile write cycle the write operation will be terminated and the part will reset and enter into a standby mode. The basic sequence is illustrated in Figure 1.
SCL SDA INTR RESET
After each transaction is completed, the X40620 will reset and enter into a standby mode. Figure 1. X40620 Device Operation
Load Command Byte
Recommended Connection
Watchdog Timer The Watchdog Timer circuit monitors the microprocessor activity by monitoring the Start bit. The microprocessor must send a start bit periodically to prevent a RESET signal. The start bit must occur prior to the expiration of the watchdog time-out period. The watchdog timer period is set at 150msec. SERIAL MEMORY OPERATION There are two primary modes of operation for the X40620; READ and WRITE of the memory arrays.
Load 2 Byte Address
Read/Write Data Bytes
TWC or Data ACK Polling
Characteristics subject to change without notice.
3 of 17
X40620
Figure 2. Set VTRIP Level Sequence (VCC VTRIP)
VCC VTRIP VP = 15V
RESET
01234567 SCL
01234567
01234567
01234567
SDA D8h 00h 01h 01h sets VCC 00h
Figure 3. Set V2TRIP Level Sequence (VCC V2TRIP)
V2TRIP V2MON VP = 15V
RESET
01234567 SCL
01234567
01234567
01234567
SDA D8h 00h 0Dh 0Dh sets V2MON 00h
Figure 4. Reset VTRIP Level Sequence (VCC > 3V, WEL is set.)
VCC VTRIP VP = 15V
RESET
01234567 SCL
01234567
01234567
01234567
SDA D8h 00h 03h 03h resets VCC 00h
Characteristics subject to change without notice.
4 of 17
X40620
Figure 5. Reset V2TRIP Level Sequence (VCC > 3V, WEL is set.)
VCC VTRIP VP = 15V
RESET
01234567 SCL
01234567
01234567
01234567
SDA D8h 00h 03h 03h resets VCC 00h
VCC AND V2MON THRESHOLD RESET PROCEDURE The X40620 is shipped with standard VTRIP and V2TRIP voltages. These values will not change over normal operating and storage conditions. However, in applications where the standard thresholds are not exactly right, or if higher precision is needed in the threshold value, the X40620 trip points may be adjusted. The procedure is described below, and uses the application of a high voltage control signal. Setting the VTRIP Voltage This procedure is used to set the VTRIP,V2TRIP to a higher voltage value. For example, if the current VTRIP is 4.4V and the new VTRIP is 4.6V, this procedure will directly make the change. If the new setting is to be lower than the current setting, then it is necessary to reset the trip point before setting the new value. To set the new voltages, apply the desired VTRIP threshold voltage to the VCC pin, the V2TRIP voltage to the V2MON pin, then tie the RESET pin to the programming voltage VP. Then, write data 01h or 0Dh at address
00h to program VTRIP, V2TRIP respectively. The stop bit following a valid write operation initiates the programming sequence. Bring RESET LOW to complete the operation. Note: this operation also writes 01h or 0Dh to address 00h. Resetting the VTRIP Voltage This procedure is used to set the VTRIP, the V2TRIP to a "native" voltage level. For example, if the current VTRIP is 4.4V and the new VTRIP must be 4.0V, then the VTRIP must be reset. When the threshold is reset, the new level is something less than 1.7V. This procedure must be used to set the voltage to a lower value. To reset the new VTRIP, V2TRIP voltage, apply the desired VTRIP or V2TRIP threshold voltage to the VCCor V2MON pin, respectively, and tie the RESET pin to the programming voltage VP. Then write 03h or 0Fh to address 00h. The stop bit of a valid write operation initiates the programming sequence. Bring RESET LOW to complete the operation. Note: this operation also writes 03h or 0Fh to address 00h of the EEPROM array.
Figure 6. Sample VTRIP Reset Circuit
VP Adjust V2FAIL RESET VTRIP Adj. V2TRIP Adj. 4.7K 5 8 Run SCL SDA 4 2 7 X40620 6 1 3 C
Characteristics subject to change without notice.
5 of 17
X40620
VTRIP/V2TRIP Programming
Execute Reset VTRIP/V2TRIP Sequence Set VCC = VCC Applied = Desired VTRIP OR Set V2MON = V2MON Applied = Desired V2TRIP, VCC>=V2Trip
New VCC or V2MON Applied = Old VCC V2MON Applied + Error
Execute Set VTRIP, V2TRIP Sequence Recycle VCC Power Apply 5V to VCC or V2MON Decrement VCC or V2MON (<50mV Step)
New VCC/V2MON Applied = Old VCC Applied--Error
Execute Reset V2TRIP, VTRIP Sequence
NO
RESET or V2FAIL pin goes active? YES
Error < 0
Measured V(2)TRIP Desired V(2)TRIP Error = 0 DONE
Error > 0
Characteristics subject to change without notice.
6 of 17
X40620
Device Protocol The X40620 supports a bidirectional bus oriented protocol. The protocol defines any device that sends data onto the bus as a transmitter and the receiving device as a receiver. The device controlling the transfer is a master and the device being controlled is the slave. The master will always initiate data transfers and provide the clock for both transmit and receive operations. Therefore, the X40620 will be considered a slave in all applications. After each byte written to or read from the X40620, the address pointer is incremented by 1. This allows the user to read from the entire device after sending only a single address. It also allows an entire page to be written in one operation. An exception to this address incrementation occurs during a read. After reading address 1FFFh the device goes into an idle mode, so additional reads return all "1s". Clock and Data Conventions Data states on the SDA line can change only during SCL LOW. SDA changes during SCL HIGH are reserved for indicating start and stop conditions. Refer to Figure 7 and Figure 8. Start Condition All commands are preceeded by the start condition, which is a HIGH to LOW transition of SDA when SCL is HIGH. The X40620 continuously monitors the SDA and SCL lines for the start condition and will not respond to any command until this condition is met. A start may be issued to terminate the input of a control byte or the input data to be written. This will reset the device and leave it ready to begin a new read or write command. A start bit generated while the part is outputting data is accepted as a start as long as the device is not outputting a 'zero'. Stop Condition All communications are be terminated by a stop condition. The stop condition is a LOW to HIGH transition of SDA when SCL is HIGH. The stop condition is also used to reset the device during a command or data input sequence and will leave the device in the standby power mode. As with starts, stops are recognized while the device outputs data, as long as the data output is not a `zero'. Figure 7. Data Validity
SCL
SDA Data Stable Data Change
Figure 8. Definition of Start and Stop Conditions
SCL SDA Start Condition Stop Condition
Acknowledge Acknowledge is a software convention used to indicate successful data transfer. The transmitting device, either master or slave, will release the bus after transmitting eight bits. During the ninth clock cycle the receiver will pull the SDA line LOW to acknowledge that it received the eight bits of data. The X40620 will respond with an acknowledge after recognition of a start condition and its slave address. If both the device and a write condition have been selected, the X40620 will respond with an acknowledge after the receipt of each subsequent eight-bit word.
Table 1. X40620 Instruction Set 1st Byte after Start
1100 1000 1101 1000
1st Byte after Command
High Address High Address
2nd Byte after Command
Low address Low address
Command Description
Memory Array Read Memory Array Write
Notes: Illegal command codes will be disregarded. The part will respond with a "no-ACK" to the illegal byte and then return to the standby mode.
Characteristics subject to change without notice.
7 of 17
X40620
PROGRAM OPERATIONS Memory Array Programming The memory array program mode requires issuing the 8-bit Write command followed by the address and then the data bytes transferred as illustrated in Figure 9. Up to 64 bytes Figure 9. Memory Array Programming
START Write Command A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 Data 0 Data 63 STOP NO ACK YES Proceed
(or more) may be transferred. Sending more than 64 bytes results in data wrapping and over-writing previous data. After the last byte to be transferred is acknowledged a stop condition is issued which starts the nonvolatile write cycle.
SDA S ACK ACK ACK ACK
***
ACK
Wait tWC S Data ACK Polling
ACK Polling Once a stop condition is issued to indicate the end of the host's write sequence, the X40620 initiates the internal nonvolatile write cycle. In order to take advantage of the typical 5ms write cycle, ACK polling can begin immediately. This involves issuing the start condition followed by the new command code of 8 bits (1st byte of the protocol.) If the X40620 is still busy with the nonvolatile write operation, it will issue a "no-ACK" in response. If the nonvolatile write operation has completed, an "ACK" will be returned and the host can then proceed with the rest of the protocol.
Data ACK Polling Sequence Write Sequence Completed Enter Ack Polling
Issue Start
Issue New Command Code
ACK Returned?
Characteristics subject to change without notice.
8 of 17
X40620
Figure 10. Acknowledge Polling
SCL 8th CLK `ACK' CLK 8th CLK `ACK' CLK
SDA
`ACK' Start Condition
8th Bit ACK or no ACK
MEMORY READ OPERATIONS Memory read operations are initiated in the same manner as write operations but with a different command code. Random Read The master issues the start condition, then a Read instruction, then issues the word address. Once the first byte has been read, another start can be issued followed by a new 8-bit address. See Figure 11. Sequential Read The host can read sequentially within the memory array after receiving the Read Command and an address within the address space. The data output is
sequential, with the data from address n followed by the data from n+1. The address counter for read operations increments all address bits, allowing the entire memory array contents to be serially read during one operation. At the end of the address space (address 1FFFh) the device goes into an idle state and a new read sequence must be initiated to continue reading at another address. Refer to Figure 12 for the address, acknowledge and data transfer sequence. An acknowledge must follow each 8-bit data transfer. After the last bit has been read, the host sends a stop condition with or without a preceding acknowledge.
Figure 11. Random Read
START A7 A6 A5 A4 A3 A2 A1 A0 START A15 A14 A13 A12 A11 A10 A9 A8 STOP S ACK Data 0 Data X STOP S ACK ACK ACK Data 0 9 of 17
Read Command
A7 A6 A5 A4 A3 A2 A1 A0
SDA S ACK ACK ACK Data 0
S
Figure 12. Sequential Read
START ACK A15 A14 A13 A12 A11 A10 A9 A8 A7 A6 A5 A4 A3 A2 A1 A0 Read Command ACK
SDA S
Characteristics subject to change without notice.
X40620
ABSOLUTE MAXIMUM RATINGS Temperature under bias ................... -65c to +135C Storage temperature ........................-65C to +150C Voltage on any pin with respect to VSS ..... -1V to +7V D.C. output current ............................................... 5mA Lead temperature (soldering, 10 seconds).........300C COMMENT Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only; functional operation of the device (at these or any other conditions above those listed in the operational sections of this specification) is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. RECOMMENDED OPERATING CONDITIONS Temp
Commercial Extended
Min.
0C -20C
Max.
+70C +85C
Device
X40620
Supply Voltage Limits
2.5V to 3.7V
D.C. OPERATING CHARACTERISTICS (Over the recommended operating conditions unless otherwise specified.) Symbol
ICC1
Parameter
VCC Supply Current (Read)
Min.
Limits Max.
1
Units
mA
Test Conditions
fSCL = 1MHz, RESET = V2FAIL = VCC w/ pull up resistor V2MON = VCC fSCL = 1MHz, RESET = V2FAIL = VCC w/ pull up resistor RST = VSS VIL = VCC x 0.1, VIH = VCC x 0.9 fSCL = 1MHz, fSDA = 400 KHz VSDA = VSCL = V2MON = VCC Other = GND or VCC-0.3V VIN = VSS to VCC VOUT = VSS to VCC VCC = 3.0V VCC = 3.0V VCC = 3.0V VCC = 3.0V IOL = 3mA
ICC2(3)
VCC Supply Current (Write)
3
mA
ISB1(1) ISB2(1) ILI ILO VIL1(2) VIH1(2) VIL2(2) VIH2(2) VOL
VCC Supply Current (Standby) VCC Supply Current (Standby) Input Leakage Current Output Leakage Current Input LOW Voltage Input HIGH Voltage Input LOW Voltage Input HIGH Voltage Output LOW Voltage
50 1 10 10 -0.5 VCC x 0.3 VCC x 0.7 VCC + 0.5 -0.5 VCC x 0.1 VCC x 0.9 VCC + 0.5 0.4
A A A A V V V V V
CAPACITANCE (TA = +25C, F = 1MHZ, VCC = 3V) Symbol
COUT CIN(3)
(3)
Test
Output Capacitance (SDA) Input Capacitance (WP, SCL, V2MON)
Max.
8 6
Units
pF pF
Conditions
VI/O = 0V VIN = 0V
Notes: (1) Must perform a stop command after a read command prior to measurement (2) VIL min. and VIH max. are for reference only and are not tested. (3) This parameter is periodically sampled and not 100% tested.
Characteristics subject to change without notice.
10 of 17
X40620
EQUIVALENT A.C. LOAD CIRCUIT
3V 1.3K Output 100pF
A.C. TEST CONDITIONS
Input pulse levels Input rise and fall times Input and output timing level Output load VCC x 0.1 to VCC x 0.9 10ns VCC x 0.5 100pF
AC CHARACTERISTICS AC Specifications (Over the recommended operating conditions) Symbol
fSCL tIN tAA tBUF tLOW tHIGH tSU:STA tHD:STA tSU:DAT tHD:DAT tSU:STO tDH tR tF SCL Clock Frequency Pulse width of spikes which must be suppressed by the input filter SCL LOW to SDA Data Out Valid Time the bus must be free before a new transmit can start Clock LOW Time Clock HIGH Time Start Condition Setup Time Start Condition Hold Time Data In Setup Time Data In Hold Time Stop Condition Setup Time Data Output Hold Time SDA and SCL Rise Time (10% to 90% of VCC) SDA and SCL Fall Time
Parameter
Min.
0 10 0.05 0.5 0.6 0.4 0.25 0.25 100 0 0.25 0 10 10
Typ.(1)
Max.
1000 0.55
Units
KHz ns s s s s s s ns s s
100 100 100
ns ns ns
RESET AC SPECIFICATIONS Nonvolatile Write Cycle Timing Symbol
tWC
(1)
Parameter
Write Cycle Time
Min.
Typ.(1)
5
Max.
10
Units
mS
Notes: (1) tWC is the time from a valid stop condition at the end of a write sequence to the end of the self-timed internal nonvolatile write cycle. It is the minimum cycle time to be allowed for any nonvolatile write by the user, unless Acknowledge Polling is used.
Characteristics subject to change without notice.
11 of 17
X40620
TIMING DIAGRAMS Bus Timing
tR SCL tSU:STA SDA IN tHD:STA tF tSU:DAT tHD:DAT tSU:STO tHIGH tLOW
tAA SDA OUT
tDH
tBUF
Write Cycle Timing
SCL
SDA
8th Bit of Last Byte
ACK tWC Stop Condition Start Condition
GUIDELINES FOR CALCULATING TYPICAL VALUES OF BUS PULL UP RESISTORS
V - 0.4 CCMAX = ---------------------------------------- = 1100 I OLMIN
R
MIN
Pull Up Resistance in K
100ns Max Rise Time
10 8 6 4 2
RMIN
RPMAX
- t RMAX --------------------------------------- R PMAX C BUS V IH = Vcc 1 - e For VIH = 0.9VCC R t R = -----------------------------PMAX 2.3 ( C ) BUS
10
20
30
40
50
Bus capacitance in pF tRMAX = maximum allowable SDA rise time
Characteristics subject to change without notice.
12 of 17
X40620
POWER-UP AND POWER-DOWN TIMING RESET Output Timing
VVTRIP VCC 0 Volts tRV tPURST tPURST VVTRIP
tFV tDVC
RESET
V2FAIL Output Timing
V2TRIP 0 Volts tRB V2TRIP tFB tDVB V2FAIL
V2MON
Symbol
VTRIP V2TRIP VTH V2TA tPURST tDVC(5) tDVB tFV tFB tRV tRB
(5) (5) (5)
Parameter
RESET Trip Point Voltage V2FAIL Trip Point Voltage VTRIP Hysteresis (HIGH to LOW vs. LOW to HIGH VTRIP voltage) V2TRIP Hysteresis (HIGH to LOW vs. LOW to HIGH VTRIP voltage) Power-up Reset Timeout Detect VCC Low Voltage to Reset Output (VCC = 2.3V) Detect V2MON Low Voltage to Reset Output (VCC = 2.5-3.7V) VCC Fall Time VCC Rise Time V2MON Fall Time V2MON Rise Time Reset Valid VCC
Min.
2.4 1.7
Typ.
- - 40 40
Max.
3.5 3.5
Units
V V mV mV
75
150
225 65 100
ms
s s s s ns ns
100 100 500 500 1
(5) (5)
VRVALID
V
Notes: (5) This parameter is periodically sampled and not 100% tested. (6) Typical values not tested.
Characteristics subject to change without notice.
13 of 17
X40620
Start Bit vs. RESET Timing
SCL
tSU:STA tSU:STO
SDA
tWDR RESET
tWDO
tRST
tWDO
tRST
RESET Output Timing Symbol
tWDO tWDR tRST
Parameter
Watchdog Timeout Period SDA LOW duration (Reset the Watchdog) Reset Timeout
Min.
75 400 75
Typ.
150 150
Max.
225 225
Units
ms ns ms
Characteristics subject to change without notice.
14 of 17
X40620
PACKAGING INFORMATION 8-Lead Plastic, TSSOP, Package Type V
.025 (.65) BSC
.169 (4.3) .252 (6.4) BSC .177 (4.5)
.114 (2.9) .122 (3.1) .047 (1.20) .0075 (.19) .0118 (.30) .002 (.05) .006 (.15)
.010 (.25) Gage Plane 0 - 8 .019 (.50) .029 (.75) Detail A (20X) (1.78) .031 (.80) .041 (1.05) See Detail "A" (0.42) (0.65) All Measurements Are Typical Seating Plane (4.16) (7.72)
NOTE: ALL DIMENSIONS IN INCHES (IN PARENTHESES IN MILLIMETERS)
Characteristics subject to change without notice.
15 of 17
X40620
Ordering Information VCC Range
2.5-3.7V 2.5-3.7V
VTRIP
3.1 3.1
V2TRIP
2.6 1.7
Package
8L TSSOP 8L TSSOP
Operating Temperature Range
0C-70C -20C-85C 0C-70C -20C-85C
Part Number
X40620V8-3.1 X40620V8E-3.1 X40620V8-3.1A X40620V8E3.1A X40620V8-2.9 X40620V8E-2.9
2.5-3.7V
2.9
2.3
8L TSSOP
0C-70C -20C-85C
Notes: Tolerance for VTRIP and V2TRIP are +/-5%
Characteristics subject to change without notice.
16 of 17
X40620
Part Mark Convention 8-Lead TSSOP EYWW XXXX XX VTRIP 3.1 3.1 3.1 3.1 2.9 2.9 V2TRIP Temp 2.6 0 to 70C 2.6 -20 to 85C 1.7 0 to 70C 1.7 -20 to 85C 2.3 0 to 70C 2.3 -20 to 85C
4062 AR = 4062 AS = 4062 AT = 4062 AU = 4062 AV = 4062 AW =
LIMITED WARRANTY Devices sold by Xicor, Inc. are covered by the warranty and patent indemnification provisions appearing in its Terms of Sale only. Xicor, Inc. makes no warranty, express, statutory, implied, or by description regarding the information set forth herein or regarding the freedom of the described devices from patent infringement. Xicor, Inc. makes no warranty of merchantability or fitness for any purpose. Xicor, Inc. reserves the right to discontinue production and change specifications and prices at any time and without notice. Xicor, Inc. assumes no responsibility for the use of any circuitry other than circuitry embodied in a Xicor, Inc. product. No other circuits, patents, or licenses are implied. TRADEMARK DISCLAIMER: Xicor and the Xicor logo are registered trademarks of Xicor, Inc. AutoStore, Direct Write, Block Lock, SerialFlash, MPS, and XDCP are also trademarks of Xicor, Inc. All others belong to their respective owners. U.S. PATENTS Xicor products are covered by one or more of the following U.S. Patents: 4,326,134; 4,393,481; 4,404,475; 4,450,402; 4,486,769; 4,488,060; 4,520,461; 4,533,846; 4,599,706; 4,617,652; 4,668,932; 4,752,912; 4,829,482; 4,874,967; 4,883,976; 4,980,859; 5,012,132; 5,003,197; 5,023,694; 5,084,667; 5,153,880; 5,153,691; 5,161,137; 5,219,774; 5,270,927; 5,324,676; 5,434,396; 5,544,103; 5,587,573; 5,835,409; 5,977,585. Foreign patents and additional patents pending. LIFE RELATED POLICY In situations where semiconductor component failure may endanger life, system designers using this product should design the system with appropriate error detection and correction, redundancy and back-up features to prevent such an occurence. Xicor's products are not authorized for use in critical components in life support devices or systems. 1. 2. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and whose failure to perform, when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. A critical component is any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
Characteristics subject to change without notice.
17 of 17


▲Up To Search▲   

 
Price & Availability of X40620

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X