Part Number Hot Search : 
SY160 24LC0 STG2017 32000H CM810TVL STD2NB80 107M00 2N2219
Product Description
Full Text Search
 

To Download WP06R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Corporate: www.cdtechno.com Product: www.cdpowerelectronics.com
WP06R
5-6 Watt High Density, Wide Input Range DC/DC Converter
2:1 Input Voltage Range Operating Temperature Range: -40C to +100C Industrial Standard 24 Pin DIL Metal Case Low Profile 0.4 Inch Short Circuit Protection Temperature Shutdown Overvoltage Protection
The WP06R SERIES is a family of high performance DC/DC converters that offers regulated output power over three input voltage ranges of 9-18V, 18-36V, and 3475V and over a wide operating temperature range of -40C to +100C without derating. The 200kHz switching frequency and flyback converter topology provide
optimum performance in a space-saving package. The design utilizes all surface mounted components, including magnetics, to provide enhanced reliability. All models will operate under no-load conditions, although a minimum load is specified for load regulation measurement purposes. The converter is packaged in a metal
case for improved EMI shielding and immunity, and for superior thermal performance. Applications include: Telecommunications, Battery Powered Systems, Portable Instruments, Process Control Equipment, Transportation Equipment and Distributed Power Systems.
PRODUCT SELECTION CHART
Specifications are at TA = +25C nominal input voltage, rated output current unless otherwise specified.
NOMINAL INPUT VOLTAGE (VDC) 12 12 12 12 12 12 24 24 24 24 24 24 48 48 48 48 48 48 RATED OUTPUT VOLTAGE (VDC) 5.0 12.0 15.0 +/-5.0 +/-12.0 +/-15.0 5.0 12.0 15.0 +/-5.0 +/-12.0 +/-15.0 5.0 12.0 15.0 +/-5.0 +/-12.0 +/-15.0 OUTPUT CURRENT (mA) MIN LOAD 100 42 33 +/-50 +/-21 +/-17 100 50 40 +/-50 +/-25 +/-20 100 50 40 +/-50 +/-25 +/-20 RATED LOAD 1,000 416 333 +/-500 +/-208 +/-167 1,000 500 400 +/-500 +/-250 +/-200 1,000 500 400 +/-500 +/-250 +/-200 INPUT CURRENT (mA) MIN LOAD 75 75 75 75 75 75 35 40 40 35 40 40 18 22 22 18 22 22 RATED LOAD 540 520 520 540 520 520 265 305 305 265 310 310 130 150 150 133 151 151 EFFICIENCY (%) 75 77 77 75 77 77 79 80 80 79 80 80 80 81 81 78 81 81
MODEL* WP06R12S05 WP06R12S12 WP06R12S15 WP06R12D05 WP06R12D12 WP06R12D15 WP06R24S05 WP06R24S12 WP06R24S15 WP06R24D05 WP06R24D12 WP06R24D15 WP06R48S05 WP06R48S12 WP06R48S15 WP06R48D05 WP06R48D12 WP06R48D15
NOTES:
Other input to output voltages may be available. Please consult factory.
*A "P" at the end of the part number indicates positive ground option. "N" indicates negative ground option -- this designator is mandatory.
WP06R REV B 8/98
Page 1
SPECIFICATIONS, ALL MODELS
Specifications are at TA = +25C nominal input voltage, rated output current unless otherwise specified.
PARAMETER
INPUT
INPUT Voltage Range
CONDITIONS
MIN
9 18 34
TYP
12 24 48 20
MAX
18 36 75
UNITS
VDC VDC VDC mAp-p W W W % %/C % % % % mVp-p
Reflected Ripple Current OUTPUT Rated Power
12V Input Models 5V Output Models All Other Models 0.02 Low Line to High Line Min. Load to Rated Load BW = 5Hz to 20MHz 30
OUTPUT
Voltage Setpoint Accuracy Temperature Coefficient Line Regulation - Singles Line Regulation - Duals Load Regulation - Singles Load Regulation - Duals Ripple & Noise GENERAL ISOLATION Rated Voltage Test Voltage Resistance Capacitance Leakage Current Switching Frequency MTTF per MIL-HDBK-217, Rev. F Ground Benign Package Weight TEMPERATURE Specification (Ambient) Operation (Case) Storage
5.0 5.0 6.0 1.5 0.25 1.0 0.5 2.0 50
60 Hz, 10 Seconds
1500 1500 10 200 15 200 1200 15 -40 -40 -55 +71 +100 +125
GENERAL
VISO = 240VAC, 60Hz Circuit Stress Method TA = +25C
VDC VPK G pF Arms KHz KHr g C C C
Derate linearly from 71C
REMOTE ON/OFF CONTROL
Logic Compatibility ............................... CMOS or Open Collector TTL EC On ............................................................ Open Circuit or > 3VDC EC Off .................................................................................... < 1VDC Shutdown Idle Current ............................................................... 1mA Control Common ......................................................................... -Vin
ORDERING INFORMATION
WP06R XXYZZ Device Family 5-6W regulated DC/DC Model Number xx = Input Voltage y = Number of Outputs (S=single; D=dual) zz = Output Voltage Ground Connection (Specify N=Neg. or P=Pos.) Remote On/Off (Optional) P/N R
ABSOLUTE MAXIMUM RATINGS
Output Short-Circuit Protection (At TA+25C, nominal input voltage) ................................. Continuous Internal Power Dissipation ......................................................... 1.5W Lead Temperature (Soldering, 10s Max) ............................... +300C Max Case Temperature .......................................................... +100C
Page 2
WP06R REV B 8/98
MECHANICAL
1.260" (32.00) PIN CONNECTIONS
Pin Function
WP06RXXXXX
0.787" (20.00)
Number 2 3 5 9 10 11 14 15 16 22 23
Singles -Vin -Vin On/Off (Optional) No Connection No Connection No Connection +Vout No Connection -Vout +Vin +Vin
Duals -Vin -Vin On/Off (Optional) Com No Connection -Vout +Vout No Connection Com +Vin +Vin
0.394" (10.00) 0.256" (6.50) 0.020" (0.50) 0.180" (4.57)
14 15 16 22 23
0.020" (0.50) 0.100" (2.54)
NOTES: 1) All dimensions in inches (mm) 2) Case is metal and lead material is brass with a solder plated surface to allow ease of solderability.
0.093" (2.36)
11 10 9 5 32
0.600" (15.24)
0.600" (15.24)
0.200" (5.08)
SIMPLIFIED CIRCUIT SCHEMATIC
+Vo +Vin
Com
Control -Vo
-Vin Optical Isolation Voltage Reference
THERMAL DERATING CURVE
Extended operating area For extended temperature operation, a forced air flow 500 LFM is required.
WP06R REV B 8/98
Page 3
ENGINEERING NOTES
Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Tel: 800.547.2537 Fax: 520.770.9369
C&D Technologies, (NCL) Milton Keynes MK14 5BU UK Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user's intended purpose and in user's specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
Page 4 WP06R REV B 8/98


▲Up To Search▲   

 
Price & Availability of WP06R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X