Part Number Hot Search : 
UPD780 SI1302DL TDA3651 SN74LS02 0C102 WF130C0 LM117 B962032
Product Description
Full Text Search
 

To Download W9951TF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W9951TF TRIP 8-BIT DAC-MUXWITHGENLOCK PLL & ANALOG COLOR KEY
GENERAL DESCRIPTION
Winbond's W9951TF combines three 8-bit DACs, a YUV-to-RGB Color Space Converter, high-speed analog multiplexers, analog input attenuators, video buffers, a genlock PLL, analog color key detector, and numerous programmable features in one integrated circuit. The W9951TF's high-speed analog multiplexer allows simultaneous display of video (digital RGB or YUV) with graphics (analog RGB), making the W9951TF ideal for video games, video editing, CD and PC video, and for applications requiring picture-in-picture capability. The W9951TF provides a 24-bit digital interface, which supports both RGB and 4:2:2 YCbCr input formats. With the 4:2:2 YCbCr input format, a built-in color space converter translates YUV video information to RGB before mixing with the analog graphics input. There are eighteen control registers, which provide access to video attribute control functions of contrast, hue, brightness, PLL divider value, and analog color key range. These functions are programmable via the two-wire serial interface pins.
FEATURES
* Triple 8-bit DAC and buffers support up to 1280 x 1024 resolution * Built-in Genlock PLL regenerates pixel clock for video processor * Programmable Color Key for Analog RGB inputs * Genlock & Analog Keying Capability eliminates the need for VGA-Video feature connector * High-speed multiplexing between digital and analog RGB signals * 24-bit interface supports up to 16.7M colors * Supports CCIR601 4:2:2 YCbCr input format * Built in YUV-to-RGB color space conversion * Analog RGB inputs with programmable attenuation * 2's complement input capability on two channels * Programmable brightness, contrast and hue attributes for the digital input signals * Programmable switching delay compensation * Two-wire serial programming * CMOS technology in 64-pin PQFP * 5V supply
Winbond Corporate Headquarters Tel : 886-3-5790666 Fax : 886-3-5796139
Taipei Sales Office Tel : 886-2-27190505 Fax : 886-2-27197502
Winbond Electronics North America Corp. Tel : 1-408-943666 Fax : 1-408-9436668
Winbond Electronics .H.K. Ltd. Tel : 852-27513100 Fax : 852-27552064 Apr. 1997
Details are subject to change without notice. All trademarks are property of their respective holders.


▲Up To Search▲   

 
Price & Availability of W9951TF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X