Part Number Hot Search : 
ICS85 AEXXXXXX NSM025 SF25I ORP12 LM863 DLQ5258B GMS82512
Product Description
Full Text Search
 

To Download W9925 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W9925PF MPEG-1 A/V SYSTEM DECODER
GENERAL DESCRIPTION
The W9925PF is a high-performance single-chip MPEG-1 decoder. It performs real-time decompression of ISO/IEC-11172 MPEG (Moving Picture Experts Group) streams, including system layer, audio and video data. This chip incorporates an 8-bit host interface and a CD interface that make it an easy use in standalone applications.
FEATURES
* High integration of MPEG system, audio and video decoding, video scan timing generation, and CD-ROM decoding functions * Applicable to ISO/IEC 11172 system streams, CD-DA data, and CD-ROM data * Fully supports Karaoke CD, Video CD 1.1, Video CD 2.0 and CD-I FMV specifications * Real-time decompression and synchronization of MPEG bitstreams with SIF resolution video and two channels of Layer 1 or Layer 2 audio * Automatic frame rate conversion during A/V playback * Decompression of high resolution still pictures(704x480(NTSC) or 704x576(PAL)) * Optional horizontal and vertical interpolation for image quality enhancement * Automatic IO address setup * Fade in/out control and brightness adjustment * RGB(24-bit) and YCbCr(24-bit, 16-bit, 8-bit) video output formats * Support NTSC/PAL interlace/non-interlace and VGA progressive display with programmable video timing source * Input/Output mode for HSYNC, VSYNC, pixel clock * Audio serial PCM output with 16-bit resolution and sampling rate of 32, 44.1, and 48 KHz * Programmable audio L/R channel output mode with individual L/R channel mute control and volume adjustment * Read/Write pictures through host processor * On-chip macro commands such as fast forward, slow motion, scan, etc. * Minimum 4M-bit DRAM required even for high resolution still pictures * 16-bit ISA bus interface and 8-bit interface for 8051 series * 4-pin CD interface * Built-in power down mode * 0.6um triple-layer metal CMOS technology * Fully 5V operation * 160-pin plastic QFP
Winbond Corporate Headquarters Tel : 886-3-5790666 Fax : 886-3-5796139 Taipei Sales Office Tel : 886-2-27190505 Fax : 886-2-27197502 Winbond Electronics North America Corp. Tel : 1-408-943666 Fax : 1-408-9436668 Winbond Electronics H.K. Ltd. Tel : 852-27513100 Fax : 852-27552064 Jan 1999
Details are subject to change without notice. All trademarks are property of their respective holders.


▲Up To Search▲   

 
Price & Availability of W9925

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X