Part Number Hot Search : 
JKC5819 MBR201 HUKIT30 GL4HY8 BY627 6866S PIC16C5 WTC2307
Product Description
Full Text Search
 

To Download W9922 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 W9922QF DVD A/V Decoder
GENERAL DESCRIPTION
The W9922QF is a high performance single-chip DVD decoder. It performs real-time decompression of ISO/IEC-11172 MPEG1 and 13818 MPEG2 streams, including system/ program layer, audio and video data. It incorporates an 8-bit/16-bit host interface and a configurable parallel DVD/CD interface. Also, its versatile features help to build high-quality and cost-effective standalone DVD or SVCD Player. Video Decoding * Decodes MPEG2 MP@ML, MPEG1 video bitstreams * Decode DVD, SVCD (D1, 2/3 D1, 1/2 D1), VCD * Supports 720 x 480 at 30 Hz and 720 x 576 at 25 Hz * Supports 8 bits YCbCr * On-chip TV, NTSC/PAL, timing generator * DVD sub-picture and highlight processing * Supports SVCD OGT functions * Supports aspect ratios in 16:9 and 4:3 TV, by Pan & Scan and Letter Box conversion * Frame rate conversion * Video digest functions * Horizontal and vertical scaling * BrightView(R) (-correction), Normal, Bright, Soft * Flexible zooming, x1/4, x1/2 to x2, x4 * Fade in/out control * OSD 2/4/8-bit per pixel with Alpha-blending, translucency, transparency * OSD Run-length encoding at 8bits * Full screen OSD Physical * 3.3 Volt operation with input 5 Volt * 160-pin PQFP
FEATURES
System * MPEG 1 system and MPEG2 program/audio/video decoding and synchronization * DVD/SVCD/VCD/CD compatibility * Configurable parallel DVD interface * Standard 4-Pin CD Interface * Standard ATAPI/IDE interface * Supports input data Rate up to 20 Mbps * 8051 or general 16-bit processor interface * Supports 1M x 16 bit SDRAM * High quality error concealment * Decrypts DVD CSS * Supports trick playback commands * Power management mode Audio Decoding * Decodes MPEG2, MPEG1 Audio (layer 1, 2) * Decodes Dolby Digital(R) AC-3 5.1-channel and down mixing to 2-channel * Supports Linear PCM, CD-DA audio * Outputs serial PCM audio data with 16, 18, 20 and 24 bits resolution * Supports sampling rate at 16, 22.05, 24, 32, 44.1, 48, 96 KHz * Supports Karaoke function, vocal or guide melody channel, key-shift * S/PDIF outputs meet IEC958 specs * Digital mute control and volume adjustment
APPLICATIONS
Following figure shows a typical configuration of DVD player application.
SDRAM (1Mx16)
CVBS, Y/C
DVD-ROM
W9922QF DVD A/V Decoder
TV Encoder
AUD DAC
PCM1723 W6630CR W27E040 EPROM
R, L C, RS, LS LFE
VFD
W66881CF VFD Control
W99132P System Controller
W24258S SRAM 24C02 E 2PROM
Remote Control
1. "Dolby Digital", "AC-3" are trademarks of Dolby Laboratories Licensing Corporation.
Winbond Corporate Headquarters Tel: 886-3-577-0666 Fax: 886-3-579-6139
Taipei Sales Office Tel: 886-2-2719-0505 Fax: 886-2-2719-7502
Winbond Electronics North America Corp. Tel: 1-408-943-6666 Fax: 1-408-544-1798
Winbond Electronics H.K. Ltd. Tel: 852-2751-3100 Fax: 852-2755-2064 Mar. 2000
Details are subject to change without notice. All trademarks are property of their respective holders.


▲Up To Search▲   

 
Price & Availability of W9922

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X