Part Number Hot Search : 
ZM2CR60W F06UP20S 4ACT24 MM5Z4 13N06 BCV27 1418A6 BXMP1019
Product Description
Full Text Search
 

To Download W78IE54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Preliminary W78IE54 8-BIT MTP MICROCONTROLLER
GENERAL DESCRIPTION
The W78IE54 is an 8-bit microcontroller which can accommodate a wide supply voltage range with low power consumption. The W78IE54 can operate normally within the temperature of industrial standard range from -40 to 85C. The instruction set for the W78IE54 is fully compatible with the standard 8051. The W78IE54 contains an 16K bytes MTP ROM (Multiple-Time Programmable ROM); a 256 bytes RAM; four 8-bit bi-directional and bit-addressable I/O ports; an additional 4-bit I/O port P4; three 16-bit timer/counters; a hardware watchdog timer and a serial port. These peripherals are supported by eight sources two-level interrupt capability. To facilitate programming and verification, the MTP-ROM inside the W78IE54 allows the program memory to be programmed and read electronically. Once the code is confirmed, the user can protect the code for security. The W78IE54 microcontroller has two power reduction modes, idle mode and power-down mode, both of which are software selectable. The idle mode turns off the processor clock but allows for continued peripheral operation. The power-down mode stops the crystal oscillator for minimum power consumption. The external clock can be stopped at any time and in any state without affecting the processor.
FEATURES
* Fully static design 8-bit CMOS microcontroller * Wide supply voltage of 2.4V to 5.5V * Wide operating temperature range from -40 C to 85 * DC-40 MHz operation * 256 bytes of on-chip scratchpad RAM * 16 KB electrically erasable/programmable MTP-ROM * 64 KB program memory address space * 64 KB data memory address space * Four 8-bit bi-directional ports * One extra 4-bit bit-addressable I/O port, additional INT2 / INT3
(available on 44-pin PLCC package) * Three 16-bit timer/counters
* One full duplex serial port(UART) * Watchdog Timer * Eight sources, two-level interrupt capability * EMI reduction mode * Built-in power management * Code protection mechanism * Packages:
- DIP 40: W78IE54 - PLCC 44: W78IE54P
-1-
Publication Release Date: August 1999 Revision A1
Preliminary W78IE54
PIN CONFIGURATIONS
40-Pin DIP (W78IE54)
T2, P1.0 T2EX, P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 RST RXD, P3.0 TXD, P3.1 INT0, P3.2 INT1, P3.3 T0, P3.4 T1, P3.5 WR, P3.6 RD, P3.7 XTAL2 XTAL1 Vss 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 40 39 38 37 36 35 34 33 32 31 30 29 28 27 26 25 24 23 22 21 V DD P0.0, AD0 P0.1, AD1 P0.2, AD2 P0.3, AD3 P0.4, AD4 P0.5, AD5 P0.6, AD6 P0.7, AD7 EA ALE PSEN P2.7, A15 P2.6, A14 P2.5, A13 P2.4, A12 P2.3, A11 P2.2, A10 P2.1, A9 P2.0, A8
44-Pin PLCC (W78IE54P)
T 2 E X , PPPP 1111 .... 4321 / I N TT 23 ,, PP 1 4V ..D 02D
A D 0 , P 0 . 0
A D 1 , P 0 . 1
A D 2 , P 0 . 2
A D 3 , P 0 . 3
P1.5 P1.6 P1.7 RST RXD, P3.0 INT2, P4.3 TXD, P3.1 INT0, P3.2 INT1, P3.3 T0, P3.4 T1, P3.5
6 5 4 3 2 1 44 43 42 41 40 7 39 8 38 9 37 10 36 11 35 12 34 13 33 14 32 15 31 16 30 29 17 18 19 20 21 22 23 24 25 26 27 28 P 3 . 6 , / W R P 3 . 7 , / R D X T A L 2 XVPP Ts42 As. . L 00 , 1 A 8 P 2 . 1 , A 9 P 2 . 2 , A 1 0 P 2 . 3 , A 1 1 P 2 . 4 , A 1 2
P0.4, AD4 P0.5, AD5 P0.6, AD6 P0.7, AD7 EA P4.1 ALE PSEN P2.7, A15 P2.6, A14 P2.5, A13
-2-
Preliminary W78IE54
PIN DESCRIPTION
SYMBOL
EA
DESCRIPTIONS EXTERNAL ACCESS ENABLE: This pin forces the processor to execute out of external ROM. It should be kept high to access internal ROM. The ROM address and data will not be presented on the bus if EA pin is high and the program counter is within on-chip ROM area. PROGRAM STORE ENABLE: PSEN enables the external ROM data onto the Port 0 address/ data bus during fetch and MOVC operations. When internal ROM access is performed, no PSEN strobe signal outputs from this pin. ADDRESS LATCH ENABLE: ALE is used to enable the address latch that separates the address from the data on Port 0. RESET: A high on this pin for two machine cycles while the oscillator is running resets the device. CRYSTAL1: This is the crystal oscillator input. This pin may be driven by an external clock. CRYSTAL2: This is the crystal oscillator output. It is the inversion of XTAL1. GROUND: Ground potential POWER SUPPLY: Supply voltage for operation. PORT 0: Port 0 is a bi-directional I/O port which also provides a multiplexed low order address/data bus during accesses to external memory. The pins of Port 0 can be individually configured to open-drain or standard port with internal pull-ups. PORT 1: Port 1 is a bi-directional I/O port with internal pull-ups. The bits have alternate functions which are described below: T2(P1.0): Timer/Counter 2 external count input T2EX(P1.1): Timer/Counter 2 Reload/Capture control PORT 2: Port 2 is a bi-directional I/O port with internal pull-ups. This port also provides the upper address bits for accesses to external memory. PORT 3: Port 3 is a bi-directional I/O port with internal pull-ups. All bits have alternate functions, which are described below: RXD(P3.0) : Serial Port receiver input TXD(P3.1) : Serial Port transmitter output INT0 (P3.2) : External Interrupt 0
INT1(P3.3) : External Interrupt 1 T0(P3.4) : Timer 0 External Input T1(P3.5) : Timer 1 External Input
PSEN
ALE RST XTAL1 XTAL2 VSS VDD P0.0-P0.7
P1.0-P1.7
P2.0-P2.7 P3.0-P3.7
P4.0-P4.3
WR (P3.6) : External Data Memory Write Strobe RD (P3.7) : External Data Memory Read Strobe PORT 4: Another bit-addressable bidirectional I/O port P4. P4.3 and P4.2 are alternative function pins. It can be used as general I/O port or external interrupt input sources ( INT2 / INT3 ).
-3-
Publication Release Date: August 1999 Revision A1
Preliminary W78IE54
BLOCK DIAGRAM
P1.0 ~ P1.7
Port 1
Port 1 Latch
ACC
INT2
B
Port 0 Latch T1 T2 Port 0
Interrupt
INT3
P0.0 ~ P0.7
Timer 2 DPTR Timer 0 Timer 1 UART PSW ALU Stack Pointer Temp Reg. PC
Incrementor
Addr. Reg.
P3.0 ~ P3.7
Port 3
Port 3 Latch Instruction Decoder & Sequencer
SFR RAM Address
256 bytes RAM & SFR
ROM
Bus & Clock Controller Port 4 Latch
Port 2 Latch
Port 2
P2.0 ~ P2.7
P4.0 ~ P4.3
Port 4
Watchdog Timer
Oscillator
Reset Block
Power control
XTAL1 XTAL2 ALE PSEN
RST
Vcc
Vss
FUNCTIONAL DESCRIPTION
The W78IE54 architecture consists of a core controller surrounded by various registers, five general purpose I/O ports, 256 bytes of RAM, three timer/counters, and a serial port. The processor supports 111 different opcodes and references both a 64K program address space and a 64K data storage space.
Timers 0, 1, and 2
Timers 0, 1, and 2 each consist of two 8-bit data registers. These are called TL0 and TH0 for Timer 0, TL1 and TH1 for Timer 1, and TL2 and TH2 for Timer 2. The TCON and TMOD registers provide control functions for timers 0 and 1. The T2CON register provides control functions for Timer 2. RCAP2H and RCAP2L are used as reload/capture registers for Timer 2. The operations of Timer 0 and Timer 1 are the same as in the W78C51. Timer 2 is a special feature of the W78IE54: it is a 16-bit timer/counter that is configured and controlled by the T2CON register. Like Timers 0 and 1, Timer 2 can operate as either an external event counter or as an internal timer,
-4-
Preliminary W78IE54
depending on the setting of bit C/T2 in T2CON. Timer 2 has three operating modes: capture, autoreload, and baud rate generator. The clock speed at capture or auto-reload mode is the same as that of Timers 0 and 1.
New Defined Peripheral
In order to be more suitable for I/O, an extra 4-bit bit-addressable port P4 and two external interrupt INT2 , INT3 has been added to the PLCC 44 pin package. And description follows: 1. INT2 / INT3 Two additional external interrupts, INT2 and INT3 , whose functions are similar to those of external interrupt 0 and 1 in the standard 80C52. The functions/status of these interrupts are determined/shown by the bits in the XICON (External Interrupt Control) register. The XICON register is bit-addressable but is not a standard register in the standard 80C52. Its address is at 0C0H. To set/clear bits in the XICON register, one can use the "SETB (/CLR) bit" instruction. For example, "SETB 0C2H" sets the EX2 bit of XICON. XICON - external interrupt control (C0H) PX3 PX3: EX3: IE3: IT3: PX2: EX2: IE2: IT2: EX3 IE3 IT3 PX2 EX2 IE2 IT2
External interrupt 3 priority high if set External interrupt 3 enable if set If IT3 = 1, IE3 is set/cleared automatically by hardware when interrupt is detected/serviced External interrupt 3 is falling-edge/low-level triggered when this bit is set/cleared by software External interrupt 2 priority high if set External interrupt 2 enable if set If IT2 = 1, IE2 is set/cleared automatically by hardware when interrupt is detected/serviced External interrupt 2 is falling-edge/low-level triggered when this bit is set/cleared by software
Eight-source interrupt informations: INTERRUPT SOURCE External Interrupt 0 Timer/Counter 0 External Interrupt 1 Timer/Counter 1 Serial Port Timer/Counter 2 External Interrupt 2 External Interrupt 3 VECTOR ADDRESS 03H 0BH 13H 1BH 23H 2BH 33H 3BH POLLING SEQUENCE WITHIN PRIORITY LEVEL 0 (highest) 1 2 3 4 5 6 7 (lowest) ENABLE REQUIRED SETTINGS IE.0 IE.1 IE.2 IE.3 IE.4 IE.5 XICON.2 XICON.6 INTERRUPT TYPE EDGE/LEVEL TCON.0 TCON.2 XICON.0 XICON.3
-5-
Publication Release Date: August 1999 Revision A1
Preliminary W78IE54
2. PORT4 Another bit-addressable port P4 is also available and only 4 bits (P4<3:0>) can be used. This port address is located at 0D8H with the same function as that of port P1, except the P4.3 and P4.2 are alternative function pins. It can be used as general I/O pins or external interrupt input sources (INT2 , INT3 ). Example: P4 MOV MOV SETB CLR REG 0D8H P4, #0AH ; Output data "A" through P4.0-P4.3. A, P4 ; Read P4 status to Accumulator. P4.0 ; Set bit P4.0 P4.1 ; Clear bit P4.1
3. Reduce EMI Emission
Because of on-chip MTP-ROM, when a program is running in internal ROM space, the ALE will be unused. The transition of ALE will cause noise, so it can be turned off to reduce the EMI emission if it is useless. Turning off the ALE signal transition only requires setting the bit 0 of the AUXR SFR, which is located at 08Eh. When ALE is turned off, it will be reactivated when the program accesses external ROM/RAM data or jumps to execute an external ROM code. The ALE signal will turn off again after it has been completely accessed or the program returns to internal ROM code space. The AO bit in the AUXR register, when set, disables the ALE output. In order to reduce EMI emission from oscillation circuitry, W78IE54 allows user to diminish the gain of on-chip oscillator amplifiers by using programmer to clear the B7 bit of security register. Once B7 is set to 0, a half of gain will be decreased. Care must be taken if user attempts to diminish the gain of oscillator amplifier, reducing a half of gain may affect the external crystal operating improperly at high frequency above 24MHz. The value of R and C1,C2 may need some adjustment while running at lower gain. ***AUXR - Auxiliary register (8EH) AO
AO: Turn off ALE output.
4. Power-off Flag
***PCON - Power control (87H) POF: POF GF1 GF0 PD IDL
Power off flag. Bit is set by hardware when power on reset. It can be cleared by software to determine chip reset is a warm boot or cold boot. Power down mode bit. Set it to enter power down mode. Idle mode bit. Set it to enter idle mode.
GF1, GF0: These two bits are general-purpose flag bits for the user. PD: IDL:
The power-off flag is located at PCON.4. This bit is set when VDD has been applied to the part. It can be used to determine if a reset is a warm boot or a cold boot if it is subsequently reset by software.
-6-
Preliminary W78IE54
Watchdog Timer
The Watchdog timer is a free-running timer which can be programmed by the user to serve as a system monitor, a time-base generator or an event timer. It is basically a set of dividers that divide the system clock. The divider output is selectable and determines the time-out interval. When the time-out occurs a system reset can also be caused if it is enabled. The main use of the Watchdog timer is as a system monitor. This is important in real-time control applications. In case of power glitches or electro-magnetic interference, the processor may begin to execute errant code. If this is left unchecked the entire system may crash. The watchdog time-out selection will result in different time-out values depending on the clock speed. The Watchdog timer will de disabled on reset. In general, software should restart the Watchdog timer to put it into a known state. The control bits that support the Watchdog timer are discussed below. Watchdog Timer Control Register Bit: 7 ENW 6 CLRW 5 WIDL 4 3 2 PS2 1 PS1 0 PS0
Mnemonic: WDTC
Address: 8FH
ENW : Enable watch-dog if set. CLRW : Clear watch-dog timer and prescaler if set. This flag will be cleared automatically WIDL : If this bit is set, watch-dog is enabled under IDLE mode. If cleared, watch-dog is disabled under IDLE mode. Default is cleared. PS2, PS1, PS0 : Watch-dog prescaler timer select. Prescaler is selected when set PS2~0 as follows: PS2 PS1 PS0 0 0 0 0 1 1 1 1 0 1 0 1 0 0 1 1 0 0 1 1 0 1 0 1 PRESCALER SELECT 2 4 8 16 32 64 128 256
The time-out period is obtained using the following equation:
1 x 2 14 x PRESCALER x 1000 x 12 mS OSC
Before Watchdog time-out occurs, the program must clear the 14-bit timer by writing 1 to WDTC.6 (CLRW). After 1 is written to this bit, the 14-bit timer, prescaler and this bit will be reset on the next instruction cycle. The Watchdog timer is cleared on reset.
-7-
Publication Release Date: August 1999 Revision A1
Preliminary W78IE54
WIDL IDLE
ENW
EXTERNAL RESET PRESCALER 14-BIT TIMER
CLEAR
OSC
1/12
INTERNAL RESET
Watchdog Timer Block Diagram
CLRW
Typical Watch-Dog time-out period when OSC = 20 MHz PS2 PS1 PS0 0 0 0 0 1 1 1 1 0 0 1 1 0 0 1 1 0 1 0 1 0 1 0 1 WATCHDOG TIME-OUT PERIOD 19.66 mS 39.32 mS 78.64 mS 157.28 ms 314.57 mS 629.14 mS 1.25 S 2.50 S
Clock
The W78IE54 is designed to be used with either a crystal oscillator or an external clock. Internally, the clock is divided by two before it is used. This makes the W78IE54 relatively insensitive to duty cycle variations in the clock. The W78IE54 incorporates a built-in crystal oscillator. To make the oscillator work, a crystal must be connected across pins XTAL1 and XTAL2. In addition, a load capacitor must be connected from each pin to ground. An external clock source should be connected to pin XTAL1. Pin XTAL2 should be left unconnected. The XTAL1 input is a CMOS-type input, as required by the crystal oscillator.
Power Management
Idle Mode The idle mode is entered by setting the IDL bit in the PCON register. In the idle mode, the internal clock to the processor is stopped. The peripherals and the interrupt logic continue to be clocked. The processor will exit idle mode when either an interrupt or a reset occurs. Power-down Mode When the PD bit of the PCON register is set, the processor enters the power-down mode. In this mode all of the clocks are stopped, including the oscillator. The only way to exit power-down mode is by a reset.
-8-
Preliminary W78IE54
Reset
The external RESET signal is sampled at S5P2. To take effect, it must be held high for at least two machine cycles while the oscillator is running. An internal trigger circuit in the reset line is used to deglitch the reset line when the W78IE54 is used with an external RC network. The reset logic also has a special glitch removal circuit that ignores glitches on the reset line. During reset, the ports are initialized to FFH, the stack pointer to 07H, PCON (with the exception of bit 4) to 00H, and all of the other SFR registers except SBUF to 00H. SBUF is not reset.
ON-CHIP MTP ROM CHARACTERISTICS
The W78IE54 has several modes to program the on-chip MTP-ROM. All these operations are configured by the pins RST, ALE, PSEN , A9CTRL(P3.0), A13CTRL(P3.1), A14CTRL(P3.2), OECTRL(P3.3), CE (P3.6), OE (P3.7), A0(P1.0) and VPP(EA ). Moreover, the A15-A0(P2.7-P2.0, P1.7-P1.0) and the D7-D0(P0.7-P0.0) serve as the address and data bus respectively for these operations.
Read Operation
This operation is supported for customer to read their code and the Security bits. The data will not be valid if the Lock bit is programmed to low.
Output Disable Condition
When the OE is set to high, no data output appears on the D7... D0.
Program Operation
This operation is used to program the data to MTP ROM and the security bits. Program operation is done when the Vpp is reach to Vcp (12.5V) level, CE set to low, and OE set to high.
Program Verify Operation
All the programming data must be checked after program operations. This operation should be performed after each byte is programmed; it will ensure a substantial program margin.
Erase Operation
An erase operation is the only way to change data from 0 to 1. This operation will erase all the MTP ROM cells and the security bits from 0 to 1. This erase operation is done when the Vpp is reach to Vep level, CE set to low, and OE set to high.
Erase Verify Operation
After an erase operation, all of the bytes in the chip must be verified to check whether they have been successfully erased to 1 or not. The erase verify operation automatically ensures a substantial erase margin. This operation will be done after the erase operation if Vpp = Vep(14.5V), CE is high and OE is low.
Program/Erase Inhibit Operation
This operation allows parallel erasing or programming of multiple chips with different data. When P3.6( CE ) = VIH, P3.7( OE ) = VIH, erasing or programming of non-targeted chips is inhibited. So, except for the P3.6 and P3.7 pins, the individual chips may have common inputs. Publication Release Date: August 1999 Revision A1
-9-
Preliminary W78IE54
Company/Device ID Read Operation
This operation is supported for MTP ROM programmer to get the company ID or device ID on the W78IE54. OPERATIONS P3.0 (A9 Read Output Disable Program Program Verify Erase Erase Verify Program/Erase Inhibit Company ID Device ID
Notes: 1. All these operations happen in RST = VIH, ALE = VIL and PSEN = VIH. 2. VCP = 12.5V, VEP = 14.5V, VIH = VDD, VIL = Vss. 3. The program verify operation follows behind the program operation. 4. This erase operation will erase all the on-chip MTP-ROM cells and the Security bits. 5. The erase verify operation follows behind the erase operation.
P3.1 (A13 0 0 0 0 0 0 0 0 0
P3.2 (A14 0 0 0 0 0 0 0 0 0
P3.3 (OE 0 0 0 0 0 0 0 0 0
P3.6 ( CE ) 0 0 0 1 0 1 1 0 0
P3.7 ( OE ) 0 1 1 0 1 0 1 0 0
EA
P2,P1
P0
NOTE
(VPP) (A15..A0) (D7..D0) 1 1 VCP VCP VEP VEP VCP/ VEP 1 1 Address X Address Address A0:0, others: X Address X A0 = 0 A0 = 1 Data Out Hi-Z Data In Data Out Data In 0FFH Data Out X Data Out Data Out @5 @3 @4
CTRL) CTRL) CTRL) CTRL) 0 0 0 0 1 1 X 1 1
SECURITY BITS
During the on-chip MTP-ROM operation mode, the MTP-ROM can be programmed and verified repeatedly. Until the code inside the MTP-ROM is confirmed OK, the code can be protected. The protection of MTP ROM and those operations on it are described below. The W78IE54 has several Special Setting Registers, including the Security Register and Company/Device ID Registers, which can not be accessed in normal mode. These registers can only be accessed from the MTP-ROM operation mode. Those bits of the Security Registers can not be changed once they have been programmed from high to low. They can only be reset through eraseall operation. The contents of the Company ID and Device ID registers have been set in factory. Both registers are addressed by the A0 address line during the same specific condition. The Security Register is addressed in the MTP-ROM operation mode by address #0FFFFh.
- 10 -
Preliminary W78IE54
D7 D6 D5 D4 D3 D2 D1 D0 1 0
B7
1 1
0 1
1 0
1 0
0 0
1 0
0 1
Company ID (#DAH) Device ID (#61H) Security Bits
16KB MTP ROM Program Memory
0000h
3FFFh Reserved
Reserved
B2 B1 B0
B0 : Lock bit, logic 0 : active B1 : MOVC inhibit, logic 0 : the MOVC instruction in external memory cannot access the code in internal memory. logic 1 : no restriction. B2 : Encryption logic 0 : the encryption logic enable logic 1 : the encryption logic disable B7 : Osillator Control logic 0 : 1/2 gain logic 1 : Full gain Default 1 for all security bits. Reserved bits must be kept in logic 1.
Security Register
0FFFFh
Special Setting Registers
Lock bit This bit is used to protect the customer's program code in the W78IE54. It may be set after the programmer finishes the programming and verifies sequence. Once this bit is set to logic 0, both the MTP ROM data and Special Setting Registers can not be accessed again. MOVC Inhibit This bit is used to restrict the accessible region of the MOVC instruction. It can prevent the MOVC instruction in external program memory from reading the internal program code. When this bit is set to logic 0, a MOVC instruction in external program memory space will be able to access code only in the external memory, not in the internal memory. A MOVC instruction in internal program memory space will always be able to access the ROM data in both internal and external memory. If this bit is logic 1, there are no restrictions on the MOVC instruction. Encryption This bit is used to enable/disable the encryption logic for code protection. Once encryption feature is enabled, the data presented on port 0 will be encoded via encryption logic. Only whole chip erase will reset this bit.
+5V +5V
VDD A0 to A7 VIL VIL VIL VIL VIL VIH P1 P3.0 P3.1 P3.2 P3.3 P3.6 P3.7 X'tal1 X'tal2 Vss P0 EA/Vpp ALE RST PSEN PGM DATA A0 to A7 VIL VIL VIL VIH VIH VIL VIL VIH VIL P1 P3.0 P3.1 P3.2 P3.3 P3.6 P3.7 X'tal1 X'tal2 Vss
VDD P0 EA/Vpp ALE RST PSEN PGM DATA VCP VIL VIH VIH
VCP
P2
A8 to A15
P2
A8 to A15
Programming Configuration
Programming Verification
- 11 -
Publication Release Date: August 1999 Revision A1
Preliminary W78IE54
ABSOLUTE MAXIMUM RATINGS
PARAMETER DC Power Supply Input Voltage Operating Temperature Storage Temperature
device.
SYMBOL VDD-VSS VIN TA TST
MIN. -0.3 VSS -0.3 -40 -55
MAX. +7.0 VDD +0.3 85 +150
UNIT V V C C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and reliability of the
DC CHARACTERISTICS
VSS = 0V, TA = 25 C, unless otherwise specified.
PARAMETER
SYM.
SPECIFICATION MIN. MAX. 5.5 20 3 6 1.5 50 20 +10 +300 +10
UNIT
TEST CONDITIONS
Operating Voltage Operating Current Idle Current Power Down Current
VDD IDD IIDLE IPWDN
2.4 -
V mA mA mA mA A A A A A A No load VDD = 5.5V No load VDD = 2.4V VDD = 5.5V, Fosc =20 MHz VDD = 2.4V, Fosc =12 MHz VDD = 5.5V, Fosc =20 MHz VDD = 2.4V, Fosc =12 MHz VDD = 5.5V VIN = 0V or VDD VDD = 5.5V 0 < VIN < VDD VDD = 5.5V 0V < VIN < VDD
Input Current P1, P2, P3, P4 Input Current RST Input Leakage Current P0, EA Logic 1 to 0 Transition Current P1, P2, P3, P4 Input Low Voltage P0, P1, P2, P3, P4, EA Input Low Voltage RST[*1]
IIN1 IIN2 ILK
-50 -10 -10
ITL [*4]
-500
-
VDD = 5.5V VIN = 2.0V
VIL1
0 0
0.8 0.5 0.8 0.3
V V V V
VDD = 4.5V VDD = 2.4V VDD = 4.5V VDD = 2.4V
VIL2
0 0
- 12 -
Preliminary W78IE54
DC Characteristics, continued
PARAMETER
SYM.
SPECIFICATION MIN. MAX. 0.8 0.6 VDD +0.2 VDD +0.2 VDD +0.2 VDD +0.2 VDD +0.2 VDD +0.2 0.45 0.25 0.45 0.25 12 5.4 16 9 -250 -50 -14 -3.8
UNIT
TEST CONDITIONS
Input Low Voltage XTAL1 [*3] Input High Voltage P0, P1, P2, P3, P4, EA Input High Voltage RST[*1] Input High Voltage XTAL1 [*3] Output Low Voltage P1, P2, P3, P4 Output Low Voltage P0, ALE, PSEN [*2] Sink Current P1, P2, P3, P4 Sink Current P0, ALE, PSEN Output High Voltage P1, P2, P3, P4 Output High Voltage P0, ALE, PSEN [*2] Source Current P1, P2, P3, P4 Source Current P0, ALE, PSEN
Notes: *1. RST pin is a Schmitt trigger input.
VIL3 VIH1
0 0 2.4 1.4
V V V V V V V V V V V V mA mA mA mA V V V V A A mA mA
VDD = 4.5V VDD = 2.4V VDD = 5.5V VDD = 2.4V VDD = 5.5V VDD = 2.4V VDD = 5.5V VDD = 2.4V VDD = 4.5V, IOL = +2 mA VDD = 2.4V, IOL = +1 mA VDD = 4.5V, IOL = +4 mA VDD = 2.4V, IOL = +2 mA VDD = 4.5V, Vin = 0.45V VDD = 2.4V, Vin = 0.45V VDD = 4.5V, Vin = 0.45V VDD = 2.4V, Vin = 0.4V VDD = 4.5V, IOH = -100 A VDD = 2.4V, IOH = -8 A VDD = 4.5V, IOH = -400 A VDD = 2.4V, IOH = -200 A VDD = 4.5V, Vin = 2.4V VDD = 2.4V, Vin = 1.4V VDD = 4.5V, Vin = 2.4V VDD = 2.4V, Vin = 1.4V
VIH2 VIH3 VOL1 VOL2
3.5 1.7 3.5 1.6 -
ISK1 ISK2
4 1.8 8 4.5
VOH1
2.4 1.4
VOH2
2.4 1.4
ISR1
-100 -20
ISR2
-8 -1.9
*2. P0, ALE and PSEN are tested in the external access mode. *3. XTAL1 is a CMOS input. *4. Pins of P1, P2, P3, P4 can source a transition current when they are being externally driven from 1 to 0.
- 13 -
Publication Release Date: August 1999 Revision A1
Preliminary W78IE54
AC CHARACTERISTICS
The AC specifications are a function of the particular process used to manufacture the part, the ratings of the I/O buffers, the capacitive load, and the internal routing capacitance. Most of the specifications can be expressed in terms of multiple input clock periods (TCP), and actual parts will usually experience less than a 20 nS variation. The numbers below represent the performance expected from a 0.6micron CMOS process when using 2 and 4 mA output buffers.
Clock Input Waveform
XTAL1
T CH F OP, TCP T CL
PARAMETER Operating Speed Clock Period Clock High Clock Low
SYMBOL FOP TCP TCH TCL
MIN. 0 25 10 10
TYP. -
MAX. 24 -
UNIT MHz nS nS nS
NOTES 1 2 3 3
Notes: 1. The clock may be stopped indefinitely in either state. 2. The TCP specification is used as a reference in other specifications. 3. There are no duty cycle requirements on the XTAL1 input.
Program Fetch Cycle
PARAMETER Address Valid to ALE Low Address Hold from ALE Low ALE Low to PSEN Low SYMBOL TAAS TAAH TAPL TPDA TPDH TPDZ TALW TPSW MIN. 1 TCP - 1 TCP - 1 TCP - 0 0 2 TCP - 3 TCP - TYP. 2 TCP 3 TCP MAX. 2 TCP 1 TCP 1 TCP UNIT nS nS nS nS nS nS nS nS 4 4 NOTES 4 1, 4 4 2 3
PSEN Low to Data Valid Data Hold after PSEN High
Data Float after PSEN High ALE Pulse Width PSEN Pulse Width
Notes: 1. P0.0-P0.7, P2.0-P2.7 remain stable throughout entire memory cycle. 2. Memory access time is 3 TCP. 3. Data have been latched internally prior to PSEN going high. 4. "" (due to buffer driving delay and wire loading) is 20 nS.
- 14 -
Preliminary W78IE54
Data Read Cycle
PARAMETER ALE Low to RD Low RD Low to Data Valid Data Hold from RD High Data Float from RD High RD Pulse Width
Notes: 1. Data memory access time is 8 TCP. 2. "" (due to buffer driving delay and wire loading) is 20 nS.
SYMBOL TDAR TDDA TDDH TDDZ TDRD
MIN. 3 TCP - 0 0 6 TCP -
TYP. 6 TCP
MAX. 3 TCP + 4 TCP 2 TCP 2 TCP -
UNIT nS nS nS nS nS
NOTES 1, 2 1
2
Data Write Cycle
PARAMETER ALE Low to WR Low Data Valid to WR Low Data Hold from WR High WR Pulse Width SYMBOL TDAW TDAD TDWD TDWR MIN. 3 TCP - 1 TCP - 1 TCP - 6 TCP - TYP. 6 TCP MAX. 3 TCP + UNIT nS nS nS nS
Note: "" (due to buffer driving delay and wire loading) is 20 nS.
Port Access Cycle
PARAMETER Port Input Setup to ALE Low Port Input Hold from ALE Low Port Output to ALE SYMBOL TPDS TPDH TPDA MIN. 1 TCP 0 1 TCP TYP. MAX. UNIT nS nS nS
Note: Ports are read during S5P2, and output data becomes available at the end of S6P2. The timing data are referenced to ALE, since it provides a convenient reference.
- 15 -
Publication Release Date: August 1999 Revision A1
Preliminary W78IE54
Program Operation
PARAMETER VPP Setup Time Data Setup Time Data Hold Time Address Setup Time Address Hold Time
CE Program Pulse Width for Program Operation
SYMBOL TVPS TDS TDH TAS TAH TPWP TOCS TOCH TOES TDFP TOEV
MIN. 2.0 2.0 2.0 2.0 0 290 2.0 2.0 2.0 0 -
TYP. 300 -
MAX. 310 130 150
UNIT S S S S S S S S S nS nS
OECTRL Setup Time OECTRL Hold Time OE Setup Time OE High to Output Float Data Valid from OE
the PSEN pin must pull in VIH status.
Note: Flash data can be accessed only in flash mode. The RST pin must pull in VIH status, the ALE pin must pull in VIL status, and
TIMING WAVEFORMS
Program Fetch Cycle
S1 XTAL1
S2
S3
S4
S5
S6
S1
S2
S3
S4
S5
S6
TALW ALE TAPL PSEN TPSW TAAS PORT 2 TAAH PORT 0 Code A0-A7 Data A0-A7 Code A0-A7 Data A0-A7 TPDA TPDH, TPDZ
- 16 -
Preliminary W78IE54
Timing Waveforms, continued
Data Read Cycle
S4 XTAL1 ALE PSEN PORT 2
S5
S6
S1
S2
S3
S4
S5
S6
S1
S2
S3
A8-A15 A0-A7 DATA T DAR T DDA
PORT 0 T DDH, T DDZ RD T DRD
Data Write Cycle
S4 XTAL1 ALE PSEN PORT 2 PORT 0 WR
S5
S6
S1
S2
S3
S4
S5
S6
S1
S2
S3
A8-A15 A0-A7 DATA OUT
TDAD
T DWD
T DAW
T DWR
- 17 -
Publication Release Date: August 1999 Revision A1
Preliminary W78IE54
Timing Waveforms, continued
Port Access Cycle
S5 XTAL1
S6
S1
ALE TPDS PORT INPUT SAMPLE T PDH T PDA DATA OUT
Program Operation
Program P2, P1 (A15... A0) P3.6 (CE) P3.3 (OECTRL) P3.7 (OE) P0 (A7... A0) VIH VIL VIH VIL VIH VIL VIH VIL VIH VIL Vcp Vpp VIH TVPS Data In TDS TDH
Program Verify
Read Verify
Address Stable TAS TPWP TAH TOCS TOCH TOES TDFP D OUT
Address Valid
Data Out
TOEV
- 18 -
Preliminary W78IE54
TYPICAL APPLICATION CIRCUITS
Expanded External Program Memory and Crystal
VDD VDD 31 19 10 u R
CRYSTAL
EA XTAL1 XTAL2 RST INT0 INT1 T0 T1 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 W78IE54
18 9
8.2 K C1 C2
P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 RD WR PSEN ALE TXD RXD
39 38 37 36 35 34 33 32 21 22 23 24 25 26 27 28 17 16 29 30 11 10
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 A8 A9 A10 A11 A12 A13 A14 A15
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 GND
3 4 7 8 13 14 17 18 1 11
D0 D1 D2 D3 D4 D5 D6 D7 OC G 74373
Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7
2 5 6 9 12 15 16 19
A0 A1 A2 A3 A4 A5 A6 A7
12 13 14 15 1 2 3 4 5 6 7 8
A0 10 A1 9 A2 8 A3 7 A4 6 A5 5 A6 4 A7 3 A8 25 A9 24 A10 21 A11 23 A12 2 A13 26 A14 27 A15 1 GND 20 22
A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 A15 CE OE 27512
O0 O1 O2 O3 O4 O5 O6 O7
11 12 13 15 16 17 18 19
AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7
Figure A
CRYSTAL 16 MHz 24 MHz 33 MHz 40 MHz
C1 30P 15P 10P 5P
C2 30P 15P 10P 5P
R 6.8K 4.7K
Above table shows the reference values for crystal applications (full gain).
Note: C1, C2, R components refer to Figure A.
- 19 -
Publication Release Date: August 1999 Revision A1
Preliminary W78IE54
Typical Application Circuits, continued
Expanded External Data Memory and Oscillator
V DD V DD 31 19 10 u OSCILLATOR 18 8.2 K 9 12 13 14 15 1 2 3 4 5 6 7 8 RST INT0 INT1 T0 T1 P1.0 P1.1 P1.2 P1.3 P1.4 P1.5 P1.6 P1.7 W78IE54 EA XTAL1 XTAL2 P0.0 P0.1 P0.2 P0.3 P0.4 P0.5 P0.6 P0.7 P2.0 P2.1 P2.2 P2.3 P2.4 P2.5 P2.6 P2.7 RD WR PSEN ALE TXD RXD 39 38 37 36 35 34 33 32 21 22 23 24 25 26 27 28 17 16 29 30 11 10 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 A8 A9 A10 A11 A12 A13 A14 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7 GND 3 4 7 8 13 14 17 18 1 11 D0 D1 D2 D3 D4 D5 D6 D7 OC G 74373 Q0 Q1 Q2 Q3 Q4 Q5 Q6 Q7 2 5 6 9 12 15 16 19 A0 A1 A2 A3 A4 A5 A6 A7 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 GND 10 9 8 7 6 5 4 3 25 24 21 23 2 26 1 20 22 27 A0 A1 A2 A3 A4 A5 A6 A7 A8 A9 A10 A11 A12 A13 A14 CE OE WR 20256 D0 D1 D2 D3 D4 D5 D6 D7 11 12 13 15 16 17 18 19 AD0 AD1 AD2 AD3 AD4 AD5 AD6 AD7
Figure B
PACKAGE DIMENSIONS
40-pin DIP
Dimension in inch Dimension in mm Min. Nom. Max. Min. Nom. Max.
0.210 0.010 0.150 0.016 0.048 0.008 0.155 0.018 0.050 0.010 2.055 0.590 0.540 0.090 0.120 0 0.630 0.650 0.600 0.545 0.100 0.130 0.160 0.022 0.054 0.014 2.070 0.610 14.986 0.550 0.110 0.140 15 0.670 0.090 13.72 2.286 3.048 0 16.00 16.51 0.254 3.81 0.406 1.219 0.203 3.937 0.457 1.27 0.254 52.20 15.24 13.84 2.54 3.302 4.064 0.559 1.372 0.356 52.58 15.494 13.97 2.794 3.556 15 17.01 2.286 5.334
Symbol
D 40 21
E1
A A1 A2 B B1 c D E E1 e1 L
a
1 S
20 E c
eA S
Notes:
A A2
A1
Base Plane Seating Plane
L B B1
e1
a
eA
1. Dimension D Max. & S include mold flash or tie bar burrs. 2. Dimension E1 does not include interlead flash. 3. Dimension D & E1 include mold mismatch and . are determined at the mold parting line. 4. Dimension B1 does not include dambar protrusion/intrusion. 5. Controlling dimension: Inches. 6. General appearance spec. should be based on final visual inspection spec.
- 20 -
Preliminary W78IE54
Package Dimensions, continued
44-pin PLCC
HD D
6 1 44 40
Symbol
7 39
Dimension in inch Dimension in mm Min. Nom. Max. Min. Nom. Max.
0.185 0.020 0.145 0.026 0.016 0.008 0.648 0.648 0.150 0.028 0.018 0.010 0.653 0.653 0.155 0.032 0.022 0.014 0.508 3.683 0.66 3.81 0.711 3.937 0.813 0.559 0.356 16.71 16.71 4.699
E
HE
GE
17
29
18
28
c
A A1 A2 b1 b c D E e GD GE HD HE L y
Notes:
0.406 0.457 0.203 0.254 16.59 16.59
0.658 16.46 0.658 16.46
0.050 0.590 0.590 0.680 0.680 0.090
BSC
1.27
BSC 16.00 16.00 17.78 17.78 2.794 0.10
0.610 0.610 0.690 0.690 0.100
0.630 14.99 0.630 14.99 0.700 17.27 0.700 17.27 0.110 0.004 2.296
15.49 15.49 17.53 17.53 2.54
L A2 A
e
Seating Plane GD
b b1
A1 y
1. Dimension D & E do not include interlead flash. 2. Dimension b1 does not include dambar protrusion/intrusion. 3. Controlling dimension: Inches 4. General appearance spec. should be based on final visual inspection spec.
Headquarters
Winbond Electronics (H.K.) Ltd.
Rm. 803, World Trade Square, Tower II, No. 4, Creation Rd. III, 123 Hoi Bun Rd., Kwun Tong, Science-Based Industrial Park, Kowloon, Hong Kong Hsinchu, Taiwan TEL: 852-27513100 TEL: 886-3-5770066 FAX: 852-27552064 FAX: 886-3-5792766 http://www.winbond.com.tw/ Voice & Fax-on-demand: 886-2-27197006
Winbond Electronics North America Corp. Winbond Memory Lab. Winbond Microelectronics Corp. Winbond Systems Lab.
2727 N. First Street, San Jose, CA 95134, U.S.A. TEL: 408-9436666 FAX: 408-5441798
Taipei Office
11F, No. 115, Sec. 3, Min-Sheng East Rd., Taipei, Taiwan TEL: 886-2-27190505 FAX: 886-2-27197502
Note: All data and specifications are subject to change without notice.
- 21 -
Publication Release Date: August 1999 Revision A1


▲Up To Search▲   

 
Price & Availability of W78IE54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X