Part Number Hot Search : 
SM4006 ATR06 C6N13 4112B 12CU5 SM4001Q C4370 SDS21F
Product Description
Full Text Search
 

To Download W48S111 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PRELIMINARY
W48S111-14
Spread Spectrum Desktop/Notebook System Frequency Generator
Features
* Maximized EMI suppression using Cypress's Spread Spectrum Technology * Reduces measured EMI by as much as 10 dB * I2C programmable to 133 MHz * Two skew-controlled copies of CPU output * SEL100/66# selects CPU frequency (100 or 66.8 MHz) * Seven copies of PCI output (synchronous w/CPU output) * One copy of 14.31818-MHz IOAPIC output * One copy of 48-MHz USB output * Selectable 24-/48-MHz clock is determined by resistor straps on power-up * One high-drive output buffer that produces a copy of the 14.318-MHz reference * Isolated core VDD pin for noise reduction
Key Specifications
Supply Voltages:....................................... VDDQ3 = 3.3V5% VDDQ2 = 2.5V5% CPU Cycle to Cycle Jitter: .......................................... 200 ps CPU, PCI Output Edge Rate: ......................................... 1 V/ns CPU0:1 Output Skew: ................................................ 175 ps PCI_F, PCI1:6 Output Skew: .......................................500 ps CPU to PCI Skew: ........................ 1.5 to 4.0 ns (CPU Leads) REF2X/SEL48#, SCLOCK, SDATA: ............... 250-k pull-up Note: Internal pull-up resistors should not be relied upon for setting I/O pins HIGH. Table 1. Pin Selectable Frequency SEL100/66# 1 0 CPU(0:1) 100 MHz 66.8 MHz PCI 33.3 MHz 33.4 MHz
Block Diagram
VDDQ3 REF2X/SEL48# GND X1 X2 XTAL OSC PLL Ref Freq VDDQ3 IOAPIC
Pin Configuration
X1 X2 GND PCI_F PCI1 PCI2 PCI3 PCI4 VDDQ3 PCI5 PCI6 VDDQ3 48MHz 24/48MHz 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 GND REF2X/SEL48# VDDQ3 VDDQ2 IOAPIC VDDQ2 CPU0 CPU1 VDDQ3 GND SDATA SCLOCK SEL100/66# GND
VDDQ2 CPU0 CPU1 GND
100/66#_SEL
PLL 1 /2//3 VDDQ3 PCI_F PCI1 PCI2 PCI3 PCI4
SDATA SCLOCK
I2C LOGIC
PCI5 PCI6 GND
VDDQ3 PLL2 48MHz 24/48MHz GND
Cypress Semiconductor Corporation
*
3901 North First Street
*
San Jose
*
CA 95134 * 408-943-2600 October 28, 1999, rev. 0.7
PRELIMINARYPRELIMIPin Definitions
Pin Name CPU0:1 PCI1:6 PCI_F IOAPIC 48MHz 24/48MHz REF2X/SEL48# Pin No. 22, 21 5, 6, 7, 8, 10, 11, 4 24 13 14 27 Pin Type O O Pin Description
W48S111-14
CPU Clock Outputs 0 through 1: These two CPU clocks run at a frequency set by SEL100/66#. Output voltage swing is set by the voltage applied to VDDQ2. PCI Bus Clock Outputs 1 through 6 and PCI_F: These seven PCI clock outputs run synchronously to the CPU clock. Voltage swing is set by the power connection to VDDQ3. I/O APIC Clock Output: Provides 14.318-MHz fixed frequency. The output voltage swing is set by the power connection to VDDQ2. 48-MHz Output: Fixed 48-MHz USB clock. Output voltage swing is controlled by voltage applied to VDDQ3. 24-MHz or 48-MHz Output: Frequency is set by the state of pin 27 on power-up. I/O Dual-Function REF2X and SEL48# pin: Upon power-up, the state of SEL48# is latched. The initial state is set by either a 10K resistor to GND or to VDD. A 10K resistor to GND causes pin 14 to output 48 MHz. If the pin is strapped to V DD, pin 14 will output 24 MHz. After 2 ms, the pin becomes a high-drive output that produces a copy of 14.318 MHz. Frequency Selection Input: Selects CPU clock frequency as shown in Table 1 on page 1. I2C Data Pin: Data should be presented to this input as described in the I2C section of this data sheet. Internal 250-k pull-up resistor. I2C clock Pin: The I2C data clock should be presented to this input as described in the I2C section of this data sheet. Crystal Connection or External Reference Frequency Input: Connect to either a 14.318-MHz crystal or other reference signal. Crystal Connection: An input connection for an external 14.318-MHz crystal. If using an external reference, this pin must be left unconnected. Power Connection: Power supply for core logic and PLL circuitry, PCI, 48/24MHz, and Reference output buffers. Connect to 3.3V supply. Power Connection: Power supply for IOAPIC and CPU output buffers. Connect to 2.5V supply. Ground Connections: Connect all ground pins to the common system ground plane.
O O O I/O
SEL100/66# SDATA SCLOCK X1 X2 VDDQ3 VDDQ2 GND
16 18 17 1 2 9, 12, 20, 26 23, 25 3, 15, 19, 28
I I/O I I I P P G
2
PRELIMINARYPRELIMIFunctional Description
I/O Pin Operation Pin 27 is a dual-purpose l/O pin. Upon power-up this pin acts as a logic input, allowing the determination of assigned device functions. A short time after power-up, the logic state of the pin is latched and the pin becomes a clock output. This feature reduces device pin count by combining clock outputs with input select pins. An external 10-k "strapping" resistor is connected between the l/O pin and ground or VDD. Connection to ground sets a latch to "0," connection to VDD sets a latch to "1." Figure 1 and Figure 2 show two suggested methods for strapping resistor connections. Upon W48S111-14 power-up, the first 2 ms of operation is used for input logic selection. During this period, the Reference clock output buffer is three-stated, allowing the output strapping resistor on the l/O pin to pull the pin and its associated capacitive clock load to either a logic HIGH or LOW state. At the end of the 2-ms period, the established logic "0" or "1" condition of the l/O pin is then latched. Next the output buffer
W48S111-14
is enabled, which converts the l/O pin into an operating clock output. The 2-ms timer is started when V DD reaches 2.0V. The input bit can only be reset by turning VDD off and then back on again. It should be noted that the strapping resistor has no significant effect on clock output signal integrity. The drive impedance of clock output is 40 (nominal) which is minimally affected by the 10-k strap to ground or VDD. As with the series termination resistor, the output strapping resistor should be placed as close to the l/O pin as possible in order to keep the interconnecting trace short. The trace from the resistor to ground or VDD should be kept less than two inches in length to prevent system noise coupling during input logic sampling. When the clock output is enabled following the 2-ms input period, a 14.318-MHz output frequency is delivered on the pin, assuming that VDD has stabilized. If VDD has not yet reached full value, output frequency initially may be below target but will increase to target once VDD voltage has stabilized. In either case, a short output clock cycle may be produced from the CPU clock outputs when the outputs are enabled.
VDD
Output Strapping Resistor Series Termination Resistor Clock Load
10 k (Load Option 1) W48S111-14 Power-on Reset Timer Output Buffer Output Three-state
Q
Hold Output Low
D
10 k (Load Option 0)
Data Latch
Figure 1. Input Logic Selection Through Resistor Load Option
Jumper Options VDD 10 k W48S111-14 Power-on Reset Timer Output Buffer Output Three-state
Q
Output Strapping Resistor Series Termination Resistor R Clock Load
Hold Output Low
D
Resistor Value R
Data Latch
Figure 2. Input Logic Selection Through Jumper Option
3
PRELIMINARYPRELIMISerial Data Interface
The W48S111-14 features a two-pin, serial data interface that can be used to configure internal register settings that control particular device functions. Upon power-up, the W48S111-14 initializes with default register settings. Therefore, the use of this serial data interface is optional. The serial interface is write-only (to the clock chip) and is the dedicated function of device pins SDATA and SCLOCK. In motherboard applications, SDATA and SCLOCK are typically driven by two logic Table 2. Serial Data Interface Control Functions Summary Control Function Clock Output Disable Description Common Application
W48S111-14
outputs of the chipset. Clock device register changes are normally made upon system initialization, if required. The interface can also be used during system operation for power management functions. Table 2 summarizes the control functions of the serial data interface. Operation Data is written to the W48S111-14 in ten bytes of eight bits each. Bytes are written in the order shown in Table 3.
Any individual clock output(s) can be disabled. Dis- Unused outputs are disabled to reduce EMI abled outputs are actively held LOW. and system power. Examples are clock outputs to unused PCI slots. Provides CPU/PCI frequency selections beyond the 100- and 66.8-MHz selections that are provided by the SEL100/66# pin. Frequency is changed in a smooth and controlled fashion. Puts all clock outputs into a high-impedance state. For alternate microprocessors and power management options. Smooth frequency transition allows CPU frequency change under normal system operation. Production PCB testing.
CPU Clock Frequency Selection
Output Three-state Test Mode (Reserved)
All clock outputs toggle in relation to X1 input, inter- Production PCB testing. nal PLL is bypassed. Refer to Table 4. Reserved function for future device revision or pro- No user application. Register bit must be writduction device testing. ten as 0.
Table 3. Byte Writing Sequence Byte Sequence 1 Byte Name Slave Address Bit Sequence 11010010 Byte Description Commands the W48S111-14 to accept the bits in Data Bytes 3-6 for internal register configuration. Since other devices may exist on the same common serial data bus, it is necessary to have a specific slave address for each potential receiver. The slave receiver address for the W48S111-14 is 11010010. Register setting will not be made if the Slave Address is not correct (or is for an alternate slave receiver). Unused by the W48S111-14, therefore bit values are ignored ("don't care"). This byte must be included in the data write sequence to maintain proper byte allocation. The Command Code Byte is part of the standard serial communication protocol and may be used when writing to another addressed slave receiver on the serial data bus. Unused by the W48S111-14, therefore bit values are ignored ("don't care"). This byte must be included in the data write sequence to maintain proper byte allocation. The Byte Count Byte is part of the standard serial communication protocol and may be used when writing to another addressed slave receiver on the serial data bus. Refer to Cypress SDRAM drivers.
2
Command Code
Don't Care
3
Byte Count
Don't Care
4 5 6 7 8 9 10
Data Byte 0 Data Byte 1 Data Byte 2 Data Byte 3 Data Byte 4 Data Byte 5 Data Byte 6
Don't Care
Refer to Table 4
The data bits in these bytes set internal W48S111-14 registers that control device operation. The data bits are only accepted when the Address Byte bit sequence is 11010010, as noted above. For description of bit control functions, refer to Table 4, Data Byte Serial Configuration Map.
4
PRELIMINARYPRELIMIWriting Data Bytes Each bit in the data bytes control a particular device function except for the "reserved" bits which must be written as a logic 0. Bits are written MSB (most significant bit) first, which is bit 7. Table 4 gives the bit formats for registers located in Data Bytes 3-6. Table 4. Data Bytes 3-6 Serial Configuration Map Affected Pin Bit(s) Pin No. Data Byte 3 7 6 5 4 3 -----Pin Name -----Control Function (Reserved) SEL_2 SEL_1 SEL_0 Frequency Table Selection (Reserved) Bit 1 0 0 1 1 Bit 0 0 1 0 1 0 -Refer to Table 5 Refer to Table 5 Refer to Table 5 Frequency Controlled by external SEL100/ 66# pin (Table 1) -Function (See Table 6 for function details) Normal Operation Test Mode Spread Spectrum on All Outputs Three-stated -Low ---Low -Low Low Low Low -Low Low Low Low --Low ---Low Low -Active ---Active -Active Active Active Active -Active Active Active Active --Active ---Active Active Bit Control 1 --
W48S111-14
Table 5 details additional frequency selections that are available through the serial data interface. Table 6 details the select functions for Byte 3, bits 1 and 0.
Default 0 0 0 0 0
Frequency Controlled by BYT3 SEL_(2:0) (Table 5) --
2 1-0
---
---
0 00
Data Byte 4 7 6 5 4 3 2 1 0 Data Byte 5 7 6 5 4 3 2 1 0 Data Byte 6 7 6 5 4 3 2 1 0 --24 ---27 27 --IOAPIC ---REF2X REF2X (Reserved) (Reserved) Clock Output Disable (Reserved) (Reserved) (Reserved) Clock Output Disable Clock Output Disable 0 0 1 0 0 0 1[1] 1[1] 4 11 10 8 7 6 5 PCI_F PCI6 PCI5 -PCI4 PCI3 PCI2 PCI1 Clock Output Disable Clock Output Disable Clock Output Disable (Reserved) Clock Output Disable Clock Output Disable Clock Output Disable Clock Output Disable 1 1 1 0 1 1 1 1 -14 ---21 -22 -24/48MHz ---CPU1 -CPU0 (Reserved) Clock output disable (Reserved) (Reserved) (Reserved) Clock Output Disable (Reserved) Clock Output Disable 0 1 0 0 0 1 0 1
Note: 1. Bits 0 and 1 of Data byte 6 in Table 4 MUST be programmed as the same value.
5
PRELIMINARYPRELIMITable 5. Additional Frequency Selections through Serial Data Interface Data Bytes Input Conditions Data Byte 3, Bit 3 = 1 Bit 6 SEL_2 0 0 0 0 1 1 1 1 Bit 5 SEL_1 0 0 1 1 0 0 1 1 Bit 4 SEL_0 0 1 0 1 0 1 0 1 CPU, SDRAM Clocks (MHz) 68.5 75 83.3 66.8 103 112 133.3 100 PCI Clocks (MHz) 34.25 37.5 41.6 33.4 34.25 37.3 44.43 33.3 Output Frequency
W48S111-14
If Spread Is On
Spread Percentage 0.5% Center 0.5% Center 0.5% Center 0.5% Center 0.5% Center 0.5% Center 0.5% Center 0.5% Center
Table 6. Select Function for Data Byte 3, Bits 0:1 Input Conditions Data Byte 3 Function Normal Operation Test Mode Spread Spectrum On Three-state Bit 1 0 0 1 1 Bit 0 0 1 0 1 CPU0:1 Note 2 X1/2 0.5% Hi-Z PCI_F, PCI1:6 Note 2 CPU/2, 3, or 4 0.5% Hi-Z Output Conditions REF2X, IOAPIC 14.318 MHz X1 14.318 MHz Hi-Z 48MHZ 48 MHz X1/2 48 MHz Hi-Z 24MHZ 24 MHz X1/4 24 MHz Hi-Z
Note: 2. CPU and PCI frequency selections are listed in Table 1 and Table 5.
6
PRELIMINARYPRELIMIAbsolute Maximum Ratings
Stresses greater than those listed in this table may cause permanent damage to the device. These represent a stress rating only. Operation of the device at these or any other conditions Parameter VDD, VIN TSTG TA TB ESDPROT Description Voltage on any pin with respect to GND Storage Temperature Operating Temperature Ambient Temperature under Bias Input ESD Protection
W48S111-14
above those specified in the operating sections of this specification is not implied. Maximum conditions for extended periods may affect reliability. Rating -0.5 to +7.0 -65 to +150 0 to +70 -55 to +125 2 (min.) Unit V C C C kV
DC Electrical Characteristics: TA = 0C to +70C, VDDQ3 = 3.3V5%, VDDQ2 = 2.5V5%
Parameter Supply Current IDDQ3 IDDQ3 Logic Inputs VIL VIH IIL IIH IIL IIH VOL VOH VOH IOL Input Low Voltage Input High Voltage Input Low Current[4] Input High Current[4] Input Low Current (SEL100/66#) Input High Current (SEL100/66#) Output Low Voltage Output High Voltage Output High Voltage Output Low Current CPU0:1 PCI_F, PCI1:6 IOAPIC REF2X 48MHz, 24MHz IOH Output High Current CPU0:1 PCI_F, PCI1:6 IOAPIC REF2X 48MHz, 24MHz IOL = 1 mA IOH = -1 mA CPU0:1, IOAPIC IOH = -1 mA VOL = 1.25V VOL = 1.5V VOL = 1.25V VOL = 1.5V VOL = 1.5V VOL = 1.25V VOL = 1.5V VOL = 1.25V VOL = 1.5V VOL = 1.5V 3.1 2.2 50 60 40 100 40 50 60 40 100 40 70 80 85 130 50 70 70 87 130 50 100 120 140 152 76 100 120 155 150 94 GND - 0.3 2.0 0.8 VDD + 0.3 -25 10 -5 5 50 V V A A A A mV V V mA mA mA mA mA mA mA mA mA mA Combined 3.3V Supply Current Combined 2.5V Supply Current CPUCLK =100 MHz Outputs Loaded[3] CPUCLK =100 MHz Outputs Loaded[3] 85 30 mA mA Description Test Condition Min. Typ. Max. Unit
Clock Outputs
Notes: 3. All clock outputs loaded with maximum lump capacitance test load specified in the AC Electrical Characteristics section. 4. W48S111-14 logic inputs have internal pull-up devices, except SEL100/66# (pull-ups not full CMOS level).
7
PRELIMINARYPRELIMI-
W48S111-14
DC Electrical Characteristics: TA = 0C to +70C, VDDQ3 = 3.3V5%, VDDQ2 = 2.5V5% (continued)
Parameter Crystal Oscillator VTH CLOAD CIN,X1 CIN COUT LIN X1 Input Threshold Voltage[5] Load Capacitance, as seen by External Crystal[6] X1 Input Capacitance[7] Input Pin Capacitance Output Pin Capacitance Input Pin Inductance Pin X2 unconnected Except X1 and X2 VDDQ3 = 3.3V 1.65 14 28 5 6 7 V pF pF pF pF nH Description Test Condition Min. Typ. Max. Unit
Pin Capacitance/Inductance
AC Electrical Characteristics
TA = 0C to +70C, VDDQ3 = 3.3V5%,VDDQ2 = 2.5V 5%, fXTL = 14.31818 MHz AC clock parameters are tested and guaranteed over stated operating conditions using the stated lump capacitive load at the clock output; Spread Spectrum clocking is disabled. CPU Clock Outputs, CPU0:1 (Lump Capacitance Test Load = 20 pF) CPU = 66.8 MHz Parameter tP tH tL tR tF tD tJC Description Period High Time Low Time Output Fall Edge Rate Duty Cycle Jitter, Cycle-to-Cycle Test Condition/Comments Measured on rising edge at 1.25V Duration of clock cycle above 2.0V Duration of clock cycle below 0.4V Measured from 2.0V to 0.4V Measured on rising and falling edge at 1.25V Measured on rising edge at 1.25V. Maximum difference of cycle time between two adjacent cycles. Measured on rising edge at 1.25V Assumes full supply voltage reached within 1 ms from power-up. Short cycles exist prior to frequency stabilization. Average value during switching transition. Used for determining series termination value. 20 15 5.2 5.0 1 1 45 4 4 55 200 15.5 CPU = 100 MHz Typ. Max. Unit 10.5 ns ns ns 4 4 55 200 V/ns V/ns % ps 10 3.0 2.8 1 1 45 Min. Typ. Max. Min.
Output Rise Edge Rate Measured from 0.4V to 2.0V
tSK fST
Output Skew Frequency Stabilization from Power-up (cold start) AC Output Impedance
175 3
175 3
ps ms
Zo
20
Notes: 5. X1 input threshold voltage (typical) is VDD/2. 6. The W48S111-14 contains an internal crystal load capacitor between pin X1 and ground and another between pin X2 and ground. Total load placed on crystal is 14 pF; this includes typical stray capacitance of short PCB traces to crystal. 7. X1 input capacitance is applicable when driving X1 with an external clock source (X2 is left unconnected).
8
PRELIMINARYPRELIMIPCI Clock Outputs, PCI1:6 and PCI_F (Lump Capacitance Test Load = 30 pF
W48S111-14
CPU = 66.8/100 MHz Parameter tP tH tL tR tF tD tJC tSK tO fST Description Period High Time Low Time Output Rise Edge Rate Output Fall Edge Rate Duty Cycle Jitter, Cycle-to-Cycle Output Skew CPU to PCI Clock Skew Frequency Stabilization from Power-up (cold start) AC Output Impedance Test Condition/Comments Measured on rising edge at 1.5V Duration of clock cycle above 2.4V Duration of clock cycle below 0.4V Measured from 0.4V to 2.4V Measured from 2.4V to 0.4V Measured on rising and falling edge at 1.5V Measured on rising edge at 1.5V. Maximum difference of cycle time between two adjacent cycles. Measured on rising edge at 1.5V Covers all CPU/PCI outputs. Measured on rising edge at 1.5V. CPU leads PCI output. Assumes full supply voltage reached within 1 ms from power-up. Short cycles exist prior to frequency stabilization. Average value during switching transition. Used for determining series termination value. 20 1.5 Min. 30 12 12 1 1 45 4 4 55 250 500 4 3 Typ. Max. Unit ns ns ns V/ns V/ns % ps ps ns ms
Zo
IOAPIC Clock Output (Lump Capacitance Test Load = 20 pF) CPU = 66.8/100 MHz Parameter f tR tF tD fST Description Frequency, Actual Output Rise Edge Rate Output Fall Edge Rate Duty Cycle Frequency Stabilization from Power-up (cold start) AC Output Impedance Test Condition/Comments Frequency generated by crystal oscillator Measured from 0.4V to 2.0V Measured from 2.0V to 0.4V Measured on rising and falling edge at 1.25V Assumes full supply voltage reached within 1 ms from power-up. Short cycles exist prior to frequency stabilization. Average value during switching transition. Used for determining series termination value. 15 1 1 45 Min. Typ. 14.31818 4 4 55 1.5 Max. Unit MHz V/ns V/ns % ms
Zo
REF2X Clock Output (Lump Capacitance Test Load = 20 pF) CPU = 66.8/100 MHz Parameter f tR tF tD fST Description Frequency, Actual Output Rise Edge Rate Output Fall Edge Rate Duty Cycle Frequency Stabilization from Power-up (cold start) AC Output Impedance Test Condition/Comments Frequency generated by crystal oscillator Measured from 0.4V to 2.4V Measured from 2.4V to 0.4V Measured on rising and falling edge at 1.5V Assumes full supply voltage reached within 1 ms from power-up. Short cycles exist prior to frequency stabilization. Average value during switching transition. Used for determining series termination value. 20 0.5 0.5 45 Min. Typ. 14.318 2 2 55 3 Max. Unit MHz V/ns V/ns % ms
Zo
9
PRELIMINARYPRELIMI48-MHz and 24-MHz Clock Output (Lump Capacitance Test Load = 20 pF)
W48S111-14
CPU = 66.8/100 MHz Parameter f fD m/n tR tF tD fST Description Frequency, Actual Deviation from 48 MHz PLL Ratio Output Rise Edge Rate Output Fall Edge Rate Duty Cycle Frequency Stabilization from Power-up (cold start) AC Output Impedance Test Condition/Comments Determined by PLL divider ratio (see m/n below) (48.008 - 48)/48 (14.31818 MHz x 57/17 = 48.008 MHz) Measured from 0.4V to 2.4V Measured from 2.4V to 0.4V Measured on rising and falling edge at 1.5V Assumes full supply voltage reached within 1 ms from power-up. Short cycles exist prior to frequency stabilization. Average value during switching transition. Used for determining series termination value. 25 0.5 0.5 45 Min. Typ. 48.008 24.004 +167 57/17, 57/34 2 2 55 3 V/ns V/ns % ms Max. Unit MHz ppm
Zo
Ordering Information
Ordering Code W48S111 Document #: 38-00854 Freq. Mask Code -04 Package Name G Package Type 28-pin SOIC (300 mils)
10
PRELIMINARY
Package Diagram
28-Pin Small Outline Integrated Circuit (SOIC, 300 mils)
W48S111-14
(c) Cypress Semiconductor Corporation, 1999. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use of any circuitry other than circuitry embodied in a Cypress Semiconductor product. Nor does it convey or imply any license under patent or other rights. Cypress Semiconductor does not authorize its products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress Semiconductor products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress Semiconductor against all charges.


▲Up To Search▲   

 
Price & Availability of W48S111

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X