Part Number Hot Search : 
100J2 G40N60 AN5256 NTHC3SA3 NE592D8G M38067 1N5110 K3108
Product Description
Full Text Search
 

To Download VSX60XD35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Corporate: www.cdtechno.com Corporate: www.cdtechno.com Product: www.cdpowerelectronics.com
VSX60XD35
60 Watt Dual Output Quarter Brick DC/DC Converter
3.3V & 5.0V Dual Output 2.3" x 1.5" x 0.5" 90% Efficiency Low Output Noise Input Filtering
VSX60
Remote On/Off, Input Side Output Voltage Trim, +/-10%
VSX60-U
-40C to +100C Baseplate Temp. Output Current Limit, Self-Start 1,500 Vdc Isolation, Input to Output UL/CUL 1950, EN60 950
18-36 Vdc and 36-75 Vdc Input Models Continuous Short Circuit Protection Non-latching Protection: Input Undervoltage Input Overvoltage Output Overvoltage Overtemperature Output Voltage Tracking at Turn-on and Turn-off No Minimum Load Current
APPLICATIONS
Distributed Power Architectures Workstations EDP Equipment Telecommunications
The VSX60 Series are dual output converters with 18-36V and 36-75V input models with 3.3Vdc and 5Vdc outputs. The industry quarter-pak size of 2.3" x 1.5" x 0.5" coupled with 90% efficiency is an industry high-density breakthrough. These converters utilize Vx high density technology. This technology has been featured in our highly efficient VKP and VKA series now successfully in use worldwide. The very high 90%
OPTIONS
Choice of Remote On/Off Logic Configuration Heatsink Available for Extended Operation
efficiency minimizes the requirement for heat-sinking and the low output ripple minimizes the need for additional filtering. For maximum flexibility, power can be traded between outputs as required. The VSX60 series feature virtually all of the options required by design engineers but not at the competition's typical additional price for each option. This multitude of features are standard on the VSX60 series.
ADDITIONAL INFORMATION
See Application Note DCAN-40 at www.cdpowerelectronics.com
ABSOLUTE MAXIMUM RATINGS
PARAMETER Input Voltage: VSX60LD35 VSX60MD35 I/O Isolation Voltage I/P to case O/P to case Operating Case Temperature SYMBOL MIN MAX UNIT
Vi Vi
36
T
-40
100 75 1500 1500 200 100
Vdc Vdc Vdc Vdc Vdc C
Product: www.cdpowerelectronics.com
VSX60MD23
REV D
5/02
1
SPECIFICATIONS, ALL MODELS
Specifications are at TCASE = +40C nominal input voltage unless otherwise specified.
PARAMETER
Operating Input Voltage VSX60LD VSX60MD Maximum Input Current (Vi=0V to Vi max, Io=Io max) VSX60LD VSX60MD I/P Reflected Ripple Current No Load Input Current On/Off Activated Input Current
SYMBOL
Vi Vi
MIN
18 36
TYP
24 48
MAX
36 75
UNITS
VDC VDC
INPUT
Ii max Ii max IiNL IiQ 50 17
5.0 2.25 400
A A mA p-p mA mA
PARAMETER
Output voltage ( Over all conditions of I/P voltage, load and temperature) 3.3 Vout (V2) 5.0 Vout (V1) Output Voltage Setpoint (Vi=48, Io 3=9A, Io 5=6A, Tc=25C) 3.3 Vout (V2) 5.0 Vout (V1) Output Ripple and Noise Voltage (peak-to-peak, 100 MHz BW) 3.3 Vout (V2) 5.0 Vout (V1) Output Current (Total module O/P power should not exceed 60 Watts) 3.3 Vout (V2) 5.0 Vout (V1) Output Current Limit Inception (Vo=95% of Vo nom) 3.3 Vout (V2) 5.0 Vout (V1) Output Short Ckt Current (Max impedance across short circuit = 65m) 3.3 Vo 5.0 Vo Efficiency (Vi=48V, Io3=9A,Io5=6A, Tc=70C) Dynamic Response (Io/t=0.2A/sec. Vi=48V, Tc=25C, either O/P) Load change of 50% Io max; at any operating load up to Iomax or Pomax Peak Deviation outside settling point
Under any conditions, the voltage of V1 will always be greater or equal to that of V2.
SYMBOL
MIN
TYP
MAX
UNITS
3.3 Vo 5.0 Vo
3.2 4.8
_ _
3.4 5.2
Vdc Vdc
3.3 Vo,set 5.0 Vo,set
3.26 4.96
3.30 5.02
3.34 5.08
Vdc Vdc
_ _
_ _
_ _
60 80
mv p-p mv p-p
Io3 Io5
_ _
_ _
15 12
A A
Io3cli Io5cli
19.0 12.5 16 16 11 89
21.0 13.5 19 19 14 90
23.0 15.0 22 22 17 _
A A A A A %
OUTPUT
-
-
2
_
%Vo nom
Product: www.cdpowerelectronics.com
VSX60XD35 REV D 5/02
2
PARAMETER
Isolation Specifications Isolation Capacitance Isolation Resistance Remote On/Off (open collector equivalent, signal referenced to -Vin terminal) VSX60XD35 Preferred Logic (negative) Logic Low - Module On Logic High - Module Off VSX60XD35-1 - Optional Logic (positive) Logic Low - Module Off Logic High - Module On Logic Low: At Von/off = 0V Turn On Time (Vo within 1% of steady state) From Application of Vin From Remote On/Off Activation) Input Undervoltage Lockout (Turn Off & Turn On Voltages Track) Turn On (VSX60LD35) Turn On (VSX60MD35) Turn Off (VSX60LD35) Turn Off (VSX60MD35) Input Overvoltage Lockout (Turn Off & Turn On Voltages Track) Turn On (VSX60LD35) Turn Off (VSX60MD35) Turn On (VSX60LD35) Turn On (VSX60MD35) Output Overvoltage Set Point (Non-latching independent control loop) 3.3 Vo 5.0 Vo Overtemperature Limiting Weight VSX60XD35, VSX60XD35-1 VSX60XD35-U, VSX60XD35-1U Output Trim Tie Trim to +3.3 Vo for trim down 3.3 Vo Tie Trim to O/P RTN for trim up 5.0 Vo 3.3 Vo 5.0 Vo
SYMBOL
_ _
MIN
_ 10
TYP
1000 _
MAX
_ _
UNITS
pF M
Von/off Ion/off _ _
0 _ _ _
_ _ 7 3
70 200 10 4
Vdc A mSecs mSecs
GENERAL
_ _
15 30 13.5 27
16.5 33 15 30
18 36 16.5 33
Vdc Vdc Vdc Vdc
_ _
37 76 36 74.5
38.5 80 38.5 78.5
40 84 41 82.5
Vdc Vdc Vdc Vdc
VO3OV clamp VO3OV clamp Tc
3.8 5.85 105
4.0 6.1 115 67 44
4.3 6.35 125
Vdc Vdc C Grams Grams
VO3td VO5td VO3td VO5td
_ _ _ _
-10 -10 10 10
_ _ _ _
% % % %
Product: www.cdpowerelectronics.com
VSX60XD35 REV D 5/02
3
MECHANICAL
Dimensions are in inches (millimeters). Tolerances: x.xx in. + 0.02 in. x.xxx in. +0.01 in. 2.30 (58.42) CASE OUTLINE 0.144 (3.66) 4 PLACES
.600 (15.24) 1.50 (38.10)
.350 (8.89) .000 .350 (8.89)
1 2 3
7 6 5 4
.375 (9.53) .125 (3.18) .125 (3.18) .375 (9.53) 0.051 (1.30) 7 PLACES
.600 (15.24) .750 (19.05) .50 (12.70)
.150 (3.81) .000
.145 (3.68) .150 (3.81)
0.040 (1.02) 7 PLACES 2.000 (50.80) Pinout Key 1.200 (30.48)
1 2 3 4 5 6 7 +Vin On/Off -Vin +3.3 Vout O/P RTN Trim +5.0 Vout
RECOMMENDED PCB HOLE PATTERN (VIEW OF PCB, THROUGH UNIT)
NOTES:
1. Marked with: specific model ordered, date code, job code. 2. MATERIAL: Units are encapsulated in a low thermal resistance molding compound which has excellent chemical resistance and electrical properties in high humidity environments and over a wide operating temperature range. The encapsulant and outer shell of the unit have UL94V-0 ratings. Lead material is solder plated to allow ease of solderability. 3. IMPORTANT: When utilizing the PEM nuts for board mounting, it is required to follow guidelines in application note DCAN-40 available on the web at www.cdpowerelectronics.com.
PIN 1
.150 (3.81)
M3 THREAD 4 PLACES
ORDERING INFORMATION
To Find Model Number
VSX60
Device Family VSX60MD23 (Quarter Brick, 60 Watt DC/DC) Where X is Input Range L = 18-36Vdc; M = 36-75 Vdc Logic: No Number = Preferred Logic (Negative); 1 = Optional Logic (Positive) Package No Letter = Encapsulated; U = Unencapsulated
Model Numbers
xD35 -1 U VSX60LD35 VSX60LD35-1 VSX60MD35 VSX60MD35-U VSX60MD35-1 VSX60MD35-1U
Power Electronics Division, United States 3400 E Britannia Drive, Tucson, Arizona 85706 Tel: 800.547.2537 Fax: 520.295.4160
C&D Technologies, (NCL) Milton Keynes MK14 5BU UK Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545
Any data, prices, descriptions or specifications presented herein are subject to revision by C&D Technologies, Inc. without notice. While such information is believed to be accurate as indicated herein, C&D Technologies, Inc. makes no warranty and hereby disclaims all warranties, express or implied, with regard to the accuracy or completeness of such information. Further, because the product(s) featured herein may be used under conditions beyond its control, C&D Technologies, Inc. hereby disclaims all warranties, either express or implied, concerning the fitness or suitability of such product(s) for any particular use or in any specific application or arising from any course of dealing or usage of trade. The user is solely responsible for determining the suitability of the product(s) featured herein for user's intended purpose and in user's specific application. C&D Technologies, Inc. does not warrant or recommend that any of its products be used in any life support or aviation or aerospace applications.
2.000 (50.80)
Product: www.cdpowerelectronics.com
VSX60XD35 REV D 5/02
4


▲Up To Search▲   

 
Price & Availability of VSX60XD35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X