Part Number Hot Search : 
10150 V212S BZX84 A13JVAB CS51221 TLE4251 389LP4E 5SMC36A
Product Description
Full Text Search
 

To Download TXN112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TXN/TYN 0512 ---> TXN/TYN 1012
SCR
.HI .HI .HI .TXNSer
FEATURES GH SURGE CAPABILITY GH ON-STATE CURRENT GH STABILITY AND RELIABILITY ie : INSULATED VOLTAGE = 2500V(RMS) (UL RECOGNIZED : E81734)
DESCRIPTION The TYN/TXN 0512 ---> TYN/TXN 1012 Family of Silicon Controlled Rectifiers uses a high performance glass passivated technology. This general purpose Family of Silicon Controlled Rectifiers is designed for power supplies up to 400Hz on resistive or inductive load. ABSOLUTE RATINGS (limiting values)
Symbol IT(RMS) IT(AV) ITSM RMS on-state current (180 conduction angle) Average on-state current (180 conduction angle,single phase circuit) Non repetitive surge peak on-state current ( Tj initial = 25C ) I2 t value Critical rate of rise of on-state current Gate supply : IG = 100 mA diG/dt = 1 A/s Storage and operating junction temperature range Maximum lead temperature for soldering during 10 s at 4.5 mm from case Parameter TXN TYN TXN TYN Tc=80C Tc=90C Tc=80C Tc=90C tp=8.3 ms tp=10 ms I2 t dI/dt Tstg Tj Tl tp=10 ms Value 12 8 125 120 72 100 - 40 to + 150 - 40 to + 125 260 A2s A/s C C C Unit A A A
K A G
TO220AB (Plastic)
Symbol
Parameter 0512 112 100 212 200
TYN/TXN 412 400 612 600 812 800 1012 1000
Unit
VDRM VRRM
Repetitive peak off-state voltage Tj = 125 C
50
V
April 1995
1/5
TXN/TYN 0512 ---> TXN/TYN 1012
THERMAL RESISTANCES
Symbol Rth (j-a) Junction to ambient TXN TYN Parameter Value 60 3.5 2.5 Unit C/W C/W
Rth (j-c) DC Junction to case for DC
GATE CHARACTERISTICS (maximum values)
PG (AV) = 1W PGM = 10W (tp = 20 s) IFGM = 4A (tp = 20 s) VRGM = 5 V.
ELECTRICAL CHARACTERISTICS
Symbol IGT VGT VGD tgt VD =12V VD =12V Test Conditions (DC) R L=33 (DC) R L=33 Tj=25C Tj=25C Tj= 125C Tj=25C MAX MAX MIN TYP Value 15 1.5 0.2 2 Unit mA V V s mA mA V mA
VD =VDRM RL=3.3k VD =VDRM IG = 40mA dIG/dt = 0.5A/s IG= 1.2 IGT IT= 100mA gate open
IL IH VTM IDRM IRRM dV/dt tq
Tj=25C Tj=25C Tj=25C Tj=25C Tj= 125C Tj= 125C Tj= 125C
TYP MAX MAX MAX
50 30 1.6 0.01 3
ITM= 24A tp= 380s VDRM VRRM Rated Rated
Linear slope up to VD=67%VDRM gate open VD =67%VDRM ITM= 24A VR= 25V dITM/dt=30 A/s dVD /dt= 50V/s
MIN TYP
200 70
V/s s
2/5
TXN/TYN 0512 ---> TXN/TYN 1012
Fig.1 : Maximum average power dissipation versus average on-state current (TXN). Fig.2 : Correlation between maximum average power dissipation and maximum allowable temperatures (Tamb and T case) for different thermal resistances heatsink + contact (TXN).
Fig.3 : Maximum average power dissipation versus average on-state current (TYN).
Fig.4 : Correlation between maximum average power dissipation and maximum allowable temperatures (Tamb and T case) for different thermal resistances heatsink + contact (TYN).
Fig.5 : Average temperature (TXN).
on-state
current
versus
case
Fig.6 : Average temperature (TYN).
on-state
current
versus
case
3/5
TXN/TYN 0512 ---> TXN/TYN 1012
Fig.7 : Relative variation of thermal impedance versus pulse duration.
Zth/Rth 1
Fig.8 : Relative variation of gate trigger current versus junction temperature.
Zt h( j-c)
0.1
Zt h(j-a)
tp( s)
0.01 1E-3
1E-2
1E-1
1E +0
1 E +1
1 E +2 5 E +2
Fig.9 : Non repetitive surge peak on-state current versus number of cycles.
Fig.10 : Non repetitive surge peak on-state current for a sinusoidal pulse with width : t 10 ms, and corresponding value of I2t.
Fig.11 : On-state characteristics (maximum values).
4/5
TXN/TYN 0512 ---> TXN/TYN 1012
PACKAGE MECHANICAL DATA TO220AB Plastic REF.
A H G J D B
I
F P O L C
M =N=
A B C D F G H I J L M N O P
DIMENSIONS Millimeters Inches Min. Max. Min. Max. 10.00 10.40 0.393 0.409 15.20 15.90 0.598 0.625 13.00 14.00 0.511 0.551 6.20 6.60 0.244 0.259 3.50 4.20 0.137 0.165 2.65 2.95 0.104 0.116 4.40 4.60 0.173 0.181 3.75 3.85 0.147 0.151 1.23 1.32 0.048 0.051 0.49 0.70 0.019 0.027 2.40 2.72 0.094 0.107 4.80 5.40 0.188 0.212 1.14 1.70 0.044 0.066 0.61 0.88 0.024 0.034
Cooling method : by conduction (method C) Marking : type number Weight : 2.3 g Recommended torque value : 0.8 m.N. Maximum torque value : 1 m.N.
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-T HOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of SGS-THOMSON Microelectronics.
(c) 1995 SGS-THOMSON Microelectronics - Printed in Italy - All rights reserved. SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
5/5


▲Up To Search▲   

 
Price & Availability of TXN112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X