Part Number Hot Search : 
IRFH7084 LPC2927 NE555N 302014 NML0509S MTH15N40 FJX3004R R2905Z
Product Description
Full Text Search
 

To Download TSC3824 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 DC/DC Converter
TSC Series 50 - 2500 Watt
Features
Plug-in Modules for 19"-Subracks (3U and 6U Height) Available DC-Input Voltage Ranges 18-36,36-75,80-160 and 160-320VDC Also Models with AC-Input (see page 6) Standard Output Voltages: 5-250VDC, up to 200A EMI Compliance with EN 55022 class A Safety Compliance to IEC/EN 60950 Many Options available, i.e. Powerfail Signals, Ext. On/Off, redundant Operation, Wall Mounting Customized Version available on request 2 Years Product Warranty
3U Models
The TSC series is a range high quality DC/DC converters qualified for demanding applications in industrial automation and telecom systems. The modular design allows a very high flexibility of input/output configuration and application specific options at very reasonable cost even for low quantities. All models are constructed as rugged plug-in module for 19"-subrack (Euro cassette) with wall mounting as option.
6U Models
www.tracopower.com
Page 1
DC/DC Converter
TSC Series 50 - 2500 Watt
Models
3U Height Modules
Input voltage range Output voltage (adjust. range) Output current max. 8 20 30 50 70 85 4 12 16 24 35 50 2.4 6 8 12 18 25 1 2.7 4 6 9 12 0.5 1.2 1.8 2.5 3.5 5 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 2020 TSC 3020 TSC 5020 TSC 0620 TSC 6020 TSC 2620 TSC 2022 TSC 3022 TSC 5022 TSC 0622 TSC 6022 TSC 2622 TSC 2024 TSC 3024 TSC 5024 TSC 0624 TSC 6024 TSC 2624 TSC 2029 TSC 3029 TSC 5029 TSC 0629 TSC 6029 TSC 2629 TSC 2027 TSC 3027 TSC 5027 TSC 0627 TSC 6027 TSC 2627 TSC 2028 TSC 3028 TSC 5028 TSC 0628 TSC 6028 TSC 2628 Order code
6U Height Modules
Output current max. 25 45 60 95 135 190 12.5 25 33 50 70 100 6 13 18 27 40 55 75 3 6 8 12 19 26 38 1.2 2.5 3.3 5.3 8 11 15 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 1220 TSC 1320 TSC 1520 TSC 3520 TSC 3720 TSC 3620 TSC 1222 TSC 1322 TSC 1522 TSC 3522 TSC 3722 TSC 3622 TSC 1224 TSC 1324 TSC 1524 TSC 3524 TSC 3724 TSC 3624 TSC 3824 TSC 1229 TSC 1329 TSC 1529 TSC 3529 TSC 3729 TSC 3629 TSC 3829 TSC 1227 TSC 1327 TSC 1527 TSC 3527 TSC 3727 TSC 3627 TSC 3827 TSC 1228 TSC 1328 TSC 1528 TSC 3528 TSC 3728 TSC 3628 TSC 3828 Order code
5 VDC (4.5...5.5 VDC)
12 VDC (11...13 VDC)
24 VDC (23...26 VDC) 18...36 VDC
48 VDC (45...55 VDC)
110 VDC (100...150 VDC)
220 VDC (200...250 VDC)
0.25 A 0.6 A 0.9 A 1.25A 1.8 A 2.5 A
0.6 A 1.25 A 1.6 A 2.8 A 4 A 5.5 A 8 A
Other output voltages on request
Height: 1U = 44.45 mm (1.75")
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 2
DC/DC Converter
TSC Series 50 - 2500 Watt
Models
3U Height Modules
Input voltage range Output voltage (adjust. range) Output current max. 8 20 35 50 80 100 4 12 20 26 40 60 2.4 6 10 14 20 30 1 2.7 4.5 6.5 9 15 0.5 1.2 2 3 4 6.5 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 2030 TSC 3030 TSC 5030 TSC 0630 TSC 6030 TSC 2630 TSC 2032 TSC 3032 TSC 5032 TSC 0632 TSC 6032 TSC 2632 TSC 2034 TSC 3034 TSC 5034 TSC 0634 TSC 6034 TSC 2634 TSC 2039 TSC 3039 TSC 5039 TSC 0639 TSC 6039 TSC 2639 TSC 2037 TSC 3037 TSC 5037 TSC 0637 TSC 6037 TSC 2637 TSC 2038 TSC 3038 TSC 5038 TSC 0638 TSC 6038 TSC 2638 Order code
6U Height Modules
Output current max. 30 50 80 110 165 220 15 30 42 56 85 115 7.5 15 23 30 50 65 100 3.6 7.3 11 14 23 30 45 1.5 3 4.5 6.5 10 14 20 0.8 1.5 2.4 3.5 5 7 10 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 1230 TSC 1330 TSC 1530 TSC 3530 TSC 3730 TSC 3630 TSC 1222 TSC 1332 TSC 1532 TSC 3532 TSC 3732 TSC 3632 TSC 1234 TSC 1334 TSC 1534 TSC 3534 TSC 3734 TSC 3634 TSC 3834 TSC 1239 TSC 1339 TSC 1539 TSC 3539 TSC 3739 TSC 3639 TSC 3839 TSC 1237 TSC 1337 TSC 1537 TSC 3537 TSC 3737 TSC 3637 TSC 3837 TSC 1238 TSC 1338 TSC 1538 TSC 3538 TSC 3738 TSC 3638 TSC 3838 Order code
5 VDC (4.5...5.5 VDC)
12 VDC (11...13 VDC)
24 VDC (23...26 VDC) 36...75 VDC
48 VDC (45...55 VDC)
110 VDC (100...130 VDC)
220 VDC (200...250 VDC)
0.25 A 0.6 A 1 A 1.5 A 2 A 3.2 A
Other output voltages on request
Height: 1U = 44.45 mm (1.75")
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 3
DC/DC Converter
TSC Series 50 - 2500 Watt
Models
3U Height Modules
Input voltage range Output voltage (adjust. range) Output current max. 8 20 35 50 80 100 4 12 20 26 40 60 2.4 6 10 14 20 30 1 2.7 4.5 6.5 9 15 0.5 1.2 2 3 4 6.5 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 2050 TSC 3050 TSC 5050 TSC 0650 TSC 6050 TSC 2650 TSC 2052 TSC 3052 TSC 5052 TSC 0652 TSC 6052 TSC 2652 TSC 2054 TSC 3054 TSC 5054 TSC 0654 TSC 6054 TSC 2654 TSC 2059 TSC 3059 TSC 5059 TSC 0659 TSC 6059 TSC 2659 TSC 2057 TSC 3057 TSC 5057 TSC 0657 TSC 6057 TSC 2657 TSC 2058 TSC 3058 TSC 5058 TSC 0658 TSC 6058 TSC 2658 Order code
6U Height Modules
Output current max. 30 50 80 110 165 220 15 30 42 56 85 115 7.5 15 23 30 50 65 100 3.6 7.3 11 14 23 30 45 1.5 3 4.5 6.5 10 14 20 0.8 1.5 2.4 3.5 5 7 10 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 1250 TSC 1350 TSC 1550 TSC 3550 TSC 3750 TSC 3650 TSC 1222 TSC 1352 TSC 1552 TSC 3552 TSC 3752 TSC 3652 TSC 1254 TSC 1354 TSC 1554 TSC 3554 TSC 3754 TSC 3654 TSC 3854 TSC 1259 TSC 1359 TSC 1559 TSC 3559 TSC 3759 TSC 3659 TSC 3859 TSC 1257 TSC 1357 TSC 1557 TSC 3557 TSC 3757 TSC 3657 TSC 3857 TSC 1258 TSC 1358 TSC 1558 TSC 3558 TSC 3758 TSC 3658 TSC 3858 Order code
5 VDC (4.5...5.5 VDC)
12 VDC (11...13 VDC)
24 VDC (23...26 VDC) 80...160 VDC
48 VDC (45...55 VDC)
110 VDC (100...130 VDC)
220 VDC (200...250 VDC)
0.25A 0.6 A 1 A 1.5 A 2 A 3.2 A
Other output voltages on request
Height: 1U = 44.45 mm (1.75")
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 4
DC/DC Converter
TSC Series 50 - 2500 Watt
Models
3U Height Modules
Input voltage range Output voltage (adjust. range) Output current max. 8 20 35 50 80 100 4 12 20 26 40 60 2.4 6 10 14 20 30 1 2.7 4.5 6.5 9 15 0.5 1.2 2 3 4 6.5 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 2070 TSC 3070 TSC 5070 TSC 0670 TSC 6070 TSC 2670 TSC 2072 TSC 3072 TSC 5072 TSC 0672 TSC 6072 TSC 2672 TSC 2074 TSC 3074 TSC 5074 TSC 0674 TSC 6074 TSC 2674 TSC 2079 TSC 3079 TSC 5079 TSC 0679 TSC 6079 TSC 2679 TSC 2077 TSC 3077 TSC 5077 TSC 0677 TSC 6077 TSC 2677 TSC 2078 TSC 3078 TSC 5078 TSC 0678 TSC 6078 TSC 2678 Order code
6U Height Modules
Output current max. 30 50 80 110 165 220 15 30 42 56 85 115 7.5 15 23 30 50 65 100 3.6 7.3 11 14 23 30 45 1.5 3 4.5 6.5 10 14 20 0.8 1.5 2.4 3.5 5 7 10 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 1270 TSC 1370 TSC 1570 TSC 3570 TSC 3770 TSC 3670 TSC 1222 TSC 1372 TSC 1572 TSC 3572 TSC 3772 TSC 3672 TSC 1274 TSC 1374 TSC 1574 TSC 3574 TSC 3774 TSC 3674 TSC 3874 TSC 1279 TSC 1379 TSC 1579 TSC 3579 TSC 3779 TSC 3679 TSC 3879 TSC 1277 TSC 1377 TSC 1577 TSC 3577 TSC 3777 TSC 3677 TSC 3877 TSC 1278 TSC 1378 TSC 1578 TSC 3578 TSC 3778 TSC 3678 TSC 3878 Order code
5 VDC (4.5...5.5 VDC)
12 VDC (11...13 VDC)
24 VDC (23...26 VDC) 160...320 VDC
48 VDC (45...55 VDC)
110 VDC (100...130 VDC)
220 VDC (200...250 VDC)
0.25A 0.6 A 1 A 1.5 A 2 A 3.2 A
Other output voltages on request
Height: 1U = 44.45 mm (1.75")
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 5
AC/DC Converter
TSC Series 50 - 2500 Watt
Models with AC - Input
3U Height Modules
Input voltage range Output voltage (adjust. range) Output current max. 8 20 35 50 80 100 4 12 20 26 40 60 2.4 6 10 14 20 30 1 2.7 4.5 6.5 9 15 0.5 1.2 2 3 4 6.5 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 2090 TSC 3090 TSC 5090 TSC 0690 TSC 6090 TSC 2690 TSC 2092 TSC 3092 TSC 5092 TSC 0692 TSC 6092 TSC 2692 TSC 2094 TSC 3094 TSC 5094 TSC 0694 TSC 6094 TSC 2694 TSC 2099 TSC 3099 TSC 5099 TSC 0699 TSC 6099 TSC 2699 TSC 2097 TSC 3097 TSC 5097 TSC 0697 TSC 6097 TSC 2697 TSC 2098 TSC 3098 TSC 5098 TSC 0698 TSC 6098 TSC 2698 Order code
6U Height Modules
Output current max. 30 50 80 110 165 220 15 30 42 56 85 115 7.5 15 23 30 50 65 100 3.6 7.3 11 14 23 30 45 1.5 3 4.5 6.5 10 14 20 0.8 1.5 2.4 3.5 5 7 10 A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A A TSC 1290 TSC 1390 TSC 1590 TSC 3590 TSC 3790 TSC 3690 TSC 1222 TSC 1392 TSC 1592 TSC 3592 TSC 3792 TSC 3692 TSC 1294 TSC 1394 TSC 1594 TSC 3594 TSC 3794 TSC 3694 TSC 3894 TSC 1299 TSC 1399 TSC 1599 TSC 3599 TSC 3799 TSC 3699 TSC 3899 TSC 1297 TSC 1397 TSC 1597 TSC 3597 TSC 3797 TSC 3697 TSC 3897 TSC 1298 TSC 1398 TSC 1598 TSC 3598 TSC 3798 TSC 3698 TSC 3898 Order code
5 VDC (4.5...5.5 VDC)
12 VDC (11...13 VDC)
24 VDC (23...26 VDC)
93...138 VAC / 185...264 VAC (selectable) 50 / 60 Hz
48 VDC (45...55 VDC)
110 VDC (100...130 VDC)
220 VDC (200...250 VDC)
0.25A 0.6 A 1 A 1.5 A 2 A 3.2 A
Other output voltages on request
Height: 1U = 44.45 mm (1.75")
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 6
DC/DC Converter
TSC Series 50 - 2500 Watt
Input Specifications
Inrush current Inrush current limiting Input current at no load Max ripple of dc input voltage Start-up delay time Hold-up time 230VAC Input 115VAC Input AC Input DC Input 20 x Iout nom. typ. Standard with option "i" 3% full load typ. 10% pk-pk 100 ms typ. (softstart) 15 ms typ. 7 ms typ
Output Specifications
Output voltage range Regulation - Input variation 10 %. - Load variation 10 - 90 %: adjustable (refer to model selection table) 0.1 % max. 0.2 % max. < 1% Vout +30 mVpk-pk max. 2 ms 6% typ. 105 - 110% of Iout max. constant current, automatic recovery 105% of Vout max standard for all models
Ripple and noise (20 MHz Bandwidth) Transient response to 1% Dynamic response Output current limitation Short circuit protection Overvoltage protection Remote sense
General Specifications
Ambient temperature ranges - Operating - (optional - Storage - 20 C ... +75 C - 40 C ... +75 C) - 40 C ... +85 C 2.5% /C 0.02% / C typ. Models with 5VDC output: Other models: 70% typ. 85% typ. 33 KHz typ. 1'500 VDC 1'500 VDC 1'000 VDC 3'000 VDC 3'000 VDC 1'000 VDC
Derating above 55C Temperature coefficient Efficiency Switching frequency Isolation voltage Models with input voltage < 75 VDC: - Input / Output - Input / Case - Output / Case Models with input voltage > 80 VDC and AC models: - Input / Output - Input / Case - Output / Case
All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 7
DC/DC Converter
TSC Series 50 - 2500 Watt
General Specifications
Isolation resistance Reliability (MIL-HDBK-217 E) Safety standards Electromagnetic compatibility (EMC), Emission - Conducted RI suppression on input Electromagnetic compatibility (EMC), Immunity - Electrical fast transients / burst immunity -Surge immunity Connection - Input/Output (500VDC) > 10 M Ohm > 100'000 h @ 40C IEC/EN 60950 EN 55022, class A (class B on request) IEC/EN 61000-4-4, 2kV IEC/EN 61000-4-5, 2kV H15 male connector (DIN 41612) (screw terminal for output current >50A)
Alarm Options
Power fail DC- ok Relay output Option "p" Option "d" Option "r" Signal if input voltage drops below the specified limit. Signal output is NPN open collector, activated in ok-status Signal if output voltage drops below the specified limit Signal output is NPN open collector, activated in ok-status Relay instead of logical output for alarm signals. (in combination with option "p" and "d")
Control Options
External On/OFF System reset External programming Option "h" Option "y" Option "e" Connection to negative input line inactivates the unit Reset input specified for VME systems External programming of the output voltage by a potentiometer or an external voltage of 0VDC to 10VDC. Details need to be specified.
I/O Options
Current sharing Decoupling diode Inrush current limiting Option "cs" Option "dd" Option "i" Provides balanced load for units in parallel operation. Controlled over interconnecting wire. For redundant operation. Internal fault of one unit does not affect other units in a parallel circuit . A thermistor in series to the input lines reduces its resistance when it gets warm.
Mechanical Options
Wall mounting Mechanical strength Extended temperature range Option "w" Option "ms" Option "c" Module is screwed on a mounting plate for install in a cabinet This option includes screw terminal block for connection Rugged construction for harsh environment. The unit is designed and tested for operation at an ambient temperature range of -40...+75C
Further options and combinations on request! All specifications valid at nominal input voltage, full load and +25C after warm-up time unless otherwise stated. www.tracopower.com Page 8
DC/DC Converter
TSC Series 50 - 2500 Watt
Outline Dimensions mm (inches)
TSC 2000
129 (5.08) (3U) 100 (3.94) 105 (4.13)
40.3 (1.59) (8 HP)
165 (6.50)
1.5 HP
weight: 0.9kg (2 lb)
TSC 3000
129 (5.08) (3U) 100 (3.94) 165 (6.50) 1.5 HP 105 (4.13)
70.8 (2.79) (14 HP)
weight: 1kg (2.2 lb)
5 HP
100 (3.94) 106 (4.17)
129 (5.08) (3U)
TSC 5000
106.3 (4.19) 121.5 (4.78)*
101.2 (3.98) 116.2 (4.57)*
166.5 (6.56)
16 HP
4.5 HP 7.5 HP*
(21 HP) (24 HP)*
weight: 1.7kg (3.8lb) 2.1kg (4.6lb)* * 5 VDC output units
1 U = 44.45mm (1.75") Specifications can be changed without notice www.tracopower.com
1 HP = 5,08mm (0.2") Page 9
DC/DC Converter
TSC Series 50 - 2500 Watt
Outline Dimensions mm (inches)
TSC 600 TSC 6000
129 (5.08) (3U)
9HP
5HP
213 (8.39) (42 HP)
166.5 (6.56)
28 HP
7.5HP
100 (3.94)
180.6 (7.11)
TSC 600: second connector for all models with 5 VDC output TSC 6000: second connector for all models with output voltage 26 VDC and input voltage 75 VDC
TSC 2600
9HP 5HP
129 (5.08) (3U)
106 (4.17)
weight: TSC 600 2.6kg (5.7 lb) TSC 6000 3.5kg (7.7lb)
213 (8.39) (42 HP)
226 (8.90)
28 HP
7.5 HP
180.6 (7.11)
second connector for all models with output voltage 26 VDC and input voltage 75 VDC
weight: 4.5kg (9.9lb)
1 U = 44.45mm (1.75") Specifications can be changed without notice www.tracopower.com
1 HP = 5,08mm (0.2") Page 10
100 (3.94)
106 (4.17)
DC/DC Converter
TSC Series 50 - 2500 Watt
Outline Dimensions mm (inches)
TSC 1200
262.5 (10.33) (6U) con 2
233.3 (9.19)
con 1
50.4
(1.98)
164 (6.46)
1.5 HP
(10 HP)
238 (9.37)
weight: 1.7kg (3.8lb)
TSC 1300
262.5 (10.33) (6U) 233.3 (9.19)
con 2
con 1
70.8
(2.79)
164 (6.46)
1.5 HP
238 (9.37)
(14 HP)
weight: 2.0kg (4.4lb)
5HP
TSC 1500
262.5 (10.33) (6U)
con2
233.3 (9.19) 237.5 (9.35)
con1
106.3 (4.19) 121.5 (4.78)*
101.2 (3.98) 116.2 (4.57)*
166.5 (6.56)
16 HP
4.5HP 7.5HP*
(21 HP) (24 HP)*
Screw terminal connection for high current models
weight: 3.0kg (6.6lb) 3.7kg (8.1lb)*
* 5 VDC output units
1 U = 44.45mm (1.75") Specifications can be changed without notice www.tracopower.com
1 HP = 5,08mm (0.2") Page 11
DC/DC Converter
TSC Series 50 - 2500 Watt
Outline Dimensions mm (inches)
5HP
TSC 3500
262.5 (10.33) (6U) 233.3 (9.19) 237.5 (9.35)
con 2
con 1
106.3 (4.19) 121.5 (4.78)*
101.2 (3.98)
226 (8.90)
116.2 (4.57)*
16 HP
4.5HP 7.5HP*
(21 HP) (24 HP)*
Screw terminal connection for high current models
weight: 5.0kg (11.0lb) 6.2kg (13.6lb)*
* 5 VDC output units
5 HP
TSC 3700
262.5 (10.33) (6U) 233.3 (9.19) 237.5 (9.35)
con 2
con 1
226 (8.90) 142 (5.59) (28 HP)
131.5 (5.18)
19 HP
7.5 HP
Screw terminal connection for high current models
weight: 6.5kg (14.3lb)
5 HP
TSC 3600
262.5 (10.33) (6U) con 2 233.3 (9.19) 237.5 (9.35)
con 1
213 (8.39) (42 HP)
226 (8.90)
28 HP
7.5 HP
180.6 (7.11)
Screw terminal connection for high current models
weight: 10kg (22lb)
1 U = 44.45mm (1.75") Specifications can be changed without notice www.tracopower.com
1 HP = 5,08mm (0.2") Page 12
DC/DC Converter
TSC Series 50 - 2500 Watt
Outline Dimensions mm (inches) TSC 3800
262.5 (10.33) (6U)
con 2
5 HP
con 1
284.1 (11.19) (56 HP)
226 (8.90)
40 HP
Screw terminal connection for high current models
241.6 (9.51)
weight: 12.0kg (2.6 lb)
1 U = 44.45mm (1.75") Specifications can be changed without notice
1 HP = 5,08mm (0.2")
Jenatschstrasse 1 * CH-8002 Zurich * Switzerland Tel. +41-1284 2911 * Fax +41-1201 1168 * e-mail: sales@traco.ch * internet: http://www.tracopower.com
233.3 (9.19)
8.5 HP
Rev. 03/01
237.5 (9.35)
Page 13


▲Up To Search▲   

 
Price & Availability of TSC3824

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X