Part Number Hot Search : 
CXD3611R L53ND RT1N240C 1212Z21 1451C 43650 WR402 QR5S15
Product Description
Full Text Search
 

To Download TEA5767 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Philips Semiconductors
Philips Semiconductors' digitally tuned TEA5767/68 FM stereo receiver IC is based on an innovative architecture concept that simplifies radio design, significantly reducing the number of external components. Delivering the highest performance levels, this one-chip radio solution occupies minimal PCB area (9x9 mm) making it ideal for all space-critical and low voltage applications such as mobile phones and MP3 players.
TEA5767/68 single-chip FM stereo radio
The single-chip TEA5767/68 is a miniature, digitally tuned radio IC that utilizes an entirely new radio architecture concept that replaces passive components and complex circuitry, with on-board silicon, drastically reducing the overall bill of materials and making design-in easier. It requires zero external alignments, resulting in shorter design times and lower manufacturing costs due to simplified component placement and reduced logistics overhead. Also, being adjustment free, it delivers increased quality and reliability, both in manufacture and throughout its lifetime in your end application. As well as offering increased functionality in handheld devices, the radio IC is ideal for integration in a wide range of applications, where its minimal interaction with the rest of your application helps avoid reception / transmission interference. The TEA5767/68 also features very low power consumption and its small footprint makes it ideal for applications where board space is at a premium. Capable of tuning to European, US and Japanese FM bands, the TEA5767/68 does not need an external FM discriminator and handles IF selectivity entirely on-chip. Applications * FM stereo receiver in MP3 players, portable audio devices and mobile phones * Miniature FM radio * Mini- and micro-sized audio systems * Home Hi-Fi Key features * Only 18 external components (19 passive components replaced by silicon) * No alignments necessary * Fully integrated FM IF selectivity and demodulation * Signal dependent mono / stereo blend (stereo noise cancelling) * Adjustment free stereo decoder * Soft mute and signal dependent high cut control (HCC) * Autonomous Search Tune (AST) to decrease bus communication * Software switchable low / high injection local oscillator * Two software programmable ports * 32.768 kHz / 6.5 MHz / 13 MHz software switchable oscillator * Package/interface options - TEA5767HL with 3-wire bus - LQFP32 - TEA5768HL with I 2 C-bus - LQFP32 - TEA5767HN with switchable 3-wire / I2 C-bus - small HVQFN40 * Standby mode switched via bus * 2.5 V minimum supply voltage * Automotive temperature range (at 5 VCC)
www.semiconductors.philips.com
Philips Semiconductors
TEA5767/68 single-chip FM stereo radio
n.c. n.c. 18 k 31 32 30
47 nF 29
47 nF 28
47 nF 27
MPXOUT 33 nF 26 25
right 33 nF 24 23
left
22 20 21
n.c.
GAIN STABILIZATION 33 22 nF VCC 4.7 22 F 34 RESAMP LIMITER DEMOD
POWER SUPPLY
SOFT MUTE SDS
FM antenna
I/Q-MIXER 1st FM
2 N1 IF CENTER FREQUENCY ADJUST AGC
LEVEL ADC
IF COUNT MPX DECODER 1 nF 19 22 nF 18 33 k 22 nF 17 XTAL OSCILLATOR 16 15 MUX SW PORT pilot mono 13 12 11 10 14 10 k 10 k 32.768 kHz or 13 MHz VCC
100 pF 35 120 nH 27 pF 36 27 pF 37 38 4.7 nF 39
Iref
TEA5767HN
Prog. div. out TUNING SYSTEM Ref. div. out
n.c.
40
VCO
I2C-BUS 4 5 6 7
3-WIRE BUS 8 DA 9 CL
BUS enable BUS mode R/W
1 n.c. 10 nF
2
3
39 nF 10 k
D1
D2
VDD
12 22 nF
MSD860
L3 100 k
L2
47
22 nF VCC(OSC)
2002
SCB 73
The Netherlands
March 2002
9397 750 09421


▲Up To Search▲   

 
Price & Availability of TEA5767

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X