Part Number Hot Search : 
NTROLBR 710222K FS6050 DG9454 CA13057 100HS MX784 6PHR20
Product Description
Full Text Search
 

To Download SMBT6427 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon Darlington Transistor
For general amplifier applications q High collector current q High current gain
q
SMBT 6427
Type SMBT 6427
Marking s1V
Ordering Code (tape and reel) Q68000-A8320
Pin Configuration 1 2 3 B E C
Package1) SOT-23
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Peak collector current Total power dissipation, TS = 74 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VCE0 VCB0 VEB0 IC ICM Ptot Tj Tstg
Values 40 40 12 500 800 360 150 - 65 ... + 150
Unit V
mA mW C
280 210
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
SMBT 6427
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 10 mA Collector-base breakdown voltage IC = 100 A Emitter-base breakdown voltage, IE = 10 A Collector-base cutoff current VCB = 30 V, IE = 0 VCB = 30 V, IE = 0, TA = 150 C Collector cutoff current VCE = 30 V, IB = 0 Emitter-base cutoff current VEB = 10 V, IC = 0 DC current gain IC = 10 mA, VCE = 5 V IC = 100 mA, VCE = 5 V IC = 500 mA, VCE = 5 V Collector-emitter saturation voltage1) IC = 50 mA, IB = 0.5 mA IC = 500 mA, IB = 0.5 mA Base-emitter saturation voltage1) IC = 500 mA, IB = 0.5 mA Base-emitter voltage IC = 50 mA, VCE = 5 V AC characteristics Transition frequency IC = 50 mA, VCE = 5 V, f = 100 MHz Output capacitance VCB = 10 V, f = 1 MHz Input capacitance VEB = 0.5 V, f = 1 MHz Noise figure IC = 1 mA, VCE = 5 V, RS = 100 k f = 1 kHz to 15 kHz
1)
Values typ. max.
Unit
V(BR)CE0 V(BR)CB0 V(BR)EB0 ICB0
40 40 12 - -
- - - - - - -
- - - 50 10 1 50
V
nA
A A
ICE0 IEB0 hFE
- -
nA -
10000 - 20000 - 14000 - VCEsat - - VBEsat VBE(on) - - - - - -
100000 200000 140000 V 1.2 1.5 2.0 1.75
fT Cobo Cibo NF
130 - - -
- - - -
- 7 25 10
MHz pF
dB
Pulse test conditions: t 300 s, D 2 %.
Semiconductor Group
2
SMBT 6427
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Collector-base capacitance CCB0 = f (VCB0) Emitter-base capacitance CEB0 = f (VEB0)
Permissible pulse load Ptot max/Ptot DC = f (tp)
Transition frequency fT = f (IC) VCE = 5 V
Semiconductor Group
3
SMBT 6427
Base-emitter saturation voltage IC = f (VBE sat), hFE = 1000
Collector-emitter saturation voltage IC = f (VCE sat), hFE = 1000
Collector cutoff current ICB0 = f (TA) VCB = VCE max
DC current gain hFE = f (IC) VCE = 5 V
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of SMBT6427

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X