Part Number Hot Search : 
AT49BV AT49BV BCM7412 D1004UK 47M35 PE3176 BTA42 85Z1K
Product Description
Full Text Search
 

To Download SMBT4124 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NPN Silicon Switching Transistor
High current gain: 0.1 mA to 100 mA q Low collector-emitter saturation voltage
q
SMBT 4124
Type SMBT 4124
Marking sZC
Ordering Code (tape and reel) Q68000-A8316
Pin Configuration 1 2 3 B E C
Package1) SOT-23
Maximum Ratings Parameter Collector-emitter voltage Collector-base voltage Emitter-base voltage Collector current Total power dissipation, TS = 69 C Junction temperature Storage temperature range Thermal Resistance Junction - ambient2) Junction - soldering point Rth JA Rth JS

Symbol VCE0 VCB0 VEB0 IC Ptot Tj Tstg
Values 25 30 5 200 330 150 - 65 ... + 150
Unit V
mA mW C
315 245
K/W
1) 2)
For detailed information see chapter Package Outlines. Package mounted on epoxy pcb 40 mm x 40 mm x 1.5 mm/6 cm2 Cu.
Semiconductor Group
1
5.91
SMBT 4124
Electrical Characteristics at TA = 25 C, unless otherwise specified. Parameter Symbol min. DC characteristics Collector-emitter breakdown voltage IC = 1 mA Collector-base breakdown voltage IC = 10 A Emitter-base breakdown voltage IE = 10 A Collector-base cutoff current VCB = 20 V, IE = 0 Emitter-base cutoff current VEB = 3 V, IC = 0 DC current gain IC = 2 mA, VCE = 1 V IC = 50 mA, VCE = 1 V Collector-emitter saturation voltage1) IC = 50 mA, IB = 5 mA Base-emitter saturation voltage1) IC = 50 mA, IB = 5 mA AC characteristics Transition frequency IC = 10 mA, VCE = 20 V, f = 100 MHz Output capacitance VCB = 5 V, f = 1 MHz Input capacitance VEB = 0.5 V, f = 1 MHz Small-signal current gain IC = 1 mA, VCE = 5 V, f = 1 kHz Noise figure IC = 0.1 mA, VCE = 5 V, f = 10 Hz to 15 kHz RS = 1 k fT Cobo Cibo hfe NF 300 - - 120 - - - - - - - 4 8 480 5 - dB MHz pF V(BR)CE0 V(BR)CB0 V(BR)EB0 ICB0 IEB0 hFE 120 60 VCEsat VBEsat - - - - - - 360 - 0.3 0.95 V 25 30 5 - - - - - - - - - - 50 50 - nA V Values typ. max. Unit
1)
Pulse test conditions: t 300 s, D 2 %.
Semiconductor Group
2
SMBT 4124
Total power dissipation Ptot = f (TA*; TS) * Package mounted on epoxy
Saturation voltage IC = f (VBE sat, VCE sat)
Permissible pulse load Ptot max / Ptot DC = f (tp)
DC current gain hFE = f (IC) VCE = 10 V, normalized
Semiconductor Group
3
SMBT 4124
Small-signal current gain hfe = f (IC) VCE = 10 V, f = 1 MHz
Semiconductor Group
4


▲Up To Search▲   

 
Price & Availability of SMBT4124

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X